Part Number Hot Search : 
B7105 62834 BAS40S 96SA20TA 4PC50F XF200 0441025 2SD47
Product Description
Full Text Search
 

To Download SSE4N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SSE4N60 4.1a, 600 v, r ds(on) 2.5 ? n-channel enhancement mode power mosfet 02-may-2013 rev. a page 1 of 6 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen and lead-free description the n-channel mosfet is used an advanced termination scheme to provide enhanced voltage-bloc king capability without degrading performance over time. this advanced technology has been especially tailor ed to minimize on-state resistance, provide superior s witching performance. this device is well suited for high ef ficiency switched mode power suppliers, active power factor correction, electronic lamp ballasts based half bridge topology . features  robust high voltage termination  avalanche energy specified  diode is characterized for use in bridge circuits  source to drain diode recovery time comparable to a discrete fast recovery diode. absolute maximum ratings (t c =25c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds 600 v gate-source voltage v gs 30 v continuous drain current i d 4.1 a pulsed drain current i dm 16.4 a power dissipation 2 98 w derating factor above 25c p d 0.78 w / c single pulsed avalanche energy 1 e as 262 mj repetitive avalanche energy 2 e ar 3.9 mj operating junction and storage temperature range t j , t stg 150,-55 ~ 150 c thermal resistance rating maximum junction to ambient 1 r ja 62.5 maximum junction to case r jc 1.28 c / w notes: 1. l=26mh, i as =4.1a, v dd =50v, r g =50  , starting t j =25c 2. repetitive rating: pulse width limited by maxim um junction temperature. to-220y d c q q m e j k i f 2 3 1 a b g h n l millimeter millimeter ref. min. max. ref. min. max. a - 10.6 i 12.70 14.70 b 1.58 1.82 j 3.60 4.80 c 1.20 1.45 k 1.14 1.40 d 14.22 16.50 l 5.84 6.86 e 3.50 4.00 m 2.03 2.90 f 2.70 3.30 n 0.35 0.64 g 1.20 1.78 q 2.34 2.74 h 0.50 1.00 1 gate 3 source 2 drain
elektronische bauelemente SSE4N60 4.1a, 600 v, r ds(on) 2.5 ? n-channel enhancement mode power mosfet 02-may-2013 rev. a page 2 of 6 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions gate-threshold voltage v gs(th) 2 - 4 v v ds =v gs , i d =250 a drain-source on-resistance r ds(on) - 2.0 2.5  v gs =10v, i d =2.05a drain-sounce breakdown voltage bv dss 600 - - v v gs =0, i d =250 a zero gate voltage drain current i dss - - 10 a v ds =600v, v gs =0 gate-body leakage current, forward i gssf - - 100 na v gs =30v, v ds =0 gate-body leakage current, reverse i gssr - - -100 na v gs = -30v, v ds =0 dynamic total gate charge 1.2 q g - 19 - gate-source charge 1.2 q gs - 2.9 - gate-drain charge 1.2 q gd - 8.2 - nc v ds =480v,i d =4.1a, v gs =10v turn-on delay time 1.2 t d(on) - 25 - rise time 1.2 t r - 54 - turn-off delay time 1.2 t d(off) - 120 - fall time 1.2 t f - 34 - ns v dd =300v, i d =4.1a, r g =25  input capacitance ciss - 570 - output capacitance coss - 64 - reverse transfer capacitance crss - 14 - pf v ds =25v, v gs =0, f=1.0mhz maximum continuous drain-source diode forward current i s - - 4.1 a maximum pulsed drain-source diode forward current i sm - - 16.4 a drain-source diode forward voltage v sd - - 1.4 v v gs =0, i s =4a reverse recovery time 1 trr - 560 - ns reverse recovery charge 1 qrr - 1.78 - c v gs =0, i s =4.1a, di f / dt = 100a / s notes: 1. pulse test: pulse width < 300us, duty cycle 2%. 2. basically not affected by working temperature.
elektronische bauelemente SSE4N60 4.1a, 600 v, r ds(on) 2.5 ? n-channel enhancement mode power mosfet 02-may-2013 rev. a page 3 of 6 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curve
elektronische bauelemente SSE4N60 4.1a, 600 v, r ds(on) 2.5 ? n-channel enhancement mode power mosfet 02-may-2013 rev. a page 4 of 6 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curve
elektronische bauelemente SSE4N60 4.1a, 600 v, r ds(on) 2.5 ? n-channel enhancement mode power mosfet 02-may-2013 rev. a page 5 of 6 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curve
elektronische bauelemente SSE4N60 4.1a, 600 v, r ds(on) 2.5 ? n-channel enhancement mode power mosfet 02-may-2013 rev. a page 6 of 6 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curve


▲Up To Search▲   

 
Price & Availability of SSE4N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X