Part Number Hot Search : 
SC461 SB1060F 2415S 0603A 0603A 2N7106 SY10E 01M35V8
Product Description
Full Text Search
 

To Download SFABL2000473MX0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filter type sfabl feedthrough emi filter datasheet (6-32 unc thread : 4.0mm hexagonal head) electrical details electrical configuration l-c filter capacitance measurement @ 1000hr point current rating 10a insulation resistance (ir) 10g ? or 1000 ? f temperature rating -55 o c to +125 o c circuit configuration ferrite inductance (typical) 50nh mechanical details head a/f 4mm (0.157") nut a/f 4.75mm (0.187") washer diameter 6.9mm (0.272") mounting torque 0.3nm (2.65lbf in) max. if using nut 0.15nm (1.32lbf in) max. into tapped hole mounting hole diameter 3.7mm ? 0.1 (0.146" ? 0.004") max. panel thickness 3.2mm (0.126") weight (typical) 0.6g (0.02oz) 6-32 unc class 2a thread finish silver plate on copper undercoat typical insertion loss (db) product code hardware capacitance ? 20% uos dielectric rated voltage (dc) dwv (dc) 0.01mhz 0.1mhz 1mhz 10mhz 100mhz 1ghz * sfabl5000100zc 10pf -20% / +80% c0g 500 750 6 sfabl5000150zc 15pf -20% / +80% c0g 500 750 9 sfabl5000220zc 22pf -20% / +80% c0g 500 750 12 sfabl5000330zc 33pf -20% / +80% c0g 500 750 1 15 * sfabl5000470zc 47pf -20% / +80% c0g 500 750 2 19 * sfabl5000680mc 68pf c0g 500 750 4 20 * sfabl5000101mc 100pf c0g 500 750 7 24 sfabl5000151mc 150pf c0g 500 750 10 27 * sfabl5000221mc 220pf c0g 500 750 12 30 * sfabl5000331mc 330pf c0g 500 750 1 16 34 * sfabl5000471mx 470pf ? x7r 500 750 2 19 38 sfabl5000681mx 680pf ? x7r 500 750 3 22 41 * sfabl5000102mx 1.0nf x7r 500 750 6 25 44 sfabl5000152mx 1.5nf x7r 500 750 9 29 48 * sfabl5000222mx 2.2nf x7r 500 750 12 31 51 sfabl5000332mx 3.3nf x7r 500 750 15 35 54 * sfabl5000472mx 4.7nf x7r 500 750 1 18 39 57 sfabl5000682mx 6.8nf x7r 500 750 2 21 41 60 * sfabl5000103mx 10nf x7r 500 750 4 23 43 63 * sfabl5000153mx 15nf x7r 500 750 7 27 46 66 * sfabl5000223mx 22nf x7r 500 750 10 30 48 68 sfabl5000333mx 33nf x7r 500 750 13 34 50 70 * sfabl2000473mx 47nf x7r 200 500 1 17 37 51 >70 sfabl2000683mx 68nf x7r 200 500 2 20 40 55 >70 sfabl1000104mx 100nf x7r 100 250 4 22 44 60 >70 sfabl0500154mx 0 = no hardware supplied 1 = supplied with standard nut and wavy washer other options available ? please contact factory 150nf x7r 50 125 7 25 47 62 >70 * recommended values ? also available in c0g ordering information type case style thread electrical configuration voltage (dc) capacitance in picofarads (pf) capacitance tolerance dielectric nuts & washers sf a b l 500 0102 m x 0 syfer filter 4.0mm hex head 6-32 unc l = l-c filter 050 = 50v 100 = 100v 200 = 200v 500 = 500v first digit is 0. second and third digits are significant figures of capacitance code. t he fourth digit is the number of zeros following. examples: 0101 = 100pf 0332 = 3300pf m = ? 20% z = -20+80% c = c0g/np0 x = x7r 0 = without 1 = with note: the addition of a 4-digit numerical suffix code can be used to denote changes to the standard part. options include for example: change of pin length / custom body dimensions or threads / alternative voltage rating / non-standard intermediate capacitance values / test requirements. please refer specific requests to the factory. s y f e r t e c h n o l o g y l t d . s f a b l i s s u e 2 ( p 1 0 4 7 7 5 ) old stoke road, arminghall norwich, norfolk, nr14 8sq united kingdom tel: +44 1603 723300 | email sales@syfer.co.uk | www.syfer.com


▲Up To Search▲   

 
Price & Availability of SFABL2000473MX0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X