Part Number Hot Search : 
DRO8100A STTH2R06 DRO8100A T321043 SP7500 B7711 200NR WG12864A
Product Description
Full Text Search
 

To Download SF2063A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 4 ?2009 by rf monolithics, inc. SF2063A - 6/30/09 smp-53 ? excellent size-to-performance ratio  hermetic 13.3 x 6.5 mm surface-mount case  complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units maximum incident power in passband +10 dbm maximum dc voltage between any two terminals 30 vdc storage temperature range in tape and reel -40 to +85 c suitable for lead-free soldering - maximum soldering profile 260c for 30 s 156 mhz saw filter SF2063A 1. unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified d emonstration board with impedance matching to 50 ? and measured with 50 ? network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. the design, manufacturing process, and specifications of this filter are subject to change. 4. us and international patents may apply. electrical characteristics electrical connections characteristic sym notes min typ max units nominal center frequency f c 1 156.00 mhz insertion loss at f c il 15.5 18 db amplitude ripple 1.1 2.0 db p-p 1.5 db bandwidth bw 1.5 9.4 10 mhz rejection referenced to il 50 to 149 mhz 39 45 db 165 to 500 mhz 39 45 operating temperature range t a -40 +85 c impedance matching to 50 ? unbalanced external l-c case style smp-53 13.3 x 6.5 mm nominal footprint lid symbolization (yy = year, ww = week) rfm SF2063A yyww connection terminals port 1 hot 11 port 1 gnd return 12 port 2 hot 5 port 2 gnd return 6 case ground all others pb caution: electrostatic sensitive device. observe precautions for handling. notes:
www.rfm.com e-mail: info@rfm.com page 2 of 4 ?2009 by rf monolithics, inc. SF2063A - 6/30/09 ch1 s11 1 u fs cent r 156 . 000 m hz span 32 . 000 m hz c ch2 s21 log 10 db/ ref -20 db center 156 . 000 000 mhz span 40 . 000 000 mhz c ch3 s 2 2 1 u fs centr 156 . 000 mhz span 32 . 000 mh z c 8 mar 2006 16:19:43 1 1: 35 . 279 20 . 383 20 . 7 95 n h 156 . 000 000 mhz 1 2 3 3 : . 6 62 4 0 db 9 . 40 0 0 0 0 mh z ref=2 ch 2 markers mean : -15 . 645 db s . dev : . 25400 db p-p : 1 . 0964 db 1 1: 47 . 971 -4 . 7188 216 . 21 pf 156 . 000 000 mhz sf 20 63 a demo b oa rd full full SF2063A s 11 , s 22 and amplitude response
www.rfm.com e-mail: info@rfm.com page 3 of 4 ?2009 by rf monolithics, inc. SF2063A - 6/30/09 SF2063A passband group delay and amplitude ripple                   
      
                       
                c h1 s 2 1 de l 5 00 n s / re f 5 0 0 ns c smo ch2 s21 log 1 db/ ref -14.72 db ch2 center 156 . 000 000 mhz span 16 . 000 000 mhz c 8 mar 2006 16:24:59 1 2 2 : -46 . 062 ns 10 . 000 000 mhz ref=1 ch 1 markers mean : 1 . 1713 us s . dev : 19 . 444 ns p-p : 94 . 414 ns 1 2 2 : . 6 71 1 0 db 9 . 40 0 0 0 0 mh z ref=1 ch 2 markers mean : -15 . 631 db s . dev : . 25770 db p-p : 1 . 1087 db sf 20 63 a demo b oa rd full full
www.rfm.com e-mail: info@rfm.com page 4 of 4 ?2009 by rf monolithics, inc. SF2063A - 6/30/09 smp-53 case case dimensions electrical connections dimension mm inches min nom max min nom max a 13.08 13.31 13.60 0.515 0.524 0.535 b 6.27 6.50 6.80 0.247 0.256 0.268 c 1.91 2.00 0.075 0.079 d 1.50 0.059 e 0.79 0.031 h 1.0 0.039 p 2.54 0.100 connection terminals port 1 input or return 11 return or input 12 port 2 output or return 5 return or output 6 ground all others single-ended operation return is ground differential operation return is hot materials solder pad plating 0.3 to 1.0 m gold over 1.27 to 8.89 m nickel lid plating 2.0 to 3.0 m nickel body al 2 o 3 ceramic pb free 12-terminal ceramic surface-mount case 13.3 x 6.5 mm nominal footprint c h p (8 places) e (10 places) d b a 1 2 3 4 10 9 8 7 12 6 5 11 t op view b ottom view 10 9 8 7 1 2 3 4 11 12 5 6


▲Up To Search▲   

 
Price & Availability of SF2063A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X