Part Number Hot Search : 
S4806CBI S10DC12 19R106C 1N2493 2SC25 MC144 LM201 0N600
Product Description
Full Text Search
 

To Download SF2006C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 4 ?2008-2010 by rf monolithics, inc. SF2006C - 6/14/10 electrical characteristics characteristic sym notes min typ max units center frequency f c 190 mhz insertion loss il min 8.0 10 db 6 db bandwidth bw 4.8 5.73 mhz group delay ripple 70 150 ns rms phase linearity, f c 2 mhz 6 8 deg attenuation referended to il min: 170 to 180 mhz, or (f c - 20 mhz) to (f c - 10 mhz) 27 34 db 180 to 185.5 mhz, or (f c -10 mhz) to (f c -4.5 mhz) 25 31 194.5 to 200 mhz, or (f c + 4.5 mhz) to (f c + 10 mhz) 25 30 200 to 210 mhz, or (f c + 10 mhz) to (f c + 20 mhz) 27 33 ultimate rejection 50 lid symbolization (y=year, ww=week, s=shift) rfm 734 ywws ? saw filter for w-cdma  5.0 x 5.0 x 1.7 mm surface-mount case  complies with directive 2002/95/ec (rohs) maximum rating rating value units input power level 10 dbm operating temperature range -30 to +70 c storage temperature range in tape and reel -30 to +70 c 190.00 mhz saw filter SF2006C 1. unless noted otherwise, all specifications apply over the operating temper- ature range with filter soldered to the specified demonstration board with impedance matching to 50 ? and measured with 50 ? network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is dependent on pcb layout and external impedance matching design. see application note no. 42 for details. 4. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototypes." 5. the design, manufacturing process, and specifications of this filter are subject to change. 6. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may vary between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 7. us and international patents may apply. 8. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. sm5050-8 pb caution: electrostatic sensitive device. observe precautions for handling. notes: electrical connections connection terminals port 1 input 2 port 2 output 6 ground all others dot indicates pin 1
www.rfm.com e-mail: info@rfm.com page 2 of 4 ?2008-2010 by rf monolithics, inc. SF2006C - 6/14/10
www.rfm.com e-mail: info@rfm.com page 3 of 4 ?2008-2010 by rf monolithics, inc. SF2006C - 6/14/10 case dimensions dimension mm inches min nom max min nom max a 4.80 5.00 5.20 0.189 0.197 0.205 b 4.80 5.00 5.20 0.189 0.197 0.205 c 1.30 1.50 1.70 0.050 0.060 0.067 d 1.98 2.08 2.18 0.078 0.082 0.086 e 1.07 1.17 1.27 0.042 0.046 0.050 f 0.50 0.64 0.70 0.020 0.025 0.028 g 2.39 2.54 2.69 0.094 0.100 0.106 h 1.27 0.050 i 0.76 0.030 j 1.55 0.061 k 2.79 0.110 l 0.76 0.030 m 2.36 0.093 n 1.55 0.061 o 2.79 0.110 p 2.79 0.110 q 2.79 0.110 materials solder pad plating 0.3 to 1.0 m gold over 1.27 to 8.89 m nickel lid plating 2.0 to 3.0 m nickel body al 2 o 3 ceramic pb free sm5050-8 surface-mount 8-terminal ceramic case 5.0 x 5.0 mm nominal footprint top view bottom view case materials pcb footprint a 1 2 3 b 7 6 5 4 c d 7 6 5 4 e f g 1 2 3 8 8        

www.rfm.com e-mail: info@rfm.com page 4 of 4 ?2008-2010 by rf monolithics, inc. SF2006C - 6/14/10 tape and reel specifications ?b? nominal size quantity per reel inches millimeters 7 178 500 13 330 3000 user direction of feed component orientation and dimensions carrier tape dimensions ao 5.3 mm bo 5.3 mm ko 2.0 mm pitch 8.0 mm w12.0 mm pin #1 see detail "a" 1 3 . 0 2 0 . 2 2.0 12.0 1 0 0 r e f . " b " r e f .


▲Up To Search▲   

 
Price & Availability of SF2006C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X