Part Number Hot Search : 
T281N MSQ99N26 UERP05D PSN1720A AAT1265 IL1084 RF1615CT ZT751
Product Description
Full Text Search
 

To Download SCERX22EGF3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1239 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. agastat catalog 1308242 issued 3-03 sce series specification grade discrete plug-in true off-delay time delay relay true off-delay timing modes six time delays from 0.1 sec. to 10 min. 10a spdt or 5a dpdt output contacts. excellent repeat accuracy ?typically better than 1%. 8--pin octal plug. file e15631 file lr51332 timing modes true off-delay ?upon application of operating voltage (min. 100ms), output relay contacts transfer. when operating voltage is removed, the time delay period is initiated. at the end of the delay period, output relay contacts release. if operating voltage is reapplied prior to expiration of the delay period, the delay will be cancelled and output relay contacts will remain transferred. timing specifications timing ranges: 0.1 to 3 / 0.5 to 15 / 1 to 30 / 4 to 120 / 10 to 300 sec.; 0.33 to 10 min. timing adjustment: knob adjustment - internal potentiometer with external knob adjustment. maximum time calibrated with +10%, ?% of values shown below at rated voltage, at 68 f. fixed time ?internal fixed resistor. accuracy: repeat accuracy: 1. overall accuracy: 5%. reset time: 30 ms. min. relay operate time: 30 ms. contact data @ 25 c arrangements: 1 form c (spdt) and 2 form c (dpdt). rating: 1 form c: 10a @ 120/240vac, resistive; 1/3 hp @ 120vac; 345va @ 120vac; 1/4 hp @ 240vac; 275va @ 240vac. same polarity. 2 form c: 5a @ 28vdc or 120/240vac, resistive; 1/6 hp @ 120/ 240vac; 200va @ 120/240vac. same polarity. expected mechanical life: 10 million operations. expected electrical life: 200,000 operations, min., at rated resistive load. initial dielectric strength between terminals and case and relay contacts and active circuitry: 1,480vac for one minute. outline dimensions wiring diagrams (bottom views) mechanical data mounting/termination: 8-pin octal plug fits either 27e122 or 27e891 (snap-on) socket (order separately). weight: 4 oz. (112g) approximately. environmental data temperature range: storage: -40 c to +85 c. operating: -30 c to +65 c. users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. authorized distributors are likely to stock the following: none at present. fixed time fixed time or knob adjust or knob adjust input data @ 25 c voltage: see ordering information section for details. power requirement: 750mw. transient protection: 1,000v plus twice rated voltage for 0.1 ms. ordering information sce | series sce true off-delay timer r | | | | | agency recognition r = ul recognized 2 | | | | | operating mode 2 = true off-delay a | | | | | | | | | operating voltage (+10%, ?5%) a = 120vac, 50/60 hz. / 125vdc e = 24vac, 50/60 hz. / 24vdc f = 48vac, 50/60 hz. / 48vdc c | timing range a =0 .1 to 3 sec. b = 0.5 to 15 sec. c = 1 to 30 sec. e = 4 to 120 sec. g = 10 to 300 sec. l = 0.33 to 10 min. a | | | | | | | | | | | | | timing adjustment a = knob adjust f = fixed times specify time delay in seconds per the following examples: xf9.000 = 9 sec. xf99.00 = 99 sec. xf999.0 = 9999 sec. xf1000 = 1000 sec. x | output rating w = 10a (spdt) x = 5a (dpdt) 2 | output 1 = spdt (w) 2 = dpdt (w) caution: if unit has not been energized for several months, apply operating voltage for 20 minutes prior to initial time delay. 1.97 (50) 1.97 (50) .60 (15) 3.25 (83)


▲Up To Search▲   

 
Price & Availability of SCERX22EGF3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X