Part Number Hot Search : 
CHV37H48 A101M 09100 70PDL1 M12864N PCA9550D MC3303 AKD4399
Product Description
Full Text Search
 

To Download RLT6650GLI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  roithner lasertechnik roithner lasertechnik a-1040 vienna, schoenbrunner strasse 7, austria tel: +43 -1- 586 52 43-0 fax: +43 -1- 586 52 43-44 e-mail: office@roithner-laser.com http://www.roithner-laser.com RLT6650GLI technical data high power visible laserdiode structure: high efficiency movcd quantum well design lasing wavelength: 655 nm typ. multimode output power: 50 mw package: 9 mm pin connection: 1) laser diode cathode 2) laser diode anode and photodiode cathode 3) photodiode anode absolute maximum ratings (tc=25c) characteristic symbol rating unit optical output power p o 60 mw ld reverse voltage v r(ld) 2 v pd reverse voltage v r(pd) 30 v operating temperature t c -10 .. +40 c storage temperature t stg -40 .. +85 c optical-electrical characteristics (tc = 25c) characteristic symbol test condition min typ max unit threshold current i th cw 120 135 ma operation current i op p o = 50 mw 180 250 ma operation voltage v op p o = 50 mw 2.0 2.2 2.5 v slope efficiency h cw 0.6 0.7 1.0 w/a lasing wavelength l p p o = 50 mw 655 660 nm beam divergence q // p o = 50 mw 5 7 14 beam divergence q ^ p o = 50 mw 30 38 40 lasing aperture a p o = 50 mw 20x1 m2 monitor current i m p o = 50 mw 0.5 2.0 ma note! laserdiode must be cooled!


▲Up To Search▲   

 
Price & Availability of RLT6650GLI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X