Part Number Hot Search : 
HZD5C9N UPC451 MC3232A RM13TR P11N60 F60BDTR LM3390 05205G0A
Product Description
Full Text Search
 

To Download RBV605S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d5sb10 ~ d5sb100 100 v ~ 1000 v 6.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 06-aug-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen-free and rohs compliant features ? plastic package has underwriters laboratory flammability classification 94v-0 ? this series is ul listed under the recognized component index, file number e231047 ? single-in-line package ? high current capacity with small package ? superior thermal conductivity ? high temperature soldering guaranted 260c / 10 seconds ? high ifsm maximum ratings (t a =25 unless otherwise noted) parameters symbol part numbers units d5sb 10 d5sb 20 d5sb 40 d5sb 60 d5sb 80 d5sb 100 rbv 602s rbv 603s rbv 604s rbv 605s rbv 606s rbv 607s maximum repetitive voltage v rm 100 200 400 600 800 1000 v maximum dc reverse current at rated dc blocking voltage @t a =25c i r 10 ? a @t a =125c 500 a verage rectified forward current 60hz sine wave resistance load @t c =100c i o 6 (1) a @t a =25c 2.8 (2) peak forward surge current 10ms single half sine-wave superimposed on rated load i fsm 150 a maximum instantaneous forward voltage @ 3.0a v f 1.1 v dielectric strength terminals to case, a c 1 minute current 1ma vdia 2.5 kv maximum thermal resistance per leg on p.c.b without heat-sink r ja 22 (2) c / w on ai plate heat-sink r jc 3.4 (1) operating and storage temperature range t j , t stg 150 , -40 ~ 150 c mounting torque tor rating torque 0.8n.m n.m notes (1) unit case mounted on ai plate heat-sink (2) unites mounted on p.c.b. without heat-sink (3) recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw {heat-sink size 10.5 * 8.2 * 0.3cm} ref. millimete r ref. millimete r min. max. min. max. a 29.7 30.3 k 2.6 2.8 b 19.7 20.3 l 7.3 7.7 c4.4 4.8 n2.32.7 d 17.0 18.0 p 0.9 1.1 e 0.6 0.8 o 2.0 2.4 g 5 ref. r 3 x 45 j 3.4 3.8 s 9.8 10.2 f 3.3 3.7 h 10.8 11.2 d5-25sb g m l s l o n r p b h f j c k e d a www..net
d5sb10 ~ d5sb100 100 v ~ 1000 v 6.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 06-aug-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of RBV605S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X