Part Number Hot Search : 
01300 MKW2542A SBR5100 KA7808E SR1020 4511B 11616 BU508DX
Product Description
Full Text Search
 

To Download R46KR410000M1M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 1 benefts ? approvals: enec, ul, cul, cqc ? class x2 (iec 60384-14) ? rated voltage: 275 vac 50/60 hz ? capacitance range: 0.01 C 10 f ? lead spacing: 10.0 C 37.5 mm ? capacitance tolerance: 20%, 10% ? climatic category: 40/110/56, iec 60068C1 ? tape and reel in accordance with iec 60286C2 ? rohs compliant and lead-free terminations ? operating temperature range of -40?c to +110?c ? 100% screening factory test at 2,200 vdc/1,500 vac ? self-healing properties overview the r46 series is constructed of metallized polypropylene flm encapsulated with self-extinguishing resin in a box of material meeting the requirements of ul 94 vC0. applications for worldwide use in electromagnetic interference (emi) suppression in across-the-line applications requiring x2 safety classifcation. intended for use in situations where capacitor failure would not result in exposure to electric shock. not for use in "series with mains" type applications. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc part number system r46 k i 2100 00 01 m series rated voltage (vac) lead spacing (mm) capacitance code (pf) lead and packaging code internal use capacitance tolerance x2, metallized polypropylene k = 275 f = 10.0 i = 15.0 n = 22.5 r = 27.5 w = 37.5 digits 2 C 4 indicate the frst three digits of the capacitance value. first digit indicates the number of zeros to be added. see ordering options table 01 02 l2 m1 m2 n0 n1 n2 k = 10% m = 20% one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 2 ordering options table lead spacing nominal (mm) type of leads and packaging lead length (mm) lead and packaging code 10, 15, 22.5 standard lead and packaging options bulk (bag) C short leads 4 +2/-0 00 ammo pack h 0 = 18.5 +/-0.5 dq 2wkhu/hdgdqg3dfndjlqj2swlrqv tape & reel (large reel) h 0 = 18.5 +/-0.5 ck bulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 +5/-5 (sp 8+2/-2) 52 27.5 standard lead and packaging options bulk (bag) C short leads 4 +2/-0 00 tape & reel (large reel) h 0 = 18.5 +/-0.5 ck 2wkhu/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 +5/-5 (sp 8+2/-2) 52 6wdqgdug/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 4 +2/-0 00 2wkhu/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 +5/-5 (sp 8+2/-2) 52 metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 3 dimensions C millimeters p b h l d nominal tolerance nominal tolerance nominal tolerance nominal tolerance nominal tolerance 10.0 +/-0.4 4.0 +0.2 9.0 +0.1 13.0 +0.2 0.6 +/-0.05 10.0 +/-0.4 5.0 +0.2 11.0 +0.1 13.0 +0.2 0.6 +/-0.05 10.0 +/-0.4 6.0 +0.2 12.0 +0.1 13.0 +0.2 0.6 +/-0.05 15.0 +/-0.4 5.0 +0.2 11.0 +0.1 18.0 +0.3 0.6 +/-0.05 15.0 +/-0.4 6.0 +0.2 12.0 +0.1 18.0 +0.3 0.6 +/-0.05 15.0 +/-0.4 6.0 +0.2 17.5 +0.1 18.0 +0.3 0.6 +/-0.05 15.0 +/-0.4 7.5 +0.2 13.5 +0.1 18.0 +0.5 0.6 +/-0.05 15.0 +/-0.4 7.5 +0.2 18.5 +0.1 18.0 +0.5 0.8 +/-0.05 15.0 +/-0.4 8.5 +0.2 14.5 +0.1 18.0 +0.5 0.6 +/-0.05 15.0 +/-0.4 9.0 +0.2 12.5 +0.1 18.0 +0.5 0.6 +/-0.05 15.0 +/-0.4 10.0 +0.2 16.0 +0.1 18.0 +0.5 0.8 +/-0.05 15.0 +/-0.4 11.0 +0.2 19.0 +0.1 18.0 +0.5 0.8 +/-0.05 15.0 +/-0.4 13.0 +0.2 12.0 +0.1 18.0 +0.5 0.8 +/-0.05 22.5 +/-0.4 6.0 +0.2 15.0 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 7.0 +0.2 16.0 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 10.0 +0.2 18.5 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 11.0 +0.2 20.0 +0.1 26.5 +0.3 0.8 +/-0.05 27.5 +/-0.4 9.0 +0.2 17.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 11.0 +0.2 20.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 13.0 +0.2 22.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 13.0 +0.2 25.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 14.0 +0.2 28.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 18.0 +0.2 33.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 22.0 +0.2 37.0 +0.1 32.0 +0.3 0.8 +/-0.05 37.5 +/-0.4 11.0 +0.3 22.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 13.0 +0.3 24.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 16.0 +0.3 28.5 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 19.0 +0.3 32.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 20.0 +0.3 40.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 24.0 +0.3 44.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 30.0 +0.3 45.0 +0.1 41.5 +0.3 1.0 +/-0.05 note see ordering options table for lead length (ll/h 0 ) options. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc ? d h 8 2 35 +0/-5 b loose insulated rigid leads insulated flexible leads 0.5 mm 2 l h 8 2 150 5 b l b h d p ll l
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 4 performance characteristics dielectric polypropylene flm plates metal layer deposited by evaporation under vacuum winding non-inductive type leads tinned wire protection plastic case, thermosetting resin flled. box material is solvent resistant and fame retardant according to ul94. related documents iec 60384-14, en 60384-14 rated voltage (v r ) 275 vac (50/60 hz), 560 vdc capacitance range 0.010 f to 10 f capacitance values e6 series (iec 60063) measured @ 1 khz and +20 1c capacitance tolerance 10%, 20% temperature range -40oc to +110c climatic category 40/110/56 iec 60068-1 approvals enec, ul, cul, cqc dissipation factor (tan) 0.1% (0.06%*) @ 1khz , +25c 5c (* typical value) test voltage between terminals the 100% screening factory test is carried out at 2,200 vdc/1,500 vac. the voltage level is selected to meet the requirements in applicable equipment standards. all electrical characteristics are checked after the test. it is not permitted to repeat this test as there is a risk to damage the capacitor. kemet is not liable in such case for any failures. insulation resistance measured at +25c 5c, according to iec 60384C2 minimum values between terminals voltage charge voltage charge time c 0.33 f c > 0.33 f 100 vdc 1 min 1 ? 10 5 m ( 5 ? 10 5 m )* * typical value 30,000 m ? f ( 150,000 m ? f )* * typical value recommended voltage 560 vdc impedance graph metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 5 environmental test data test iec publication procedure endurance en/iec 60384C14 1.25 x v r vac 50 hz, once every hour increase to 1,000 vac for 0.1 second, 1,000 hours at upper rated temperature vibration iec 60068C2C6 test fc 3 directions at 2 hours each 10 C 55 hz at 0.75 mm or 98 m/s 2 bump iec 60068C2C29 test eb 1,000 bumps at 390 m/s 2 change of temperature iec 60068C2C14 test na upper and lower rated temperature 5 cycles active flammability iec 60384C14 v r + 20 surge pulses at 2.5 kv (pulse every 5 seconds) passive flammability iec 60384C14 iec 60384C1, iec 60695C11C5 needle fame test damp heat steady state iec 60068C2C78 test cab +40c and 93% rh, 56 days approvals mark specifcation file number en/iec 60384-14 v4413 ul 60384-14 and can/csa e60384-14 (310vac) e97797 gb/t 14472 cqc03001008199 cqc08001025808 cqc08001026549 cqc11001060118 cqc12001083745 cqc13001087757 environmental compliance all kemet emi capacitors are rohs compliant. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 6 table 1 C ratings & part number reference capacitance value (f) dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 0.010 4.0 9.0 13.0 10.0 500 46kf2100(1)n0(2) r46kf2100(1)n0(2) 0.015 4.0 9.0 13.0 10.0 500 46kf2150(1)n0(2) r46kf2150(1)n0(2) 0.022 4.0 9.0 13.0 10.0 500 46kf2220(1)n0(2) r46kf2220(1)n0(2) 0.033 5.0 11.0 13.0 10.0 500 46kf2330(1)m1(2) r46kf2330(1)m1(2) 0.047 5.0 11.0 13.0 10.0 500 46kf2470(1)n0(2) r46kf2470(1)n0(2) 0.068 6.0 12.0 13.0 10.0 500 46kf2680(1)m1(2) r46kf2680(1)m1(2) 0.10 6.0 12.0 13.0 10.0 500 46kf3100(1)m1(3) r46kf3100(1)m1(3) 0.010 5.0 11.0 18.0 15.0 400 46ki 2100(1)01(2) r46ki 2100(1)01(2) 0.015 5.0 11.0 18.0 15.0 400 46ki 2150(1)01(2) r46ki 2150(1)01(2) 0.022 5.0 11.0 18.0 15.0 400 46ki 2220(1)01(2) r46ki 2220(1)01(2) 0.033 5.0 11.0 18.0 15.0 400 46ki 2330(1)01(2) r46ki 2330(1)01(2) 0.047 5.0 11.0 18.0 15.0 400 46ki 2470(1)01(2) r46ki 2470(1)01(2) 0.068 5.0 11.0 18.0 15.0 400 46ki 2680(1)01(2) r46ki 2680(1)01(2) 0.10 5.0 11.0 18.0 15.0 400 46ki 3100(1)m1(2) r46ki 3100(1)m1(2) 0.15 6.0 12.0 18.0 15.0 400 46ki 3150(1)m2(2) r46ki 3150(1)m2(2) 0.15 9.0 12.5 18.0 15.0 400 46ki 3150(1)l2(2) r46ki 3150(1)l2(2) 0.22 7.5 13.5 18.0 15.0 400 46ki 3220(1)m2(2) r46ki 3220(1)m2(2) 0.22 9.0 12.5 18.0 15.0 400 46ki 3220(1)l2(2) r46ki 3220(1)l2(2) 0.22 6.0 17.5 18.0 15.0 400 46ki 3220(1)02(2) r46ki 3220(1)02(2) 0.33 8.5 14.5 18.0 15.0 400 46ki 3330(1)n0(2) r46ki 3330(1)n0(2) 0.33 10.0 16.0 18.0 15.0 400 46ki 3330(1)m1(2) r46ki 3330(1)m1(2) 0.33 9.0 12.5 18.0 15.0 400 46ki 3330(1)n1(3) r46ki 3330(1)n1(3) 0.33 7.5 18.5 18.0 15.0 400 46ki 3330(1)02(2) r46ki 3330(1)02(2) 0.33 13.0 12.0 18.0 15.0 400 46ki 3330(1)01(2) r46ki 3330(1)01(2) 0.47 7.5 18.5 18.0 15.0 400 46ki 3470(1)02(3) r46ki 3470(1)02(3) 0.47 10.0 16.0 18.0 15.0 400 46ki 3470(1)n0(3) r46ki 3470(1)n0(3) 0.47 11.0 19.0 18.0 15.0 400 46ki 3470(1)m1(2) r46ki 3470(1)m1(2) 0.56 11.0 19.0 18.0 15.0 400 46ki 3560(1)n0(2) r46ki 3560(1)n0(2) 0.60 11.0 19.0 18.0 15.0 400 46ki 3600(1)n0(2) r46ki 3600(1)n0(2) 0.15 6.0 15.0 26.5 22.5 200 46kn3150(1)01(2) r46kn3150(1)01(2) 0.22 6.0 15.0 26.5 22.5 200 46kn3220(1)m1(2) r46kn3220(1)m1(2) 0.33 6.0 15.0 26.5 22.5 200 46kn3330(1)n0(2) r46kn3330(1)n0(2) 0.47 7.0 16.0 26.5 22.5 200 46kn3470(1)n0(2) r46kn3470(1)n0(2) 0.68 10.0 18.5 26.5 22.5 200 46kn3680(1)m2(2) r46kn3680(1)m2(2) 1.00 10.0 18.5 26.5 22.5 200 46kn4100(1)n2(3) r46kn4100(1)n2(3) 1.00 11.0 20.0 26.5 22.5 200 46kn4100(1)n1(2) r46kn4100(1)n1(2) 0.47 9.0 17.0 32.0 27.5 150 46kr3470(1)01(2) r46kr3470(1)01(2) 0.68 9.0 17.0 32.0 27.5 150 46kr3680(1)m1(2) r46kr3680(1)m1(2) 1.0 11.0 20.0 32.0 27.5 150 46kr4100(1)m1(2) r46kr4100(1)m1(2) 1.5 13.0 22.0 32.0 27.5 150 46kr4150(1)m1(2) r46kr4150(1)m1(2) 2.2 13.0 25.0 32.0 27.5 150 46kr4220(1)m2(2) r46kr4220(1)m2(2) 2.2 14.0 28.0 32.0 27.5 150 46kr4220(1)m1(2) r46kr4220(1)m1(2) 3.3 18.0 33.0 32.0 27.5 150 46kr4330(1)m2(2) r46kr4330(1)m2(2) 4.7 18.0 33.0 32.0 27.5 150 46kr4470(1)m2(2) r46kr4470(1)m2(2) 4.7 22.0 37.0 32.0 27.5 150 46kr4470(1)m1(2) r46kr4470(1)m1(2) 1.5 11.0 22.0 41.5 37.5 100 46kw4150(1)m1(2) r46kw4150(1)m1(2) 2.2 11.0 22.0 41.5 37.5 100 46kw4220(1)m2(3) r46kw4220(1)m2(3) 2.2 13.0 24.0 41.5 37.5 100 46kw4220(1)m1(2) r46kw4220(1)m1(2) 3.3 16.0 28.5 41.5 37.5 100 46kw4330(1)m1(2) r46kw4330(1)m1(2) 4.7 16.0 28.5 41.5 37.5 100 46kw4470(1)m2(3) r46kw4470(1)m2(3) 4.7 19.0 32.0 41.5 37.5 100 46kw4470(1)m1(2) r46kw4470(1)m1(2) 6.8 20.0 40.0 41.5 37.5 100 46kw4680(1)m2(2) r46kw4680(1)m2(2) 6.8 24.0 44.0 41.5 37.5 100 46kw4680(1)m1(2) r46kw4680(1)m1(2) 10.0 30.0 45.0 41.5 37.5 100 46kw5100(1)m1(2) r46kw5100(1)m1(2) capacitance value (f) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number (1) insert lead and packaging code. see ordering options table for available options. (2) m = 20%, k = 10% (3) m = 20% (only available tolerance). metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 7 manual soldering recommendations following is the recommendation for manual soldering with a soldering iron. the soldering iron tip temperature should be set at 350c (+10c maximum) with the soldering duration not to exceed more than 3 seconds. recommended soldering temperature 0 50 100 150 200 250 300 350 400 0 1 2 3 4 5 6 7 8 soldering time (sec) soldering iron bit temperature (deg c) soldering process the implementation of the rohs directive has resulted in the selection of snagcu (sac) alloys or sncu alloys as primary solder. this has increased the liquidus temperature from that of 183oc for snpb eutectic alloy to 217 C 221oc for the new alloys. as a result, the heat stress to the components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. polypropyle ne capacitors are especially sensitive to heat (the melting point of polypropylene is 160 C 170oc). wave soldering can be destructive, especially for mechanically small polypropylene capacitors (with lead spacing of 5 mm to 15 mm), and great care has to be taken during sol dering. the recommended solder profles from kemet should be used. please consult kemet with any questions. in general, the wave soldering curve from iec publication 61760-1 edition 2 serves as a solid guideline for successful soldering. please see figure 1. refow soldering is not recommended for through-hole flm capacitors. exposing capacitors to a soldering profle in excess of the above the recommended limits may result to degradation or permanent damage to the capacitors. do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. insert through- hole parts after the curing of surface mount parts. consult kemet to discuss the actual temperature profle in the oven, if through-hole components must pass through the adhesive curing process. a maximum two soldering cycles is recommended. please allow time for the capacitor surface temperature to return to a normal temperature before the second soldering cycle. dielectric film material maximum preheat temperature maximum peak soldering temperature capacitor pitch 10 mm capacitor pitch = 15 mm capacitor pitch > 15 mm capacitor pitch 15 mm capacitor pitch > 15 mm polyester 130c 130c 130c 270c 270c polypropylene 100c 110c 130c 260c 270c polyphenylene sulphide 150c 150c 160c 270c 270c wave soldering recommendations figure 1 0 50 100 150 200 250 300 0 40 80 120 160 200 240 temperature ( c) time (s) ca 2 c/s ca 3.5 c/s typical ca 5 c/s cooling 2+3s max 115 c max t preheat t <150 c 100 c preheating typical first wave second wave 260 c metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 8 soldering process cont'd selective soldering recommendations selective dip soldering is a variation of refow soldering. in this method, the printed circuit board with through-hole components to be soldered is preheated and transported over the solder bath as in normal fow soldering without touching the solder. when the board is over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected components, and pressed against the lower surface of the board to solder the components. the temperature profle for selective soldering is similar to the double wave fow soldering outlined in this document, however, instead of two baths, there is only one bath with a time from 3 to 10 seconds. in selective soldering, the risk of overheating is greater than in double wave fow soldering, and great care must be taken so that the parts are not overheated. marking ? kemet logo ? series ? capacitance ? capacitance tolerance ? rated voltage ? capacitor class ? approval marks ? manufacturing date code ? iec climatic category ? passive fammability class ? manufacturing plant manufacturing date code (iec 60062) year code month code metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 9 packaging quantities lead spacing (mm) thickness (mm) height (mm) length (mm) bulk short leads bulk long leads standard reel ? 355 mm large reel ? 500 mm ammo taped 10 4 9 13 2000 1800 750 1500 1000 5 11 13 1300 1500 600 1250 800 6 12 13 1000 1200 500 1000 680 5 11 18 2000 1000 600 1250 800 6 12 18 1750 900 500 1000 680 6 17.5 18 1000 700 500 1000 680 7.5 13.5 18 1000 700 350 800 500 7.5 18.5 18 900 500 C 800 500 8.5 14.5 18 1000 500 300 700 440 9 12.5 18 1000 520 270 650 410 10 16 18 750 500 300 600 380 11 19 18 450 350 C 500 340 13 12 18 750 490 200 480 280 6 15 26.5 805 500 C 700 464 7 16 26.5 700 500 C 550 380 10 18.5 26.5 396 300 C 350 235 11 20 26.5 360 250 C 350 217 9 17 32 816 408 C 450 C 11 20 32 560 336 C 350 C 13 22 32 480 288 C 300 C 13 25 32 480 288 C C C 14 28 32 352 176 C C C 18 33 32 256 128 C C C 22 37 32 168 112 C C C 11 22 41.5 420 252 C C C 13 24 41.5 360 216 C C C 16 28.5 41.5 216 108 C C C 19 32 41.5 192 96 C C C 20 40 41.5 126 84 C C C 24 44 41.5 108 72 C C C 30 45 41.5 90 60 C C C metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 10 lead taping & packaging (iec 60286C2) taping specif cation description symbol dimensions (mm) lead space tol. 10 15 22.5 27.5 fig. 1 fig. 2 fig. 3 fig. 3 lead wire diameter d 0.6 0.6-0.8 0.8 0.8 0.05 taping lead space p 25.4 25.4 38.1 38.1 1 feed hole lead space * p 0 12.7 12.7 12.7 12.7 0.2 ** centering of the lead wire p 1 7.7 5.2 7.8 5.3 0.7 centering of the body p 2 12.7 12.7 19.05 19.05 1.3 lead spacing (pitch) *** f 10 15 22.5 27.5 +0.6/-0.1 component alignment ?h 0 0 0 0 2 height of component from tape center h 0 **** 18.5 18.5 18.5 18.5 0.5 carrier tape width w 18 18 18 18 +1 / -0.5 hold down tape width w 0 9 10 10 10 minimum hole position w 1 9 9 9 9 0.5 hold down tape position w 2 3 3 3 3 maximum feed hole diameter d 0 4 4 4 4 0.2 tape thickness t 0.7 0.7 0.7 0.7 0.2 * also available in 15 mm. ** max 1 mm on 20 lead spaces. *** pitches 15 mm and 10 mm taped to 7.5 mm (crimped leads) available upon request. **** h 0 = 16.5 mm available upon request. p p 2 p 0 f h 0 w h p 1 d 0 w 2 w 1 w 0 h ?d t p p 2 p 1 metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc figure 1 lead spacing 10 mm figure 2 lead spacing 15 mm figure 3 lead spacing 22.5 ? 27.5 mm
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 11 lead taping & packaging (iec 60286C2) cont'd ammo specif cations dimensions (mm) h w 360 340 59 reel specif cations reel size dimensions (mm) standard 355 30 55 maximum large 500 25 metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc d w h h t w
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 12 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america southeast lake mary, fl tel: 407-855-8886 northeast wilmington, ma tel: 978-658-1663 central novi, mi tel: 248-306-9353 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe paris, france tel: 33-1-4646-1006 sasso marconi, italy tel: 39-051-939111 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe bishops stortford, united kingdom tel: 44-1279-460122 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5829-1711 shanghai, china tel: 86-21-6447-0707 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6586-1900 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3093_r46_x2_275_110c ? 6/27/2014 13 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. metallized polypropylene film emi suppression capacitors r46 series, class x2, 275 vac, 110oc


▲Up To Search▲   

 
Price & Availability of R46KR410000M1M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X