Part Number Hot Search : 
OSC30 TLWY7900 PSMN2R CY621 120N6TR JHV3748 TDA3504 5KE110A
Product Description
Full Text Search
 

To Download PTGL12AR100M6C01B0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  14 2 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. posistor r for circuit protection for overcurrent protection 16v series this low-voltage, low-resistance type "posistor" is a circuit protector whose resistance value in normal operation is very low and in abnormal situations like motor lock or short circuit, will be increased to restrain overcurrent. "posistor" can be used for overcurrent protection against current fuse or temperature fuse, due to its ability to return to its initial condition when overcurrent is removed. this "posistor" is most suitable for low-voltage circuits and motor protection for car applications. n features 1. best suited to meet the requirements for power supply and motor protection. error-free operation is assured by rush current. 2. circuit is protected until current is turned off. 3. restores the original low resistance value automatically once the overload is removed. 4. non-contact design leads to long life and no noise. durable and strong against mechanical vibration and shock because it is a solid element. n applications 1. audio & visual : dc motor protection 2. car: door lock motor door mirror motor shock absorber motor actuator motor protection etc. 3. others: power supply circuit protection type d ptgls4ar1r0m1b53 ptgls5ar0r8m1b53 5.5 6.0 (in mm) t 4.0 4.0 h 9.5 10.0 d max. t max. 5.0 1.5 4.0 1.5 h max. ?.6 0.05 ptgls4/5 type d ptgls6arr47m1b51 ptgls7arr33m1b51 ptgls8arr27m1b51 ptgls9ar0r2m1b51 ptgls0arr15m1b51 7.5 8.0 9.0 10.0 11.5 (in mm) t 4.0 4.0 4.0 4.0 4.0 h 11.5 12.0 13.0 14.0 15.5 d max. t max. 5.0 1.5 4.0 1.5 h max. ?.6 0.05 ptgls0/6/7/8/9 part number max. voltage (v) non-operating current at +60 c (ma) operating current at -10 c (ma) max. current (a) resistance (at 25 c) (ohm) curie point ( c) body diameter (d) (mm) thickness (t) (mm) lead space (f) (mm) lead diameter (phi d)(mm) ptgls4ar1r0m1b53b0 16 370 1040 2.0 1.0 20% 120 (ar) 5.5 4.0 5.0 0.6 ptgls5ar0r8m1b53b0 16 400 1120 3.0 0.8 20% 120 (ar) 6.0 4.0 5.0 0.6 ptgls6arr47m1b51b0 16 560 1570 5.0 0.47 20% 120 (ar) 7.5 4.0 5.0 0.6 ptgls7arr33m1b51b0 16 680 1900 7.0 0.33 20% 120 (ar) 8.0 4.0 5.0 0.6 ptgls8arr27m1b51b0 16 800 2250 8.0 0.27 20% 120 (ar) 9.0 4.0 5.0 0.6 ptgls9ar0r2m1b51b0 16 1000 2800 9.0 0.20 20% 120 (ar) 10.0 4.0 5.0 0.6 ptgls0arr15m1b51b0 16 1200 3360 10 0.15 20% 120 (ar) 11.5 4.0 5.0 0.6 maximum current shows typical capacities of the transformer which can be used. the order quantity should be an integral multiple of the "minimum quantity" shown in the "package" page. taping type is also available. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com http://
15 2 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n protective threshold current range ptgls4ar1r0m1b53b0 ambient temperature ( c) current (ma) y 20 y 1 0 0 1 02 03 04 05 06 07 0 0 1000 800 600 400 200 1200 1400 trip current non-operating current protectiv e threshold current ptgls5ar0r8m1b53b0 ambient temperature ( c) current (ma) y 20 y 1 0 0 1 02 03 04 05 06 07 0 0 1000 800 600 400 200 1200 1400 1600 trip current non-operating current protectiv e threshold current ptgls6arr47m1b51b0 ambient temperature ( c) current (ma) y 20 y 1 0 0 1 02 03 04 05 06 07 0 0 2000 1800 1600 1400 1200 1000 800 600 400 200 trip current non-operating current protective threshold current ptgls7arr33m1b51b0 ambient temperature ( c) current (ma) y 20 y 100 1020304 05 06 07 0 0 2600 2400 2200 2000 1800 1600 1400 1200 1000 800 600 400 200 trip current non-operating current protectiv e threshold current ptgls8arr27m1b51b0 ambient temperature ( c) current (ma) y 20 y 1 0 0 1 02 03 04 05 06 07 0 0 3000 2800 2600 2400 2200 2000 1800 1600 1400 1200 1000 800 600 400 200 trip current non-operating current protectiv e threshold current ptgls9ar0r2m1b51b0 ambient temperature ( c) current (ma) y 20 y 100 10203040506070 0 500 1000 1500 2000 2500 3000 3500 4000 trip current non-operating current protective threshold current ptgls0arr15m1b51b0 ambient temperature ( c) current (ma) y 20 y 1 0 0 1 02 03 04 05 06 07 0 0 500 1000 1500 2000 2500 3000 3500 4000 trip current non-operating current protective threshold current please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
16 2 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n operating time (typical curve) ptgls4ar1r0m1b53b0 ov ercurrent (a) operating time (sec.) 0 0.5 1 1.5 2 0 70 60 50 40 30 20 10 y 10 c w 25 c ambient t emp . w 60 c ptgls5ar0r8m1b53b0 overcurrent (a) oper ating time (sec.) 0123 1.5 2.5 0.5 0 70 60 50 40 30 20 10 y 10 c w 25 c ambient t emp . w 60 c ptgls6arr47m1b51b0 ov ercurrent (a) operating time (sec.) 012345 0 70 60 50 40 30 20 10 y 10 c w 25 c ambient t emp . w 60 c ptgls7arr33m1b51b0 overcurrent (a) oper ating time (sec.) 01234567 0 70 60 50 40 30 20 10 y 10 c w 25 c ambient t emp . w 60 c ptgls8arr27m1b51b0 ov ercurrent (a) operating time (sec.) 012345678 0 70 60 50 40 30 20 10 y 10 c w 25 c ambient t emp . w 60 c ptgls9ar0r2m1b51b0 ov ercurrent (a) operating time (sec.) 0123456789 0 70 60 50 40 30 20 10 y 10 c w 25 c ambient t emp . w 60 c continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
17 2 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time (typical curve) ptgls0arr15m1b51b0 ov ercurrent (a) operating time (sec.) 0123456789 1 0 0 70 60 50 40 30 20 10 y 10 c w 25 c ambient temp. w 60 c n application circuit (1) transistor protection circuit r l r a r e r b c pth (2) dc motor protection circuit motor power supply m pth (3) transformer protection circuit power supply pth please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
18 3 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. posistor r for circuit protection for overcurrent protection 24/30/32v series safety resistor "posistor" is most suited to meet the requirements of the safety standard short-circuit tests such as iec, vde, bs, ul, etc. all over the world. n features 1. best suited to meet the requirements of the short- circuit test. quick response compared with current fuse and resistor and error-free operation are assured. 2. small size does not need a large space. capable of being mounted to any place because replacement is not required. 3. actuates by excessive current during the short- circuit test to restrain abnormal heat generation in other circuit components and printed boards. this state will be maintained until the abnormal state is removed or power is turned off to reset the "posistor" to the original state. surface temperature of "posistor" is kept low, below a certain value, during the actuation. 4. non-contact design leads to long life and no noise. durable and strong against mechanical vibration and shock because it is a solid element. d max. 4.0 1.5 6.0 max. f 1.5 (in mm) t max. ? 0.05 part number max. voltage (v) non-operating current at +60 c (ma) operating current at -10 c (ma) max. current (a) resistance (at 25 c) (ohm) curie point ( c) body diameter (d) (mm) thickness (t) (mm) lead space (f) (mm) lead diameter (phi d)(mm) ptgl07bd100n2b51b0 24 80 320 2.0 10 30% 80 (bd) 7.4 4.0 5.0 0.6 ptgl07bd6r8n2b51b0 24 90 370 2.0 6.8 30% 80 (bd) 7.4 4.0 5.0 0.6 ptgl09bd4r7n2b51b0 24 120 500 2.0 4.7 30% 80 (bd) 9.5 4.0 5.0 0.6 ptgl09bd3r3n2b51b0 24 140 580 2.0 3.3 30% 80 (bd) 9.5 4.0 5.0 0.6 ptgl09bd2r2n2b51b0 24 180 710 2.0 2.2 30% 80 (bd) 9.5 4.0 5.0 0.6 ptgl04ar130h2b51b0 30 145 400 0.7 13 25% 120 (ar) 5.5 4.0 5.0 0.6 ptgl07ar4r6h2b51b0 30 250 700 2.0 4.6 25% 120 (ar) 7.4 4.0 5.0 0.6 ptgl09ar1r8h2b51b0 30 410 1120 3.0 1.8 25% 120 (ar) 9.5 4.0 5.0 0.6 ptgl12ar1r2h2b51b0 30 520 1420 4.3 1.2 25% 120 (ar) 12.0 4.0 5.0 0.6 ptgl13ar0r8h2b71b0 30 680 1900 5.5 0.8 25% 120 (ar) 13.5 4.0 7.5 0.6 ptgl07bd470n3b51b0 32 30 140 1.5 47 30% 80 (bd) 7.4 4.0 5.0 0.6 ptgl07bd330n3b51b0 32 40 170 1.5 33 30% 80 (bd) 7.4 4.0 5.0 0.6 ptgl07bd220n3b51b0 32 45 200 1.5 22 30% 80 (bd) 7.4 4.0 5.0 0.6 ptgl07bd150n3b51b0 32 60 240 1.5 15 30% 80 (bd) 7.4 4.0 5.0 0.6 maximum current shows typical capacities of the transformer which can be used. the order quantity should be an integral multiple of the "minimum quantity" shown in the "package" page. ptgl_51b0 series are available in taping type. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
19 3 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n protective threshold current range (24v series) ptgl07bd100n2b51b0 current [ma] 200 20 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current ptgl07bd6r8n2b51b0 current [ma] 200 20 600 400 ambient temperature [?c] 0 - 20 0 40 6 0 trip current protective threshold current non-operating current ptgl09bd4r7n2b51b0 current [ma] 200 20 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current ptgl09bd3r3n2b51b0 current [ma] 200 20 600 400 ambient temperature [?c] 0 - 20 0 4 0 6 0 trip current protective threshold current non-operating current ptgl09bd2r2n2b51b0 current [ma] 500 20 1000 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 1500 n protective threshold current range (30v series) ptgl04ar130h2b51b0 current [ma] 200 20 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 600 ptgl07ar4r6h2b51b0 current [ma] 20 800 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 200 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
20 3 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n protective threshold current range (30v series) ptgl09ar1r8h2b51b0 current [ma] 500 20 1000 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 1500 ptgl12ar1r2h2b51b0 current [ma] 500 20 1000 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 1500 ptgl13ar0r8h2b71b0 current [ma] 500 20 2000 1500 1000 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current n protective threshold current range (32v series) ptgl07bd470n3b51b0 current [ma] 100 20 300 200 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current ptgl07bd330n3b51b0 current [ma] 100 20 300 200 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current ptgl07bd220n3b51b0 current [ma] 100 20 300 200 ambient temperature [?c] 0 - 20 0 4 0 60 trip current protective threshold current non-operating current ptgl07bd150n3b51b0 current [ma] 100 20 300 200 ambient temperature [?c] 0 - 20 0 4 0 6 0 trip current protective threshold current non-operating current please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
21 3 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n operating time 24v series (typical curve) ptgl07bd100n2b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 2.0 ptgl07bd6r8n2b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 2.0 ptgl09bd4r7n2b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 2.0 ptgl09bd3r3n2b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 2.0 30 ptgl09bd2r2n2b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 2.0 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
22 3 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n operating time 30v series (typical curve) ptgl04ar130h2b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.2 0.6 ambient temp. 0.4 - 10?c 25?c 60?c ptgl07ar4r6h2b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 1.0 ptgl09ar1r8h2b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 ptgl12ar1r2h2b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 4.0 ptgl13ar0r8h2b71b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 y 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 4.0 5.0 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
23 3 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n operating time 32v series (typical curve) ptgl07bd470n3b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 ptgl07bd330n3b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 ptgl07bd220n3b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 ptgl07bd150n3b51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 n application circuit 24/32v series (1) short-circuit test of transistor ac 100v pth short r 3 b r 4 r 1 r 2 + - c e (2) short-circuit test of diode ac 100v short pth r 1 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
24 3 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n application circuit 24/32v series (3) short-circuit test of ic pth short + v 0 ic (4) short-circuit test of electrolytic capacitor ac 100v pth short electrolytic capacitor + - (5) lock test of motor pth motor (lock) dc24v m n application circuit 30v series (1) transistor protection circuit r l r a r e r b c pth (2) transformer protection circuit 1) power supply d c pth (3) transformer protection circuit 2) power supply pth (4) fluorescent lamp protection circuit power source fluorescent lamp ss r c c ch c pth please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
25 4 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. posistor r for circuit protection for overcurrent protection 56/80v series "posistor" is a circuit protector whose resistance value in normal operation is very low and in abnormal situations like overcurrent or overheating, will be increased to restrain overcurrent. "posistor" can be used for overcurrent protection against current fuse or temperature fuse, due to its ability to return to its initial condition when overcurrent is removed. n features 1. best suited to meet the requirements for power supply and motor protector. error-free operations are assured by rush current. 2. circuit is protected until current is turned off. 3. restores the original low resistance value automatically once the overload is removed. 4. non-contact design leads to long life and no noise. durable and strong against mechanical vibration and shock because it is a solid element. n applications 1. dc cooling fan motors in office equipment, e.g., computers, facsimiles, floppy disk drives and power units 2. dc drive motors in vtrs and cassette tape recorders. power transformers (at secondary winding) f 1.5 f d 0.05 d max. t max. 6.0 max. 4.0 1.5 (in mm) part number max. voltage (v) non-operating current at +60 c (ma) operating current at -10 c (ma) max. current (a) resistance (at 25 c) (ohm) curie point ( c) body diameter (d) (mm) thickness (t) (mm) lead space (f) (mm) lead diameter (phi d)(mm) ptgl07ar220m3p51b0 56 90 240 1.0 22 20% 120 (ar) 7.4 4.0 5.0 0.6 ptgl07ar8r2m3p51b0 56 130 350 1.0 8.2 20% 120 (ar) 7.4 4.0 5.0 0.6 ptgl09ar150m3b51b0 56 150 400 1.2 15 20% 120 (ar) 9.5 4.0 5.0 0.6 ptgl10ar3r9m3p51b0 56 210 550 2.0 3.9 20% 120 (ar) 10.5 4.0 5.0 0.6 ptgl09ar4r7m3b51b0 56 270 700 2.0 4.7 20% 120 (ar) 9.5 4.0 5.0 0.6 ptgl10ar3r9m3b51b0 56 300 800 2.0 3.9 20% 120 (ar) 10.5 4.0 5.0 0.6 ptgl14ar3r3m3b71b0 56 380 980 2.5 3.3 20% 120 (ar) 14.5 4.0 7.5 0.6 ptgl05ar550h4p51b0 80 50 135 0.7 55 25% 120 (ar) 5.5 4.5 5.0 0.6 ptgl07ar250h4b51b0 80 110 300 1.0 25 25% 120 (ar) 7.4 4.5 5.0 0.6 ptgl09ar9r4h4b51b0 80 190 530 3.0 9.4 25% 120 (ar) 9.5 4.5 5.0 0.6 ptgl12ar5r6h4b71b0 80 270 760 4.3 5.6 25% 120 (ar) 12.0 4.5 7.5 0.6 ptgl13ar3r7h4b71b0 80 310 860 5.5 3.7 25% 120 (ar) 13.5 4.5 7.5 0.6 maximum current shows typical capacities of the transformer which can be used. the order quantity should be an integral multiple of the "minimum quantity" shown in the "package" page. ptgl_51b0 series are available in taping type. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
26 4 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n protective threshold current range (56v series) ptgl07ar220m3p51b0 current [ma] - 20 100 ambient temperature [?c] 0 2 04 06 08 0 200 300 0 trip current non-operating current protective threshold current ptgl07ar8r2m3p51b0 current [ma] - 20 ambient temperature [?c] 0 204 06 08 0 0 trip current non-operating current protective threshold current 100 200 300 400 500 ptgl09ar150m3b51b0 current [ma] - 20 ambient temperature [?c] 0 2 04 06 08 0 0 trip current non-operating current protective threshold current 100 200 300 400 500 ptgl10ar3r9m3p51b0 current [ma] - 20 ambient temperature [?c] 0 2 04 06080 0 trip current non-operating current protective threshold current 800 600 400 200 ptgl09ar4r7m3b51b0 current [ma] - 20 ambient temperature [?c] 0 2 04 06 08 0 0 trip current non-operating current protective threshold current 800 600 400 200 ptgl10ar3r9m3b51b0 current [ma] - 20 ambient temperature [?c] 0 20406080 0 trip current non-operating current protective threshold current 1000 800 600 400 200 ptgl14ar3r3m3b71b0 current [ma] - 20 ambient temperature [?c] 0 20406080 0 trip current non-operating current protective threshold current 1500 1000 500 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
27 4 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n protective threshold current range (80v series) ptgl05ar550h4p51b0 current [ma] 50 20 100 ambient temperature [?c] 0 - 20 0 40 6 0 trip current protective threshold current non-operating current 150 ptgl07ar250h4b51b0 current [ma] 100 20 400 300 200 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current ptgl09ar9r4h4b51b0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current ptgl12ar5r6h4b71b0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current ptgl13ar3r7h4b71b0 current [ma] 500 20 1000 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 1500 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
28 4 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n operating time 56v series (typical curve) ptgl07ar220m3p51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 ptgl07ar8r2m3p51b0 operating time [sec.] 0 overcurrent [a] 0 - 10?c 25?c ambient temp. 60?c 10 20 30 40 50 0.5 1.0 1.5 2.0 ptgl09ar150m3b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c 60?c ambient temp. 0.2 0.4 0.6 0.8 ptgl10ar3r9m3p51b0 operating time [sec.] 0 overcurrent [a] 0 - 10?c 25?c ambient temp. 60?c 5 10 15 20 25 1234 ptgl09ar4r7m3b51b0 operating time [sec.] 0 overcurrent [a] 0 - 10?c 25?c ambient temp. 60?c 5 10 15 20 25 1234 ptgl10ar3r9m3b51b0 operating time [sec.] 0 overcurrent [a] 0 - 10?c 25?c ambient temp. 60?c 5 10 15 20 25 1234 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
29 4 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time 56v series (typical curve) ptgl14ar3r3m3b71b0 operating time [sec.] 0 overcurrent [a] 40 30 20 10 0 1234 - 10?c 25?c 60?c ambient temp. n operating time 80v series (typical curve) ptgl05ar550h4p51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c 60?c 0.2 0.6 ambient temp. 0.4 ptgl07ar250h4b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 1.0 ptgl09ar9r4h4b51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 ptgl12ar5r6h4b71b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 4.0 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
30 4 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time 80v series (typical curve) ptgl13ar3r7h4b71b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 4.0 5.0 n application circuit 56v series dc motor protection circuit motor power supply m pth n application circuit 80v series (1) transistor protection circuit r l r a r e r b c pth (2) transistor protection circuit power supply pth please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
31 5 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. posistor r for circuit protection for overcurrent protection 125/140v series "posistor" is a circuit protector whose resistance value in normal operation is very low and in abnormal situations like overcurrent or overheating, will be increased to restrain overcurrent. "posistor" can be used for overcurrent protection against current fuse or temperature fuse, due to its ability to return to its initial condition when overcurrent is removed. n features 1. best suited to meet the requirements for power supply and motor protector. error-free operations are assured by rush current. 2. circuit is protected until current is turned off. 3. restores the original low resistance value automatically once the overload is removed. 4. non-contact design leads to long life and no noise. durable and strong against mechanical vibration and shock because it is a solid element. n applications circuit protection : 1. transformers 2. transistors 3. fluorescent lamps f 1.5 ? 0.05 d max. t max. 6.0 max. 4.0 1.5 (in mm) 125v series d max. 4.0 1.5 6.0 max. f 1.5 (in mm) t max. ? 0.05 140v series part number max. voltage (v) non-operating current at +60 c (ma) operating current at -10 c (ma) max. current (a) resistance (at 25 c) (ohm) curie point ( c) body diameter (d) (mm) thickness (t) (mm) lead space (f) (mm) lead diameter (phi d)(mm) ptgl05ar181m7p52b0 125 30 75 0.3 180 20% 120 (ar) 6.0 5.0 5.0 0.6 ptgl07ar750m7b52b0 125 65 165 0.3 75 20% 120 (ar) 8.0 6.0 5.0 0.6 ptgl09ar470m6b52b0 125 90 230 0.5 47 20% 120 (ar) 10.0 5.5 5.0 0.6 ptgl09ar220m6b52b0 125 135 340 0.8 22 20% 120 (ar) 10.0 5.5 5.0 0.6 ptgl12ar150m6b72b0 125 175 440 1.0 15 20% 120 (ar) 12.5 5.5 7.5 0.6 ptgl14ar100m6b72b0 125 220 550 1.2 10 20% 120 (ar) 15.0 5.5 7.5 0.6 ptgl18ar6r8m6b72b0 125 300 750 1.4 6.8 20% 120 (ar) 18.5 5.5 7.5 0.6 ptgl18ar4r7m6b72b0 125 360 900 1.7 4.7 20% 120 (ar) 18.5 5.5 7.5 0.6 ptgl18ar3r3m6b72b0 125 420 1050 2.0 3.3 20% 120 (ar) 18.5 5.5 7.5 0.6 ptgl07ar330m6a51b0 140 100 230 0.5 33 20% 120 (ar) 7.4 6.0 5.0 0.5 ptgl09ar220m6c61b0 140 140 330 1.0 22 20% 120 (ar) 9.6 6.0 6.5 0.65 ptgl10ar150m6c61b0 140 170 400 1.0 15 20% 120 (ar) 11.6 6.0 6.5 0.65 PTGL12AR100M6C01B0 140 220 510 1.0 10 20% 120 (ar) 13.0 6.0 10.0 0.65 ptgl13ar6r8m6c01b0 140 290 670 1.0 6.8 20% 120 (ar) 14.0 6.0 10.0 0.65 ptgl16ar5r6m6c01b0 140 340 780 2.0 5.6 20% 120 (ar) 17.0 6.0 10.0 0.65 maximum current shows typical capacities of the transformer which can be used. please contact us for ul approved products. the order quantity should be an integral multiple of the "minimum quantity" shown in the "package" page. ptgl_52b0 series are available in taping type. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
32 5 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n protective threshold current range (125v series) ptgl05ar181m7p52b0 current [ma] - 20 ambient temperature [?c] 0 2 04 06 08 0 0 trip current non-operating current protective threshold current 100 80 60 40 20 ptgl07ar750m7b52b0 current [ma] - 20 ambient temperature [?c] 0 204 06 08 0 0 trip current non-operating current protective threshold current 200 150 100 50 ptgl09ar470m6b52b0 current [ma] - 20 100 ambient temperature [?c] 0 20406080 200 300 0 trip current non-operating current protective threshold current ptgl09ar220m6b52b0 current [ma] - 20 ambient temperature [?c] 0 2 04 06080 0 trip current non-operating current protective threshold current 100 200 300 400 500 ptgl12ar150m6b72b0 current [ma] - 20 ambient temperature [?c] 0 20406080 0 trip current non-operating current protective threshold current 100 200 300 400 500 ptgl14ar100m6b72b0 current [ma] - 20 ambient temperature [?c] 0 20406080 0 trip current non-operating current protective threshold current 800 600 400 200 ptgl18ar6r8m6b72b0 current [ma] - 20 ambient temperature [?c] 0 20406080 0 trip current non-operating current protective threshold current 1000 800 600 400 200 ptgl18ar4r7m6b72b0 current [ma] - 20 ambient temperature [?c] 0 20406080 0 trip current non-operating current protective threshold current 1000 800 600 400 200 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
33 5 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n protective threshold current range (125v series) ptgl18ar3r3m6b72b0 current [ma] - 20 ambient temperature [?c] 0 20406080 0 trip current non-operating current protective threshold current 1200 1000 800 600 400 200 n protective threshold current range (140v series) ptgl07ar330m6a51b0 current [ma] 100 20 200 ambient temperature [?c] 0 - 20 0 40 6 0 trip current protective threshold current non-operating current 300 80 ptgl09ar220m6c61b0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 80 ptgl10ar150m6c61b0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 80 PTGL12AR100M6C01B0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 - 20 0 4 0 60 trip current protective threshold current non-operating current 80 ptgl13ar6r8m6c01b0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 80 ptgl16ar5r6m6c01b0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 - 20 0 4 0 60 trip current protective threshold current non-operating current 80 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
34 5 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n operating time 125v series (typical curve) ptgl05ar181m7p52b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.1 0.2 0.3 ptgl07ar750m7b52b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.1 0.2 0.3 0.4 - 10?c 25?c 60?c ambient temp. ptgl09ar470m6b52b0 operating time [sec.] 0 overcurrent [a] 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 200 400 600 800 ptgl09ar220m6b52b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.2 0.4 0.6 0.8 - 10?c 25?c 60?c ambient temp. ptgl12ar150m6b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.5 1.0 1.5 - 10?c 25?c 60?c ambient temp. ptgl14ar100m6b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.5 1.0 1.5 - 10?c 25?c 60?c ambient temp. continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
35 5 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time 125v series (typical curve) ptgl18ar6r8m6b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 2.0 2.5 ptgl18ar4r7m6b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 4.0 5.0 ptgl18ar3r3m6b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 4.0 5.0 n operating time 140v series (typical curve) ptgl07ar330m6a51b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.25 0.50 0.75 ptgl09ar220m6c61b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
36 5 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time 140v series (typical curve) ptgl10ar150m6c61b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.5 1.0 1.5 - 10?c 25?c ambient temp. 60?c PTGL12AR100M6C01B0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 ptgl13ar6r8m6c01b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.5 1.0 1.5 - 10?c 25?c 60?c ambient temp. ptgl16ar5r6m6c01b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
37 5 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n application circuit 125v series (1) transformer protection circuit 1) power supply d c pth (2) transformer protection circuit 2) power supply pth (3) transistor protection circuit r l r a r e r b c pth (4) fluorescent lamp protection circuit power source fluorescent lamp ss r c c ch c pth n application circuit 140v series (1) transformer protection circuit 1) power supply d c pth (2) transformer protection circuit 2) power supply pth please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
38 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. posistor r for circuit protection for overcurrent protection 250/265v series "posistor" is a circuit protector whose resistance value in normal operation is very low and in abnormal situations like overcurrent or overheating, will be increased to restrain overcurrent. "posistor" can be used for overcurrent protection against current fuse or temperature fuse, due to its ability to return to its initial condition when overcurrent is removed. n features 1. best suited to meet the requirements for power supply and motor protector. error-free operations are assured by rush current. 2. circuit is protected until current is turned off. 3. restores the original low resistance value automatically once the overload is removed. 4. non-contact design leads to long life and no noise. durable and strong against mechanical vibration and shock because it is a solid element. f d 0.05 d max. f t max. w 0.8 y 0.3 (in mm) 250v series d max. 4.0 1.5 6.0 max. f 1.5 (in mm) t max. ? 0.05 265v series (ptgl_1b0) f 1.5 ? 0.05 d max. t max. 6.0 max. 4.0 1.5 (in mm) 265v series (ptgl_2b0) part number max. voltage (v) non-operating current at +60 c (ma) operating current at -10 c (ma) max. current (a) resistance (at 25 c) (ohm) curie point ( c) body diameter (d) (mm) thickness (t) (mm) lead space (f) (mm) lead diameter (phi d)(mm) ptgl07bb220n0b52a0 250 90 300 0.5 22 30% 100 (bb) 8.0 6.0 5.0 0.6 ptgl10bb120n0p52a0 250 90 300 0.6 12 30% 100 (bb) 11.0 6.0 5.0 0.6 ptgl09ar390n0b52a0 250 100 280 0.6 39 30% 120 (ar) 10.0 6.0 5.0 0.6 ptgl05ar151h8p52b0 265 28 78 0.2 150 25% 120 (ar) 6.0 6.0 5.0 0.6 ptgl05ar181m9n51b0 265 29 70 0.3 180 20% 120 (ar) 6.5 6.5 5.0 0.5 ptgl05ar121m9n51b0 265 35 85 0.3 120 20% 120 (ar) 6.5 6.5 5.0 0.5 ptgl07ar820m9a51b0 265 60 150 0.5 82 20% 120 (ar) 8.2 6.5 5.0 0.5 ptgl07ar700h8b52b0 265 66 185 0.4 70 25% 120 (ar) 8.0 6.0 5.0 0.6 ptgl07ar650h8b52b0 265 68 190 1.0 65 25% 120 (ar) 8.0 6.0 5.0 0.6 ptgl07ar450h8b52b0 265 80 220 1.0 45 25% 120 (ar) 8.0 6.0 5.0 0.6 ptgl07ar560m9a51b0 265 80 190 0.8 56 20% 120 (ar) 8.2 6.5 5.0 0.5 ptgl09ar390m9c61b0 265 100 240 1.2 39 20% 120 (ar) 10.0 6.5 6.5 0.65 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
39 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. part number max. voltage (v) non-operating current at +60 c (ma) operating current at -10 c (ma) max. current (a) resistance (at 25 c) (ohm) curie point ( c) body diameter (d) (mm) thickness (t) (mm) lead space (f) (mm) lead diameter (phi d)(mm) continued from the preceding page. ptgl09ar250h8b52b0 265 118 330 1.0 25 25% 120 (ar) 10.0 6.0 5.0 0.6 ptgl12ar270m9c01b0 265 150 360 1.5 27 20% 120 (ar) 14.0 6.5 10.0 0.65 ptgl12ar150h8b72b0 265 165 460 1.5 15 25% 120 (ar) 12.5 6.0 7.5 0.6 ptgl14ar180m9c01b0 265 180 440 1.8 18 20% 120 (ar) 15.7 6.5 10.0 0.65 ptgl13ar100h8b72b0 265 200 560 2.2 10 25% 120 (ar) 14.0 6.0 7.5 0.6 ptgl18ar6r0h8b72b0 265 300 830 4.1 6.0 25% 120 (ar) 18.5 6.0 7.5 0.6 maximum current shows typical capacities of the transformer which can be used. please contact us for ul approved products. the order quantity should be an integral multiple of the "minimum quantity" shown in the "package" page. ptgl_5*b0 series are available in taping type. n protective threshold current range (250v series) ptgl07bb220n0b52a0 - 2 0 0 2 04 06 0 ambient temperature( c) 0 50 100 150 200 250 300 350 400 current(ma) non-operating current protective threshold current trip current 80 ptgl10bb120n0p52a0 protective threshold current [ma] 100 20 300 400 200 ambient temperature [?c] 0 - 20 0 40 6 0 8 0 protective threshold current non-operating current trip current ptgl09ar390n0b52a0 current [ma] - 20 ambient temperature [?c] 0 2 04 06 08 0 0 trip current non-operating current protective threshold current 400 300 200 100 n protective threshold current range (265v series) ptgl05ar151h8p52b0 current [ma] 20 20 80 60 40 ambient temperature [?c] 0 -20 0 40 60 trip current protective threshold current non-operating current ptgl05ar181m9n51b0 current [ma] 20 20 120 80 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 80 40 60 100 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
40 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n protective threshold current range (265v series) ptgl05ar121m9n51b0 current [ma] 20 20 120 80 ambient temperature [?c] 0 - 20 0 40 6 0 trip current protective threshold current non-operating current 80 40 60 100 ptgl07ar820m9a51b0 current [ma] 50 20 200 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 80 100 150 250 ptgl07ar700h8b52b0 current [ma] 50 20 200 150 100 ambient temperature [?c] 0 -20 0 4 0 60 trip current protective threshold current non-operating current ptgl07ar650h8b52b0 current [ma] 100 20 200 ambient temperature [?c] 0 -20 0 40 60 trip current protective threshold current non-operating current 300 ptgl07ar450h8b52b0 current [ma] 100 20 200 ambient temperature [?c] 0 -20 0 4 0 60 trip current protective threshold current non-operating current 300 ptgl07ar560m9a51b0 current [ma] 50 20 200 ambient temperature [?c] 0 - 20 0 4 0 60 trip current protective threshold current non-operating current 80 100 150 250 ptgl09ar390m9c61b0 current [ma] 100 20 400 300 200 ambient temperature [?c] 0 - 20 0 4 0 60 trip current protective threshold current non-operating current 80 ptgl09ar250h8b52b0 current [ma] 100 20 300 200 ambient temperature [?c] 0 -20 0 40 60 trip current protective threshold current non-operating current continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
41 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n protective threshold current range (265v series) ptgl12ar270m9c01b0 current [ma] 100 20 400 300 200 ambient temperature [?c] 0 - 20 0 40 6 0 trip current protective threshold current non-operating current 80 ptgl12ar150h8b72b0 current [ma] 200 20 600 400 ambient temperature [?c] 0 -20 0 40 60 trip current protective threshold current non-operating current ptgl14ar180m9c01b0 current [ma] 200 20 600 400 ambient temperature [?c] 0 - 20 0 40 60 trip current protective threshold current non-operating current 80 ptgl13ar100h8b72b0 current [ma] 200 20 800 600 400 ambient temperature [?c] 0 -20 0 4 0 6 0 trip current protective threshold current non-operating current ptgl18ar6r0h8b72b0 current [ma] 500 20 1000 ambient temperature [?c] 0 -20 0 40 60 protective threshold current non-operating current 1500 trip current please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
42 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. n operating time 250v series (typical curve) ptgl07bb220n0b52a0 overcurrent (a) 0.5 1.0 1.5 10 20 30 40 operating time (sec.) - 10?c 25?c ambient temp. 60?c ptgl10bb120n0p52a0 oper ating time [sec.] 0 ov ercurrent [a] 70 60 50 40 30 20 10 0 y 10?c 25?c ambient t emp . 60?c 0.5 1.0 1.5 ptgl09ar390n0b52a0 operating time [sec.] 0 overcurrent [a] 30 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 2.0 20 10 n operating time 265v series (typical curve) ptgl05ar151h8p52b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 -10?c 25?c ambient temp. 60?c 0.04 0.08 0.12 0.16 0.20 ptgl05ar181m9n51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
43 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time 265v series (typical curve) ptgl05ar121m9n51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 ptgl07ar820m9a51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 ptgl07ar700h8b52b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 -10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 ptgl07ar650h8b52b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 0.2 0.4 0.6 0.8 1.0 -10?c 25?c ambient temp. 60?c ptgl07ar450h8b52b0 operating time [sec.] 0 overcurrent [a] 70 50 40 30 20 10 0 0.2 0.4 0.6 0.8 1.0 1.2 60 -10?c 25?c ambient temp. 60?c ptgl07ar560m9a51b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 0.5 1.0 1.5 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
44 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time 265v series (typical curve) ptgl09ar390m9c61b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 ptgl09ar250h8b52b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 -10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 1.0 ptgl12ar270m9c01b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 ptgl12ar150h8b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c 60?c 0.2 0.6 ambient temp. 0.4 ptgl14ar180m9c01b0 operating time [sec.] 0 overcurrent [a] 25 20 15 10 5 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 ptgl13ar100h8b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 0.2 0.4 0.6 0.8 1.0 continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
45 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n operating time 265v series (typical curve) ptgl18ar6r0h8b72b0 operating time [sec.] 0 overcurrent [a] 70 60 50 40 30 20 10 0 - 10?c 25?c ambient temp. 60?c 1.0 2.0 3.0 n application circuit 250v series (1) transistor protection circuit r l r a r e r b c pth (2) transformer protection circuit 1) power supply d c pth (3) transformer protection circuit 2) power supply pth (4) fluorescent lamp protection circuit power source fluorescent lamp ss r c c ch c pth continued on the following page. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
46 6 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. continued from the preceding page. n application circuit 250v series (5) short-circuit test of ic arrester pth pth varistor varistor telephone or pbx n application circuit 265v series (1) transformer protection circuit 1) power supply d c pth (2) transformer protection circuit 2) power supply pth please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com
item rating value method of examination satisfies ratings -10 c-+60 c continuous operating temperature resistance value (at 25c) resistance value is measured by applying voltage under 1.5vdc (by a direct current of less than 10ma) at 25c. (but it must be measured after maximum voltage is applied for 180 seconds and then is left for 2 hours at 25c.) as for 16v series, measurement probe should be connected on the lead wire at the point within 2mm from the below side of the forming. resistance should be measured 4 wing method. the temperature range with maximum voltage applied to the posistor r . no problem withstanding voltage we apply ac voltage 120% that of the maximum voltage to posistor r by raising voltage gradually for 1805 seconds at 25c. (a protective resistor is to be connected in series, and the inrush current through posistor r must be limited below max. rated value.) no damage tensile strength of lead wire terminal the load is gradually applied to each terminal of posistor r until the force of the following table in the axial direction with fixing posistor r 's body itself and this load is being kept for 10 seconds. lead wire does not come off bending strength of lead wire terminal posistor r is held so that it is perpendicular to the lead wire with the following lead hanging in the axial direction of the lead wire. the lead wire is slowly bent toward 90 and returned. then it is slowly bent in the opposite direction and returned to original state. solder is applied around the lead wire covering 3/4 or more of the circumference without gap in the axial direction. solderability the lead wire of posistor r is soaked in a isopropyl alcohol (jis k 8839) or ethanol (jis k 8101) solution (about 25wt%) of colophony (jis k 5902) for 5 to 10 sec. and, each lead wire is soaked in molten solder (jis z 3282 h60a) at 2355c from the bottom to a point of 2.0 to 2.5mm for 20.5 sec. ? r/r 25 < = 15% terminal durability of soldering the lead wire of posistor r is soaked in molten solder (jis z 3282 h60a) at 35010c from the bottom to a point of 2.0 to 2.5mm for 3.50.5 sec. and, after the device is being left at room temperature (25c) for 244 hours, the resistance is measured. ? r/r 25 < = 20% humidity test posistor r is set in an environmental chamber at 402c and 90 to 95% humidity for 5004 hours. and after the device is being left at room temperature (25c) for one hour, the resis- tance measurement is performed. ? r/r 25 < = 20% load cycle test at high temperature posistor r is set in an environmental chamber at 603c with maximum voltage applied for 1.5 hours and then is left without voltage applied for 0.5 hours. this cycle is repeatedfor 100010 hours, and after the device is left at room temperature (25c) for one hour, the resistance measurement is performed. (a protective resistor is to be connected in series and the inrush current through posistor r must be limited below max. rated value.) lead diameter ?0.60mm max. ?0.65mm min. 4.90n 9.80n force lead diameter ?0.60mm max. ?0.65mm min. 2.45n 4.90n force ptgl series specifications and test methods 58 9 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. ! note r90e6.pdf 04.3.1 pdf create 8 trial www.nuance.com


▲Up To Search▲   

 
Price & Availability of PTGL12AR100M6C01B0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X