Part Number Hot Search : 
OXU931SF 256160 RCR60C BTN7973B C74LCX5 MSS12 LTC1264 2SC3800
Product Description
Full Text Search
 

To Download PT4215-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document 128-1 170w 250w 500w 750w 1000w switchmode transformer ferrite e core packages ? cost effective designs ? use of standardized components speeds delivery ? vde, iec, ul, csa compatible ? maximized winding area ? frequency range: 10-250 khz and higher ? power range: 1-1,000 watts ? ul approved class 130c insulation system available (ul file e83628) coilcraft offers a complete standard line of switching power transformer packages. their reliable, cost effec- tive magnetics design has been achieved using stan- dard ferrite e cores and coilcraft?s own bobbin designs. these transformer assemblies can be used for up to 1000 watts output power over a wide frequency range. they?re applicable in all types of switching power supply circuits including forward converter, flyback, and bridge types. vde, iec, ul, and csa safety specifications were a major consideration in the development of these trans - former materials. the bobbins and cores have been de - veloped to achieve straightforward designs that meet the full intent of all major international safety codes. also available in powdered iron powered iron e cores are now available for all coilcraft standard e core packages except the pt 7019. this has extended the versatility of these packages, making them an ideal choice for power inductors as well as switching power transformers. powdered iron cores are available in industry-wide standard materials ranging from 25 to 75 . the high saturation levels of powdered iron combine with the economy of the e core shape to provide inductors that have larger energy storage capacity and are straightfor - ward to design. for additional specifications and design information contact your coilcraft representative. 100w specifications subject to change without notice. document 128-1 revised 2/21/97
document 128-2 figure 1 note: chart based on n p = (e ? t) x 10 bxa 8 e (for further reference, see coilcraft?s application note ?structured design of switching power magnetics,? document 129.) the following tables and charts should be used in conjunction with coilcraft?s application note ?structured design of switching power magnetics?, document 129. pt3595 pt4113 pt4215 pt4220 pt5521 pt7019 power capacity @ 100 khz* 100 w 170 w 250 w 500 w 750 w 1,000 w a e (eff. cross sectional area) .89 cm 2 1.61 cm 2 1.84 cm 2 2.40 cm 2 3.46 cm 2 3.25 cm 2 l e (mean mag. path length) 7.30 cm 8.27 cm 10.32 cm 10.32 cm 13.08 cm 16.97 cm a w (bobbin winding area) .95 cm 2 1.24 cm 2 1.95 cm 2 1.95 cm 2 3.23 cm 2 6.39 cm 2 required board space 1.47 x 1.30 1.75 x 1.45 1.83 x 2.10 1.83 x 2.10 2.05 x 2.35 2.50 x 2.95 typical max. height 1.17 1.30 1.72 1.82 2.05 2.45 average length per turn 2.9 3.4 3.7 3.9 4.4 4.8 note: all bobbins are rated ul 94v-0, 130 c minimum. *typically power capacity increases linearly with frequency, and may vary depending on the specific converter configuration use d. specifications subject to change without notice. document 128-2 revised 2/21/97
document 128-3 figure 3 figure 2 specifications subject to change without notice. document 128-3 revised 2/21/97
document 128-4 pt 3595 pt 4215-1 pt 4215-2 pt 4113 pt 4215-3 pt 4215-4 unspecified tolerance .xxx .005 0,13 mm unspecified tolerance .xx .01 0,25 mm specifications subject to change without notice. document 128-4 revised 2/21/97
document 128-5 pt 4220-1 pt 4220-2 pt 4220-3 * a 4 mm vde-iec spacer pt 5521 * also available without 3 mm vde-iec spacer pt 7019 specifications subject to change without notice. document 128-5 revised 2/21/97


▲Up To Search▲   

 
Price & Availability of PT4215-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X