revision 9/9/2013 www.phihong.com 19.6w power over ethernet adapter poe20u high power single port injector features ? fully compliant detection, disconnect, overload and voltage control ieee802.3af ? unh iol test report ? full protection ocp, ovp ? diagnostic leds ? gigabit compatible ? non-vented case ? 1 year warranty applications ? ip telephones ? security cameras ? wireless network access points ? ip print servers ? blue tooth access points safety approvals ? cul/ul ? s-jet ? ce mechanical characteristics ? length: 140mm (5.51in) ? height: 36mm (1.42in) ? width: 65mm (2.55in) ? weight: 0.2kg (0.44lb.) output specifications phihong is not responsible for any error, and reserves the righ t to make changes without notice. please visit our website at www.phihong.com for the most up-to-date specifications and co ntact information. model dc output voltage load regulation min. max. line load poe20u-560(g) 56v 0a 0.35a 4%
poe20u-560(g) characteristics www.phihong.com input: ac input voltage range 90 to 264v ac ac input voltage rating 100 to 240v ac ac input current 0.75a (rms) maximum for 90v ac 0.45a (rms) maximum for 240v ac leakage current 1.0ma maximum at 254v ac, 50hz ac input frequency 47 to 63hz ac inrush current 15a (rms) maximum for 115v ac 20a (rms) maximum for 230v ac output: total output power 19.6w at 56v dc efficiency 65% at maximum load, and 120v ac 60hz hold-up time 16ms minimum at 120v ac and maximum load transient o/p voltage protection 60v maximum at switch on/off at any ac line phase environmental: temperature operation 0 to +40c non-operation -25 to +65c humidity 10 to 90% emc fcc part 15 class b en55022 class b isolation test primary to secondary: 4242v dc for 1 minute 10ma primary to field ground: 2121v dc for 1 minute output to field ground: 2121v dc immunity esd: en61000-4-2 level 3 rs: en61000-4-3 level 2 eft: en61000-4-4 level 2 surge en61000-4-5 level 3 cs: en61000-4-6 level 2 voltage dips en61000-4-11 harmonic: en61000-3-2 class a insulation resistance primary to secondary: >10m ohm 500v dc primary to field ground: >10m ohm 500v dc feature: over voltage/current, short circuit protection outputs equipped with short circuit protection and overload protection as per 802.3af specifications the output can be shorted permanently without damage. indicators green led 1: input power ?on? red led: fault detected green led 2: valid ieee802.3af load detected and connected input connector iec320 inlet 3 pin warranty 1 year dimension diagram unit: mm (inch)
diagnostic led functions and schematic block diagram www.phihong.com power-up sequence: upon power-up, all 3 leds will light for 2 seconds, as part of the self-test for the internal microprocessor software. after the end of the 2 seconds, the "on" led will illuminate green, signifying that the dc output voltage is available for powering a compliant load (to the 802.3af poe standards). detection sequence: once a compliant load is attached to the output rj45 connector, the green "connect" led will illuminate. should the load be non-compliant then the leds will blink a code signifying the cause for non- detection. detection failure codes: 1. incorrect resistive signature ? the green ?c onnect? and red ?fault? leds will blink 3 times. 2. incorrect capacitive signature ? th e green ?on? led will blink 3 times. 3. incorrect voffset ? the green ?connect? and green ?on? leds will blink 3 times. 4. unstable current measurement ? the green ?on? led will blink 3 times 5. low voltage sensed during detection (overload) ? the red ?fault? led will blink 3 times after the leds blink 3 times the power injector will continue to try to detect a valid load. therefore, until the correct load is applied, the leds will continue to blink. if there is an open circuit connected to the output rj45 then the leds will not blink but the power injector will continue to try to detect a valid load. fault sequence: should there be a fault such as an overload or short circuit then the red "fault" led will illuminate. the red ?fault? led will illuminate for 2 seconds and then go off as the power supply tries to redetect a valid load. if there is a problem in detecting, the led will indicate what is wrong with the load as per the codes in the section above.
|