1. general description the pca8543 is a peripheral device which interf aces to almost any liquid crystal display (lcd) 1 with low multiplex rates. it generates the drive signals for any static or multiplexed lcd containing up to four backplanes, 60 segments, and up to 240 elements. the pca8543 is compatible with most microcont rollers and communicates via the two-line bidirectional i 2 c-bus. communication overheads are mi nimized using a display ram with auto-incremented addressing and display me mory switching. the pca8543 features an internal charge pump with internal capacitors for on-chip generation of the lcd driving voltages. for a selection of nxp lcd segment drivers, see table 40 on page 59 . 2. features and benefits ? aec q100 grade 2 compliant for automotive applications ? low power consumption ? extended operating temperature range from ? 40 ? c to +105 ? c ? 60 segments and 4 backplanes allowing to drive: ? up to 30 7-segment alphanumeric characters ? up to 15 14-segment alphanumeric characters ? any graphics of up to 240 elements ? selectable backplane drive configuration: static, 2, or 4 backplane multiplexing ? programmable internal charge pump for on-chip lcd voltage generation up to 3 ? v dd2 ? 400 khz i 2 c-bus interface ? selectable linear temperature compensation of v lcd ? selectable display bias configuration ? wide range for digital and analog power supply: from 2.5 v to 5.5 v ? wide lcd supply range: from 2.5 v for lo w threshold lcds and up to 9.0 v for high threshold (automobile) twisted nematic lcds ? on-chip ram for display data storage arranged in two banks ? display memory bank switching ? programmable frame frequency in steps of 10 hz in the range of 60 hz to 300 hz; factory calibrated with a tolerance of ? 15 % covering the whole temperature and voltage range ? selectable inversion scheme for lcd driving waveforms: frame or line inversion pca8543 4 x 60 automotive lcd segment driv er with integrated charge pump rev. 1 ? 21 january 2014 product data sheet 1. the definition of the abbreviations and acr onyms used in this data sheet can be found in section 19 on page 62 .
pca8543 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2014. all rights reserved. product data sheet rev. 1 ? 21 january 2014 2 of 70 nxp semiconductors pca8543 4 x 60 automotive lcd segment driver with integrated charge pump ? integrated temperature sensor with temperature readout ? on chip calibration of intern al oscillator frequency and v lcd 3. applications ? instrument cluster ? car radio ? climate control units 4. ordering information 4.1 ordering options 5. marking table 1. ordering information type number package name description version PCA8543AHL lqfp80 plastic low prof ile quad flat package; 80 leads; body 12 ? 12 ? 1.4 mm sot315-1 table 2. ordering options product type number sales item (12nc) orderable part number ic revision delivery form PCA8543AHL/a 935303762518 PCA8543AHL/ay 1 tape and reel, 13 inch, dry pack table 3. marking codes type number marking code PCA8543AHL PCA8543AHL
pca8543 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2014. all rights reserved. product data sheet rev. 1 ? 21 january 2014 3 of 70 nxp semiconductors pca8543 4 x 60 automotive lcd segment driver with integrated charge pump 6. block diagram (1) the charge pump can generate a maximum output voltage of 3 ? v dd2 . fig 1. block diagram of pca8543 d d d / & |