Part Number Hot Search : 
25P05 CXA2095S 098BC1 MA723C H78G1 SB3100 MAX1743 PEC550
Product Description
Full Text Search
 

To Download OST4ML8132A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8 8 m m m m r r o o u u n n d d i i n n t t e e l l l l i i g g e e n n t t c c o o n n t t r r o o l l r r g g b b l l e e d d OST4ML8132A features outline dimension high luminous leds 8mm round standard directivity ic use cmos technology adjust grayscale circuit (can adjust 256 grayscale level) series interface, cascade interface built-in power on reset circuit completely receive and decode data through a single wire. directly connect to electronic power without transformer white diffused type applications toys christmas lamp 2 4 . 5 m i n 2 2 . 0 m i n unit:mm tolerance: + 0.3mm 2 0 . 5 m i n 1 . 5 m i n 1. din 2. vdd 3. gnd 4. dout 1 1 . 0 7.8 9 . 2 8.0 2 . 0 1 2 3 4 absolute maximum rating (ta=25 ) )) ) directivity item symbol value unit power supply vdd 6 v operating temperature topr -30 ~ +85 storage temperature tstg -40~ +100 lead soldering temperature tsol 260 /5sec - 0.5 30 90 60 0 0 0.5 30 60 90 1 1 electrical -optical characteristics (ta=25 vss=0v ) )) ) item symbol min. typ. max. unit pin definition supply voltage vdd 3.5 - 6.0 v symbol pin name description din data input control data input withstand voltage of output terminal dout - - 6.0 v do data output control data output led current if(r/g/b) - 15 - ma vdd logic power internal power of chip data input din - - 10 v gnd logic ground internal ground of chip red 620 625 630 green 520 525 530 dominant wavelength* blue 465 470 475 nm red 350 450 - green 500 600 - luminous intensity* blue 150 200 - mcd 50% power angle 2 1/2 - 30 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies
8 8 m m m m r r o o u u n n d d i i n n t t e e l l l l i i g g e e n n t t c c o o n n t t r r o o l l r r g g b b l l e e d d OST4ML8132A item symbol min. typ. max. unit supply voltage vdd 3.5 - 6.0 v high level and middle level differential pressure vi1 - 0.5*vdd - v middle level and low level differential pressure vi2 - 0.5*vdd - v din input, pin wave as bellow. data information format 1. data format 2. the minimum data unit definition led & application technologies
8 8 m m m m r r o o u u n n d d i i n n t t e e l l l l i i g g e e n n t t c c o o n n t t r r o o l l r r g g b b l l e e d d OST4ML8132A 3. for example: 2 ic cascade application circuit 1. connect to 220velectronic supply, suggest to use 48pcs led in series 2. connect to 110velectronic supply, suggest to use 24pcs led in series led & application technologies


▲Up To Search▲   

 
Price & Availability of OST4ML8132A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X