Part Number Hot Search : 
AK439303 1H105K HCPL3120 HMC290E F103Z XTL1011 MG1401A BU508D
Product Description
Full Text Search
 

To Download NOMCT16031002AT0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nomc www.vishay.com vishay dale thin film revision: 08-jan-13 1 document number: 60007 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 molded, 50 mil pitch, dual-in-line thin film resistor, narrow body, surface mount network the nomc series features a standard 14 pins and 16 pins narrow body (0.150") small ou tline surface mount style. it can accommodate resistor ne tworks to your particular application requirements. the networks can be constructed with passivated nichrome (standard), or tantalum nitride (1) resistor films to op timize performance. note (1) available upon request. resistance value range and performance di ffers from passivated nichrome standard electrical specifications on datasheet, consult factory. features ? standard 14 pins and 16 pins counts (0.150" narrow body) jedec ms-012 variation ab and ac ? rugged molded case construction ? excellent long term ratio stability ( ? r 0.015 %) ? low tcr tracking 5 ppm/c ? isolated and bussed schematics ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note * lead (pb)-containing terminations are not rohs-compliant. exemptions may apply. typical performance schematics the 01 circuit provides a choice of 13 or 15 equal value resistors each connected between a common lead (14 or 16). custom schematics available. the 03 circuit provides a choice of 7 or 8 equal value resistors each connected between a common lead (14 or 16). custom schematics available. note ? consult factory for additional values actual size absolute tracking tcr 25 5 absolute ratio tol. 0.10 0.05 nomc1401 or nomct1401 nomc1601 or nomct1601 nomc1403 or nomct1403 nomc1603 or nomct1603 standard resistance offering (equal value resistors) isolated (03) schematic bussed (01) schematic 1 k ? 10 k ? 2 k ? 20 k ? 5 k ? 10 k ? 20 k ? 100 k ?
nomc www.vishay.com vishay dale thin film revision: 08-jan-13 2 document number: 60007 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? available upon request. resistance value range and performance differs from passivated nichrome standard electrical specificat ions on datasheet, co nsult factory. standard electrical specifications test specifications conditions material passivated nichrome (standard) tantalum nitride (available upon request) - pin/lead number 14, 16 - resistance range 100 ? to 50 k ? each resistor (bussed (01) schematic) - - 100 ? to 100 k ? each resistor (iso lated (03) schematic) tcr: absolute 25 ppm/c (standard) - 55 c to + 125 c tcr: tracking 5 ppm/c (typical) - 55 c to + 125 c tolerance: absolute 0.10 % to 1 % + 25 c tolerance: ratio 0.025 % to 0.1 % + 25 c power rating: resistor 100 mw ((typical) (03) schematic) maximum at + 70 c 50 mw ((01) schematic) power rating: package 400 mw/500 mw maximum at + 70 c stability: absolute ? r 0.05 % 2000 h at + 70 c stability: ratio ? r 0.015 % 2000 h at + 70 c voltage coefficient < 0.1 ppm/v - working voltage 100 v max. not to exceed - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise ? - 30 db - thermal emf 0.08 v/c - shelf life stability: absolute ? r 0.01 % 1 year at + 25 c shelf life stability: ratio ? r 0.002 % 1 year at + 25 c p x r dimensions and imprinting in inches and millimeters dimension 14 16 inches millimeters inches millimeters h 0.235 5.969 0.235 5.969 e 0.154 3.911 0.154 3.91 o 0.340 8.363 0.390 9.906 a 0.063 1.60 0.063 1.60 e 0.050 1.270 0.050 1.270 b 0.015 0.381 0.015 0.381 c 0.008 0.203 0.008 0.203 l 0.025 0.635 0.025 0.635 a1 0.006 0.152 0.006 0.152 h 0.015 0.381 0.015 0.381 h x 45 a 1 a c l e b index area pin 1 locator o e h mechanical specifications resistive element passivated nichrome substrate material silicon body molded epoxy terminals copper alloy lead (pb)-free option 100 % matte tin tin lead option sn90 tin lead and lead (pb)-free finish plated
nomc www.vishay.com vishay dale thin film revision: 08-jan-13 3 document number: 60007 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) tolerance available 1k and up (2) preferred packaging code ordering information check list (customs) special requirements should be identified in advance, but as a minimum, you should have the following information ready. electrical mechanical 1. resistors, by value and tolerance 2. reference resistor(s ) and matching of whic h resistors to which reference resistors 3. reference by ratio 4. absolute temperature coefficient of resistivity 5. temperature tracking of subordinate resistors to reference resistor(s) 6. maximum operating voltage 7. resistor power ratings 8. operating temperature range 1. maximum allowable seated height (from pc board to top of network) 2. special marking concerns 3. schematic pin out of package global part number information new global part nu mbering: nomc16031002buf global model (4 or 5 digits) pins schematic resistance tolerance and ratio tolerance packaging nomc (tin lead) nomct (lead (pb)-free) (e3) 14 16 01 = 13 or 15 bussed equal value resistors 03 = 7 or 8 isolated equal value resistors first 3 digits are significant figures and the last digit specifies the number of zeros to follow. example: 1002 = 10k 1003 = 100k abs. tol. a = 0.1 % (1) b = 0.1 % c = 0.25 % d = 0.5 % f = 1 % z = 0.1 % (1) ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % 0.025 % tape and reel t0 = 100 min., 100 mult t1 = 1000 min., 1000 mult (2) t3 = 300 min., 300 mult t5 = 500 min., 500 mult tf = full reel 2500 ts = 100 min., 1 mult uf = tubed historical part numb er example: nomc16031002z (for reference purposes only) nomc 16 03 1002 z series pins schematic resistance tolerance and ratio tolerance ct1 4 3 1 0 0 om 3zt1 0 n mc 1 6 3 1 0 0 no 2buf 0
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of NOMCT16031002AT0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X