Part Number Hot Search : 
50006 W503YDT 4R7M4 FDC87W22 BDR2G MP150 AC2626L6 LT3850
Product Description
Full Text Search
 

To Download MUR3020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic package has underwriters laboratory flammab ility classification 94v-0. flame retardant epoxy molding compound. exceeds environmental of mil-s-19500/228 low power loss, high efficiency. low forward voltage, high current capability. high surge capability. super fast recovery times, high voltage. epitaxial chip construction. in compliance with eu rohs 2002/95/ec directives. case : to-220ab, molded plastic. terminals : solderable per mil-std-750 method 2026 weight : 1.859 gram (0.0655 ounces). standard packaging : tube. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwis e specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. at 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. reverse recovery test conditions: i f =0.5a, i r =1a, irr=0.25a. 3. both bonding and chip structure are availiable. 200 1.3 300 30 mur3040ct MUR3020CT 200 140 pf c/w 400 280 400 volts amp amps volts tj=25c tj=125c maximum dc reverse current rated dc blocking voltage units parameter maximum recurrenent peak reverse voltage maximum rms voltage volts volts a 0.95 v dc i f(av) i fsm maximum dc breakdown voltage maximum average forward current at t c = 90c peak forward surge current, 8.3ms single half sinew ave superimposed on rated olad(jedec methode) typical thermal resistance note : operating and storage temperature range t stg -55 +150 c r jc maximum reverse recovery time (note 2) typical junction capacitance (note 1) ns features mechanical data dimensions in inches and (millimeters) maximum forward voltage at 15a symbols v rrm v rms MUR3020CT thru mur3040ct super fast recovery rectifier reverse voltage - 200 and 400 volts forward current - 30.0 ampere to-220ab 140 2 t rr c j v f i r 1 50 35 0.196(5.0) 0.163(4.16) 0.115(2.92) 0.080(2.03) ? 0.139(3.55) min 0.025(0.65) max 0.054(1.39) 0.045(1.15) 0.50(12.7) mi n 0.177(4.5)max 0.624(15.87) 0.548(13.93) 0.419(10.66)max. 0.038(0.96) 0.019(0.50) 0.1(2.54) typ. 0.269(6.85) 0.226(5.75) pin 1 0.058(1.47) 0.042(1.07) 1 2 3 ac ac good electronic co., ltd free datasheet http:///
ratings and characteristic curves MUR3020CT thru mur3040ct fig. 1- forward current derating curve 0 4 8 12 16 20 0 20 40 60 80 100 120 140 160 case temperature, c average forward current (a) . leadlenghts resistiveorinductiveload fig. 2-typical instantaneous forward characteristics 0.1 1 10 100 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 instantaneous forward voltage (v) instantaneous forward current (a) 200v 300v-400v 200v fig. 3-typical reverse characteristics 0.1 1 10 100 1000 20 40 60 80 100 120 percent of rated peak inverse voltage (v) invstantaneous reverse current (ua) . t j =125 c t j = 75 c t j = 25 c fig. 5-typical junction capacitance 10 20 30 40 50 60 70 80 1 2 5 10 20 50 100 200 500 reverse voltage (v) capacitance (pf) . t j = 25 c fig. 4-maximum non-repetitive surge current 0 25 50 75 100 125 150 1 2 5 10 20 50 100 no. of cycle at 60hz peak forward surge current (a) . 8.3ms single halfsince-wave jedec method good electronic co., ltd free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MUR3020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X