Part Number Hot Search : 
337M0 25VF0 120CA R6008FNJ KK555D 2020A 2127A ARF221
Product Description
Full Text Search
 

To Download MS20426 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i l t- ?leti l,h , 010? + ueeek.! \>/? ~kr}% ,, &c r,o?, 6, ma, r,al ,,,,,,,,,,.,, ,4 ..,7,. an. ~ % %q% ilclcpl %56(8) 2,,7( ad) 2024 ( 00) raecd cross d,?,mt? o,d ma, iw5m double dash (( naciw ,.lile 1, rwe t 0, ?ltlwj,& * % c . ?ono 3 e s i& -ml rh (9 denotes clww(s) lincti-poundl l-. . . eparwc aclwlrf, navt-as i !.!11 ltary spfc, f,17aw3n shcet ?ecf(m?on ?hcm ?u~ MS20426 ,,. ,. =j mm ,4 se, ,, ,tc!cnm *,w.,r naw - title .,, force-w dm- ,!??, mm, co,?,,,. ?,, ,0,7, ?,?--???~fi (lw .?. cl, ,s, ?e. mi. 0s, s2 prcc,w2n hwu;~a~n:wo:nli ,,,..,?, lr: uc wect n?lam. 5320-080, amk - ./. nc 5310 ,mlwna. s, ne.m, , @,-d fm wm. r.lme, d!.hb.tm. !. .ti, m,,.d ,.,. .l ., > -.. ----- . . . . . uij towi b/z, may h&i ?-. --w --- . . . . . m .s20426 k. 2, ,,. 9, source: http://www.assistdocs.com -- downloaded: 2006-09-28t20:27z check the source to verify that this is the current version before use.
r.rm *.c..ed (.) oo, -(fdcn swm dia.ftlr iwcrf.se pewssiblc withi14 100. iw31 or baw of mm. 0.0 t,. 070. -o!m (b] rpjtts may lie furt415hfd ?+.41.!14 p1/dn if4ds, or chalw[rcd 0,05 .,1? a rad,?s 10 1+<[ ?r d,?en5 ,0,,5 or a 2u cpamfer to the ?~ diucijsion ,. miebi& .,?.,,??. ,ic?3-f (??3,,00) ,140 #luuinum allo!s y3,7-t4 (.?320 ,7), 20>. ?14 (.92074). 21! 7-14 (.9?, ,7) 2219-18! (a92119], 22,9-167 [.9?1!9] 5056-mj? (?95056). 7050-173 (a?270w) per c.- a-4jo at10 titn,ium col?? w?? allor 45cb (r58450) p[r aus 1982, 2. ,0. part numbers or rmt l[ncrh not lt51e0 5hw ,/,6 im4c rmmt wmmm. 3 nxitio!jal 1/32 le,kih i??crem[ 1415 may li[ obtainzn by addltlc -5 afiir 1?[ la51 digit or letter 1!1 part number. 4, example of part fwu ber: ~~~ m4a4-!. a- l = aluwwju allof 21 i 7-14 rivi1, l/e ow (3/4 l i /32) long, an od,z[ cl[ar k if, dicaies adoiiioi{al i /32 i!jch iiicreul!,l (!j l[!?gih ,40 code ,? jd,cak5 chemical 5urfacc !rcaiuk,?t po? ?il-c -5541. class l., golv?il low ?a. i,jma1[s .,,0012[ per ijil- .-8625. m,c ii. class ! cl[ap .o- $woicaies njodizc per uil-4-86?5, n p1 l,, class 1, @lcbl rouaie seal :r ,,?mc.7e5 0m0t4 of . . . f(,mi ckc,t .5 l,olm !5[,0. t i?401ca1e0 chemical slirf.ck 1r[a1?ep21 p[r w-c-554 1, cl.ss 1a. ll[6w vr ,m,cms amodiz[ pir 14-. -a6:5. rlp~ ii, cms5 2 ,,0,[, m ! !00 .,. chcmical 51jrfac[ l[eatui, jt prr mil-c. - 5541. class 11. 03l0fi cll0w (mo tom. for 2024 a,, anod!x p[r ?,, ?a-8675, t,p[ ,,, ,,,s.s 1, [! ichrgma, l scm or cl[ar or class 2 wih specified color (a. @ or 13 c@@[) roll 2017. ? i i 7, 2112, 5056 and 7050 al, c14ewx rltilsn 5urra,:l iria1u c141 per m, l-l-554!, class 14. clibr or cqld/7c, lcw (cl car f,l!j sh.l, w ,6[0 oiily whiti auimorwed) or anodize per nil-a-8625, rw ii, class 1 iclear or olcmomlr s[bl) or cl*ss : f m ii tm,iuu columbilim, ho rltm riouircd. i,, dicaies l[14g1h 1!, 1/16 of .,8 i?4ch i,,0,cak5 d! amet[r l!, ,/32 0, ~,, i,,ch. + -r f,m,mm i ,cx-r mum.. :au i! jc!catis 2117-14 al allot -c ? ?i- lftdicblts 10%-173 al allof ? ?f ,,,01c*1c5 liianiuu columbium allot 458:? ?j- i) kica1[s :219-15: ?l all(i, ~ b*,,, ?, 1,?.,,,. 6 ua,,?faci?riry ldetj1lr,ca1$om is rco?,fi[d 10 .x pr1s5[d c>t4 kwli ,ai?l. cm i or @[ feltze l?mci or 5pecif (ca1(o,js mu 51 n4daros [wnlss) smclr ([o in ml 301., cita780,2 ronu h par i m ,,,,s ,,,,,.,.. t? ,,,, ,.,,,,, .prclm? ,41. [1!( l l l dd form 672, may 88 ? 1.-., - 0..,,. source: http://www.assistdocs.com -- downloaded: 2006-09-28t20:27z check the source to verify that this is the current version before use.
i own. 070.-018 w??,.?. al??inu? ,luunw wju.u. .lu.:num al??,num mu?lf+u. mi+wu nuwnuu , icy-f 2, ,7-,4 5036-?32 ;:c;;; :a:,-: 7050-t7, :::,-~ , ., c, 22,9-162 ,~w=,? d*sh no. [ dash +10 ] d*sh no. ms. no i 0a5m wo. [ o~h ,0 oasm mo i dash no. oasti no 3/3? nou oia .3-.! 403-3 bj- 5 03-3 001-3 l3-3 w.-3 t3-3 jj-j .1w5 u-4 ad3- 4 b3-4 03- ~ 003-4 i e3-4 .1-. r3-4 ~j-~ ~59 aj-5 a@ j-s m-s 0s-5 gus-5 i [3-5 ~j-5 r~-~ j3-5 .j,25 ,,-6 .03-6 !5-6 0>-6 co-6 [ 13-6 .3-6 13-6 jj- 6 .375 .3-7 aoi-7 bj-7 03-7 003-7 [3-7 .3-7 13-7 j3-7 .4375 a3-s .03-s b3-8 03-8 m-a [j-a .3?s ~j-8 jj-b .~. .,-s mj,.9 l3.9 d3-9 dd3-9 e3-s .3-9 13-9 j3-9 56:5 a,- ,0 ad3-,0 bj- 10 03- !0 c03- 10 cj - 10 k3- 10 13-10 ,3-10 .625 .,-, : m-,? et-1? 03-12 mz-!? ej-12 .3-12 1> -1: jj-,2 .75n a3- 14 m3-14 b3-14 d3-i. 003-, ~ cj - !4 .3-14 13-14 j3- , 4 875 ,,-,6 mij-,6 li-16 03-16 001-16 e3-16 h3- 16 13- i 6 jj- !6 ! 030 ,,.~o .d,- ~~ ,3,.:0 r,.:o cm, - m [,. ?0 .3-20 1s-?0 j3-20 : .:% a?j-x )d form 672, may 88 m-l cr.,., t? .-4? source: http://www.assistdocs.com -- downloaded: 2006-09-28t20:27z check the source to verify that this is the current version before use.
form aw.r.v,d oub n.. 070. -oim al?.w. alu?ln?. ti??m .,u.,~. :.:::4. jl?.8 n?. %..,... ,,,anli. %,.,... , ,m-1 2, ,7.1, 5058-h32 ;~~ ,nc,m 70%-773 ;2:,:, 45 c, 2219-162 ,~.c,? 5 a5-4 #n-4 es-4 0,-. 00,-. ,5-. ,5-. 7,-? j-. .2,0 a5-5 m,-s a5-5 l15-5 dd5-5 ,5-5 .5-5 ,,-5 ,5-5 ,,,2, a5-, m5-6 s5-6 05-6 005-6 l5-6 .5-6 t5-6 ,5-6 375 ti- 7 m5- 7 bs- 7 d5-7 ms-7 c-7 .5-7 15-7 ,5-7 ,4,75 .3-, m,-a m-s cl-e m-a e5-a ?5-8 ,5-, ,,-8 ..00 a5-9 m5-9 05-9 d5-q d05-9 !5-9 %5-9 15-9 ,5-9 .5625 ti- ,0 m5- 10 b5->o d5-10 do5-10 c5-10 k5-10 15-10 ,5-!0 .625 b5-,1 m5- 11 --- --- --- --- --- --- --- .m75 a5-,2 m,-,2 ,5-,2 li-!2 0r15- ,2 [5- 12 k,- ! 2 75-,2 ,5-,2 .7sn e-l, ms-14 b5-!4 ds-1+ dos-14 15- i 4 .5- ! 4 15-14 j5-14 .875 as-,6 m5-16 b5-!6 05-16 dd5-!6 e5-1, ,5-!6 r5- f. fi-16 ! .m a5-, b m5-1. es-la d5- !8 005-78 [5-1, .5-79 t5-!8 ,5-18 ?.12, a5-20 w5-?o 95- m 05-20 ow-m ,,-20 .,-20 m-m ,5-20 1 .2m as-n #n-22 es-22 .5-22 00,-22 f5-22- ,5-22 15.22 j-22 1.375 a5-24 ml-24 b5-,4 05-2. 005-24 [5- 24 ,5-24 t5-24 ,5-2* 1.500 .5-2s ad-28 135. z8 05-28 0d5-28 [5-28 ,5-28 15-20 j5-28 ,.750 a5-,2 n7-32 es-,, .5-j? 005-32 [5-s2 ,5-32 15.,2 j5-32 ma a?.$tm? ulmwu aluml!4ju a..,~u ;og:y,u &uwnuu ~u.,nuu rlt4nuj? nuwuw , !00-, 7! 17-1, 5056-?32 ;o## ,nti ,k 70 w-17, ygg , 45 c, 22,9-,62 ~[wc,? dash no. lm5h no, dash no. dash no. dash no. wsh no. cmsh no. cash no. tu5h no. 3/16 ,40. d.. m-, m6-5 68-5 0.-5 dos-5 e6-5 k6-5 16-5 48-5 .3725 m-6 m6-6 b6-6 06-6 d06-6 c6-6 k6-6 16-6 ,6-6 ,375 a,., m,-, m., m., m.., 1.-7 ,s-7 ,6-7 ,6-7 .4375 m-8 ms-a b6-9 d6-8 cm-n e6-b ks-8 16-8 j8-0 .500 .6-9 ms-9 b6-9 96-9 dd6-9 [6-9 k6-9 t6..9 j6-9 .5625 .s .,0 m6- , 0 .36-,0 m-to mj6-, o ,6-10 ,6-!0 ,6-,0 ,,-!0 .625 m,-? , m,, m-,2 m@- ,2 bs-, z ..-12 dd6-!2 [6-12 k6-11 76-12 ,s-12 .750 as-,4 ms- 14 66- ! 4 08-1. dd6- i $ [8-14 k6-14 16-14 j8- ! 4 .875 ,6.,5 m6-,, 116-,5 06-15 006-,5 f6- 15 !(6-15 16-!5 ,6- i 5 ,9175 m-76 m6-!6 b6-?6 06-16 dd6-16 es-16 ks- 16 t6- !6 j8- 86 ?.03 .6-, s pm- ! 8 66-,8 d6-18 008-1s ca-la k6-l u m-l. jo-la 1.125 an-m $l)-20 b6-20 d6-20 006-20 l-20 k6-20 16-20 j8-20 1.250 .6-22 me-2z es-z, 06-27 m6-22 [6-22 ks-22 76-22 j.-22 1.375 a5-2. ms-z, b6-2? d6-24 dos-24 [6-24 ks-24 16-24 d6-24 i .mo ,6.2, m6-2a !36-28 06-28 006-2. [6-2a ,6-28 76-2s ,6-28 1.750 a..., $0-32 .6-32 0.9-32 dcj6-32 [6-32 ,5-32 16-32 ,6->2 2.03 a6-.o m8-*o bs-40 d6-40 dd6-40 es-+9 <6-40 76-.0 48-40 2 .s00 a6-48 me-48 b6- 48 08-48 dde-48 ce-aa ks-*8 18-48 .j-48 3ca al?wn?m u?wmu? %u?w. uu.~u. yyy uuunii? w.u- rmtwu mum2mm !im-, 2! 17-t. 505s-?32 x&; ,wm mm-,,, &9# , ., c, 22j9-r62 ~encm ms. .0. n? no. ms. no ca5h no. o-h no. das+ no. dash no. w no. dash no. a,-, u7-6 e7-e .7-6 m7-6 e7-e .7-6 17-6 ,7-6 .375 .7-7 m7-j b7-7 07-7 dd7-7 [7-7 k7-7 r7-7 j7-7 .4375 ,7.8 ul,.n 97-. d7-a 007-6 17-a k7-8 t7-a j7-8 .wo .7.. m7-9 b7.9 07-9 lid7-9 e7-9 .7-9 17-9 ,7-9 .5625 .7-,0 d,-lo b7-,0 07-10 007-10 e7-10 k7-10 r7-)o j7- 10 .6z5 a,. ,, m,-,, 67-,2 .7-!2 007-12 c7- i 2 .7-,2 ,7-72 .7- !2 .750 .7. ,4 m,-, , b7-,. .7-1. w7-!4 e7-14 .7-14 t7-14 j7-14 .875 .7.,, po- , 6 ,7-,6 07-16 007-16 e7-16 .7-16 v-!6 ,7-!6 ! .m .7. ,, m,-,, .7. !, .7- !. dcr7- ,s 17-1s ?7-1. t7-18 .!7-18 1.125 ,7-20 407- m b7-m 07-20 dd7-20 [7 -20 .7-20 r7-20 ,7-20 1 .25u ,7.22 ad-22 .7-22 d7.22 007.22 e7-22 k7-22 ~7-22 j7-22 1.375 .7-24 w,-z, b7-24 d7-24 dd7-24 e7-24 ,7-24 17-24 j7-24 1 .n a7-28 m7-28 b7-2a 07-2b dd7-28 [7-20 k7-28 t7-2a j7-2s 1.754 .?-32 m7-j2 m-32 d7-32 007-32 [7-.32 .7-32 17-32 ,7-32 2.w .7.40 i m,-,. .7-.0 07-<0 007-40 17-40 .7-40 r7-40 ,7-40 z.m .7-.5 m,-,, .7-., 07-4b cm-+a [7-4, ,7-.8 r7-46 .7-.0 3.m rep-in. acm naw-as military specification shem ?pcn?u?n? ??[n ??w?,, sep ~, :u5,liwns n1.?-m n4?.? - ,iru MS20426 r,vl ., f?,ce-99 dm- rwet, soud. couniirsunk iou. :;;;:2y; 78 ,,n ~, c4cwav. cl, is .[, .1, 0s, 62 precision h~~w;;u#~o~q lllbniuu scr: mc ..%- n/a rwicr .?wm: 5320-0,05 ~ 5320 6trimi1on st*mlcn1 a %rmd 1- pjblk release: d!,,r.b?rm . . .?!?4,<,. p-?. a .( & --- ----- ... -- w form bll, may fin ?-. ? source: http://www.assistdocs.com -- downloaded: 2006-09-28t20:27z check the source to verify that this is the current version before use.
farm w- 0?8 n.. 07c4-018a *uminuu &uuinuu tiu.lnum ~minu? :fiy,? y:::, ~:: :~y &:; i iw-f 21 17-t4 5056-h32 :% ,wm ,- mcrl? whno. lmhno. \mnq. \~no l~no.l~hno ~h ?0 i w ??~ . ,/. no? m. ~ ~-6 b9-n 08-6 din-s ;:; ::; ::; y; ::5 ah-7 m&7 m-7 08-7 w-7 *-8 m?a =-8 on-s d~-a en-n ~:: ;:; ::: :%, . ..-5 m-e m-e d8-9 dm-q eb-q h9-10 ad-1o m-lo 08-10 d~-10 ::;: y; ::;: ::{: :y; m-12 ms-lz bn-~2 :::: y;; m-14 i m-l. 0s-!. e8- 14 ku- 14 tr- 14 a-l, .875 0.-16 ac8-16 =?16 d8- 16 ~-16 eb-16 ::;; ;:;; ::;: ; ::5 )3-18 m?la =-18 de- 1 b y: ~a-tn ab-20 bn-20 m-20 08- m m-m %8-20 10-20 jb-20 1 z= m-22 --22 m?22 :0 g y: e9-22 ::: ::: ::; ::= *-24 m8-24 b9-z4 m-24 m-28 ad-28 ::: de-28 ::?: ;:: ::: ;:; ;:; ym~ m-32 aq3-32 00-32 ac-m 2,125 --40 ma-o en-a :6:: d~-- ~a-~o ::: ::: ::: ;? 4.-48 ad--48 --m mm-u e8-4a amjminuu nijuinuu uuuinuu fiuulnum g>:!:,? muulnuu ????u? :y ;~yg , ,co-f 21 17-t+ 5056-h32 y~~ ,wm 7ow-173 :&~l length w no. m5h no. @x+h no. ~h no. ~h no. mm ?o. ~m _ ?h ?o 5/16 .0. d@. io-7 i kid-7 y: ;:::; :% .7 o-b adlo-a b1o-8 d1o-8 dd1o-8 cid-8 i k, c-8 .10-9 ad1o-9 b~o-9 010-9 dofo-g e1~9 i kio?9 y. :::::0 :~55 a1o-10 /010-10 010-!0 010-10 ddio-10 e1o-10 i kio-10 aio-12 ad!*12 010-,2 d1o-~2 dq10-12 eiq-12 i ?lo-)2 ;;:;: ;;;::: :g a1o-14 row-44 b1o-i4 o,o-t+ lm10-!4 c1g14 i n1o?14 .10-16 m1o-16 bio-16 010-!6 ddic-16 eiw16 k~o-t6 tio-16 jlo-le 1 w a,o-,8 m10-,8 b1o-i8 010-18 ddlo-!n e!o?la k1o-,8 110-18 jio-in !.123 aio. m aciio-20 810?20 010-20 cq1o-2o cio?20 xio-20 tio-20 j1o-2o 1.254 .,0->2 mi o-22 6!0-22 d1o-22 wi o-22 cio-22 k$o-22 tio-22 j1o-22 i .375 .!0-2. a910-24 810?2. 010-24 c.210 -24 eio-24 kid-24 1!0-24 j1o-24 1 .eno .10-20 m1o-28 810-2b dlo-m cq3q-2b efo-28 k1o-2n tio-28 jio-20 1.750 a1o-3i mlo-32 e1o-32 d1o-s2 w1o?32 ~~0-32 k10-32 ;;::fi ;;;::o ;m? a1o-4o mi*4o blo-m dio-40 ~,o-~o eio-40 k10-40 a1o-48 mlc-.a bio-48 dio-~a oolo-~e ~lo-te kio-4a ti*4b jio-~s ~~ aluuinuu nijuimuu aluuinuu uuuinum :o~y,? tiuminuu ~?lwu ~w:p ;2:::6; ! 100-r 2117-14 5056-h32 :&y ,w,m 7050-t73 ;~-gl length m5h no. cmsh no. ms!+ no. ms* no. mm no. dash no. ~h no ~h no. ~m no . 3/18 no. d@. .12-8 ml 2-8 mz-a d12-o ddi 2-b e12-8 i x12-b ;; ;:: jlz-a =5 ,12-9 ml 2-9 b12-9 012-9 dd, 2-9 e12-9 k12-9 j12-9 a12-10 ad12-10 012-10 012-10 dd12?10 ci2-10 k,2-10 112?10 y; .625 .12-,2 m12-12 012-12 0,2-12 dd12-12 e12-12 k12-12 112-12 .7w .,2-,4 m,2-,4 6,2-14 0,2-14 dd12-14 e12-!4 k12-14 112-1. j12-14 .875 ,12-16 m12?16 012-!6 012-16 qd,2-16 e12-16 kls-le 112-16 j12-16 : ;;, .,, -,, m,2?,.5 m2-ls 012-,0 dd,2-,e e,,-,a .,2-1. ;;::: ;;;:;: , ,*w .12-20 m12-20 m 2?20 012-20 ddi 2-m [12-20 .12-20 .12-22 m12-22 012-22 d12-?22 ml 2-22 e12-22 k12?22 112-22 y: 1.375 410-24 m12-24 b12-24 q12-24 w12-24 li=24 k12-24 ;:;:g ,,2_28 ;:% .12-2s ad12-28 b12-28 d12-28 w,2-2b ~12-2s k12-= ,,2-32 ml 2-32 012?32 d12->2 m12-32 e12-32 k12-32 112-32 j12-32 2.m ,12-*ci ml 2-40 812-40 d12-*0 n12-+0 s~~-~o k1~-to ti~-+o :::: :% aiz-m m! 2-48 e12-4a i dj2-45 ~,2-4e ~12?4a k12-4a 112-48 rfpmno xthlttnaw-as military specifkation shew ?mmunw ?= ???w , *[* g, honum -w-ar w+ m MS20426 rw l am mnm- 99 ow- rnil. solid. couniersunk iou. yl~o&kg 28 ,u ~ , ?jew, av, gl & me. ml. 0s, 81 precision hpo~uu~b;n::o:.d nmtouu m. uc wsc- .t. m 5s>0 w.lul number 5320-0m5 mwrm swt.tw b. uw..d 1.. - =,ma=; dswtaw h w,~llti .~. 4 .1 a -?- ---- )d form 672, may 55 ?-?? source: http://www.assistdocs.com -- downloaded: 2006-09-28t20:27z check the source to verify that this is the current version before use.


▲Up To Search▲   

 
Price & Availability of MS20426

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X