Part Number Hot Search : 
M83723 LE2041 LA73076V CDA3S06G 2411C LCE120 04011 SB5H9009
Product Description
Full Text Search
 

To Download MC1206X226M100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.element14.com www.farnell.com www.newark.com page <1> v1.0 08/07/13 multilayer smd ceramic capacitors high capacitance series description mlcc consists of a conducting material and electrodes. to manufacture a chip-type smt and achieve miniaturization, high density and high effciency, ceramic condensers are used. high capacitance mlcc offers low esr and excellent frequency characteristics to be suited for coupling and de coupling applications in circuit. the high dielectric constant material x5r is used for this series product. features ? small size with high capacitance. ? capacitor with lead-free termination (pure tin). applications ? digital circuit coupling or de coupling applications. ? for high frequency and high-density type power suppliers. ? for bypassing. external dimensions general electrical data size inch (mm) l (mm) w (mm) t (mm) mb (mm) mc1206 3.2 0.15 1.6 0.15 0.95 0.1 0.6 0.2 1.25 0.1 3.2 0.2 1.6 0.2 1.6 0.2 1.15 0.15 3.2 +0.3/-0.1 1.6 +0.3/-0.1 1.6 +0.3/-0.1 dielectric x5r size mc1206 capacitance range* 0.027f to 100f capacitance tolerance** k (10%), m (20%) rated voltage (wvdc) 6.3v, 10v, 16v, 25v, 50v, 100v df(tan )* note 1 operating temperature -55c to +85c capacitance characteristic 15% termination ni/sn (lead-free termination) free datasheet http://www.datasheet-pdf.com/
www.element14.com www.farnell.com www.newark.com page <2> v1.0 08/07/13 multilayer smd ceramic capacitors high capacitance series * measured at 1 0.2vrms, 1khz 10% for c10f; 0.5 0.2vrms, 120hz 20% for c>10f, 30 to 70% related humidity, 25c ambient temperature for x5r. ** preconditioning for class ii mlcc: perform a heat treatment at 15010c for 1 hour, then leave in ambient condition for 24 2 hours before measurement. note 1: x5r rated vol. d.f. % exception of d.f. % ^ 50v % 2.5% % 3% mc1206 ^ 0.47f % 10% mc1206 ^ 4.7f 25v % 3.5% % 7% mc1206 ^ 4.7f % 10% mc1206 ^ 6.8f 16v % 3.5% % 5% mc1206 ^ 2.2f % 10% mc1206 ^ 4.7f 10v % 5% % 10% mc1206 ^ 2.2f 6.3v % 10 % 15% mc1206 ^ 47f x5r dielectric dielectric x5r size mc1206 rated voltage (v dc) 6.3 10 16 25 50 capacitance 1.5f (155) j j 2.2f (225) j j p 3.3f (335) p p p 4.7f (475) p p p p p 6.8uf (685) p p 10f (106) p p p p 22f (226) p p p 47f (476) p p 100f (107) p packaging style size thickness (mm)/symbol mc1206 0.95 0.1 c 1.15 0.15 j 1.25 0.1 d 1.6 0.2 g 1.6 +0.3/-0.1 p free datasheet http://www.datasheet-pdf.com/
www.element14.com www.farnell.com www.newark.com page <3> v1.0 08/07/13 multilayer smd ceramic capacitors high capacitance series appendixes tape & reel dimensions size mc1206 thickness b c, j, d g,p a0 2 0.1 <1.85 <1.95 b0 3.5 0.1 <3.46 <3.67 t 0.95 0.05 0.23 0.05 0.23 0.05 k0 - <2.5 <2.5 w 8 0.1 8 0.1 8 0.1 p0 4 0.1 4 0.1 4 0.1 10xp0 40 0.1 40 0.1 40 0.1 p1 4 0.1 4 0.1 4 0.1 p2 2 0.05 2 0.05 2 0.05 d0 1.5 0.05 1.5 0.05 1.5 0.05 d1 - 1 0.1 1 0.1 e 1.75 0.1 1.75 0.1 1.75 0.1 f 3.5 0.05 3.5 0.05 3.5 0.05 tape dimension reel dimension size mc1206 reel size 7 10 13 c 13 +0.5/-0.2 13 +0.5/-0.2 13 +0.5/-0.2 w1 8.4 +1.5/-0 8.4 +1.5/-0 8.4 +1.5/-0 a 178 0.1 250 1.0 330 1 n 60 +1/-0 100 1.0 100 1 free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of MC1206X226M100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X