Part Number Hot Search : 
8206NG BD00GA A44AD 6562A CZRB2350 MAX482 950L8L DFL1510S
Product Description
Full Text Search
 

To Download MAZD240G0L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zener diodes 1 publication date: november 2007 ske00036aed this product complies with the rohs directive (eu 2002/95/ec). mazdxxxg series silicon planar type for constant voltage, constant current, waveform clipper and surge absorption circuit features ? low noise type absolute maximum ratings t a = 25 c parameter symbol rating unit repetitive peak forward current i frm 200 ma total power dissipation * p t 120 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c common electrical characteristics t a = 25 c 3 c * 1 note) 1. measuring methods are based on japanese industrial standard jis c 7031 measuring methods for diodes. 2. absolute frequency of input and output is 5 mhz. 3. * 1: the temperature must be controlled 25c for v z mesurement. v z value measured at other temperature must be adjusted to v z (25c) * 2: v z guaranteed 20 ms after current flow. note) * :p tot = 100 mw achieved with a printed circuit board parameter symbol conditions min typ max unit forward voltage v f i f = 10 ma 0.9 1.0 v zener voltage * 2 v z i z specified value v zener operating resistance r z i z specified value ? reverse current i r v r specified value a refer to the list of the electrical characteristics within part numbers package ? code sssmini2-f3 ? pin name 1: anode 2: cathode marking symbol refer to the list of the electrical characteristics within part numbers maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://panasonic.net/sc/en
2 mazdxxxg series ske00036aed this product complies with the rohs directive (eu 2002/95/ec). marking symbol mazd024g0l 2.28 2.40 2.60 5 120 1.0 100 5 1f mazd027g0l 2.50 2.70 2.90 5 120 1.0 110 5 2f mazd030g0l 2.80 3.00 3.20 5 50 1.0 120 5 3f mazd033g0l 3.10 3.30 3.50 5 20 1.0 130 5 4f mazd036g0l 3.40 3.60 3.80 5 10 1.0 130 5 5f mazd039g0l 3.70 3.90 4.10 5 10 1.0 130 5 6f mazd043g0l 4.00 4.30 4.60 5 10 1.0 130 5 af mazd047g0l 4.40 4.70 5.00 5 2.0 1.0 80 5 hf mazd051g0l 4.80 5.10 5.40 5 1.0 2.0 60 5 bf mazd056g0l 5.30 5.60 6.00 5 0.5 2.5 40 5 cf mazd062g0l 5.80 6.20 6.60 5 0.2 4.0 30 5 df mazd068g0l 6.40 6.80 7.20 5 0.1 4.0 20 5 wf mazd075g0l 7.00 7.50 7.90 5 0.1 5.0 20 5 tf mazd082g0l 7.70 8.20 8.70 5 0.1 5.0 20 5 ef mazd091g0l 8.50 9.10 9.60 5 0.1 6.0 20 5 ff mazd100g0l 9.40 10.00 10.60 5 0.05 7.0 30 5 gf mazd110g0l 10.40 11.00 11.60 5 0.05 8.0 30 5 jf mazd120g0l 11.40 12.00 12.70 5 0.05 9.0 30 5 kf mazd130g0l 12.40 13.00 14.10 5 0.05 10.0 35 5 lf mazd150g0l 13.90 15.00 15.60 5 0.05 11.0 40 5 mf mazd160g0l 15.30 16.00 17.10 5 0.05 12.0 50 5 nf mazd180g0l 16.90 18.00 19.10 5 0.05 13.0 60 5 pf mazd200g0l 18.80 20.00 21.20 5 0.05 15.0 80 5 rf mazd220g0l 20.80 22.00 23.30 5 0.05 17.0 80 5 sf MAZD240G0L 22.80 24.00 25.60 5 0.05 19.0 100 5 uf mazd270g0l 25.10 27.00 28.90 2 0.05 21.0 120 2 vf mazd300g0l 28.00 30.00 32.00 2 0.05 23.0 160 2 xf mazd330g0l 31.00 33.00 35.00 2 0.05 25.0 200 2 yf mazd360g0l 34.00 36.00 38.00 2 0.05 27.0 250 2 zf mazd390g0l 37.00 39.00 41.00 2 0.05 30.0 300 2 7f  electrical characteristics within part numbers t a = 25 c 3 c v z (v) i r ( a) r z (  ) i z v r i z min nom max (ma) max (v) max (ma) part number zener voltage reverse current zener operating resistance
mazdxxxg series 3 ske00036aed this product complies with the rohs directive (eu 2002/95/ec). 016 0 40 120 80 0 200 150 100 50 total power dissipation p t (m w ) ambient temperature t a ( c ) glass epoxy board 10 ? 3 04 812 10 ? 2 10 ? 1 1 10 10 3 10 2 zener voltage v z ( v ) zener current i z ( ma ) 4.7 v 5.1 v 5.6 v 6.2 v 6.8 v 7.5 v 8.2 v 9.1 v 10 v t a = 25 c 10 ? 3 0102030 10 ? 2 10 ? 1 1 10 10 3 10 2 11 v 12 v 13 v 14 v 15 v 16 v 18 v 20 v t a = 25 c zener voltage v z ( v ) zener current i z ( ma ) 10 ? 3 0204060 10 ? 2 10 ? 1 1 10 10 3 10 2 22 v 24 v 27 v 30 v 33 v 36 v 39 v t a = 25 c zener voltage v z ( v ) zener current i z ( ma ) p t  t a i z  v z i z  v z i z  v z i z  v z 10 ? 3 02 4 6 10 ? 2 10 ? 1 1 10 10 3 10 2 zener voltage v z ( v ) zener current i z ( ma ) 2.7 v 3.0 v 3.3 v 3.6 v 3.9 v 4.3 v 2.4 v t a = 25 c
4 mazdxxxg series ske00036aed this product complies with the rohs directive (eu 2002/95/ec). sssmini2-f3 unit: mm 1.40 0.05 0.27 +0.05 ? 0.03 2 1 0.60 0.05 1.00 0.05 0.52 0.03 0 to 0.05 (5 ) (0.27) 0.13 +0.05 ? 0.02 (5 ) 0.20 0.05
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd.


▲Up To Search▲   

 
Price & Availability of MAZD240G0L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X