Part Number Hot Search : 
MUR505 MX365A 1428A LTC40 XC3202B 71022 S2520 FM860
Product Description
Full Text Search
 

To Download LVT201B10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sealed powe r inductors ? lvt series lvt series lvt series, an automatic assembly constructed power inductor, is shielded with magnetic resin and suitable for portable dc-dc converter applications. features applications ? rohs compliant ? low dc resistance and high current ? highly accurate dimensions ? superior emi characteristics elec trical with ultra low radiation comparing to conventional shielded power inductors ? halogen free ? smartphone ? dsc ? tablet pc and other portable devices ? dc/dc converters product identification shape and dimensions figure 1 figure 2 recommended pattern dimensions in mm type fig a b c d h i j LVT201B10 1 2.00.25 1.60.25 1.02 max 0.6 1.8 0.80 0.8 lvt252a10 1 2.50.25 2.00.25 1.02 max 0.8 2.2 0.85 0.8 lvt252a12 1 2.50.25 2.00.25 1.20.05 0.8 2.2 0.85 0.8 lvt303010 2 3.00.20 3.00.20 1.02 max 1.0 3.2 1.1 1.0 lvt303012 2 3.00.20 3.00.20 1.20 max 1.0 3.2 1.1 1.0 lvt404012 2 4.00.20 4.00.20 1.20.1 1.5 4.2 1.5 1.2
sealed powe r inductors ? lvt series shape and dimensions recommended pattern figure 3 figure 4 recommended pattern dimensions in mm type fig a b c d h i j lvt404015 3 4.00.25 4.00.25 1.50.2 1.3 3.7 1.5 1.2 lvt404026 3 4.00.20 4.00.25 2.60.2 1.4 3.7 1.2 1.6 lvt505020 4 5.00.2 5.00.2 2.00.2 1.80.3 4.2 1.6 2.0 lvt606020 4 6.00.2 6.00.2 2.00.2 1.70.3 5.7 1.7 2.8 lvt808040 4 8.00.2 8.00.2 4.0 +0.2 -0.30 2.30.3 7.5 2.5 3.4
sealed power i nductors ? lvt s eries electrical characteristics part number inductance (uh) test frequency (mhz) tolerance (%) rdc (m ) 30% isat (a) typ. (max) irms (a) typ. (max) marking LVT201B10-r47 -n 0.47 1 20, 30 72 2.4(2.16) 2.4(2.16) a ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4287a+ agilent/hp16197a, 1mhz 200mv ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 1mhz 200mv ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 0.2 0.4 0.6 0.8 1.0 00.511.522.533.5 dc current(a) l(uh) r47 tem perature change vs. dc current 0 10 20 30 40 50 60 70 00.511.522.53 dc current(a) t( ) r47
sealed power i nductors ? lv t s erie s electrical characteristics part number inductance (uh) test frequency (mhz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt252a10-r68 -n 0.68 1 20, 30 0.050 2.40(2.160) 2.20(1.980) k lvt252a10-2r2 -n 2.2 1 20, 30 0.135 1.42(1.278) 1.55(1.395) d lvt252a10-3r3 -n 3.3 1 20, 30 0.220 1.12(1.008) 1.20(1.080) e lvt252a10-6r8 -n 6.8 1 20, 30 0.435 0.78(0.702) 0.84(0.756) g ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4287a+ agilent/hp16197a, 1mhz 200mv ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 1mhz 200mv ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 0 0.5 1 1.5 2 2.5 3 dc current(a) l(uh) 6r8 3r3 2r2 r68 tem perature change vs. dc current 0 10 20 30 40 50 60 70 00.511.522.53 dc current(a) t( ) 3r3 6r8 2r2 r68
sealed power i nductors ? lv c/lv t s eries electrical characteristics part number inductance (uh) test frequency (mhz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt252a12-r47 -n 0.47 1 20, 30 0.027 3.70(3.330) 3.10(2.790) a ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4287a+ agilent/hp16197a, 1mhz 200mv ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 1mhz 200mv ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 0.5 1.0 1.5 2.0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 dc current(a) l(uh) r47 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 dc current(a) t( ) r47
sealed power i nductors ? lv t s eries electrical characteristics part number inductance (uh) test frequency (mhz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt303010-1r0 -n 1.0 1 20, 30 0.063 2.4(2.16) 2.3(2.07) 1r0 lvt303010-3r3 -n 3.3 1 20, 30 0.165 1.2(1.08) 1.1(0.99) 3r3 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4287a+ agilent/hp16197a, 1mhz 200mv ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 1mhz 200mv ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 dc current(a) l(uh) 1r0 3r3 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 dc current(a) t( ) 1r0 3r3
sealed power i nductors ? lv t s eries electrical characteristics part number inductance (uh) test frequency (mhz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt303012-r47 -n 0.47 1 20, 30 0.032 4.3(3.87) 4.0(3.60) r47 lvt303012-1r0 -n 1.0 1 20, 30 0.060 3.1(2.79) 3.0(2.70) 1r0 lvt303012-1r5 -n 1.5 1 20, 30 0.072 2.7(2.43) 2.6(2.34) 1r5 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4287a+ agilent/hp16197a, 1mhz 200mv ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 1mhz 200mv ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 dc current(a) l(uh) 1r0 1r5 r47 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 dc current(a) t( ) 1r0 1r5 r47
sealed power i nductors ? lvt s eries electrical characteristics part number inductance (uh) test frequency (mhz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt404012-r50 -n 0.5 1 20, 30 0.030 3.90(3.51) 3.50(3.15) r50 lvt404012-1r0 -n 1.0 1 20, 30 0.040 2.90(2.61) 3.00(2.70) 1r0 lvt404012-1r5 -n 1.5 1 20, 30 0.051 2.30(2.07) 2.50(2.25) 1r5 lvt404012-2r2 -n 2.2 1 20, 30 0.060 1.90(1.71) 2.30(2.07) 2r2 lvt404012-4r7 -n 4.7 1 20, 30 0.094 1.32(1.18) 1.80(1.62) 4r7 lvt404012-6r8 -n 6.8 1 20, 30 0.135 1.08(0.97) 1.50(1.35) 6r8 lvt404012-150 -n 15 1 20, 30 0.260 0.78(0.70) 1.00(0.90) 150 lvt404012-220 -n 22 1 20, 30 0.390 0.62(0.55) 0.80(0.72) 220 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4287a+ agilent/hp16197a, 1mhz 200mv ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 1mhz 200mv ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 5.0 10.0 15.0 20.0 25.0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 dc current(a) l(uh) 1r5 r50 1r0 4r7 2r2 150 220 6r8 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 dc current(a) t( ) 2r2 1r5 4r7 6r8 150 220 1r0 r50
sealed power i nductors ? lvt s eries electrical characteristics part number inductance (uh) test frequency (mhz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt404015-1r0 -n 1.0 1 20, 30 0.034 3.60(3.24) 3.70(3.33) 1r0 lvt404015-3r3 -n 3.3 1 20, 30 0.080 2.00(1.80) 2.20(1.98) 3r3 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4287a+ agilent/hp16197a, 1mhz 200mv ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 1mhz 200mv ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 dc current(a) l(uh) 3r3 1r0 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 dc current(a) t( ) 3r3 1r0
sealed power i nductors - lvt s eries electrical characteristics part number inductance (uh) test frequency (khz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt404026-r47 -n 0.47 100 20, 30 0.024 7.20(6.48) 4.80(4.32) r47 lvt404026-r50 -n 0.50 100 20, 30 0.024 7.20(6.48) 4.80(4.32) r50 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4284a+ agilent/hp16334a, 100khz ,1v ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 100khz 1v ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0.0 0.2 0.4 0.6 0.8 1.0 012345 6789101112 dc current(a) l(uh) r50 r47 tem perature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 dc current(a) t( ) r5 0 r4 7
sealed power i nductors - lvt s eries electrical characteristics part number inductance (uh) test frequency (khz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt505020-3r3 -n 3.3 100 20, 30 0.050 3.4(3.06) 2.7(2.43) 3r3 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4284a+ agilent/hp16334a, 100khz 1v ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 100khz 1v ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0 1 2 3 4 5 6 012 3456 dc current(a) l(uh) 3r3 temperature change vs. dc current 0 10 20 30 40 50 60 70 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 dc current(a) t( ) 3r 3
sealed power i nductors - lvt s eries electrical characteristics part number inductance (uh) test frequency (khz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt606020-1r0 -n 1.0 100 20, 30 0.019 6.4(5.76) 4.2(3.78) 1r0 lvt606020-1r5 -n 1.5 100 20, 30 0.026 5.4(4.86) 3.7(3.33) 1r5 lvt606020-2r2 -n 2.2 100 20, 30 0.034 4.5(4.05) 3.3(2.97) 2r2 lvt606020-3r3 -n 3.3 100 20, 30 0.045 3.6(3.24) 2.8(2.52) 3r3 lvt606020-6r8 -n 6.8 100 20, 30 0.085 2.6(2.34) 1.9(1.71) 6r8 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4284a+ agilent/hp16334a, 100khz 1v ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 100khz 1v ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0 1 2 3 4 5 6 7 8 012345678910111213 dc current(a) l(uh) 3r3 1r 0 1r 5 2r 2 6r 8 tem perature change vs. dc current 0 10 20 30 40 50 60 70 80 00.511.522.533.544.555.56 dc current(a) t( ) 3r 3 1r 0 1r 5 2r 2 6r 8
sealed power i nductors - lvt s eries electrical characteristics part number inductance (uh) test frequency (khz) tolerance (%) rdc ( ) 30% isat (a) typ. (max) irms (a) typ. (max) marking lvt808040-1r0 -n 1.0 100 30 0.0075 13.5(12.15) 8.1(7.29) 1r0 lvt808040-1r5 -n 1.5 100 20, 30 0.0097 10.5(9.45) 7.7(6.93) 1r5 lvt808040-2r2 -n 2.2 100 20, 30 0.012 9.7(8.73) 7.2(6.48) 2r2 lvt808040-3r3 -n 3.3 100 20, 30 0.047 8.0(7.20) 5.9(5.31) 3r3 lvt808040-6r8 -n 6.8 100 20, 30 0.029 5.8(5.22) 4.9(4.41) 6r8 ? when ordering, please specif y tolerance and packaging codes ? tolerance t = 30% , m = 20% ? l : agilent/hp4284a+ agilent/hp16334a, 100khz 1v ? rdc : digital milliohm meter chroma 16502, or equivalent ? isat & irms : agilent/hp4284a, 100khz 1v ? isat for inductance drop 30% from its value without current ? irms for a 40 rise above 25 ambient ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments hp4284a material/impedance analyzer inductance vs. dc current 0 1 2 3 4 5 6 7 8 01234567891011121314151617181920 dc current(a) l(uh) 1r0 1r5 2r2 3r3 6r8 temperature change vs. dc current 0 10 20 30 40 50 60 70 80 01234 5678910 dc current(a) t( ) 1r0 1r5 2r2 3r3 6r8
sealed powe r inductors ? lvt series packaging specifications tape dimensions tape dimensions figure 1 figure 2 reel dimensions reel dimensions figure 1 figure 2 dimensions in mm tape dimensions reel dimensions quantity type fig a0 b0 k0 d e f w p p0 p2 a b c d e pcs / reel LVT201B10 1 1.90 2.20 1.15 1.55 1.75 3.5 8 4 4 2 180 60 13 14.4 8.4 2000 lvt252a10 1 2.40 2.70 1.15 1.55 1.75 3.5 8 4 4 2 180 60 13 14.4 8.4 2000 lvt252a12 1 2.40 2.70 1.30 1.55 1.75 3.5 8 4 4 2 180 60 13 14.4 8.4 2000 lvt303010 1 3.20 3.20 1.40 1.55 1.75 3.5 8 4 4 2 180 60 13 14.4 8.4 2000 lvt303012 1 3.20 3.20 1.40 1.55 1.75 3.5 8 4 4 2 180 60 13 14.4 8.4 2000 lvt404012 2 4.25 4.25 1.30 1.55 1.75 5.5 12 8 4 2 178 60 13 13.2 - 1000 lvt404015 2 4.25 4.25 1.70 1.55 1.75 5.5 12 8 4 2 178 60 13 13.2 - 1000 lvt404026 2 4.25 4.25 3.00 1.55 1.75 5.5 12 8 4 2 178 60 13 13.2 - 500 lvt505020 2 5.25 5.25 2.20 1.55 1.75 5.5 12 8 4 2 330 100 13 13.4 - 2000 lvt606020 2 6.25 6.25 2.20 1.55 1.75 7.5 16 8 4 2 330 100 13 17.4 - 2000 lvt808040 2 8.25 8.25 4.15 1.55 1.75 7.5 16 12 4 2 330 100 13 17.4 - 1000


▲Up To Search▲   

 
Price & Availability of LVT201B10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X