Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download LM358QN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c546qn issued date : 2010.12.07 revised date : page no. : 1/6 LM358QN cystek product specification dual operational comparator LM358QN description the LM358QN consists of two indepe ndent high gain, internally fre quency compensated operational amplifier. it can be operated from a singl e power supply and also split power supplies. features ? internally frequency compensated for unity gain ? single supply operation:3v to 32v ? input common-mode voltage range includes ground ? large dc voltage gain applications ? general purpose amplifier ? transducer amplifier pin configurations pin1: output 1 pin5: input 2 (+) pin2: input 1 (-) pin6: input 2 (-) pin3: input 1 (+) pin7: output 2 pin4: gnd/vee pin8: vcc
cystech electronics corp. spec. no. : c546qn issued date : 2010.12.07 revised date : page no. : 2/6 LM358QN cystek product specification absolute maximum rating(ta=25 ) parameter symbol value unit supply voltage v cc 16 or 32 v input differential voltage range v i(diff) 32 v input common mode voltage range v icr -0.3 ~ +32 v output short circuit duration t sc continuous operating temperature topr 0 ~ +70 storage temperature tstg -65 ~ +150 electrical characteristics (v cc =5v,ta=25 c, v ee =gnd, unless otherwise specified.) parameter test condition symbol min. typ. max. unit input offset voltage v cm =0 to v cc -1.5v v o (p)=1.4v, rs=0 v io - 2.9 7.0 mv input offset current i io - 5 50 na input bias current i ib - 45 250 na input common-mode voltage v cc =30v v icr 0 - v cc -1.5 v r l = , v cc =5v, v o =0v - 0.5 1.2 ma power supply current r l = , v cc =30v, v o =0v i cc - 0.8 2.0 ma large signal voltage gain v cc =15v, r l 2k? v o (p)=1v to 11v g v 25 100 - v/mv v cc =30v, r l =2k 26 - - output voltage-high limit v cc =30v, r l =10k v o (h) 27 28 - v output voltage-low limit v cc =5v, r l 10k? v o (l) - 5 20 mv common mode rejection ratio cmrr 65 80 - db power supply rejection ratio psrr 65 100 - db channel separation f=1khz to 20khz cs - 120 - db short circuit current to ground i sc - 40 60 ma output source current vi(+)=1v, vi(-)=0v, v cc =15v, v o (p)=2v isource 10 30 - ma vi(+)=0v, vi(-)=1v, v cc =15v, v o (p)=2v 10 15 - ma output sink current vi(+)=0v, vi(-)=1v, v cc =15v, v o (p)=0.2v isink 12 100 - a differential input voltage v i(diff) - - vcc v
cystech electronics corp. spec. no. : c546qn issued date : 2010.12.07 revised date : page no. : 3/6 LM358QN cystek product specification block diagram
cystech electronics corp. spec. no. : c546qn issued date : 2010.12.07 revised date : page no. : 4/6 LM358QN cystek product specification characteristic curves
cystech electronics corp. spec. no. : c546qn issued date : 2010.12.07 revised date : page no. : 5/6 LM358QN cystek product specification characteristic curves(cont.)
cystech electronics corp. spec. no. : c546qn issued date : 2010.12.07 revised date : page no. : 6/6 LM358QN cystek product specification msop-8 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a - 0.043 - 1.10 l 0.016 0.028 0.40 0.70 a1 0.002 0.006 0.05 0.15 l1 0.037 bsc 0.95 bsc a2 0.031 0.037 0.78 0.94 b 0.009 0.015 0.22 0.38 d 0.114 0.122 2.90 3.10 c 0.003 0.009 0.08 0.23 e 0.114 0.122 2.90 3.10 e 0.026 bsc 0.65 bsc he 0.187 0.199 4.75 5.05 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . marking: date code device name lm358 8-lead msop-8 plastic package cystek packa g e code: qn


▲Up To Search▲   

 
Price & Availability of LM358QN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X