Part Number Hot Search : 
HT37A70 39F1G SRC12 D211ERU MAT02 D133D XN6537 4762A
Product Description
Full Text Search
 

To Download LEB-18V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.pairuigroup.com page: 1 / 4 date: 01/25/2014 constant voltage led drivers for outdoor use LEB-18V series, 18watt features:    constant voltage output    input voltage: 180-264vac    short circuit, over voltage, and over temperature protections    ip67 rated    cooling by free air convection    class , no fg    pass lps (limited power source) test    application for led lighting and electronic screen    100% burn-in test    high reliability    2 years warranty model input voltage (vac) output voltage (vdc) output current (ma) output power (w) min. max. leb18-v12 180-264 12 0 1500 18 leb18-v24 24 0 750 18 leb18-v36 36 0 500 18 electrical input parameters symbols test conditions / comment min. typ. max. units input voltage v in --- 180 -- 264 vac input frequency f line --- 47 -- 63 hz input current i in full load, v in =230vac -- 0.3 -- a inrush current i inrush cold start, v in =230vac -- 50 -- a efficiency full voltage, full load -- 82 -- % leakage current i leakage v in =230vac -- 0.25 -- ma
www.pairuigroup.com page: 2 / 4 date: 01/25/2014 constant voltage led drivers for outdoor use LEB-18V series, 18watt electrical output parameters symbols test conditions / comment min. typ. max. units output current i out leb18-v12 0 -- 1500 ma leb18-v24 0 -- 750 ma leb18-v36 0 -- 500 ma output voltage v out leb18-v12 -- 12 -- v leb18-v24 -- 24 -- v leb18-v36 -- 36 -- v output voltage accuracy -- --- -- 3 -- % line regulation i out-line --- -- 1.0 -- % load regulation i out-load --- -- 2.0 -- % turn-on delay time t on_delay v in =230vac, full load -- 1500 -- ms rise time t on_rise v in =230vac, full load -- 30 -- ms hold-on time -- v in =230vac, full load -- 50 -- ms ripple -- --- -- -- 200 mvp-p protection over current typical:>105%; hiccup mode, it will auto-reco very after fault conditions remove over voltage typical:110-150%; protection: turn off outpu t voltage, diode clamp type over temperature hiccup mode, it will auto-recovery after t emperature become normal environment storage t storage humidity: 5% rh to 95% rh -40 -- +80 ambient operating temperature t a startup at rated voltage (please refer to derating curve) -30 -- +70
www.pairuigroup.com page: 3 / 4 date: 01/25/2014 constant voltage led drivers for outdoor use LEB-18V series, 18watt electrical environment parameters symbols test conditions / comment min. typ. max. units temperature coefficient -- --- -- 300 -- ppm operating relative humidity h a non condensing 10 -- 95 % mtbf t mtbf full load, 220vac input, 25 ambient temperature -- 1200 -- khrs dimension(lxwxh) 140x30x22mm weight 175g safety / emc safety standards ul1310 class 2, tuv en61347-1, en61347-2- 13, tuv en60950-1, ip67 withstand voltage i/p-o/p:3kvac insulation resistance i/p-o/p: 100m ohms/500vdc/25 /70%rh emc emission design to en55022(cispr22)class b, en61000-3 -2 class a, en61000-3-3 emc immunity design to en61000-4-2,3,4,5,6,8,11, en55024 notes: 1. unless otherwise specified, all the above paramet ers are measured at ambient temperature of 25 and vin = 230vac, rated load; 2. ripple & noise are measured at 20mhz of bandwidth by using a 12 twisted pair-wire terminated with a 0.1f & 47f parallel capacitor ; 3. suitable for indoor or outdoor which away from direct sunl ight conditions, avoid soaking in water for more than 30 minutes. mechanical unit: mm
www.pairuigroup.com page: 4 / 4 date: 01/25/2014 constant voltage led drivers for outdoor use LEB-18V series, 18watt mechanical recommend installation block diagram derating curve static characteristic curve


▲Up To Search▲   

 
Price & Availability of LEB-18V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X