Part Number Hot Search : 
356VF PLO1210 LM324QT LS05A BC727 PMF60CA 4ACT25 3VK7M
Product Description
Full Text Search
 

To Download LEB-18C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.pairuigroup.com page: 1 / 4 date: 01/25/2014 constant current led drivers for outdoor use LEB-18C series, 18watt features:    constant current output    input voltage: 180-264vac    short circuit, over voltage, and over temperature protections    ip67 rated    cooling by free air convection    class , no fg    pass lps (limited power source) test    application for led lighting and electronic screen    100% burn-in test    high reliability    2 years warranty model input voltage (vac) output current (ma) output voltage (vdc) output power (w) min. max. leb18-c350 180-264 350 6 48 16.8 leb18-c700 700 6 25 17.5 electrical input parameters symbols test conditions / comment min. typ. max. units input voltage v in --- 180 -- 264 vac input frequency f line --- 47 -- 63 hz input current i in full load, v in =230vac -- 0.3 -- a inrush current i inrush cold start, v in =230vac -- 50 -- a efficiency v in =180-264vac, full load -- 80 -- % leakage current i leakage v in =230vac -- 0.25 -- ma
www.pairuigroup.com page: 2 / 4 date: 01/25/2014 constant current led drivers for outdoor use LEB-18C series, 18watt electrical output parameters symbols test conditions / comment min. typ. max. units output current i out leb18-c350 -- 350 -- ma leb18-c700 -- 700 -- ma output voltage v out leb18-c350 6 -- 48 v leb18-c700 6 -- 25 v output voltage accuracy -- --- -- 5 -- % output current accuracy -- --- -- 8 -- % line regulation i out-line --- -- 1.0 -- % load regulation i out-load --- -- 3.0 -- % turn-on delay time t on_delay v in =230vac, full load -- 3600 -- ms rise time t on_rise v in =230vac, full load -- 100 -- ms hold-on time -- v in =230vac, full load -- 20 -- ms ripple -- --- -- -- 300 mvp-p protection over voltage typical:110-150%; protection: turn off outpu t voltage, diode clamp type over temperature hiccup mode, it will auto-recovery after t emperature become normal environment storage t storage humidity: 5% rh to 95% rh -40 -- +80 ambient operating temperature t a startup at rated voltage (please refer to derating curve) -30 -- +70 temperature coefficient -- --- -- 200 -- ppm
www.pairuigroup.com page: 3 / 4 date: 01/25/2014 constant current led drivers for outdoor use LEB-18C series, 18watt electrical environment parameters symbols test conditions / comment min. typ. max. units operating relative humidity h a non condensing 10 -- 95 % mtbf t mtbf full load, 220vac input, 25 ambient temperature -- 1200.5 -- khrs dimension(lxwxh) 140x30x22mm weight 175g safety / emc safety standards ul1310 class 2, tuv en60950-1, ip67 withstand voltage i/p-o/p:3kvac insulation resistance i/p-o/p: 100m ohms/500vdc/25 /70%rh emc emission design to en55022(cispr22)class a, en61000-3 -2 class a, en61000-3-3 emc immunity design to en61000-4-2,3,4,5,6,8,11, en55024 notes: 1. unless otherwise specified, all the above paramet ers are measured at ambient temperature of 25 and vin = 230vac, rated load; 2. ripple & noise are measured at 20mhz of bandwidth by using a 12 twisted pair-wire terminated with a 0.1f & 47f parallel capacitor ; 3. suitable for indoor or outdoor which away from direct sunl ight conditions, avoid soaking in water for more than 30 minutes. mechanical unit: mm
www.pairuigroup.com page: 4 / 4 date: 01/25/2014 constant current led drivers for outdoor use LEB-18C series, 18watt mechanical recommend installation block diagram derating curve static characteristic curve


▲Up To Search▲   

 
Price & Availability of LEB-18C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X