Part Number Hot Search : 
26CX14 TS7800I 2SJ46407 GTL2022 SP8604 MC3150L C900506 LH160
Product Description
Full Text Search
 

To Download LC300W01-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification 1/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 specification for approval 30.0? wxga tft lcd title model ge neral buyer *when you obtain standard approval, please use the above model name without suffix lc300w01 *model a3 model lg.philips lcd co., ltd. supplier please return 1 copy for your confirmation with your signature and comments. / / / date signature mnt/tv products engineering dept. lg. philips lcd co., ltd j.h. lee / engineer s.h.oh / engineer prepared by s.h. jeon / manager j.h. park / manager reviewed by s.w.lee / g.manager date signature ) ) ( ( final specification preliminary specification  al pha point lt d. ver ni ss ak a tu 8 a 0 13 00 va nt aa , fi nl and t el.: + 35 8 - 9- 34 64 3 4 1 fa x : + 35 8 - 9 - 34 6 4 3 4 2 h t t p : / / w w w . a l p h a . f i
product specification 2/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 contents 28 inverter specification (mechanical reference only) appendix 14 8 interface connections 3-2 color input data refernece 3-5 designation of lot mark 8-1 packing form 8-2 25 packing 8 26 precautions 9 emc 7-2 1 cover 2 contents 3 record of revisions 4 general description 1 5 absolute maximum ratings 2 6 electrical specifications 3 6 electrical charactreistics 3-1 12 signal timing specifications 3-3 13 signal timing waveforms 3-4 15 power sequence 3-6 16 optical sfecifications 4 20 mechanical characteristics 5 23 reliablity 6 24 international standards 7 safety 7-1 page item no
product specification 3/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 record of revisions description page revision date revision no
product specification 4/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 1. general description the lc300w01 is a color active matrix liquid crystal display with an integral cold cathode fluorescent lamp(ccfl) backlight system. the matrix employs a-si thin film transistor as the active element. it is a transmissive type display operating in the normally white mode. this tft-lcd has a 30.0 inch diagonally measured active display area with xga resolution (768 vertical by 1280 horizontal pixel array) each pixel is divided into red, green and blue sub-pixels or dots which are arranged in vertical stripes. gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot, thus, presenting a palette of more than 16,7m(true) colors with 8bit. the lc300w01 has been designed to apply the 8bit lvds interface. the lc300w01 is intended to support lcd tv, pctv where high brightness, wide viewing angle, high color saturation, and high color are important. general features cn1 (20pin) lvds 5pair +12.0v power circuit block source driver circuit tft - lcd panel (1280  rgb  768 pixels) g1 s1 s1280 g768 back light assembly (16ccfl) 2pin x 8cns (high) rgb timing controller (lvds rx integrated) gate driver circuit 8pin x 2cns (low) a dc-ac inverter should be developed and approved by customers . dc-ac inverter 16.7m colors color depth 1280 horiz. by 768 vert. pixels rgb strip arrangement pixel format 450 cd/m 2 luminance, white total 105.2 watt (typ.) power consumption 6,400 g (typ.) weight transmissive mode, normally black display operating mode hard coating(3h), anti-glare treatment of the front polarizer, surface treatment 0.5025mm x 0.1675 x rgb pixel pitch 697.8(h) x 431.8(v) x 50.9(d) mm(typ.) outline dimension 29.53 inches(750.062mm) diagonal active screen size
product specification 5/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 2. absolute maximum ratings the following are maximum values which, if exceeded, may cause faulty operation or damage to the unit. table 1. absolute maximum ratings note : 1. temperature and relative humidity range are shown in the figure below. wet bulb temperature should be 39  c max, and no condensation of water. units 1 %rh 90 10 h op operating ambient humidity 1 %rh 90 10 h st storage humidity 1  c +60 -20 h st storage temperature 1  c +50 0 t op operating temperature at 25 3  c vdc +14.0 -0.3 vcc power input voltage max min parameter notes values symbol       
              ! "# $ 
    
product specification 6/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 3. electrical specifications 3-1. electrical characteristics the lc300w01 requires two power inputs. one is employed to power the lcd electronics and to drive the tft array and liquid crystal. the second input which power for the ccfl, is typically generated by an inverter. the inverter is an external unit to the lcd or integrated(option). table 2. electrical characteristics 7 watt 109.8 99.8 p bl power consumption 6 min 3 ts discharge stabilization time at 0  c at 25  c vrms 2100 5 khz 80 60 40 f bl operating frequency 4 vs established starting voltage vrms 1510 3 vrms 1100(3ma) 1040(6ma) 1030(6.5ma) v bl operating voltage ma 6.5 6.0 3.0 i bl operating current lamp : 1 watt 6.18 5.4 4.56 pc power consumption 2 a 2.0 - - i rush rush current vdc 12.6 12.0 11.4 vcc power supply input voltage 1 ma 515 450 380 icc power supply input current 8 hrs 50,000 life time module : parameter symbol max typ min notes unit values note : the design of the inverter must have specifications for the lamp in lcd assembly . the performance of the lamp in lcm, for example life time or brightness, is extremely influenced by the characteristics of the dc-ac inverter. so all the parameters of an inverter should be carefully designed so as not to produce too much leakage current from high-voltage output of the inverter. when you design or order the inverter, please make sure unwanted lighting caused by the mismatch of the lamp and the inverter(no lighting, flicker, etc) never occurs. when you confirm it, the lcd ? assembly should be operated in the same condition as installed in you instrument. note : do not attach a conducting tape to lamp connecting wire. if the lamp wire attach to conducting tape, tft-lcd module have a low luminance and the inverter has abnormal action because leakage current occurs between lamp wire and conduction tape.
product specification 7/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 1. the specified current and power consumption are under the v cc =12.0v, 25  c,f v =60hz condition whereas mosaic pattern(8 x 6) is displayed and f v is the frame frequency. 2 the duration of rush current is about 2ms and rising time of power input is 1ms(min.). 3. operating voltage is measured at 25  c. the variance of the voltage is  10%. 4. the output voltage at the transformer in the inverter must be high considering to the loss of the ballast capacitor in the inverter. the voltage above v s should be applied to the lamps for more than 1 second for start-up. otherwise, the lamps may not be turned on. 5. lamp frequency may produce interface with horizontal synchronous frequency and as a result this may cause beat on the display. therefore lamp frequency shall be as away possible from the horizontal synchronous frequency and from its harmonics in order to prevent interference. 6. let?s define the brightness of the lamp after being lighted for 5 minutes as 100%. t s is the time required for the brightness of the center of the lamp to be not less than 95%. the used lamp current is the lamp typical current. 7. the lamp power consumption shown above does not include loss of external inverter at 25  c. . the used lamp current is the lamp typical current. 8. the life is determined as the time at which luminance of the lamp is 50% compared to that of initial value at the typical lamp current on condition of continuous operating at 25 2  c. note. the output of the inverter must have symmetrical(negative and positive) voltage waveform and symmetrical current waveform(asymmetry ratio is less than 10%). please do not use the inverter which has asymmetrical voltage and asymmetrical current and spike wave. requirements for a system inverter design, which is intended to have a better display performance, a better power efficiency and a more reliable lamp. it shall help increase the lamp lifetime and reduce its leakage current. a. the asymmetry rate of the inverter current and voltage waveform should be 10% below; b. the distortion rate of the current and voltage waveform should be within  2  10%; c. the ideal sine current and voltage waveform shall be symmetric in positive and negative polarities. * asymmetry rate = | i p ?i ?p | / i rms * 100% * distortion rate = i p (or i ?p ) / i rms i p i -p
product specification 8/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 3-2. interface connections table 3. module connector pin configuration negative lvds receiver signal(-) ra- 18 ground gnd 19 ground gnd 20 ground gnd 2 power supply +12.0v vcc 3 power supply +12.0v vcc 4 power supply +12.0v vcc 5 power supply +12.0v vcc 6 ground gnd 7 ground gnd 8 positive lvds receiver signal(+) rd+ 9 negative lvds receiver signal(-) rd- 10 positive lvds receiver clock signal(+) rclk+ 11 negative lvds receiver clock signal(-) rclk- 12 positive lvds receiver signal(+) rc+ 13 negative lvds receiver signal(-) rc- 14 positive lvds receiver signal(+) rb+ 15 negative lvds receiver signal(-) rb- 16 positive lvds receiver signal(+) ra+ 17 polarity description symbol pin no gnd ground 1 this lcd employs five interface connections, a 20 pin connector is used for the module electronics and four two pins connector, are used for the integral backlight system.the electronics interface connector is a model gt100-20p-ls-smt-r manufactured by lg cable and the pin configuration for the connector is shown in the table below. (lcd connector  gt100-20p-ls-smt-r or equivalent( hirose, df19kr-20p-1h)  mating connector  gt100-20s-ls or equivalent ) note : 1. all gnd(ground) pins should be connected together and to vss which should also be connected to the lcd?s metal frame. 2. all v dd (power input) pins should be connected together. gt100-20p-ls-smt-r 20 1
product specification 9/ 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 the backlight interface connector for high voltage side is a model bhr-04vs-1 , manufactured by jst. the mating connector part number is sm02(12.0)-bhs-1 or equivalent. and the backlight interface connector for low voltage side is a model bhr-03vs-1 , manufactured by jst. the mating connector part number is sm02(8.0)-bhs-1 .the pin configuration for the connector is shown in the table below. table 4. backlight connector pin configuration a power supply for lamp (high voltage side) hv 2 a power supply for lamp (high voltage side) hv 1 notes description symbol pin b power supply for lamp (low voltage side) lv 2 b power supply for lamp (low voltage side) lv 1 notes description symbol pin the inverter interface connector for low voltage side is a model 51021-0800 , manufactured by molex. the mating connector part number is 53261-0890 or equivalent.. the pin configuration for the connector is shown in the table below. feed back lv 4 feed back lv 3 feed back lv 2 c feed back lv 1 notes description symbol pin feed back lv 8 feed back lv 7 feed back lv 6 c feed back lv 5 notes description symbol pin table 5. feed back connector pin configuration (upper & lower) a b c
product specification 10 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 red0 red1 red2 red3 red4 red5 red6 red7 green0 green1 green2 green3 green4 green5 green6 green7 blue0 blue1 blue2 blue3 blue4 blue5 blue6 blue7 hsync vsync data enable clock host system 24 bit ta- ta+ tb- tb+ tc- tc+ tclk- tclk+ td- td+ 50 2 51 52 54 55 56 3 8 10 4 6 7 11 12 14 16 18 15 19 20 22 23 24 27 28 30 31 thc63lvdf 83a/84a 18 17 16 15 14 13 12 11 10 9 ra- ra+ rb- rb+ rc- rc+ rclk- rclk+ rd- rd+ 100     100     100     100     100     48 47 46 45 42 41 40 39 38 37 gt100-20-ls-smt-r timing controller note : the lcd module uses a 100ohm resistor between positive and negative lines of each receiver input. note : refer to lvds transmitter data sheet for detail descriptions. pin 17 : n/c for thc63lvdf83a table 6. requires signal assignment for lvds transmitter (thc63lvdm83a / lvdf83a)
product specification 11 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 table 6. (continued) tclk- tclk+ transmitter clk in clk clk in 31 td- td+ tc- tc+ tb- tb+ low td6 25 blue pixel data blue0 [lsb] td4 16 blue pixel data blue1 td5 18 n/c for thc63lvdf83a r/f(n/c) 17 green pixel data green0 [lsb] td2 8 green pixel data green1 td3 10 data enable de tc6 30 red pixel data red0 [lsb] td0 50 red pixel data red1 td1 2 blue pixel data blue7 [msb] tc3 24 horizontal sync. hsync. tc4 27 vertical sync. vsync. tc5 28 blue pixel data blue4 tc0 20 blue pixel data blue5 tc1 22 blue pixel data blue6 tc2 23 green pixel data green7 [msb] tb4 14 blue pixel data blue2 tb5 15 blue pixel data blue3 tb6 19 green pixel data green4 tb1 7 green pixel data green2 ta6 4 green pixel data green5 tb2 11 green pixel data green6 tb3 12 green pixel data green3 tb0 6 red pixel data red7 [msb] ta5 3 red pixel data red6 ta4 56 red pixel data red5 ta3 55 red pixel data red4 ta2 54 red pixel data red3 ta1 52 ta- ta+ red pixel data red2 ta0 51 output description symbol pin name pin # notes : refer to lvds transmitter data sheet for detail descriptions.
product specification 12 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 3-3. signal timing specifications table 7. timing table note : hsync period and hsync width-active should be even number times of t clk . if the value is odd number times of t clk , display control signal can be asynchronous. this lcm operates in hsync., vsync. and data enable mode. t clk - 16 8 t wh width t hp khz t vp- t vv 38 5 - vertical blank t hp- t hv 64 32 - horizontal blank t hp - 29 2 t vbp vertical back porch t clk - 16 8 t hbp horizontal back porch - 32 16 t hfp horizontal front porch t wv  t wv + t vbp + t vfp 768 768 768 t vv vertical valid - 3 1 t vfp vertical front porch hz 62 60 58 f v frequency - 6 2 t wv width 51.07 48.36 46.05 f h frequency note 1) t clk 1368 1344 1312 t hp period hsync note 2) t hp 830 806 774 t vp period vsync t wh  t wh + t hbp + t hfp 1280 1280 1280 t hv horizontal valid de (data enable) mhz 67 65 63 - frequency ns 15.9 15.4 14.9 t clk period dclk note unit max typ min symbol item this is the signal timing required at the input of the lvds transmitter. all of the interface signal timing should be satisfied with the following specifications for it?s proper operation. note2) : vertical frequency should be keep the above specification when the resolution & mode are changed note1) : horizontal frequency should be keep the above specification.if not,it can cause wave noise.
product specification 13 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 ns 5 clk in transition time t tcit 0.5t 0.5t typ 0.65t 0.65t max ns 0 ttl data holdto clk in t th ns 2.5 ttl data setup to clk in t ts ns 0.35t clk in low time t tcl ns 0.35t clk in high time t tch unit min parameter symbol note : refer to thc63lvdf83a/m83a data sheet for detail descriptions. t hp t hv t hbp t hfp t vp t vbp t vfp t vv hsync. de (data enable) vsync. de (data enable) t wh t wv 3-4. signal timing waveforms t clk (t) t tch t tcl t ts t th dclk data de (data enable) 2.0v 0.8v 0.8v 2.0v 90% t tcit t tcit 10%
product specification 14 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 3-5. color input data reference the brightness of each primary color(red,green,blue) is based on the 8-bit gray scale data input for the color; the higher the binary input, the brighter the color. the table below provides a reference for color versus data input. table 8. color data reference 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green (000) dark green 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 green (001) ... ... ... ... 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 green (254) 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 green (255) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red (000) dark red 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 red (001) ... ... ... ... 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 red (254) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 red (255) 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue (001) ... ... ... ... 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue (254) 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue (255) blue (000) dark white yellow magenta cyan blue (255) green (255) red (255) black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 basic color 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 blue msb lsb green msb lsb red msb lsb b7 b6 b5 b4 b3 b2 b1 b0 g7 g6 g5 g4 g3 g2 g1 g0 r7 r6 r5 r4 r3 r2 r1 r0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue color input color data
product specification 15 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 3-6. power sequence interface signal power for lamp power supply for lcd v cc notes : 1. please avoid floating state of interface signal at invalid period. 2. when the interface signal is invalid, be sure to pull down the power supply for lcd v cc to 0v. 3. lamp power must be turn on after power supply for lcd an interface signal are valid. s - - 1 t7 ms 10 - 0.01 t6 ms 50 - 0.01 t2 ms ms - - 200 t3 - - 200 t4 ms 50 - 0.01 t5 ms 10 - - t1 max typ min units values parameter 10% 0v 90% 90% 10% t 1 t 2 t 5 t 6 t 7 t 3 t 4 10% 10% valid data lamp on table 9. power sequence
product specification 16 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 4. optical specification optical characteristics are determined after the unit has been ?on? and stable for approximately 2hrs in a dark environment at 25  c. the values specified are at an approximate distance 50cm from the lcd surface at a viewing angle of and equal to 0  . fig. 1 presents additional information concerning the measurement equipment and method. fig. 1 optical characteristic measurement equipment and method table 10. optical characteristics ta=25  c, v cc =12.0v, f v =60hz dclk=65mhz, i bl =6marms             by      
 
 
 
        wx white 4 ms - 25 tr response time y axis, down ( =270  ) y axis, up ( =90  ) x axis, left ( =180  ) x axis, right( =0  ) 5 degree 85 80 r 85 80 l 85 80 u 85 80 d blue                         wy viewing angle (cr>10) 6 gray scale green red                     gx                 gy             rx 



    



ry color coordinates 3 1.3 white luminance variation     



    bx max typ min 1 350 300 cr contrast ratio 2 cd/m 2 450 380 l wh surface luminance, white parameter symbol notes units values lcd module optical stage(x,y) pritchard 880 or equivalent 500mm
product specification 17 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 notes 1. contrast ratio(cr) is defined mathematically as : surface luminance with all white pixels contrast ratio = surface luminance with all black pixels 2. surface luminance is the center point across the lcd surface 50cm from the surface with all pixels displaying white under the condition of i bl =6marms. for more information see fig 1. 3. the variation in surface luminance , white is defined by measuring l on at watch test position 1 through 9, and then dividing maximum l on of 9 points luminance by minimum l on of each 9points luminance. for more information see fig 2. white = maximum (l on1, l on2, ........, l on9 ) / minimum (l on1, l on2, ........, l on9 ) 4. response time is the time required for the display to transition from black to white (rise time, t rr) and from white to black (decay time, t rd ). for additional information see fig 3. 5. viewing angle is the angle at which the contrast ratio is greater than 10. the angles are determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the lcd surface. for more information see fig 4. 6. gray scale specification 100 94.3 83.6 72.4 60.9 50.4 40.8 32.2 24.2 18.0 12.7 8.40 5.00 2.36 1.11 0.58 0.40 max 100 83.5 69.6 57.5 46.7 37.3 29.5 22.5 16.8 12.3 8.6 5.55 3.3 1.58 0.75 0.4 0.3 typ 0.20 l0 72.7 l239 100 l255 18.2 l159 24.2 l175 32.5 l191 42.6 l207 6.60 l111 9.20 l127 12.8 l143 55.6 l223 0.80 l47 1.60 l63 2.77 l79 4.50 l95 0.39 l31 0.22 l15 min luminance [%] (typ) gray level
product specification 18 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 fig. 3 response time the response time is defined as the following figure and shall be measured by switching the input signal for ?black? and ?white?. fig. 2 luminance t r r t r d 100 90 10 0 optical response                                             
  
  
  
                         
product specification 19 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 fig. 4 viewing angle normal y e = 0 , right = 180 , left = 270 , down = 90 , up
product specification 20 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 5. mechanical characteristics the contents provide general mechanical characteristics for the model lc300w01. in addition the figures in the next page are detailed mechanical drawing of the lcd. 385.92mm vertical hard coating(3h) anti-glare treatment of the front polarizer surface treatment 6720 (max.) 6,400g (typ.) weight 391.8mm vertical 431.8 +1.0/-0.5mm vertical 50.9 +1.0/-0.7mm depth 643.2mm horizontal active display area 649.2mm horizontal bezel area 697.8 +1.0/-0.5mm horizontal outline dimension
product specification 21 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002
product specification 22 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002
product specification 23 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 6. reliability environment test condition { result evaluation criteria } there should be no change which might affect the practical display function when the display quality test is conducted under normal operating condition. 0 - 10,000 feet(3048m) 0 - 40,000 feet(12,192m) altitude operating storage / shipment 8 wave form : random vibration level : 1.0grms bandwidth : 10-500hz duration : x,y,z, 10 min one time each direction vibration test (non-operating) 5 ta= 40  c ,90%rh humidity condition operation 7 shock level : 100grms waveform : half sine wave, 2ms direction :  x,  y,  z one time each direction shock test (non-operating) 6 ta= 0  c 240h low temperature operation test 4 ta= 50  c 50%rh 240h high temperature operation test 3 ta= -20  c 240h low temperature storage test 2 ta= 60  c 240h high temperature storage test 1 no test item condition note: after environmental test in relation to temperature the display quality test should be conducted under normal operating condition after leaving in 2hrs at the room temperature.
product specification 24 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 7. international standards 7-1. safety a) ul 1950 third edition, underwriters laboratories, inc. jan. 28, 1995. standard for safety of information technology equipment including electrical business equipment. b) can/csa c22.2 no. 950-95 third edition, canadian standards association, jan. 28, 1995. standard for safety of information technology equipment including electrical business equipment. c) en 60950 : 1992+a1: 1993+a2: 1993+a3: 1995+a4: 1997+a11: 1997 iec 950 : 1991+a1: 1992+a2: 1993+a3: 1995+a4: 1996 european committee for electrotechnical standardization(cenelec) european standard for safety of information technology equipment including electrical business equipment. 7-2. emc a) ansi c63.4 ?methods of measurement of radio-noise emissions from low-voltage electrical and electrical equipment in the range of 9khz to 40ghz. ?american national standards institute(ansi), 1992 b) c.i.s.p.r ?limits and methods of measurement of radio interface characteristics of information technology equipment.? international special committee on radio interference. c) en 55022 ?limits and methods of measurement of radio interface characteristics of information technology equipment.? european committee for electrotechnical standardization.(cenelec), 1998
product specification 25 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 8. packing 8-1. designation of lot mark a) lot mark abcdefghi jklm a,b,c : size d : year e : month f,g : panel code h : assembly code i,j,k,l,m : serial no. note 1. year b) location of lot mark 2. month serial no. is printed on the label. the label is attached to the backside of the lcd module. this is subject to change without prior notice. 8-2. packing form a) package quantity in one box : 3 pcs b) box size : tbd 3. serial no. mark year 6 2006 2 2002 3 2003 4 2004 5 2005 0 2000 1 2001 7 9 8 7 2007 99 98 97 b nov mark month a oct 6 jun 7 jul 8 aug 9 sep 4 apr 5 may c 4 2 1 dec mar feb jan a0001 ~ a9999, ..... , z9999 00001 ~ 99999 mark 100000 ~ 1 ~ 99999 year
product specification 26 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 9. precautions please pay attention to the followings when you use this tft lcd module. 9-1. mounting precautions (1) you must mount a module using holes arranged in four corners or four sides. (2) you should consider the mounting structure so that uneven force (ex. twisted stress) is not applied to the module. and the case on which a module is mounted should have sufficient strength so that external force is not transmitted directly to the module. (3) please attach the surface transparent protective plate to the surface in order to protect the polarizer. transparent protective plate should have sufficient strength in order to the resist external force. (4) you should adopt radiation structure to satisfy the temperature specification. (5) acetic acid type and chlorine type materials for the cover case are not desirable because the former generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break by electro-chemical reaction. (6) do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than hb pencil lead. and please do not rub with dust clothes with chemical treatment. do not touch the surface of polarizer for bare hand or greasy cloth.(some cosmetics are detrimental to the polarizer.) (7) when the surface becomes dusty, please wipe gently with absorbent cotton or other soft materials like chamois soaks with petroleum benzene. normal-hexane is recommended for cleaning the adhesives used to attach front / rear polarizers. do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) wipe off saliva or water drops as soon as possible. their long time contact with polarizer causes deformations and color fading. (9) do not open the case because inside circuits do not have sufficient strength. 9-2. operating precautions (1) the spike noise causes the mis-operation of circuits. it should be lower than following voltage : v=  200mv(over and under shoot voltage) (2) response time depends on the temperature.(in lower temperature, it becomes longer.) (3) brightness depends on the temperature. (in lower temperature, it becomes lower.) and in lower temperature, response time(required time that brightness is stable after turned on) becomes longer. (4) be careful for condensation at sudden temperature change. condensation makes damage to polarizer or electrical contacted parts. and after fading condensation, smear or spot will occur. (5) when fixed patterns are displayed for a long time, remnant image is likely to occur. (6) module has high frequency circuits. sufficient suppression to the electromagnetic interference shall be done by system manufacturers. grounding and shielding methods may be important to minimized the interference.
product specification 27 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 since a module is composed of electronic circuits, it is not strong to electrostatic discharge. make certain that treatment persons are connected to ground through wrist band etc. and don?t touch interface pin directly. 9-3. electrostatic discharge control strong light exposure causes degradation of polarizer and color filter. 9-4. precautions for strong light exposure when storing modules as spares for a long time, the following precautions are necessary. (1) store them in a dark place. do not expose the module to sunlight or fluorescent light. keep the temperature between 5  c and 35  c at normal humidity. (2) the polarizer surface should not come in contact with any other object. it is recommended that they be stored in the container in which they were shipped. 9-5. storage 9-6. handling precautions for protection film (1) the protection film is attached to the bezel with a small masking tape . when the protection film is peeled off, static electricity is generated between the film and polarizer. this should be peeled off slowly and carefully by people who are electrically grounded and with well ion-blown equipment or in such a condition, etc. (2) when the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the bezel after the protection film is peeled off. (3) you can remove the glue easily. when the glue remains on the bezel surface or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamois soaked with normal-hexane. al pha point lt d. ver ni ss ak a tu 8 a 0 13 00 va nt aa , fi nl and t el.: + 35 8 - 9- 34 64 3 4 1 fa x : + 35 8 - 9 - 34 6 4 3 4 2 h t t p : / / w w w . a l p h a . f i
product specification 28 / 28 lc300w01 liquid crystal display ver. 0.3 jan. 18, 2002 appendix : inverter specification (mechanical) : for reference only on (5v), 0v (off) on/off 4 ground gnd 5 ground gnd 6 no connection nc 7 ground gnd 8 ground gnd 3 0v (min), 5v (max) bright- adjust 2 ground gnd 1 notes description symbol pin input connector pin configuration (cn1 : 53261-1590) +24v vcc 12 +24v vcc 13 +24v vcc 14 +24v vcc 15 +24v vcc 11 +24v vcc 10 ground gnd 9 notes description symbol pin no guaranteed by manufacturer.


▲Up To Search▲   

 
Price & Availability of LC300W01-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X