Part Number Hot Search : 
MMSTA55 NPN222 6707QT SE9303 NM800 MBA0204 E5166A C783CD
Product Description
Full Text Search
 

To Download KP1500A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KP1500A ? ? ? t j ( c) i t(av) ??? 180 ??, 50hz ??, t hs =75 c 125 1500 a i t(av) ??? 180 ??, 50hz ??, t hs =55 c 125 1931 a v drm v rrm ???? ??? v drm &v rrm tp=10ms v dsm &v rsm = v drm &v rrm +100v 125 4300 5500 v i drm i rrm ??? ?? v dm = v drm v rm = v rrm 125 120 ma i tsm ???? 20 ka i 2 t ??? 10ms ?, ??, v r =0.6v rrm 125 2000 a 2 s*10 3 v to ?? 1.30 v r t ? 125 0.42 m w v tm ???? i tm =3000a, f=40kn 25 2 .80 v dv/dt ??? v dm =0.67v drm 125 500 v/ s di/dt ??? v dm = 67%v drm to 2000a, ? t r 0.5 s i gm 1.5a ?? 125 250 a/ s i rm ? 250 a t rr ?? 26 s q rr ? i tm =1500a,tp=1000 s, di/dt=-20a/ s, v r =50v 125 3250 c i gt ? 40 300 ma v gt ?? 0.8 3.0 v i h ?? v a =12v, i a =1a 25 20 300 ma v gd ?? v dm =67%v drm 125 0.3 v r th(j-h) ( ?) 180 ?, ?? ? 40.0kn 0.011 c /w f m ? 35 47 kn t stg ? -40 140 c w t 1100 g outline kt73ct ?? n ???? n ?????? n ??? ?? n ? n ? n ?? i t(av) 1500 a v drm /v rrm 4300-5500v i tsm 20 ka i 2 t 2000 10 3 a 2 s
fig.5 ???? fig.6 ?????? fig.1 ?? fig.2 ??? fig.3 ???? fig.4 ?????? y76kpm 52 0 400 800 1200 1600 2000 2400 0 300 600 900 1200 ??? i t(av) a ?? p t(av) (max) w 30 60 90 120 180 270 dc max. power dissipation vs.mean on-state current 360 conduction angle y76kpm 52 0 1000 2000 3000 4000 5000 0 20 04006008001000120014001600 ??? i t(av) a ?? p t(av) (max) w 30 60 90 120 180 max. power dissipation vs.mean on-state current conduction angle 180 0 y76kpm 0 20 40 60 80 100 120 140 0 50 01000150020002500300035004000 ??? i t(av) ,a ?? t hs (max), c dc 270 180 90 120 60 30 max. heatsink temperature vs.mean on-state current 360 conduction angle y76kpm 0 20 40 60 80 100 120 140 0 400 800 120 0160020002400 ??? i t(av) ,a ?? t hs (max), c 30 60 90 120 180 max. heatsink temperature vs.mean on-state current conduction angle 180 0 y76kpm 1 1.5 2 2.5 3 3.5 4 4.5 5 100 1000 10000 ??? i tm ,a ???? v tm ,v peak on-state voltage vs.peak on-state current t j =125 c 0.011 0 0.003 0.006 0.009 0.012 0.001 0.01 0.1 1 10 ? t,s ?? z th , c/w max. junction to heatsink thermai impedance vs.time
?: fig.7 ?????? fig.8 i 2 t fig.9 ? fig.10 ? 3v,300ma 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 0 100 200 300 400 500 600 ? ,i gt ma ?? ,v gt v 125 c 25 c -10 c -30 c gate trigger zone at varies temperature 0 2 4 6 8 10 12 14 16 18 0 4 8 12 16 20 24 ? ,i gt a ?? ,v gt v max. min. p gm =140w (100 s ) p g 2w gate characteristic at 25 c junction temperature 20 4 8 12 16 20 24 1 10 100 ? n,@ 50hz ??? i tsm ,ka surge current vs.cycles 2000 20 600 850 1100 1350 1600 1850 2100 1 10 ? t,ms ?? i 2 t,10 3 a 2 s i 2 t vs.time


▲Up To Search▲   

 
Price & Availability of KP1500A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X