Part Number Hot Search : 
72045 MMBT3904 M200D MC7906 SSM3J307 0104D0 D21P544 MA3J143A
Product Description
Full Text Search
 

To Download KK74ACT257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74ACT257 quad 2-input data selector/multiplexer with 3-state outputs high-speed silicon-gate cmos ordering information kk 74act257n plastic kk 74act257d soic t a = -40 to 8 5 c for all packages the kk 74act257 is identical in pinout to the ls/als257, hc / h c t 257. the kk 74act257 may be used as a level converter for interfacing ttl or nmos outputs to high speed cmos inputs. thi s devi ce sel ect s a (4-bi t ) ni bbl e from ei t h er t h e a or b i nput s as det e rm i n ed by t h e sel ect i nput . the ni bbl e i s present e d at t h e out put s i n noni nvert ed from when t h e out put enabl e pi n i s at a l o w l e vel . a hi gh l e vel on t h e out put enabl e pi n swi t c hes t h e out put s i n t o t h e hi gh- im pedance state. ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? out put s source/ si nk 24 m a pin assignment logic diagram pin 16 =v cc pin 8 = gnd function table input s o u t put s out put enable s e l e c t y 0 - y 3 h x z l l a 0 - a 3 l h b 0 - b 3 x=don?t care z = hi gh-i m pedance st at e a0 -a3 , b0 -b3 = th e lev e ls o f th e resp ectiv e ni bbl e input s 1
KK74ACT257 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =4.5 v v cc =5.5 v 0 0 10 8.0 ns/ v * v in from 0.8 v t o 2.0 v thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74ACT257 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 4.5 5.5 4.4 5.4 4.4 5.4 v * v in =v ih or v il i oh =-24 m a i oh =-24 m a 4.5 5.5 3.86 4.86 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 4.5 5.5 0.1 0.1 0.1 0.1 v * v in =v ih or v il i ol =24 m a i ol =24 m a 4.5 5.5 0.36 0.36 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a ? i cct addi t i onal m a x. i cc / i nput v in =v cc - 2.1 v 5.5 1.5 m a i oz m a x i mu m t h r e e - state leakage current v in (oe)= v ih or v il v in =v cc or gnd v out =v cc or gnd 5.5 0.5 5.0 a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 8 .0 80 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. 3
KK74ACT257 ac electrical characteristics (v cc =5.0 v 10%, c l =50pf, input t r =t f =3.0 ns) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c - 4 0 c to 8 5 c un it min m ax min max t plh propagat i on del a y , ni bbl e a or b t o out put y (fi gure 1) 1 . 5 7 . 0 1 . 0 7 . 5 n s t phl propagat i on del a y , ni bbl e a or b t o out put y (fi gure 1) 2 . 0 7 . 5 1 . 5 8 . 5 n s t plh propagat i on del a y , sel ect t o out put y (fi gure 2) 2 . 0 9 . 5 1 . 5 1 0 . 5 n s t phl propagat i on del a y , sel ect t o out put y (fi gure 2) 2 . 5 1 0 . 5 2 . 0 1 1 . 5 n s t pzh propagat i on del a y , out put enabl e t o out put y (fi gure 3) 2 . 0 8 . 0 1 . 5 9 . 0 n s t pzl propagat i on del a y , out put enabl e t o out put y (fi gure 3) 2 . 0 8 . 0 1 . 5 9 . 0 n s t phz propagat i on del a y , out put enabl e t o out put y (fi gure 3) 2 . 5 9 . 0 1 . 5 1 0 . 0 n s t plz propagat i on del a y , out put enabl e t o out put y (fi gure 3) 2 . 0 7 . 5 1 . 5 8 . 5 n s c in m a xi m u m input c a paci t a nce 4.5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 50 pf fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms 4
KK74ACT257 fi gure 3. sw i t chi n g waveforms expanded logic diagram 5
KK74ACT257 n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 6


▲Up To Search▲   

 
Price & Availability of KK74ACT257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X