Part Number Hot Search : 
UMA1018M D2150 OPA551 VHC244 66101F 90010 1E330 L6100150
Product Description
Full Text Search
 

To Download K10106TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date 01/10/2013 no.63p00014 cosmo electronics corporation photocoupler k1010 6t sheet 1 of 6 rev. 2 high reliability photocoupler z features 1.low input current type (i f =1ma). 2.current transfer ratio (ctr : 50~600% at i f =1ma vce=5v). 3.high isolation voltage between input and output (viso:5000vrms). 4. compact long creepage distance for surface mount type package. 5.pb free and rohs compliant. 6.agency approvals ? ul ul1577 / cul c22.2 no.1 & ntc no.5, file no. e169586 ? vde en60747, file no.101347 ? fimko en60065, file no.fi23149 ? fimko en60950, file no.fi24584 ? semko en60065, file no.1016484 ? semko en60950, file no.1016433 ? cqc gb4943 / gb8898, f ile no.cqc10001049555/cqc08001023986 z application 1.computer terminals, programmable controllers. 2.facsimile equipment, audio, video. 3.communications, telephone, etc..
product specification date 01/10/2013 no.63p00014 cosmo electronics corporation photocoupler k1010 6t sheet 2 of 6 rev. 2 1. outside dimension : unit (mm) cosmo 1010 817 xxx t 0 ~ 10 0.25 4.60 3.50 1.20 2.54 6.50 7.62 10.16 0.900.25 0.900.25 11.80 0.25 +0.2 -0.5 tolerance : 0.2mm 2. schematic : top view 1. anode 2. cathode 3. emitter 4. collector 2 3 4 5
product specification date 01/10/2013 no.63p00014 cosmo electronics corporation photocoupler k1010 6t sheet 3 of 6 rev. 2 z absolute maximum ratings parameter symbol rating unit forward current i f 50 ma peak forward current i fm 1 a reverse voltage v r 6 v input power dissipation p d 70 mw collector-emitter voltage v ceo 80 v emitter-collector voltage v eco 6 v collector current i c 50 ma collector power dissipation p c 150 mw output junction temperature tj 125 total power dissipation p tot 200 mw isolation voltage 1 minute v iso 5000 vrms operating temperature t opr -55 to +115 storage temperature t stg -55 to +125 soldering temperature 10 second t sol 260 z electro-optical characteristics parameter symbol conditions min. typ. max. unit forward voltage v f i f =20ma - 1.2 1.4 v peak forward voltage v fm i fm =0.5a - - 3.0 v reverse current i r v r =4v - - 10 a input terminal capacitance c t v=0, f=1khz - 30 - pf output collector dark current i ceo v ce =20v - - 0.1 a current transfer ratio ctr i f =1ma, v ce =5v 50 - 600 % collector-emitter saturation v ce(sat) i f =20ma, i c =1ma - 0.1 0.2 v isolation resistance r iso dc500v 5x10 10 10 11 - ? floating capacitance c f v=0, f=1mhz - 0.6 1.0 pf response time ( rise ) t r - 4 18 s transfer charac- teristics response time ( fall ) t f v ce =2v, i c =2ma, r l =100 - 3 18 s
product specification date 01/10/2013 no.63p00014 cosmo electronics corporation photocoupler k1010 6t sheet 4 of 6 rev. 2 fig.1 current transfer ratio vs. forward current current transfer ratio ctr ( % ) 1 / 6 2 3 2 1 1 6 1 2 1 1 2 6 1 3 1 1 3 6 1 4 1 1 4 6 1 5 1 1 1 / 2 6 3 1 ta=25 vce=5v classification table of current transfer ratio is shown below. rank mark ctr (%) K10106TA 100 to 600 k10106tb 200 to 500 k10106tc 160 to 400 k10106td 120 to 300 k10106te 50 to 600 forward current i f (ma) fig.2 collector power dissipation vs. ambient temperature fig.3 collector dark current vs. ambient temperature collector power dissipation p c ( mw ) 25 0 -55 50 0 100 125 75 50 200 150 250 115 collector dark current i ceo ( a ) -8 10 0 25 10 -11 10 -10 -9 10 vce=20v 10 -7 10 -6 10 -5 75 50 115 -55 ambient temperature ta ( ) ambient temperature ta ( ) fig.4 forward current vs. ambient temperature fig.5 forward current vs. forward voltage forward current i f ( ma ) 60 10 -55 0 20 025 30 40 50 50 75 115 125 forward current i f ( ma ) 1.6 -25 1.4 1.0 0.8 1.2 20 2 5 10 50 ta=75 c 50 100 c 2.2 1.8 2.0 c c 25 c 0 1 0.2 0.5 0.1 0.6 ambient temperature ta ( ) forward voltage v f (v)
product specification date 01/10/2013 no.63p00014 cosmo electronics corporation photocoupler k1010 6t sheet 5 of 6 rev. 2 fig.6 collector current vs. collector-emitter voltage fig.7 relative current transfer ratio vs. ambient temperature collector current i c (ma) 0 01 234 6 579 8 ta=25c 1 2 3 4 5 6 0.1ma 0.5ma 1ma 5ma if=10ma relative current transfer ratio ( % ) -55 0 0 50 25 50 115 75 if = 1 m a vce=5v 150 100 collector-emitter voltage v ce (v) ambient temperature ta ( ) fig.8 collector-emitter saturation voltage vs. ambient temperature fig.9 collector-emitter saturation voltage vs. forward current collector-emitter saturation voltage v ce ( v ) 0 050 25 75 115 ic=1ma 0.02 0.04 0.06 0.10 0.08 0.12 0.16 0.14 if=20ma -55 collector-emitter saturation voltage v ce ( v ) 5 0 10 c ta=25 ic=7m a ic=5m a ic=3m a ic=1m a ic=0.5m a 0 1 3 2 5 4 6 7 ambient temperature ta ( ) forward current i f (ma) fig.10 response time vs. load resistance fig.11 response time vs. load resistance response rise time ( us ) 10 1 0.1 tr 0.5 0.2 0.1 1 2 5 10 20 100 50 ic= 2m a vce=2v c ta=25 response fall time ( us ) 10 0.1 1 0.1 0.2 1 0.5 5 2 20 10 ic=2m a vce=2v 100 50 c tf ta=25 load resistance r l (k ) load resistance r l (k )
product specification date 01/10/2013 no.63p00014 cosmo electronics corporation photocoupler k1010 6t sheet 6 of 6 rev. 2 z notice the information contained in this document is intended to be a general product description and is subject to change without notice. please contact cosmo in order to obta in the latest device data sheets before using any cosmo device. cosmo does not assume any responsibility for use of any circui try described. no circuit patent licenses are implied. this publicatio n is the property of cosmo. no part of this publication may be rep roduced or copied in any form or by any means, or transferred to any th ird party without the prior written consent of cosmo electronics corporation. the devices listed in this document are designed for general applications only in electronic e quipment. no devices shall be deployed which require higher le vel of reliability such as ? medical and other life support equipments. ? space application. ? telecommunication equipment ( trunk lines ). ? nuclear power control equipment. unless it received prior writ ten approval from cosmo. cosmo takes no responsibility for damages arise form the improper usage of our device. pl ease contact cosmo for further information regarding the above notices.


▲Up To Search▲   

 
Price & Availability of K10106TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X