Part Number Hot Search : 
LS07D 101MH BRS2A16G TK20D60 4ALVC 2N6710 1008J TLP11207
Product Description
Full Text Search
 

To Download ISL98602IRABZ-T7A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isl98602 print page 5 channel dc/dc converter + v on slice + power good features description isim design simulation technical documentation tools and support pricing / samples related devices datasheet isl98602 5 channel dc/dc converter + v on slice + power good input voltage (v) 9.5 to 15 v boost (v) 10.83 to 19 boost current limit (a) 5.5 v on (v) up to 36 v off (v) down to -10 v logic (v) (vlogic1) 2.5 to 3.3 (vlogic2) 0.9 to 2.0 # of v com n/a # of gamma n/a features automatic start-up sequencing, fault protection input voltage (min) (v) 9.5 input voltage (max) (v) 15 v boost (min) (v) 10.83 v boost (max) (v) 19 v on (min) (v) * v on (max) (v) 36 v off (min) (v) -10 v off (max) (v) * v logic (min) (v) 2.5, 0.9 v logic (max) (v) 3.3, 2 product information key features 9.5v to 15.0v input supply 1.3mhz switching frequency 5.5a integrated boost for up to 19v a vdd v on charge pump, up to 36v and 120ma v off charge pump, down to -10v and 120ma synchronous buck1 for 3.3v/2.5v with 2.0a peak fet synchronous buck2 controller output from 0.9v to 2.0v on-board avdd delay switch v on slice function integrated power good function for tcon enable automatic start-up sequencing uvlo, uvp, ovp, ocp, and otp protection 40 ld 6x6 qfn specified for ambient operation over the -40c to +85c temperature range pb- free (rohs compliant) description the isl98602 represents a high-power, integrated lcd supply ic targeted at large panel lcd displays. the isl98602 integrates a high-power boost converter for avdd generation, v on and v off charge pump drivers, one synchronous buck regulator, and one synchronous buck controller for two logic voltages. the v on slicing circuitry and power good function are also included. pa g e 1 of 3 4/17/2012
operating at 1.3mhz, the avdd boost converter features a 5.5a boost fet. feedback is taken from the far side of the delay fet for improving regulation. the ovp circuit protects output side components. the logic synchronous buck converter features two 2.3a fets operating at 1.3mhz internal clock. the output voltage is set by the ic internally or with a feedback resistor. the soft-start circuitry is also integrated with the buck. the second logic voltage is generated from a synchronous buck converter with mosfet controllers. the overcurrent protection is also integrated with the buck. the charge pump of v on and v off uses the full switching frequency and integrates the driver for high current capability. v on is further processed through an integrated v on slice circuit in order to reduce flicker. alternative fixed voltages at the boost, buck1, buck2, v on charge pump, and v off charge pump are available in isl98602; please contact intersil marketing via e-mail at rmonteir@intersil.com . pricing / packaging / samples / ordering ibuy direct from intersil ibuy direct - out of stock request samples check distributor inventory available in rohs/pb-free part no. design-in status temp. package msl price us $ isl98602iraaz active ind 40 ld qfn 32.50 isl98602iraaz-t active ind 40 ld qfn t+r 32.50 isl98602iraaz-t7a active ind 40 ld qfn t+r 32.75 isl98602iraaz-tk active ind 40 ld qfn t+r 32.50 isl98602irabz active ind 40 ld qfn 32.50 isl98602irabz-t active ind 40 ld qfn t+r 32.50 ISL98602IRABZ-T7A active ind 40 ld qfn t+r 32.75 isl98602irabz-tk active ind 40 ld qfn t+r 32.50 the price listed is the manufacturer's suggested retail price for quantities of 1k units. however, prices in today's market are fluid and may change without notice. msl = moisture sensitivity level - per ipc/jedec j-std-020 smd = standard microcircuit drawing technical documentation datasheet(s): 5 channel dc/dc converter + v on slice + power good technical homepage: display products tools and support isim design simulation no models available application block diagrams lcd-tv panel applications lcd tv related devices parametric table el7515 high frequency pwm step-up regulator el7520 4-channel dc/dc controller pa g e 2 of 3 4/17/2012
el7520a 4-channel dc/dc controller el7581 3-channel dc/dc converter el7583 3-channel dc/dc converter el7586 tft-lcd power supply el7586a tft-lcd power supply el7640 tft-lcd dc/dc with integrated amplifiers el7640a tft-lcd dc/dc with integrated amplifiers el7641 tft-lcd dc/dc with integrated amplifiers el7641a tft-lcd dc/dc with integrated amplifiers el7642 tft-lcd dc/dc with integrated amplifiers el7642a tft-lcd dc/dc with integrated amplifiers isl78010 automotive grade tft-lcd power supply isl78020 automotive grade tft-lcd dc/dc with integrated amplifiers isl78022 automotive grade tft-lcd dc/dc with integrated amplifiers isl97516 600khz/1.2mhz pwm step-up regulator isl97519 1% output accuracy 600khz/1.2mhz pwm step-up regulator isl97519a 600khz/1.2mhz pwm step-up regulator isl97522 4-channel tft-lcd supply isl97536 monolithic 1a step-down regulator with low quiescent current isl97642 tft-lcd dc/dc with integrated amplifiers isl97645 boost + v on slice + v com isl97645a boost + v on slice + v com + reset isl97646 boost + ldo + v on slice + v com isl97649a tft-lcd supply + dcp + vcom amplifier + gate pulse modulator + reset isl97649b tft-lcd supply + dcp + vcom amplifier + gate pulse modulator + reset isl97650 4-channel integrated lcd supply isl97650b 4-channel integrated lcd supply isl97651 4-channel integrated lcd supply isl97652 4-channel integrated lcd supply with dual v com amplifiers isl97653a 5-channel integrated lcd supply isl97656 integrated 4a switch pwm step-up regulator isl98012 1.8v input pwm step-up regulator isl98603 5 channel dc/dc converter + v on slice + power-good about us | careers | contact us | investors | legal | privacy | site map | subscribe | intranet ?2003-2011. intersil americas inc. all rights reserved. pa g e 3 of 3 4/17/2012


▲Up To Search▲   

 
Price & Availability of ISL98602IRABZ-T7A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X