Part Number Hot Search : 
A29L800 PCA7414 HM628512 BB179 LD12A B80NE LVA489A MB8116H
Product Description
Full Text Search
 

To Download IRFB17N60KPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 91 098 www.vishay.com s11-0514-rev. b, 21-mar-11 1 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power mosfet irfb17n50l, sihfb17n50l vishay siliconix features ? low gate charge q g results in simple drive requirement ? improved gate, avalanch e and dynamic dv/dt ruggedness ? fully characterized capacitance and avalanche voltage and current ?low t rr and soft diode recovery ? compliant to rohs directive 2002/95/ec applications ? switch mode power supply (smps) ? uninterruptible power supply ? high speed power switching ? zvs and high frequency circuit ? pwm inverters notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. starting t j = 25 c, l = 3.0 mh, r g = 25 ? , i as = 16 a (see fig. 12). c. i sd ? 16 a, di/dt ? 347 a/s, v dd ? v ds , t j ? 150 c. d. 1.6 mm from case. product summary v ds (v) 500 r ds(on) ( ? )v gs = 10 v 0.28 q g (max.) (nc) 130 q gs (nc) 33 q gd (nc) 59 configuration single n-channel mosfet g d s to-220ab g d s rohs* compliant ordering information package to-220ab lead (pb)-free irfb17n50lpbf sihfb17n50l-e3 snpb irfb17n50l sihfb17n50l absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 30 continuous drain current v gs at 10 v t c = 25 c i d 16 a t c = 100 c 11 pulsed drain current a i dm 64 linear derating factor 1.8 w/c single pulse avalanche energy b e as 390 mj repetitive avalanche current a i ar 16 a repetitive avalanche energy a e ar 22 mj maximum power dissipation t c = 25 c p d 220 w peak diode recovery dv/dt c dv/dt 13 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d mounting torque 6-32 or m3 screw 10 lbf in 1.1 n m * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com document number: 91098 2 s11-0514-rev. b, 21-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfb17n50l, sihfb17n50l vishay siliconix notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. pulse width ? 300 s; duty cycle ? 2 %. thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -62 c/w case-to-sink, flat, greased surface r thcs 0.50 - maximum junction-to-case (drain) r thjc -0.56 specifications (t j = 25 c, unless otherwise noted) parameter symbol test condi tions min. typ. max. unit static drain-source brea kdown voltage v ds v gs = 0 v, i d = 250 a 500 - - v v ds temperature coefficient ? v ds /t j reference to 25 c, i d = 1 ma - 0.6 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 3.0 - 5.0 v gate-source leakage i gss v gs = 30 v - - 100 na zero gate voltage drain current i dss v ds = 500 v, v gs = 0 v - - 50 a v ds = 400 v, v gs = 0 v, t j = 125 c - - 2.0 ma drain-source on-state resistance r ds(on) v gs = 10 v i d = 9.9 a b - 0.28 0.32 ? forward transconductance g fs v ds = 50 v, i d = 9.9 a b 11 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 2760 - pf output capacitance c oss - 325 - reverse transfer capacitance c rss -37- output capacitance c oss v gs = 0 v v ds = 1.0 v , f = 1.0 mhz - 3690 - v gs = 0 v v ds = 400 v , f = 1.0 mhz - 84 - effective output capacitance c oss eff. v gs = 0 v v ds = 0 v to 400 v c - 159 - total gate charge q g v gs = 10 v i d = 16 a, v ds = 400 v, see fig. 6 and 13 b - - 130 nc gate-source charge q gs --33 gate-drain charge q gd --59 turn-on delay time t d(on) v dd = 250 v, i d = 16 a, r g = 7.5 ? , see fig. 10 b -21- ns rise time t r -51- turn-off delay time t d(off) -50- fall time t f -28- drain-source body diode characteristics continuous source-dr ain diode current i s mosfet symbol showing the integral reverse p - n junction diode --16 a pulsed diode forward current a i sm --64 body diode voltage v sd t j = 25 c, i s = 16 a, v gs = 0 v b --1.5v body diode reverse recovery time t rr t j = 25 c i f = 16 a, di/dt = 100 a/s b - 170 250 ns t j = 125 c - 220 330 body diode reverse recovery charge q rr t j = 25 c - 470 710 nc t j = 125 c - 810 1210 reverse recovery current i rrm -7.311a forward turn-on time t on intrinsic turn-on time is negligible (turn-on is dominated by l s and l d ) s d g
document number: 91 098 www.vishay.com s11-0514-rev. b, 21-mar-11 3 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfb17n50l, sihfb17n50l vishay siliconix typical characteristics (25 c, unless otherwise noted) fig. 1 - typical output characteristics fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature v ds , drain-to-source voltage (v) i d , drain-to-source current (a) 0.1 1 10 100 0.01 0.1 1 10 100 vgs 15 v 12 v 10 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v to p bottom 5.0 v 20 s pulse width t j = 25 c i d , drain-to-source current (a) 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 vgs 15 v 12 v 10 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v bottom to p 5.0 v 20 s pulse width t j = 125 c v ds = 50 v 20 s pulse width t j = 25 c t j = 150 c 5.0 4.0 7.0 6.0 8.0 9.0 10.0 0.1 1 10 100 v gs , gate-to-source voltage (v) i d , drain-to-source current (a) i d = 16 a v gs = 10 v t j , junction temperature r ds(on) , drain-to-source on resistance (normalized) - 60 - 20 - 40 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0
www.vishay.com document number: 91098 4 s11-0514-rev. b, 21-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfb17n50l, sihfb17n50l vishay siliconix fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area c rss c oss c iss v gs = 0 v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 1 10 100 1000 10 100 1000 10 000 1 000 000 c, capacitance (pf) v ds , drain-to-source voltage (v) v ds = 400 v v ds = 250 v v ds = 100 v i d = 16 a 0 30 60 90 120 150 0 4 8 12 16 20 q g , total gate charge (nc) v gs , gate-to-source voltage (v) v sd , source-to-drain voltage (v) i sd , reverse drain current (a) t j = 150 c t j = 25 c v gs = 0 v 100 0.2 0.9 0.6 1.3 1.6 0.1 1 10 operating in this area limited by r ds(on) 10 ms 1 ms 100 s 10 s t c = 25 c t j = 150 c single pulse 10 100 1000 10000 0.1 1 10 100 1000 i d , drain current (a) v ds , drain-to-source voltage (v)
document number: 91 098 www.vishay.com s11-0514-rev. b, 21-mar-11 5 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfb17n50l, sihfb17n50l vishay siliconix fig. 9 - maximum drain curre nt vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case t c , case temperature (c) i d , drain current (a) 25 50 75 100 125 150 0 4 8 12 16 20 pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , rectangular pulse duration (sec) thermal response (z thjc ) 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) t 1 t 2 notes: 1. duty factor d = t 1 / t 2 2. peak t j = p dm x z thjc + t c p dm
www.vishay.com document number: 91098 6 s11-0514-rev. b, 21-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfb17n50l, sihfb17n50l vishay siliconix fig. 12a - unclamped inductive test circuit fig. 12b - unclamped inductive waveforms fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit a r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15 v 20 v i as v ds t p 25 800 640 480 320 160 0 150 125 100 75 50 i d top 7 a 10 a bottom 16 a starting t j , junction temperature (c) e as , single pulse avalanche energy (mj) q gs q gd q g v g charge v gs d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v current regulator current sampling resistors same type as d.u.t. + -
document number: 91 098 www.vishay.com s11-0514-rev. b, 21-mar-11 7 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irfb17n50l, sihfb17n50l vishay siliconix fig. 14 - for n-channel vishay siliconix maintains worldw ide manufacturing capability. prod ucts may be manufactured at on e of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents su ch as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?91098 . p.w. period di/dt diode recovery dv/dt ripple 5 % body diode forward drop re-applied voltage rever s e recovery current body diode forward current v gs = 10 v a i s d driver gate drive d.u.t. l s d waveform d.u.t. v d s waveform inductor current d = p.w. period + - + + + - - - peak dio d e recovery d v/ d t test circuit v dd ? dv/dt controlled by r g ? driver s ame type a s d.u.t. ? i s d controlled by duty factor d ? d.u.t. - device under te s t d.u.t. circuit layout con s ideration s ? low s tray inductance ? g round plane ? low leakage inductance current tran s former r g note a. v gs = 5 v for logic level device s v dd
package information www.vishay.com vishay siliconix revison: 08-oct-12 1 document number: 71195 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-220ab notes * m = 1.32 mm to 1.62 mm (dim ension including protrusion) heatsink hole for hvm ? xian and mingxin actual photo m * 3 2 1 l l(1) d h(1) q ? p a f j(1) b(1) e(1) e e b c millimeters inches dim. min. max. min. max. a 4.25 4.65 0.167 0.183 b 0.69 1.01 0.027 0.040 b(1) 1.20 1.73 0.047 0.068 c 0.36 0.61 0.014 0.024 d 14.85 15.49 0.585 0.610 e 10.04 10.51 0.395 0.414 e 2.41 2.67 0.095 0.105 e(1) 4.88 5.28 0.192 0.208 f 1.14 1.40 0.045 0.055 h(1) 6.09 6.48 0.240 0.255 j(1) 2.41 2.92 0.095 0.115 l 13.35 14.02 0.526 0.552 l(1) 3.32 3.82 0.131 0.150 ? p 3.54 3.94 0.139 0.155 q 2.60 3.00 0.102 0.118 ecn: x12-0208-rev. n, 08-oct-12 dwg: 5471
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of IRFB17N60KPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X