Part Number Hot Search : 
B37611 SK22AL HSM2692 PE25FG MM1025 82C54 K2010 12864
Product Description
Full Text Search
 

To Download HY62LF16101CSLF-85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document is a general product description and is subject to change without notice. hynix semiconductor does not assume any responsibility for use of circuits described. no patent licenses are implied. rev.0 4 / jun . 01 hynix semiconductor hy62lf16101 c series 64kx16bit full cmos sram document title 64k x16 bit 2.5v super low power full cmos slow sram revision history revision no history draft date remark 03 divide output load into a couple of factors dec.16. 2000 final - tclz,tolz,tblz,tchz,tohz,tbhz,twhz,tow - others add marking information 04 change p art number jun.07. 2001 - 2.5v version : q - > l - hy62qf16101 c - > hy62lf16101c
hy62lf1610 1c series rev.0 4 / jun . 01 2 description the hy62 l f16101c is a high speed, super low power and 1m bit full cmos sram organized as 65,536 words by 16bit. the hy62 l f16101c uses high performance full cmos process technology and designed for high s peed low power circuit technology. it is particularly well suited for used in high density low power system application. this device has a data retention mode that guarantees data to remain valid at a minimum power supply voltage of 1.2v. features f ully static operation and tri - state output ttl compatible inputs and outputs battery backup(ll /sl - part) - . 1.2v(min) data retention standard pin configuration - . 48 - fbga product voltage speed operation standby current ( ua) no. (v) (ns) current /icc (ma) ll sl temperature ( c ) hy62lf16101c 2.3~2.7 70/85/100 3 3 1 0~70 hy62lf16101c - i 2.3~2.7 70/85/100 3 3 1 - 40~85(i) note 1. blank : commercial, i : industrial 2. current value is max. pin connection block diagram /lb io9 io10 /oe a0 a1 a2 nc /ub a3 a4 /cs io1 io11 a5 a6 io2 io3 vss io12 nc a7 io4 vcc vcc io13 nc nc io5 vss io15 io14 a14 a15 io6 io7 io16 nc a12 a13 /we io8 nc a8 a9 a10 a11 nc 48 - fbga(top view) pin description pin name pin fun c tion pin name pin fun c tion /cs chip select i/o1~i/o16 data input s / output s /we write enable a0~a15 address input s /oe out put enable vcc power(2.3v~2.7v) /lb low byte control(i/o1~i/o8) vss ground /ub upper byte control(i/o9~i/o16) nc no connection memory array 128k x 16 row decoder sense amp write driver data i/o buffer i/ o1 i/o16 columndecoder control logic add input buffer a0 a15 /cs /oe /lb /ub /we
hy62lf1610 1c series rev.0 4 / jun . 01 2 ordering information part no. speed power temp. package hy62lf16101cllf 70/85/100 ll - part fbga hy62lf16101cslf 7 0/85/100 sl - part fbga hy62lf16101cllf - i 70/85/100 ll - part i fbga hy62lf16101cslf - i 70/85/100 sl - part i fbga note 1. blank : commercial, i : industrial absolute maximum rating (1) symbol parameter rating unit remark v in, v out input/output volt age - 0.2 to 3.6 v vcc power supply - 0.2 to 4. 6 v t a operating temperature 0 to 70 c hy62lf16101c - 40 to 85 c hy62lf16101c - i t stg storage temperature - 55 to 150 c p d power dissipation 1.0 w t solder lead soldering temperature & time 260 10 c sec note 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is stress rating only and the functional operation of the device under these or any ot her conditions above those indicated in the operation of this specification is not implied. exposure to the absolute maximum rating conditions for extended period may affect reliability. truth table i/o i/o1~i/o8 i/o9~i/o16 h x x x x des elected hi gh - z hi gh - z stand by x x x h h des elected hi gh - z hi gh - z stand by l h h l x output disabled hi gh - z hi gh - z active l h h x l output disabled hi gh - z hi gh - z active l h l l h d out hi - z h l read hi - z d out active l l d out d out l l x l h d in hi - z h l write hi - z d in active l l d in d in note: 1. h=v ih , l=v il , x=don't care ( v ih or v il ) 2. / ub, / lb(upper, lower byte enable) these active low inputs allow individual bytes to be written or r ead. when lb is low, data is written or read to the lower byte, i/o 1 - i/o 8. when ub is low, data is written or read to the upper byte, i/o 9 - i/o 16. /cs /we /oe /lb /ub mode power
hy62lf1610 1c series rev.0 4 / jun . 01 3 recommended dc operating condition symbol parameter min. typ. max. unit vcc supply volt age 2.3 2.5 2.7 v vss ground 0 0 0 v v ih input high voltage 2. 0 - vcc+0. 3 v v il input low voltage - 0. 3 (1) - 0.6 v note : 1. vil = - 1.5v for pulse width less than 30ns 2. undershoots are sampled and not 100% tested. dc electrical charact eristics vcc = 2. 3v~2.7 v, t a = 0 c to 70 c / - 40 c to 85 c (i) sym parameter test condition min. typ. max. unit i li input leakage current vss < v in < vcc - 1 - 1 ua i lo output leakage current vss < v out < vcc, /cs = v ih or / oe = v ih or /we = v il , / ub = /lb = v ih - 1 - 1 ua icc operating power supply /cs = v il , v in = v ih or v il, current i i/o = 0ma - - 3 ma i cc1 average operating current /cs < 0.2 v, 1us cycle time,100% duty, i i/o = 0ma , v in < 0.2v - - 4 ma /cs = v il, v in = v ih o r v il cycle time = min . 100% duty i i/o = 0ma - - 30 ma i sb ttl standby current /cs = v ih or (ttl input) /ub = /lb = v ih , v in = v ih or v il - - 0.3 ma standby current /cs > vcc - 0.2v or i sb1 (cmos input) /ub = /lb > vcc - 0.2v , sl - - 1 ua v in > vcc - 0.2v or v in < vss + 0.2 v ll - 0.5 3 ua v ol output low voltage i ol = 0.5ma - - 0.4 v v oh output high voltage i oh = - 0.5ma 2.0 - - v note : 1. typical values are at vcc = 2. 5 v, t a = 25 c 2.typical values are sampled and not 100% tested. capacitance (temp = 25 c , f= 1.0mhz) symbol parameter condition max. unit c in input capacitance(add, /cs, /ub, /lb, /we, /oe) v in = 0v 8 pf c out output capacitance(i/o) v i/o = 0v 10 pf note : these parameters are sample d and not 100% tested
hy62lf1610 1c series rev.0 4 / jun . 01 4 ac characteristics vcc = 2.3~2.7v , t a = 0 c to 70 c / - 40 c to 85 c (i) , unless otherwise specified - 70 - 85 - 10 min. max. min. max. min max. 1 trc read cycle time 70 - 85 - 100 - ns 2 taa address access time - 70 - 85 - 100 ns 3 tacs chip select access time - 70 - 85 - 100 ns 4 toe output enable to output valid - 40 - 45 - 50 ns 5 tba /lb, /ub access time - 7 0 - 85 - 10 0 ns 6 tclz chip select to output in low z 10 - 10 - 20 - ns 7 tolz output enable to ou tput in low z 5 - 5 - 5 - ns 8 tblz /lb, /ub enable to output in low z 5 - 5 - 5 - ns 9 tchz chip deselection to output in high z 0 30 0 30 0 30 ns 10 tohz out disable to output in high z 0 30 0 30 0 30 ns 11 tbhz /lb, /ub disable to output in high z 0 30 0 30 0 30 ns 12 toh output hold from address change 10 - 10 - 15 - ns 13 twc write cycle time 70 - 85 - 100 - ns 14 tcw chip selection to end of write 60 - 70 - 80 - ns 15 taw address valid to end of write 60 - 70 - 80 - ns 16 tbw /lb, /ub val id to end of write 60 - 70 - 80 - ns 17 tas address set - up time 0 - 0 - 0 - ns 18 twp write pulse width 50 - 55 - 75 - ns 19 twr write recovery time 0 - 0 - 0 - ns 20 twhz write to output in high z 0 25 0 30 0 35 ns 21 tdw data to write time overlap 3 0 - 35 - 45 - ns 22 tdh data hold from write time 0 - 0 - 0 - ns 23 tow output active from end of write 5 - 5 - 10 - ns ac test conditions t a = 0 c to 70 c / - 40 c to 85 c (i) , unless otherwise specified parameter value input pulse level 0.4v to 2. 2v input rise and fall time 5ns input and output timing reference level 1.1v tclz,tolz,tblz,tchz,tohz,tbhz,twhz,tow cl = 5pf + 1ttl load output load others cl = 30pf + 1ttl load ac test loads d out 3345 ohm cl(1) 30 67 ohm v tm=2.3v note 1. including jig and scope capacitance read cycle write cycle symbol parameter # unit
hy62lf1610 1c series rev.0 4 / jun . 01 5 timing diagram read cycle 1(note 1 ,4 ) read cycle 2(note 1,2, 4 ) trc taa data valid previous data toh toh addr data out read cycle 3(note 1, 2, 4) /cs /ub, /lb tacs data valid tclz(3) tchz(3) data out notes: 1. a r ead occurs dur ing the overlap of a low /oe, a high /we, a low /cs1 and low /ub and / or /lb . 2. /oe = v il 3. transition is measured + 200mv from steady state voltage. this parameter is sampled and not 100% tested. 4. /cs in high for the standby, low for active /ub and /lb in high for the standby, low for active addr trc / cs taa tacs toh data valid high - z data out / ub ,/ lb / oe tba toe tclz (3) tblz (3) t olz (3) t chz (3) t bhz (3) tohz (3)
hy62lf1610 1c series rev.0 4 / jun . 01 6 write cycle 1 (1,4,8) (/we controlled) write cycle 2 (note 1,4, 8) (/cs controlled) notes: 1. a write occurs during the overlap of a low /we, a low /cs1 a nd low /ub and/or /lb. 2. twr is measured from the earlier of /cs, /lb, /ub, or /we going high to the end of write cycle. 3. during this period, i/o pins are in the output state so that the input signals of opposite phase to the output must not be applie d. 4. if the /cs, /lb and /ub low transition occur simultaneously with the /we low transition or after the /we transition, outputs remain in a high impedance state. 5 . q(data out) is the same phase with the write data of this write cycle. 6. q(data ou t) is the read data of the next address. 7. transition is measured +200mv from steady state. this parameter is sampled and not 100% tested. 8 . /cs in high for the standby, low for active /ub and /lb in high for the standby, low for active data valid addr data out / cs / ub , / lb / we twc tcw twr (2) tbw taw twp data in high - z tas twhz (3, 7 ) tdw tdh tow ( 5 ) ( 6 ) data valid addr data out / cs / ub , / lb / we twc tcw twr (2) tbw taw twp data in tdw tdh high - z high - z tas
hy62lf1610 1c series rev.0 4 / jun . 01 7 data retention electric characteristic t a =0 c to 70 c / - 40 c to 85 c (i) symbol parameter test condition min typ max unit v dr vcc for data retention /cs > vcc - 0.2v or 1.2 - 2.7 v /ub = /lb > vcc - 0.2v, v in > vcc - 0.2v or v in < vss + 0.2v i ccdr data retention current vcc=1.5v, /cs > vcc - 0.2v, ll - 0.5 2 ua /ub = /lb > vcc - 0.2v v in > vcc - 0.2v or sl - - 1 ua v in < vss + 0.2v tcdr chip deselect to data retention time see data retention timing diagram 0 - - ns tr operating recovery time trc (2) - - ns notes: 1. typical values are under the condition of t a = 25 c . 2. trc is read cycle time. data retention timing diagram cs vdr cs > vcc-0.2v tcdr tr vss vcc 2.3v data retention mode or /ub &/lb or /ub = /lb > vcc ? 0.2v
hy62lf1610 1c series rev.0 4 / jun . 01 8 package i nformation 48ball fine - pitch ball grid array package(f) bottom view top view b a a1 corner b1/2 index area 6 5 4 3 2 1 a a b c d c c1 e f g c1/2 c1/2 h b1/2 b1 side view 5 e1 e2 c e seating plane 4 a r 3 d(diameter) symbol min. typ. max. a - 0.75 - b - 3.75 - b1 6.1 6.2 6.3 c - 5.25 - c1 6.2 6 . 3 6.4 d 0.3 0.3 5 0. 4 e 0.9 1. 0 1.1 e1 0.7 0.75 0.8 e2 0.2 0.2 5 0. 3 r - - 0.1 note 1. dimensioning and tolerancing per asme y14. sm - 1994. 2. all dimensions are millimeters. 3. dimension ?d? is measured at the maximum solder ball diameter in a plane parallel to datum c. 4. primary datum c(seating plane) is defined by the crown of the solder balls. 5 . this is a controlling dimension.
hy62lf1610 1c series rev.0 4 / jun . 01 9 marking instruction package marking example h y l f 6 1 1 c c s s t y y w w p x x x x x k o r fbga index ? hylf611cc : part name c : power consumption - l : low low power - s : super low power ? ss : speed - 70 : 70ns - 85 : 85ns - 10 : 100ns ? t : temperature - c : industrial ( - 0 ~ 70 c ) - i : industrial ( - 40 ~ 85 c ) ? yy : year (ex : 00 = year 2000, 01= year 2001) ? ww : work week ( ex : 12 = work week 12 ) ? p : process code ? xxxxx : lot no. ? kor : origin country note - capital letter : fixed item - small letter : non - fixed item package marking example h y l f 6 1 1 c c s s t y y w w p x x x x x k o r fbga index ? hylf611cc : part name c : power consumption - l : low low power - s : super low power ? ss : speed - 70 : 70ns - 85 : 85ns - 10 : 100ns ? t : temperature - c : industrial ( - 0 ~ 70 c ) - i : industrial ( - 40 ~ 85 c ) ? yy : year (ex : 00 = year 2000, 01= year 2001) ? ww : work week ( ex : 12 = work week 12 ) ? p : process code ? xxxxx : lot no. ? kor : origin country note - capital letter : fixed item - small letter : non - fixed item


▲Up To Search▲   

 
Price & Availability of HY62LF16101CSLF-85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X