Part Number Hot Search : 
HM63921 MCH6541 POZ3AN SA636DK 500ET SI7617 20016 D1210
Product Description
Full Text Search
 

To Download HPX100AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  microstructure pressure sensors 0 mm hg to 300 mm hg through 0 psi to 100 psi hpx serie s sensin g and control features ? miniature package size ? available in gage and absolute sensing types ? non-compensated and non- calibrated ? pressure ranges from 0 psi to 100 psi ? response time is 1 ms typical ? two package styles, dip and soic ? wide operating temperature range ? surface mount and through hole mounting typical applications ? medical equipment ? altimeters and barometers ? pneumatic controls ? leak detection ? consumer goods warning personal injury do not use these products as safety or emergency stop devices, or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. the hpx series pressure sensors provide accurate, low cost sensing in two different package configurations, dip (dual in-line package) and soic (small outline integrated circuit). the gage devices come in a 6-pin dip and the absolute devices come in an 8 pin surface mount soic package. both sensor styles are non-amplified and non-calibrated. the user may provide the hpx series sensors with amplification and signal conditioning circuitry to meet specific application requirements. these easy-to-use sensors feature wheatstone bridge construction, silicon piezoresistive technology and ratiometric output for proven application flexibility, design simplicity and ease of end product manufacturing. these devices are intended for use with non-corrosive, non-ionic working fluids such as air and dry gases. warning misuse of documentation ? the information presented in this product sheet is for reference only. do not use this document as a product installation guide. ? complete installation, operation, and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury.
microstructure pressure sensors 0 mm hg to 300 mm hg through 0 psi to 100 psi hpx series 2 honeywell ? sensing and control general specifications ? gage (dip) parameter min. typ. max. unit excitation ? 3.0 10.0 vdc input impedance 4 k 5 k 6 k ohm output impedance 4 k 5 k 6 k ohm environmental specifications ? gage (dip) parameter characteristic operating temperature range -20 c to 100 c [-4 f to 212 f] storage -40 c to 125 c [-40 f to 257 f] vibration 1.5 mm at 10 hz to 50 hz weight <1 g [<0.035 oz] life 1 million cycles min. (5.8 psi is 100,000 cycles) lead solder temperature dip solder bath: max. 250 c [482 f] for 5 s performance characteristics ? gage (dip) pressure range linearity % span hysteresis % span null offset (mv) span (mv) overpressure (psi) max. response time (ms) typ. temperature coefficient of null offset (% span/oc) typ. temperature coefficient of span (% span/oc) typ. 5.8 psi (300 mm hg) 0.5 0.5 20 40 12 15 1.0 0.08 -0.1 to -0.3 15 psi 0.3 0.3 30 42 12 45 1.0 0.08 -0.1 to -0.3 30 psi 0.3 0.3 30 60 20 90 1.0 0.08 -0.1 to -0.3 50 psi 0.3 0.3 30 60 20 150 1.0 0.08 -0.1 to -0.3 100 psi 0.3 0.3 30 60 20 300 1.0 0.08 -0.1 to -0.3 notes: 1. reference conditions (unless otherwise noted): supply voltage, v s =3.0 0.01 vdc; ta=25 c [77 f]. output is ratiometric within the supply voltage range (vs). 2. temperature coefficients are typical values between -20 c and 100 c [-4 f and 212 f]. 3. span is the algebraic difference between the output voltage at the specified pressure and the output at zero pressure. span is ratiometric to the supply voltage. 4. response time for 0 psi to full-scale pressure step change, 10 % to 90 % rise time. gage (dip) mounting dimensions (for reference only mm[in]) absolute sensor terminal connection table terminal number name 1 power supply (+) 2 output (+) 3 power supply (-) 4 power supply (-) 5 output (-) 3 2 1 4 5 6 7,19 [0.283] 7,19 [0.283] ?1,09 [0.043] (pressure inlet hole) ?2,49 [0.098] ?3,99 [0.157] 3,99 [0.157] 4,6 [0.181] 2,54 [0.100] 5 [0.197] 8,2 max [0.323] 9,5 [0.374] 0,25 [0.010] 3,51 [0.138] 6 no connection wheatstone bridge 5 1 2 3 4
microstructure pressure sensors 0 mm hg to 300 mm hg through 0 psi to 100 psi hpx series honeywell ? sensing and control 3 general specifications ? absolute (soic) parameter min. typ. max. unit excitation ? 3.0 10.0 vdc input impedance 4 k 5 k 6 k ohm output impedance 4 k 5 k 6 k ohm environmental specifications ? absolute (soic) parameter characteristic operating temperature range -40 c to 125 c [-40 f to 257 f] storage temperature range -40 c to 125 c [-40 f to 257 f] vibration 1.5 mm at 10 hz to 50 hz weight <1 g [<0.035 oz] life 1 million cycles min. smt solder sn 96.5 ag 3.5 no clean flux sn 63 pb 37 no clean flux smt reflow profile max peak temperature of 250 c [482 f] for 10 s performance characteristics ? absolute (soic) pressure range linearity % span hysteresis % span null offset (mv) span (mv) overpressure (psi) max. response time (ms) typ. temperature coefficient of null offset (% span/oc) typ. temperature coefficient of span (% span/oc) typ. 15 psi 0.3 0.3 30 87 18 45 1.0 0.08 -0.1 to -0.3 30 psi 0.3 0.3 30 60 20 90 1.0 0.08 -0.1 to -0.3 50 psi 0.3 0.3 30 60 20 150 1.0 0.08 -0.1 to -0.3 100 psi 0.3 0.3 30 60 20 300 1.0 0.08 -0.1 to -0.3 notes: 1. reference conditions (unless otherwise noted): supply voltage, v s =3.0 0.01 vdc; ta=25 c [77 f]. output is ratiometric within the supply voltage range (vs). 2. temperature coefficients are typical values between -20 c and 100 c [-4 f and 212 f]. 3. span is the algebraic difference between the output voltage at the specified pressure and the output at zero pressure. span is ratiometric to the supply voltage. 4. response time for 0 psi to full-scale pressure step change, 10 % to 90 % rise time. absolute (soic) mounting dimens ions (for reference only mm[in]) absolute sensor terminal connection table terminal number name 1 no connection 2 output (+) 3 no connection 4 power supply (-) 5 power supply (-) 6 output (-) 7 no connection 4 3 2 1 5 6 7 8 5,08 [0.200] 4,06 [0.160] ?0,8 [0.03] (pressure inlet hole) 1,52 [0.060] 2,54 [0.100] 2,79 [0.110] 0,41 [0.016] 1,27 [0.050] 0,2 [0.008] 0,71 [0.028] 5,99 [0.236] 1,78 [0.070] 8 power supply (+) wheatstone bridge 2 8 6 5 4
microstructure pressure sensors 0 mm hg to 300 mm hg through 0 psi to 100 psi hpx series sensing and control www.honeywell.com/sensing honeywell 11 west spring street freeport, illinois 61032 008138-1-en il50 glo 1004 printed in usa copyright 2004 honeywell international inc. all rights reserved. order guide pressure range absolute (soic) gage (dip) 0 psi to 5.8 psi (0 to 300 mm hg) ? hpx005gd 0 psi to 15 psi hpx015as hpx015gd 0 psi to 30 psi hpx030as hpx030gd 0 psi to 50 psi hpx050as hpx050gd 0 psi to 100 psi HPX100AS hpx100gd warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. contact your local sales office for warranty information. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace without charge those items it finds defective. the foregoing is buyer?s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. for application assistance, current specifications, or name of the nearest authorized distributor, contact a nearby sales office. or call: 1-800-537-6945 usa/canada 1-815-235-6847 international fax 1-815-235-6545 usa internet www.honeywell.com/sensing info.sc@honeywell


▲Up To Search▲   

 
Price & Availability of HPX100AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X