Part Number Hot Search : 
PR150 XIT1700 PE3393 ZXCT1051 XS2206 AK4384 KBP158G BA6137
Product Description
Full Text Search
 

To Download HMC215LP411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 1 hmc215lp4 / 215lp4e gaas mmic mixer w/ integrated lo amplifier, 1.7 - 4.0 ghz v01.0111 functional diagram general description the hmc215lp4 & hmc215lp4 e are high linearity, double-balanced converter i cs that operate from 1.7 to 4.0 ghz and deliver a +25 dbm input third order intercept point. the lo amplifer output and high dynamic range mixer input are positioned so that an external lo flter can be placed in series be-tween them. the converter provides 32 db of lo to r f isolation and is ideal for upconverter and down- converter applications. the i c operates from a single +5v supply consuming 56 ma of current and accepts a lo drive level of 2 to 6 dbm. the design requires no external baluns and supports i f frequencies between dc and 1 ghz. the hmc215lp4( e ) is pin for pin compatible with the hmc552lp4( e ), which operates from 1.6 to 3.0 ghz. features i nput i p3: +25 dbm low i nput lo drive: +2 to +6 dbm high lo to r f i solation: 32 db low conversion loss: 8 db s ingle positive s upply: +5v @ 56 ma 24 lead ceramic 4x4mm s mt package: 16mm2 electrical specifcations, t a = +25c, lo = +4 dbm, vcc = +5v, if = 100 mhz* typical applications the hmc215lp4 / hmc215lp4 e is ideal for wireless i nfrastructure applications: ? pc s / 3g i nfrastructure ? base s tations & r epeaters ? wima x & wibro ? is m & fixed wireless parameter min. typ. max. units frequency r ange, r f, lo 1.7 - 4.0 ghz frequency r ange, i f dc - 1.0 ghz conversion loss 8.0 11 db noise figure ( ss b) 8.5 db lo to r f i solation 23 32 db lo to i f i solation 10 20 db i p3 ( i nput) 25 dbm 1 db compression ( i nput) 17 dbm lo drive i nput level (typical) 2 to 6 dbm s upply current ( i cc) 56 60 ma *unless otherwise noted, all measurements performed as a downconverter, with low side lo and confgured as shown in application circuit.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 2 conversion gain vs. temperature isolation return loss conversion gain vs. lo drive upconverter performance conversion gain vs. lo drive if bandwidth -20 -15 -10 -5 0 1 1.5 2 2.5 3 3.5 4 4.5 +25c +85c -40c conversion gain (db) frequency (ghz) hmc215lp4 / 215lp4e v01.0111 -20 -15 -10 -5 0 1 1.5 2 2.5 3 3.5 4 4.5 rf lo return loss (db) frequency (ghz) -20 -15 -10 -5 0 1 1.5 2 2.5 3 3.5 4 4.5 lo= 0 dbm lo= +2 dbm lo= +4 dbm lo= +6 dbm lo= +8 dbm conversion gain (db) frequency (ghz) -25 -20 -15 -10 -5 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 conversion gain return loss response (db) frequency (ghz) -20 -15 -10 -5 0 1 1.5 2 2.5 3 3.5 4 4.5 lo= 0 dbm lo= +2 dbm lo= +4 dbm lo= +6 dbm conversion gain (db) frequency (ghz) -50 -40 -30 -20 -10 0 1 1.5 2 2.5 3 3.5 4 4.5 rf to if lo to rf lo to if isolation (db) frequency (ghz) gaas mmic mixer w/ integrated lo amplifier, 1.7 - 4.0 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 3 mxn spurious @ if port nlo m r f 0 1 2 3 4 0 xx -4 10 14 32 1 5 0 22 37 49 2 78 66 60 63 93 3 83 97 92 80 80 4 103 101 106 105 101 r f freq. = 1.9 ghz @ -10 dbm lo freq. = 1.8 ghz @ 4 dbm all values in dbc relative to the i f power level. input ip3 vs. temperature input ip3 vs. lo drive input ip2 vs. lo drive input p1db vs. temperature input ip2 vs. temperature hmc215lp4 / 215lp4e v01.0111 10 12 14 16 18 20 1.5 2 2.5 3 3.5 4 4.5 +25c +85c -40c input p1db (dbm) frequency (ghz) 20 30 40 50 60 70 80 1.5 2 2.5 3 3.5 4 4.5 lo= 0 dbm lo= +2 dbm lo= +4 dbm lo= +6 dbm input ip2 (dbm) frequency (ghz) 20 30 40 50 60 70 80 1.5 2 2.5 3 3.5 4 4.5 +25c +85c -40c input ip2 (dbm) frequency (ghz) 5 10 15 20 25 30 35 1.5 2 2.5 3 3.5 4 4.5 lo= 0 dbm lo= +2 dbm lo= +4 dbm lo= +6 dbm input ip3 (dbm) frequency (ghz) 5 10 15 20 25 30 35 40 1.5 2 2.5 3 3.5 4 4.5 +25c +85c -40c input ip3 (dbm) frequency (ghz) gaas mmic mixer w/ integrated lo amplifier, 1.7 - 4.0 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 4 harmonics of lo nlo s pur @ r f port lo freq. (ghz) 1 2 3 4 1.0 32 40 27 40 1.4 28 19 25 30 1.8 29 16 30 42 2.2 33 18 27 44 2.6 35 23 34 41 3.0 34 20 41 44 lo = 4 dbm all values in dbc below input lo level measured at r f port. typical supply current vcc i cc (ma) +5.0 56 ma hmc215lp4 / 215lp4e v01.0111 gaas mmic mixer w/ integrated lo amplifier, 1.7 - 4.0 ghz absolute maximum ratings r f / i f i nput (vcc= +5v) +22 dbm lo drive (vcc= +5v) +10 dbm b i a s +7 vdc junction temperature 150 c continuous pdiss (t = 85 c) (derate 5.21 mw/ c above 85 c) 0.339 w thermal r esistance (junction to ground paddle) 192 c/w s torage temperature -65 to +150 c operating temperature -40 to +85 c e l e ct ro s tat ic se n si t i v e de v ic e ob ser v e handl i ng p re caut i on s outline drawing not es : 1. l e adf r am e mat eri al: copp er alloy 2. d i m e n si on s a re i n i nch es [m i ll i m e t ers ] 3. l e ad s pac i ng tol er anc e is non-cumulat i v e . 4. pad bu rr l e ngth s hall b e 0.15mm ma xi mum. pad bu rr h ei ght s hall b e 0.05mm ma xi mum. 5. packag e wa r p s hall not ex c ee d 0.05mm. 6. all g r ound l e ad s and g r ound paddl e mu s t b e s old ere d to pcb r f g r ound. 7. re f er to h i tt i t e appl i cat i on not e fo r s ugg es t e d land patt er n. part number package body material lead finish m s l r ating package marking [3] hmc215lp4 low s tress i njection molded plastic s n/pb s older m s l1 [1] h215 xxxx hmc215lp4 e r oh s -compliant low s tress i njection molded plastic 100% matte s n m s l1 [2] h215 xxxx [1] max peak refow temperature of 235 c [2] max peak refow temperature of 260 c [3] 4-digit lot number xxxx package information
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 5 pin number function description i nterface s chematic 1 m ix lo this pin is dc coupled and matched to 50 ohms. an off chip dc blocking capacitor is required. 2, 6 - 9, 11 - 17, 19 - 24 n/c no connection. these pins may be connected to r f ground. performance will not be affected. 3 b i a s power supply for the lo amplifer. three external bypass capacitors are recommended for optimum performance, as illustrated in the application circuit. 4 gnd backside of package has exposed metal ground paddle that must also be connected to ground. 5 lo this pin is dc coupled and matched to 50 ohms from 1.7 to 4.0 ghz. an off chip dc blocking capacitor is required. 10 i f this pin is dc coupled. for applications not requiring operation to dc, this port should be dc blocked externally using a series capacitor whose value has been chosen to pass the necessary i f frequency range. for operation to dc, this pin must not source/sink more than 18 ma of current or die non-function and possible die failure will result. 18 r f this pin is dc coupled and matched to 50 ohms. pin descriptions hmc215lp4 / 215lp4e v01.0111 gaas mmic mixer w/ integrated lo amplifier, 1.7 - 4.0 ghz application circuit r ecommended components values ( i f = dc - 300 mhz) c3 1000 pf c4 2.2 f c1, c2, c5 100 p f l1 18 nh r 1 18 ohm
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 6 hmc215lp4 / 215lp4e v01.0111 gaas mmic mixer w/ integrated lo amplifier, 1.7 - 4.0 ghz evaluation pcb the circuit board used in the application should use r f circuit design techniques. s ignal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hit - tite upon request. i tem description j1 - j3 pcb mount s ma r f connector j4, j5 dc pin c1, c2, c5 100 pf chip capacitor, 0402 pkg. c3 1000 p f chip capacitor, 0603 pkg. c4 2.2 f capacitor, tantalum l1 18 nh chip i nductor, 0603 pkg. r 1 18 ohm r esistor, 1210 1/8 watt pkg. u1 hmc215lp4 / hmc215lp4 e pcb [2] 113417 e valuation board [1] r eference this number when ordering complete evaluation pcb [2] circuit board material: r ogers 4350 list of materials for evaluation pcb 115820 [1]


▲Up To Search▲   

 
Price & Availability of HMC215LP411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X