Part Number Hot Search : 
21000 MUR80 UPD42270 1500ECMC LC72322 AOXYY LD3501 7N0603
Product Description
Full Text Search
 

To Download HGO1601601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HGO1601601 1/160duty 1/10bias 160*160 dots pin connections pin symbol level function 1 v ss 0v gnd 2 v dd 3.3v logic power supply 3 nc - no connection 4 /wr l write signal 5 /rd l read signal 6 /cs l chip enable signal 7 a0 h/l ?h? data ?l? instruction code 8 /rest l reset signal ,active ?l? 9 | 16 db0 | db7 h/l data bus line 17 nc - no connection 18 nc - no connection 19 a 3.3v 20 k 0v power supply for led backlight notes: 1. built-in controller 2. fstn mechanical data absolute maximum ratings electrical characteristics ( v dd =5.0v, ta=25 ) item sym. min. typ. max. unit input high voltage v ih 0.8v dd 3.3 - v input low voltage v il - - 0.2v dd v output high voltage v oh 0.8v dd - - v output low voltage v ol - - 0.2v dd v supply current i dd - - - ma lcd driving voltage v 0 - 16.5 - v led backlight specifications ( ta=25 ) item forward voltage forward current white 3.1v 60ma item nominal dimensions unit module size w x h x t 81.44x81.44x8.0 mm viewing area (w x h ) 60.0 x60.0 mm dot pitch (w x h ) 0.34x0.34 mm dot size (w x h ) 0.32x0.32 mm item symbol min. max. unit supply voltage (logic) v dd -v ss -0.3 4.0 v supply voltage (lcd) v 0 -0.3 19.8 v input voltage v i -0.3 v dd +0.3 v operating temp. t opr -25 75 storage temp. t stg -30 80 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of HGO1601601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X