Part Number Hot Search : 
1N4002A B100B E50519 EPR1036 A2475 FAN001 DTA144 PE45117
Product Description
Full Text Search
 

To Download HAT902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hat900  series  spdt relays & electronics int'l. corp. tel:(516) 328-9292 fax:(516)326-9125 www.hascorelays.com email:info@hascorelays.com features this datasheet is for customers' reference. all the specifications are subject to change without notice. characteristics notes:1) the data shown above are initial values. 2) please find coil temperature curve in the characteristic curved below. 33 contact ratings contact arrangement contact resistance contact material contact rating(resistive) max. switching voltage max. switching current max. switching power mechanical life electrical life 1a a 1b a 1c agcdo  agsno  siiver aiioy 50m 1a 24vdc
dielectric strength unit weight insulation resistance between coil & contacts between open contacts humidity ambient temperature shock resistance functional destructive vibration resistance 1000m (at 500vdc) class b:-20 c ~85 c class f:-20 c ~105 c approx. 36g 1500vac 1min 98m/s 2 980m/s 2 98% rh, 40c 2000vac 1min operate time (at nomi. volt.) release time (at nomi. volt.) 15ms 10ms 10hz to 55hz 1.5mm da construction sealed, covered, open type coil data at 25 c dc 5 6 9 12 15 22 27 40 97 155 256 640 3.75 4.50 6.75 9.00 11.25 16.50 0.50 0.60 0.90 1.20 1.50 2.20 6.50 7.80 11.70 15.60 19.50 28.60 nominal voltage vdc pick-up voltage (max.) vdc drop-out voltage (min.) vdc max. allowable voltage vdc coil resistance 10% 18 13.50 1.80 23.40 380 24 48 110 18.00 36.00 82.50 2.40 4.80 11.00 31.20 62.40 143.00 660 2560 13400 file no.:e75887 ordering information hat f 901 c s 30 dc 12 - 1 - xxx model f:class f nil:class b 901:pcb pins only 902:pcb pins & quick connects 903:quick connects only-flange mount nil:open c:covered s:sealed without pin 6 coil voltage a:spst-no b:spst-nc c:spdt coil:ac or dc customer code note  902&903 relays do not have pin 6. file no.:r 50194653 nil:40a 30:30a 110 7  operations 110 5  operations 30/40a 277vac 30a/28vdc 277vac/28vdc 40a 11080va/560w 30,40 amp c 4000vac high dielectric strength between contacts and coil is available c max. switch capacity up to 40a
relays & electronics int'l. corp. tel:(516) 328-9292 fax:(516)326-9125 www.hascorelays.com email:info@hascorelays.com unit: inch(mm) outline dimensions wiring diagram (bottom view) pcb layout (bottom view) hat900  series  spdt outline dimensions, wiring diagram and pc board layout. this datasheet is for customers' reference. all the specifications are subject to change without notice. 34 ac 12 24 110 120 220 277 27 120 2360 3040 13490 20300 9.6 19.2 88.0 96.0 176.0 221.6 1.2 2.4 11.0 12.0 22.0 27.7 15.60 7.80 11.70 15.60 19.50 28.60 nominal voltage vac pick-up voltage (max.) vac drop-out voltage (min.) vac max. allowable voltage vac coil resistance 10% 240 192.0 24.0 23.40 15735 coil coil power dc:900mw ac:2va safety approval ratings ul&cul 1.079(27.4) .692(17.6) .496(12.6) 1.252(31.8) .764(19.4) .862(21.9) .102(2.6) .189(4.8) .775(19.7) .169(4.3) 1.079(27.4) .692(17.6) .496(12.6) 1.252(31.8) .764(19.4) .862(21.9) .102(2.6) .189(4.8) .775(19.7) .169(4.3) 4- .083(2.1) .299(7.6) .598(15.2) .1(2.54) .1(2.54) .149(3.8) pin 6 2- .043(1.1) .701(17.8) .201(5.1) .201(5.1) 3- .083(2.1) .299(7.6) .598(15.2) .1(2.54) .149(3.8) 2- .043(1.1) .701(17.8) .402(10.2) 1.083(27.5
.949(24.1
.587(14.9
.248(6.3
4- .083(2.1) .299(7.6) .598(15.2) .1(2.54) .1(2.54) .149(3.8) pin 6 2- .043(1.1) .201(5.1) .201(5.1) hat 901 series hat 901 series open type hat 901 series without pin 6 tv 30,40 amp 1hp/120vac, 2hp/277vac, 2hp/240vac 20a/277vac ballast, 30a/120vac ballast 20a/240vac/14vdc 15a/240vac/14vdc 1c 1b 1a 1a with pin 6 (1b a 1c see next page) 1 4 6 2 3 1 6 2 3 5 6 2 3 1 4 5 1 4 2 3 .701(17.8) 2hp/277vac, 1hp/120vac 10a/277vac ballast,2a/120vac tungsten no nc
relays & electronics int'l. corp. tel:(516) 328-9292 fax:(516)326-9125 www.hascorelays.com email:info@hascorelays.com hat900  series  spdt this datasheet is for customers' reference. all the specifications are subject to change without notice. 35 unit: inch(mm) outline dimensions, wiring diagram and pc board layout. remark  1) in case of no tolerance shown in outline dimension: outline dimension 1mm,tolerance should be 0.2mm; outline dimension # 1mm and 5mm,tolerance should be 0.3mm;outline dimension # 5mm, tolerance should be 0.4mm.  2) the tolerance without indicating for pcb layout is always 0.1mm. 1.083(27.5
.949(24.1
.587(14.9
.248(6.3
3- .083(2.1) .299(7.6) .598(15.2) .1(2.54) .149(3.8) 2- .043(1.1) .402(10.2) hat 901 series open type without pin 6 hat 902 series .138(3.5) .299(7.6) .403(10.25) .401(10.2) .212(5.4) .248(6.3) .075(1.9) 2-? 0.7 1.2 1.2 2- 1.5 0.8 1.087 (27.6) .154(3.9) .016(0.4) .212(5.4) .409(10.4) .1(2.54) .299(7.6) .598(15.2) .149(3.8) .701(17.8) .551(14) 1.713(43.5) .142(3.6) 1.075(27.3) 1.976(50.2) .087(2.2) 1.08(27.45) 1.276(32.4) .264(6.7) .403(10.25) .299(7.6) .075(1.9) .252(6.4) .236(6) .088(2.25) .402(10.2) .047(1.2) .205(5.2) .209(5.3) .315(8) .315(8) .402(10.2) hat 903 series 30,40 amp 1b 1c 1c 1b 1a 1c 1b 1a 1 2 3 5 1 2 3 4 5 .701(17.8) 3- .083(2.1) 1.28(32.4) 1.079(27.4) .201(5.1) outline dimensions wiring diagram (bottom view) pcb layout (bottom view)
relays & electronics int'l. corp. tel:(516) 328-9292 fax:(516)326-9125 www.hascorelays.com email:info@hascorelays.com hat900  series  spdt this datasheet is for customers' reference. all the specifications are subject to change without notice. 36 characteristic curves 30,40 amp endurance curve switching current (a) operations (10000  ops) coil temperature rise temperature rise (k) percentage of nominal coil voltage maximum switching power contact voltage(v) contact current(a) hat901 series HAT902 series hat903 series ac load ac load ac load dc load dc load dc load endurance curve coil temperature rise maximum switching power endurance curve coil temperature rise maximum switching power switching current (a) percentage of nominal coil voltage contact voltage(v) switching current (a) percentage of nominal coil voltage contact voltage(v) operations (10000  ops) temperature rise (k) contact current(a) operations (10000  ops) temperature rise (k) contact current(a) 1a 1c(no) 1b 1c(nc) 1a 1c(no) 1b 1c(nc) 1a 1c(no) 1b 1c(nc) 1a 1c(no) 1b 1c(nc) 1a 1c(no) 1b 1c(nc) 1a 1c(no) 1b 1c(nc)


▲Up To Search▲   

 
Price & Availability of HAT902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X