Part Number Hot Search : 
871P4 150601H IR3566A 18TQSPBF 70PFT 70PFT BDT86 F3142
Product Description
Full Text Search
 

To Download FX8086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 8086 microprocessor trainer model FX8086 revision 1.0 - 1 - 8086 microprocessor trainer model FX8086 copyright ? 2001 fox electronics all rights reserved fox electronics 65, 3 rd floor, wisma paos, persiaran selangor, section 15, 40000 shah alam, selangor, malaysia. tel: 603-55122388 fax: 603-55139152 website: www.fox-electronics.com
fox electronics 8086 microprocessor trainer model FX8086 revision 1.0 - 2 - main features microprocessor intel 80c86 rom 16k bytes (expandable to 64k bytes) ram 16k bytes static ram (expandable to 64k bytes) serial ports two, rs-232 1 for pc-ade8086 communication 1 for ade8086 usart communication lcd 16 characters by 2 lines inputs standard pc/at keyboard pc control ade8086 software (windows 95/98/nt) digital i/o 48 lines maximum disassembler pc software assembler pc software (downloadable to ade8086) crystal frequency 14.7456 mhz debugger single step, break point and run in ade8086 standalone and pc software expansion 50-pin address, data and control buses header machine code input through keyboard in standalone mode download from pc after assembled on board peripheral ppi x 2, pic, pit, usart, ram 16k byte, rom 16k byte
fox electronics 8086 microprocessor trainer model FX8086 revision 1.0 - 3 - specification microprocessor cpu 8086 operating in minimum mode cgd 8284a clock generator driver. oscillator source is a 14.7456mhz quartz crystal. cpu clock, clk is 4.9152mhz. peripheral clock, pclk, is 2.4576mhz (ideal for baud rate generator). memory eprom 2764 x 2 16k bytes rom (expandable on board to 64k bytes) ram 6264 x 2 16k bytes ram (expandable on board to 64k bytes) on-board peripherals ppi 8255a x 2 programmable peripheral interface providing: 4 off 8-bit parallel ports with handshake lines. pit 8253 programmable interval timer: 3 off 16-bit counter/timer channels. usart 8251a universal synchronous/asynchronous receiver/transmitter or programmable communication interface providing: full duplex asynchronous rs232 link, using standard mc145407 device for level shifting. baud rate software programmable using the 8253. pic 8259a programmable interrupt controller providing: 8 levels of priority for above devices. power supply requirement +5v @1.2a a mains adaptor having the required o/p is supplied as part of the ade 8086 training system notes: every FX8086 comes with a technical reference manual, pc/at keyboard and a standard power supply.


▲Up To Search▲   

 
Price & Availability of FX8086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X