Part Number Hot Search : 
SC162 5253TM 2SK973S 1N6303 3DD5036P 102K6 29F002 MMBZ5
Product Description
Full Text Search
 

To Download FTE8510N1LCN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product brief endurance ? for datacom applications key features ? supports 1 gb/s to 10.3 gb/s optical data links over multi- mode fibers ? multi-rate versions available ? compact form-factor: half the size of sff transceivers ? multiple modules can be mounted side-by-side on a printed circuit board ? built-in digital diagnostic functions ? duplex lc optical connection ? single 3.3v power supply ? interoperable with standard sfp and sfp+ optical transceivers ? meets applicable requirements for gigabit ethernet, 10 gigabit ethernet, and fibre channel applications ? 10 gigabit ethernet ? 1 gigabit ethernet ? 8g fibre channel ? 4g fibre channel ? 2g fibre channel ? proprietary high-speed data links compact 1 gb/s to 10 gb/s optical transceivers overview endurance ? is a family of compact transceiver modules designed for fibre channel and ethernet optical data links. it utilizes finisars internally developed ics, which enables the compact form-factor and low power consumption. because endurance has two through-hole mounting posts and the pins are soldered directly to the board, it does not use a host cage. the compact module saves valuable board space and allows multiple of them to be mounted side-by-side on a printed circuit boards (pcb) for high-density port counts. the simple serial interface is independent of protocol and can thus be used in a wide range of applications. digital diagnostic functions for monitoring and control of the module are provided via a 2-wire serial interface. key adva ntages ? saves valuable board space with its compact size ? low power consumption, less than 0.6 watts ? utilizes finisars vertically integrated and highly reliable vcsel technology and integrated circuit capabilities ? board-mount solution guarantees equipment providers will capture the value of the optical module versus pluggable optics
endurance ? for datacom applications ? 2012 finisar corporation. all rights reserved. finisar and endurance are registered trademarks of finisar corporation. features and specifications are subject to change without notice. 08/12 parameter value supply voltage 3.3 volts supply current, max 180 ma tx o ptical wavelength 850 nm o perating temperature range 0c to +70c link distance 26 to 300 meters* (10 gb/s) 70 to 150 meters* (4 gb/s) 300 to 550 meters* (1 gb/s) *dependent on multi-mode fiber type part number description FTE8510N1LCN endurance, 850nm, multi-mode, 10 gbe, 0c to 70c fte8508n1lcn endurance, 850nm, multi-mode, 8x/4x/2x fibre channel, 0c to 70c fte8504n1lcn endurance, 850nm, multi-mode, 1 gbe & 4x/2x/1x fibre channel, 0c to 70c 1389 moffett park drive sunnyvale, ca 94089-1133 www.finisar.com phone: +1-408-548-1000 sales: +1-408-541-5690 email: sales@finisar.com sff endurance specifications size comparison measurements are in mm pro duct selection


▲Up To Search▲   

 
Price & Availability of FTE8510N1LCN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X