Part Number Hot Search : 
EBS02K DSF10TL AZ1117 LMG640X PAC03 PSW1C XE5224FD 10H12D
Product Description
Full Text Search
 

To Download FKS2D021501C00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  28 dissipation factors at +20+ c: tan d at f c ? 0.047 m f 1 khz ? 7 x 10 -3 10 khz ? 15 x 10 -3 100 khz ? 20 x 10 -3 voltage derating: a voltage derating factor of 1.25 % per k must be applied from +85 + c for dc voltages and from +75 + c for ac voltages. reliability: operational life ? 300 000 hours failure rate ? 5 fit (0.5 x u r and 40 + c) mechanical tests pull test on pins: 10 n in direction of pins according to iec 60068-2-21 vibration: 6 hours at 10 ... 2000 hz and 0.75 mm displacement amplitude or 10 g in accordance with iec 60068-2-6 low air density: 1kpa = 10 mbar in accordance with iec 60068-2-13 bump test: 4000 bumps at 390 m/sec 2 in accordance with iec 60068-2-29 packing available taped and reeled. detailed taping information and graphs at the end of the catalogue. for further details and graphs please refer to technical information. polyester (pet) film and foil capacitors for pulse applications in pcm 5 mm special features electrical data wima fks 2 ? pulse duty construction ? according to rohs 2011/65/eu typical applications for general dc-applications e.g. ? coupling ? decoupling construction dielectric: polyethylene-terephthalate (pet) film capacitor electrodes: metal foil internal construction: plastic film metal foil electrode t erminating wire encapsulation: solvent-resistant, flame-retardant plastic case with epoxy resin seal, ul 94 v-0 terminations: tinned wire. marking: colour: red. marking: silver. epoxy resin seal: yellow. capacitance range: 1000 pf to 0.047 m f (e12-values on request) rated voltages: 100 vdc, 250 vdc, 400 vdc capacitance tolerances: 20%, 10%, 5% operating temperature range: C55+ c to +100 + c (+125 c available subject to special enquiry) test specifications: in accordance with iec 60384-11 climatic test category: 55/100/56 in accordance with iec insulation resistance at +20+ c: ? 3 x 10 4 m ? (mean value: 8 x 10 5 m ? ) measuring voltage: 100 v/1 min. test voltage: 2 u r , 2 sec. maximum pulse rise time: 1000 v/ m sec for pulses equal to the rated voltage 02.14 d free datasheet http://www.datasheetlist.com/
29 wima fks 2 capacitance 100 vdc/63 vac* 250 vdc/160 vac* w h l pcm** part number w h l pcm** part number 1000 pf 2.5 6.5 7.2 5 fks2d011001a00_ _ _ _ 2.5 6.5 7.2 5 fks2f011001a00_ _ _ _ 1500 ? 2.5 6.5 7.2 5 fks2d011501a00_ _ _ _ 2.5 6.5 7.2 5 fks2f011501a00_ _ _ _ 2200 ? 2.5 6.5 7.2 5 fks2d012201a00_ _ _ _ 2.5 6.5 7.2 5 fks2f012201a00_ _ _ _ 3300 ? 2.5 6.5 7.2 5 fks2d013301a00_ _ _ _ 2.5 6.5 7.2 5 fks2f013301a00_ _ _ _ 4700 ? 2.5 6.5 7.2 5 fks2d014701a00_ _ _ _ 2.5 6.5 7.2 5 fks2f014701a00_ _ _ _ 6800 ? 2.5 6.5 7.2 5 fks2d016801a00_ _ _ _ 2.5 6.5 7.2 5 fks2f016801a00_ _ _ _ 0.01 m f 3 7.5 7.2 5 fks2d021001b00_ _ _ _ 3 7.5 7.2 5 fks2f021001b00_ _ _ _ 0.015 ? 3.5 8.5 7.2 5 FKS2D021501C00_ _ _ _ 3.5 8.5 7.2 5 fks2f021501c00_ _ _ _ 0.022 ? 4.5 9.5 7.2 5 fks2d022201e00_ _ _ _ 4.5 9.5 7.2 5 fks2f022201e00_ _ _ _ 0.033 ? 5.5 11.5 7.2 5 fks2d023301h00_ _ _ _ 5.5 11.5 7.2 5 fks2f023301h00_ _ _ _ 0.047 ? 7.2 13 7.2 5 fks2d024701k00_ _ _ _ 7.2 13 7.2 5 fks2f024701k00_ _ _ _ capacitance 400 vdc/200 vac* w h l pcm** part number 1000 pf 2.5 6.5 7.2 5 fks2g011001a00_ _ _ _ 1500 ? 2.5 6.5 7.2 5 fks2g011501a00_ _ _ _ 2200 ? 2.5 6.5 7.2 5 fks2g012201a00_ _ _ _ 3300 ? 2.5 6.5 7.2 5 fks2g013301a00_ _ _ _ 4700 ? 2.5 6.5 7.2 5 fks2g014701a00_ _ _ _ 6800 ? 3 7.5 7.2 5 fks2g016801b00_ _ _ _ 0.01 m f 3.5 8.5 7.2 5 fks2g021001c00_ _ _ _ 0.015 ? 4.5 9.5 7.2 5 fks2g021501e00_ _ _ _ 0.022 ? 5.5 11.5 7.2 5 fks2g022201h00_ _ _ _ 0.033 ? 7.2 13 7.2 5 fks2g023301k00_ _ _ _ * ac voltage: f = 50 hz; 1.4 x u rms + udc ? u r ** pcm = printed circuit module = pin spacing dims. in mm. d = 0.5 l 5 pcm at the pin exit points (0 .5) l w h d 6 -2 rights reserved to amend design data without prior notification. impedance change with frequency (general guide). part number completion: tolerance: 20 % = m 10 % = k 5 % = j packing: bulk = s pin length: 6-2 = sd taped version see page 128. 02.14 continuation general data wima fkp 4 d free datasheet http://www.datasheetlist.com/
14 recommendation for processing and application of through-hole capacitors wima quality and environmental philosophy iso 9001:2008 certification iso 9001:2008 is an international basic standard of quality assurance systems for all branches of industry. the approval according to iso 9001:2008 of our factories by the vde inspectorate certifies that organisation, equipment and moni- toring of quality assurance in our factories correspond to internationally recognized standards. wima wpcs the wima process control system (wpcs) is a quality surveillance and optimization system developed by wima. wpcs is a major part of the quality-oriented wima production. points of application of wpcs during production process: incoming material inspection metallization film inspection schoopage pre-healing pin attachment cast resin preparation/ encapsulation 100% final inspection aql check wima environmental policy all wima capacitors, irrespective of whether through-hole devices or smd, are made of environmentally friendly materials. neither during manufacture nor in the product itself any toxic substances are used, e.g. C lead C pbb/pbde C pcb C arsenic C cfc C cadmium C hydrocarbon chloride C mercury C chromium 6+ C etc. we merely use pure, recyclable materials for packing our components, such as: carton cardboard adhesive tape made of paper polystyrene we almost completely refrain from using packing materials such as: foamed polystyrene (styropor?) adhesive tapes made of plastic metal clips rohs compliance according to the rohs directive 2011/65/eu certain hazardous substances like e.g. lead, cadmium, mercury must not be used any longer in electronic equipment as of july 1st, 2006. for the sake of the environment wima has refraind from using such substances since years already. wima capacitors are lead free in accordance with ro hs 2011/65/eu wima kondensatoren sind bleifrei konform ro hs 2011/65/eu tape for lead-free wima capacitors din en iso 14001:2004 wimas environmental management has been established in accordance with the guidelines of din en iso 14001:2004 to optimize the production processes with regard to energy and resources. soldering process internal temperature of the capacitor must be kept as follows: polyester: preheating: t max. ? 125 c soldering: t max. ? 135 c polypropylene: preheating: t max. ? 100 c soldering: t max. ? 110 c single wave soldering soldering bath temperature: t ? 260 c dwell time: t ? 5 sec double wave soldering soldering bath temperature: t ? 260 c dwell time: s t ? 5 sec due to different soldering processes and heat requirements the graphs are to be regarded as a recommendation only. 02.14 d free datasheet http://www.datasheetlist.com/
128 p p 1 p 0 p 2 f d p p 1 h 1 h p 0 d p 2 f t d 0 w 2 v h w 0 p 1 p 2 p 0 p h 1 h w 1 w d f di agram 1: pc m2 .5/5/7.5 mm di agram3 :p cm 22. 5a nd 27.5*mm *pcm 27. 5t aping possibl ew it ht wo feed hole sb etween component s di agram 2: pc m1 0/1 5m m dimensions for radial taping designation symbol pcm 2.5 taping pcm 5 taping pcm 7.5 taping pcm 10 taping* pcm 15 taping* pcm 22.5 taping pcm 27.5 taping carrier tape width w 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 hold-down tape width w 0 6.0 for hot-sealing 6.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape hole position w 1 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 hold-down tape position w 2 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. feed hole diameter d 0 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 pitch of component p 12.7 p 1.0 12.7 p 1.0 12.7 p 1.0 25.4 p 1.0 25.4 p 1.0 38.1 p 1.5 3 * 8.1 p 1.5 or 50.8 p 1.5 cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch feed hole pitch p 0 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch feed hole centre p 1 5.1 p 0.5 3.85 p 0.7 2.6 p 0.7 7.7 p 0.7 5.2 p 0.7 7.8 p 0.7 5.3 p 0.7 to pin hole centre to p 2 6.35 p 1.3 6.35 p 1.3 6.35 p 1.3 12.7 p 1.3 12.7 p 1.3 19.05 p 1.3 19.05 p 1.3 component centre feed hole centre to bottom h 16.5 p 0.3 16.5 p 0.3 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 edge of the component 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 feed hole centre to top h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 edge of the component 32.25 max. 32.25 max. 24.5 to 31.5 25.0 to 31.5 26.0 to 37.0 30.0 to 43.0 35.0 to 45.0 pin spacing at f 2.5 p 0.5 5.0 +0.8 7.5 p 0.8 10.0 p 0.8 15 p 0.8 22.5 p 0.8 27.5 p 0.8 upper edge of carrier tape C0.2 pin diameter d 0.4 p 0.05 0.5 p 0.05 ? 0.5 p 0.05 or 0.6 C0.05 ? 0.5 p 0.05 or 0.6 C0.05 0.8 C0.05 0.8 C0.05 0.8 C0.05 component alignment d h p 2.0 max. p 2.0 max. p 3.0 max. p 3.0 max. p 3.0 max. p 3.0 max. p 3.0 max. total tape thickness t 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 roll/ammo ammo package (see also page 129) unit see details page 130. dims in mm. ? diameter of pins see general data. please clarify customer-specific deviations with the manufacturer. * pcm 10 and pcm 15 can be crimped to pcm 7.5. position of components according to pcm 7.5 (sketch 1). p 0 = 12.7 or 15.0 is possible reel p 360 max. b 52 p 2 depending on p 30 p 1 58 p 2 comp. dimensions 52 p 2 54 p 2 depending reel p 360 max. b 58 p 2 or reel p 500 max. b 60 p 2 on pcm and p 30 p 1 66 p 2 p 25 p 1 68 p 2 component dimensions +0.06 +0,06 +0,08 +0,08 +0.08 typical dimensions for taping configuration 02.14 d free datasheet http://www.datasheetlist.com/
129 ? roll packaging ? ammo packaging ? reel packaging labelling of package units in plain text and with alphanumerical bar code scanner decoding of ? wima supplier number ? customers p/o number ? customers part number ? wima confirmation number ? wima part number ? lot number ? date code ? quantity in addition part description of C article C capacitance value C rated voltage C dimensions C capacitance tolerance C packing as well as gross weight and customers name are indicated in plain text. barcode ?code 39 bar code (labelling) 50 max. 70 max. 340 m ax. 490 max. 340 max . 370 max .  30 1 25 1 36 0 max. 500 max. b 340 max. 340 max . 50 max. types of tape packaging of capacitors for automatic radial insertion 02.14 d free datasheet http://www.datasheetlist.com/
130 packing quantities for capacitors with radial pins in pcm 2.5 mm to 22.5 mm * tps (tray-packing-system). plate versions may have different packing units. moulded versions. rights reserved to amend design data without prior notification. samples and pre-production needs on request. pcm size pcs. per packing unit bulk roll reel ammo p 360 p 500 340 x 340 490 x 370 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 w h l codes s n o f i h j a c b d 2.5 mm 2.5 7 4.6 0b 5000 2200 2500 C 2800 C 3 7.5 4.6 0c 5000 2000 2300 C 2300 C 3.8 8.5 4.6 0d 5000 1500 1800 C 1800 C 4.6 9 4.6 0e 5000 1200 1500 C 1500 C 5.5 10 4.6 0f 5000 900 1200 C 1200 C 5 mm 2.5 6.5 7.2 1a 5000 2200 2500 C 2800 C 3 7.5 7.2 1b 5000 2000 2300 C 2300 C 3.5 8.5 7.2 1c 5000 1600 2000 C 2000 C 4.5 6 7.2 1d 6000 1300 1500 C 1500 C 4.5 9.5 7.2 1e 4000 1300 1500 C 1500 C 5 10 7.2 1f 3500 1100 1400 C 1400 C 5.5 7 7.2 1g 4000 1000 1200 C 1200 C 5.5 11.5 7.2 1h 2500 1000 1200 C 1200 C 6.5 8 7.2 1i 2500 800 1000 C 1000 C 7.2 8.5 7.2 1j 2500 700 1000 C 1000 C 7.2 13 7.2 1k 2000 700 950 C 1000 C 8.5 10 7.2 1l 2000 600 800 C 800 C 8.5 14 7.2 1m 1500 600 800 C 800 C 11 16 7.2 1n 1000 500 600 C 400 C 7.5 mm 2.5 7 10 2a 5000 C 2500 4400 2500 C 3 8.5 10 2b 5000 C 2200 4300 2300 4150 4 9 10 2c 4000 C 1700 3200 1700 3100 4.5 9.5 10.3 2d 3500 C 1500 2900 1400 2800 5 10.5 10.3 2e 3000 C 1300 2500 1300 C 5.7 12.5 10.3 2f 2000 C 1000 2200 1100 C 7.2 12.5 10.3 2g 1500 C 900 1800 1000 C 10 mm 3 9 13 3a 3000 C 1100 2200 C 1900 4 8.5 13.5 fa 3000 C 900 1600 C 1450 4 9 13 3c 3000 C 900 1600 C 1450 4 9.5 13 3d 3000 C 900 1600 C 1400 5 10 13.5 fb 2000 C 700 1300 C 1200 5 11 13 3f 3000 C 700 1300 C 1200 6 12 13 3g 2400 C 550 1100 C 1000 6 12.5 13 3h 2400 C 550 1100 C 1000 8 12 13 3i 2000 C 400 800 C 740 15 mm 5 11 18 4b 2400 C 600 1200 C 1150 5 13 19 fc 1000 C 600 1200 C 1200 6 12.5 18 4c 2000 C 500 1000 C 1000 6 14 19 fd 1000 C 500 1000 C 1000 7 14 18 4d 1600 C 450 900 C 850 7 15 19 fe 1000 C 450 900 C 850 8 15 18 4f 1200 C 400 800 C 740 8 17 19 ff 500 C 400 800 C 740 9 14 18 4h 1200 C 350 700 C 650 9 16 18 4j 900 C 350 700 C 650 10 18 19 fg 500 C 300 650 C 590 11 14 18 4m 1000 C 300 600 C 540 22.5 mm 5 14 26.5 5a 1200 C C 800 C 770 6 15 26.5 5b 1000 C C 700 C 640 7 16.5 26.5 5d 760 C C 600 C 550 8 20 28 fh 500 C C 500 C 480 8.5 18.5 26.5 5f 500 C C 480 C 450 10 22 28 fi 540* C C 420 C 380 10.5 19 26.5 5g 680* C C 400 C 360 10.5 20.5 26.5 5h 680* C C 400 C 360 11 21 26.5 5i 680* C C 380 C 350 12 24 28 fj 450* C C 350 C 310 02.14 d free datasheet http://www.datasheetlist.com/
131 * for 2-inch transport pitches. moulded versions. rights reserved to amend design data without prior notification. * tps (tray-packing-system). plate versions may have different packing units. samples and pre-production needs on request. packing quantities for capacitors with radial pins in pcm 27.5 mm to 52.5 mm pcm size pcs. per packing unit bulk roll reel ammo p 360 p 500 340 x 340 490 x 370 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 w h l codes s n o f i h j a c b d 27.5 mm 9 19 31.5 6a 640* C C 460/340* C 420 11 21 31.5 6b 544* C C 380/280* C 350 13 24 31.5 6d 448* C C 300 C 290 13 25 33 fk 336* C C C C C 15 26 31.5 6f 384* C C 270 C 250 15 26 33 fl 288* C C C C C 17 29 31.5 6g 176* C C C C C 17 34.5 31.5 6i 176* C C C C C 20 32 33 fm 216* C C C C C 20 39.5 31.5 6j 144* C C C C C 37.5 mm 9 19 41.5 7a 480* C C C C C 11 22 41.5 7b 408* C C C C C 13 24 41.5 7c 252* C C C C C 15 26 41.5 7d 144* C C C C C 17 29 41.5 7e 132* C C C C C 19 32 41.5 7f 108* C C C C C 20 39.5 41.5 7g 108* C C C C C 24 45.5 41.5 7h 84* C C C C C 31 46 41.5 7i 72* C C C C C 35 50 41.5 7j 35* C C C C C 40 55 41.5 7k 28* C C C C C 48.5 mm 19 31 56 8d 50* C C C C C 23 34 56 8e 72* C C C C C 27 37.5 56 8h 60* C C C C C 33 48 56 8j 48* C C C C C 37 54 56 8l 25* C C C C C 52.5 mm 35 50 57 9f 25* C C C C C 45 55 57 9h 20* C C C C C 45 65 57 9j 20* C C C C C 02.14 d free datasheet http://www.datasheetlist.com/
126 a wima part number consists of 18 digits and is composed as follows: field 1 - 4: type description field 5 - 6: rated voltage field 7 - 10: capacitance field 11 - 12: size and pcm field 13 - 14: version code (e.g. snubber versions) field 15: capacitance tolerance field 16: packing field 17 - 18: pin length (untaped) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 m k s 2 c 0 2 1 0 0 1 a 0 0 m s s d mks 2 63 vdc 0.01 m f 2.5 x 6.5 x 7.2 - 20 % bulk 6 -2 wima part number system the data on this page is not complete and serves only to explain the part number system. part number information is listed on the pages of the respective wima range. type description: rated voltage: capacitance: size: tolerance: smd-pet = smdt 50 vdc = b0 22 pf = 0022 4.8 x 3.3 x 3 size 1812 = ka 20 % = m smd-pps = smdi 63 vdc = c0 47 pf = 0047 4.8 x 3.3 x 4 size 1812 = kb 10 % = k fkp 02 = fkp0 100 vdc = d0 100 pf = 0100 5.7 x 5.1 x 3.5 size 2220 = qa 5 % = j mks 02 = mks0 250 vdc = f0 150 pf = 0150 5.7 x 5.1 x 4.5 size 2220 = qb 2.5 % = h fks 2 = fks2 400 vdc = g0 220 pf = 0220 7.2 x 6.1 x 3 size 2824 = ta 1 % = e fkp 2 = fkp2 450 vdc = h0 330 pf = 0330 7.2 x 6.1 x 5 size 2824 = tb ... mks 2 = mks2 600 vdc = i0 470 pf = 0470 10.2 x 7.6 x 5 size 4030 = va mkp 2 = mkp2 630 vdc = j0 680 pf = 0680 12.7 x 10.2 x 6 size 5040 = xa fks 3 = fks3 700 vdc = k0 1000 pf = 1100 15.3 x 13.7 x 7 size 6054 = ya packing: fkp 3 = fkp3 800 vdc = l0 1500 pf = 1150 2.5 x 7 x 4.6 pcm 2.5 = 0b ammo h16.5 340 x 340 = a mks 4 = mks4 850 vdc = m0 2200 pf = 1220 3 x 7.5 x 4.6 pcm 2.5 = 0c ammo h16.5 490 x 370 = b mkp 4 = mkp4 900 vdc = n0 3300 pf = 1330 2.5 x 6.5 x 7.2 pcm 5 = 1a ammo h18.5 340 x 340 = c mkp 10 = mkp1 1000 vdc = o1 4700 pf = 1470 3 x 7.5 x 7.2 pcm 5 = 1b ammo h18.5 490 x 370 = d fkp 4 = fkp4 1100 vdc = p0 6800 pf = 1680 2.5 x 7 x 10 pcm 7.5 = 2a reel h16.5 360 = f fkp 1 = fkp1 1200 vdc = q0 0.01 m f = 2100 3 x 8.5 x 10 pcm 7.5 = 2b reel h16.5 500 = h mkp-x2 = mkx2 1250 vdc = r0 0.022 m f = 2220 3 x 9 x 13 pcm 10 = 3a reel h18.5 360 = i mkp-x2 r = mkxr 1500 vdc = s0 0.047 m f = 2470 4 x 9 x 13 pcm 10 = 3c reel h18.5 500 = j mkp-y2 = mky2 1600 vdc = t0 0.1 m f = 3100 5 x 11 x 18 pcm 15 = 4b roll h16.5 = n mp 3-x2 = mpx2 2000 vdc = u0 0.22 m f = 3220 6 x 12.5 x 18 pcm 15 = 4c roll h18.5 = o mp 3-x1 = mpx1 2500 vdc = v0 0.47 m f = 3470 5 x 14 x 26.5 pcm 22.5 = 5a blister w12 180 = p mp 3-y2 = mpy2 3000 vdc = w0 1 m f = 4100 6 x 15 x 26.5 pcm 22.5 = 5b blister w12 330 = q mp 3r-y2 = mpry 4000 vdc = x0 2.2 m f = 4220 9 x 19 x 31.5 pcm 27.5 = 6a blister w16 330 = r snubber mkp = snmp 6000 vdc = y0 4.7 m f = 4470 11 x21 x 31.5 pcm 27.5 = 6b blister w24 330 = t snubber fkp = snfp 250 vac = 0w 10 m f = 5100 9 x 19 x 41.5 pcm 37.5 = 7a bulk/tps standard = s gto mkp = gtom 275 vac = 1w 22 m f = 5220 11 x 22 x 41.5 pcm 37.5 = 7b ... dc-link mkp 3 = dcp3 300 vac = 2w 47 m f = 5470 94 x 49 x 182 dch_ = h0 dc-link mkp 4 = dcp4 400 vac = 3w 100 m f = 6100 94 x 77 x 182 dch_ = h1 dc-link mkp 4s = dcps 440 vac = 4w 220 m f = 6220 ... dc-link mkp 5 = dcp5 500 vac = 5w 1000 m f = 7100 dc-link mkp 6 = dcp6 ... ... dc-link hc = dch_ version code: dc-link hy = dchy standard = 00 pin length (untaped) version a1 = 1a 3.5 0.5 = c9 version a1.1.1 = 1b 6 -2 = sd version a2 = 2a 16 1 = p1 ... ... 02.14 d free datasheet http://www.datasheetlist.com/


▲Up To Search▲   

 
Price & Availability of FKS2D021501C00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X