Part Number Hot Search : 
A105M B2188 CS830 GBJ150 BA3123F FR207GP A105M 25F10
Product Description
Full Text Search
 

To Download FD0255FR-G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fd0251f fd0255f smart motor driver with embedded hall sensor this datasheet contains new product information. f eeling technology reserves the rights to modify the product specification without notice. no liability is assumed as a result of the use of t his product. no rights under any patent accompany t he sales of the product. rev1.2 nov. 06, 2008 p.1 feeling technology features  motor driver with integrated hall sensor  high current driving capability  lock-shutdown protection & auto-restart function  built-in fg(frequency generation) signal outputpre cise magnetic switching thresholds  soft-switch phase-switching technique to reduce vibration and acoustic noise(patent pending)  thermal shutdown protection  pwm speed control(only available for fd0255f)  available in both ts825(fd0251f) and ts826(fd0255f ) packages general description fd0251f/fd0255f is a single coil motor driver with embedded hall sensor. it integrates the motor drive r with the hall sensor, which simplifies the pcb(printed circuit bo ard) design and make the fabrication of small-size motors possible. lock-shutdown and auto-restart function keeps the m otor from being over-heated and restarts the motor after being locked. soft-switch phase-switching technique is used to reduce the vibration and acoustic noise. thermal-shutdown protection ensures the motor drive r to operate under specified temperature ranges. all the protection mechanisms mentioned above combi ne to provide a complete protecting scenario for th e motor system, keep the motor system from possible damages and guarantee correct operations. block diagram figure.1 halogen free power on reset chopper amplifier bias generator hall plate coil driver digital control logics oscillator
fd0251f fd0255f rev1.2 nov. 06, 2008 p.2 feeling technology pin connection figure.2 pin descriptions legend: i=input, o=output, i/o=input/output, p=powe r supply, g=ground functional descriptions refer to the block diagram (figure.1), fd0251f/fd02 55f is composed of the following building blocks:  bias generator the bias generator provides precise, temperature- a nd process-insensitive bias references for the anal og blocks. these references guarantee proper operation of the ic under all conditions specified in this specifica tion.  oscillator the built-in oscillator provides the clock signal f or the digital control logics  power-on reset used to detect the power-up ramp and reset the digi tal circuits.  chopper amplifier to achieve a higher magnetic sensitivity the choppe r amplifier structure is adopted in this design. us e of this structure dynamically removes both the offset and f licker noise at the same time.  digital control logics  hall sensor part C generates controlling signals f or the hall sensor.  coil driver part C generates controlling signals fo r the coil driver. name i/o fd0251f fd0255f description fg o 1 1 frequency generation vss g 2 2 ground no o 3 3 driver output so o 4 4 driver output vdd p 5 5 positive power supply pwm i - 6 pulse width modulation speed control pwm vdd so vdd so no vss fg 1 2 3 5 4 1 2 3 6 5 4 no vss fg fd0255f fd0251f bb ba g g
fd0251f fd0255f rev1.2 nov. 06, 2008 p.3 feeling technology  pwm control pwm(pulse-width modulation) is used for the speed c ontrol for fd0255f. 2 types of pwm input signals ca n be used : 1. voltage mode pwm : applying a constant(dc) voltage to the pwm pin and the fd0255f will generate pwm pulses internally wit h the on duty cycle ratio according to the diagram below(figure.3), which can be utilized by the user to control the speed of the motor. the rotation speed will be higher if the voltage applied to the pwm pin is hig her. figure.3 2. pulse mode pwm : user can also apply pwm pulses directly to the pwm pin. the fd0255f will pass this pulse to the coil d river with the original duty-cycle ratio. note: (1) this function is only available for fd0255f (2) while using pulse mode pwm, the high value of the input pulse should be higher than 0.5*vdd and the low value should be lower than 0.14*vdd (3) the lower-limit for the pwm pulse frequency is 200hz, and the recommended frequency range is highe r than 30khz where the pwm input pulses will not gene rate acoustic noise. note. the pwm pin contains an internal pull-up resistor so the fd0255f will rotate at full-speed(100% on) when this pin is left un-connected(floating). "on" ratio 0.14 vdd 0.5 vdd 0% 100%
fd0251f fd0255f rev1.2 nov. 06, 2008 p.4 feeling technology absolute maximum ratings parameter symbol conditions values unit min. typ. max. operating temperature t op - -20 105 storage temperature t st - -40 150 dc supply voltage(v dd , fg) v dd - 6.5 v pwm voltage range pwm high - >0.5v dd 6.5 v pwm low - 0 <0.14v dd v supply current i dd - 3 ma continuous current i cont - 500 ma hold current i hold - 800 ma fg, rd sink current i sink - 25 ma junction temperature t j - 170 maximum power dissipation p dts825 - 500 mw p dts826 - 520 mw thermal resistance (note1) ja ts825 0.290 /mw ts826 0.278 /mw thermal resistance (note1) jc ts825 0.020 /mw ts826 0.018 /mw magnetic flux density b unlimited gauss ir-reflow lead temperature - 10sec 260 note1: device mounted with copper area of approximately 10 mm 2, 1?z, no air flow. (room temperature: 25 ) figure.4 figure.5 figure.6 255 5 o c 10 1 sec 150 10 o c 90 30 sec 2~5 o c /sec 2~5 o c /sec second ir-reflow soldering condition room temp 0 25 50 75 100 125 150 328 414 500 pd (mw) temp. ( ) o c ts825 power dissipation curve 175 242 156 70 0 105 o c 170 o c 0 25 50 75 100 125 150 340 430 520 pd (mw) temp. ( ) o c ts826 power dissipation curve 175 250 160 70 0 105 o c 170 o c
fd0251f fd0255f rev1.2 nov. 06, 2008 p.5 feeling technology recommended operating conditions parameter conditions values unit min. typ. max. supply voltage - 1.8 5.5 v ambient temperature - -10 90 electrical characteristics v dd =5.0v, t a =25 (unless otherwise specified) parameter conditions values unit min. typ. max. average supply current(no load) 1.8 ma output saturation voltage(fg) i out = 10ma 0.5 v output leakage current(fg) v out =5v 1 a on resistance(rpmos+rnmos) 0.8  thermal shutdown threshold 165 magnetic characteristics parameter conditions values unit min. typ. max. operate points ( b op ) 25 g release points ( b rp ) -25 g hysteresis 50 g hysteresis characteristics figure.7 no so v brp bop b bop brp v b
fd0251f fd0255f rev1.2 nov. 06, 2008 p.6 feeling technology application circuit reference figure.8 note : must use c1 capacitor for the decoupling between v dd and v ss and place the capacitor as close to the ic as possible. 1. zd1: v dd over-voltage stress protection diode. 2. r2: current limit resistor for open drain fg out put. 3. r3: pwm pull-up resistor for open drain pwm sour ce signal. 4. r4: de-coupling resistor for long-distance signa l transmission . option component mlcc (0603) 2.2uf/6.3v vdd 4.7 ohm (0603) vdd so no vss fg bb 1 2 3 5 4 r1 c1 d1 schottky diode 0.2v zd1 6.5v l1 r2 100 ohm (0603) mlcc (0603) 2.2uf/6.3v vdd 4.7 ohm (0603) vdd so no vss fg ba 1 2 3 6 4 r1 c1 d1 schottky diode 0.2v zd1 6.5v l1 r2 100 ohm (0603) pwm 5 r4 r3 1k ohm (0603) fd0255f fd0251f g g
fd0251f fd0255f rev1.2 nov. 06, 2008 p.7 feeling technology the ic laying aside mode declaration is as follows: pcb board pcb board ic marking side fan magnet chip
fd0251f fd0255f rev1.2 nov. 06, 2008 p.8 feeling technology 4 5 1 2 3 b e d e1 e e1 c d a2 package dimension (unit: mm) ts825 (halogen free) symbols dimension in millimeters min nom max a2 0.700 0.750 0.775 b 0.350 - 0.500 c 0.100 - 0.200 d 2.800 2.900 3.100 e 3.700 3.800 3.900 e1 1.500 1.600 1.700 e 0.950 bsc e1 1.900 bsc 1 4? 10? 12? sensor location 0.86mm 1.02mm 1 1 top view: marking side
fd0251f fd0255f rev1.2 nov. 06, 2008 p.9 feeling technology 4 5 1 2 3 b e d e1 e e1 c 6 d a2 package dimension (unit: mm) ts826 (halogen free) symbols dimension in millimeters min nom max a2 0.700 0.750 0.775 b 0.350 - 0.500 c 0.100 - 0.200 d 2.800 2.900 3.100 e 3.700 3.800 3.900 e1 1.500 1.600 1.700 e 0.950 bsc e1 1.900 bsc 1 4? 10? 12? sensor location 0.86mm 1.02mm 1 1 top view: marking side
fd0251f fd0255f rev1.2 nov. 06, 2008 p.10 feeling technology packing specification (tapping reel) ts825 top view: marking side
fd0251f fd0255f rev1.2 nov. 06, 2008 p.11 feeling technology ts826 top view: marking side
fd0251f fd0255f rev1.2 nov. 06, 2008 p.12 feeling technology ic pin connection marking distinguish order information part number package tapping reel qtys marking fd0251fr-g1 ts825 10000ea / per reel bbxxxxg FD0255FR-G1 ts826 10000ea / per reel baxxxxg


▲Up To Search▲   

 
Price & Availability of FD0255FR-G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X