Part Number Hot Search : 
A104K EL6252C 2SC6050 SI4804 PUMB15 FD400R8E M66700P 1N5249
Product Description
Full Text Search
 

To Download ECQU2A392KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors metallized polyester film capacitor type: ecqul [class x2] [class y2/x2] in accordance with ul/csa and european safety regulation class x2 or class y2/x2 features compact flame-retardant plastic case and non-combustible resin rohs directive compliant recommended applications interference suppressors explanation of part numbers 123456789101112 e c q u 2 a product code dielectric & construction rated voltage capacitance l cap.tol. suffix specifications k 10 % m 20 % category temp. range - 40 ?c to + 100 ?c (85 ?c max. on csa c22.2 no.8 spec.) rated voltage 275 vac ( 250 vac on csa c22.2 no.8 spec. ) capacitance range 0.0010 ? to 2.2 ? capacitance tolerance 10 % (k), 20 %(m) dissipation factor (tan ) tan < = 1.0 % (20 ?c, 1 khz) withstand voltage between terminals: 575 vac, 1768 vdc 60 s (0.0082 f to 2.2 f) between terminals: 1500 vac, 2121 vdc 60 s (0.0010 f to 0.0068 f) between terminals to enclosure:2050 vac 60 s insulation resistance (ir) c < = 0.33 ? : ir > = 15000 m (20 ?c, 100 vdc, 60 s) c>0.33 ? : ir > = 5000 m ?? (20 ?c, 100 vdc, 60 s) ir > = 2000 m (20 ?c, 500 vdc, 60 s) applicable standard ? when applying this capacitor to european and american safety standards, please use type designation and rating such as ecqul, 0.1 f. ? approval number (file no.) of safety regulations are subject to revision without notice. ask factory for a copy of the latest file no ? this capacitor is recognized for european standards by vde only. but, there are no problems using this capacitor in a device which will get approvals from certification bodies in europe, semko, demko, nemko, fimko and sev etc. except vde. ? use of this capacitor is limited to ac voltage (50 hz or 60 hz sine wave). suffix blank a straight cut lead ul60384-14 ul csa "qqspwbm $mbtt $bqbdjubodfsbohf $fsujgjdbujpopshboj[bujpo  can/csa e60384-14 csa c22.2 no.8-m1986 en60384-14 iec60384-14 class y2/x2 (0.0010 f to 0.0068 f) ul csa vde (0.0082 f to 2.2 f) (0.0010 f to 0.0068 f) (0.0082 f to 2.2 f) (1.2 f to 2.2 f) (0.0010 f to 0.0068 f) (0.0082 f to 2.2 f) (0.0010 f to 0.0068 f) (0.0082 f to 2.2 f) class x2 class y2/x2 class x2 electromagnetic interference (emi) filters class y2/x2 class x2 class y2/x2 class x2 europe international ? [ \f?^?1@ ??
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors dimensions in mm (not to scale) rating & dimensions capacitance tolerance : 10 %(k), 20 %(m) l ? 0.5 t ? 0.5 f ? 0.4 h ? 0.5 20min. 4pmefsqmbufedpqqfsdmbetuffmxjsf $vumfbe 4vggjy"
d?0.05 q  1-fbempdbujpomjnjutgspndfoufs
+1.4 - 0.6 y $ y " y # /pufpomz??btdbqupmcfnbslfebt?,?} style a side b side c side 2 0.0082' to 0.047 ' 3 0.056' to 1.0 ' 4 1.2' to 2.2 ' 1 0.0010' to 0.0068 ' .068' k marking example 275 v?y .1.5' k 275 v? ' k ' k 250 v? ecqul 40/100/21 275 v?y2/x2 132400 v de gmf mkt ecqul 40/100/21 275 v?x2 250 v? ecqul 40/100/21 gmf mkt v de 132400 250 v? x2 ecqul 40/100/21 gmf mkt v de 132400 250 v? x2 1283 8x 132400 v de gmf mkt /puf%buf$pef ??1.2 ' ? 1.0  ? ? ?  4.0? 0.5 style aside bside 2 0.0082' to 1.0' 3 1.2 ' to 2.2 ' 1 0.0010' to 0.0068 ' .0082' k marking example 1.5' k ' k /pufpomz??btdbqupmcfnbslfebt?,?} /puf%buf$pef ecqul 275v? x2/y2 ecqul 275v? x2 ecqul 275v? x2 8x 250v? dimensions (mm) min. order q'ty lthf  dp q cap. (f) part no. ecqu2a102 ?l ( ) 0.0010 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a122 ?l ( ) 0.0012 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a152 ?l ( ) 0.0015 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a182 ?l ( ) 0.0018 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a222 ?l ( ) 0.0022 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a272 ?l ( ) 0.0027 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a332 ?l ( ) 0.0033 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a392 ?l ( ) 0.0039 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a472 ?l ( ) 0.0047 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a562 ?l ( ) 0.0056 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a682 ?l ( ) 0.0068 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a822 ?l ( ) 0.0082 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a103 ?l ( ) 0.010 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a123 ?l ( ) 0.012 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a153 ?l ( ) 0.015 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a183 ?l ( ) 0.018 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a223 ?l ( ) 0.022 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a273 ?l ( ) 0.027 15.0 5.0 11.5 12.5 0.60 0 ? 0.5 1.3 ecqu2a333 ?l ( ) 0.033 15.0 6.0 13.0 12.5 0.60 0 ? 0.5 1.3 ecqu2a393 ?l ( ) 0.039 15.0 6.0 13.0 12.5 0.60 0 ? 0.5 1.3 ecqu2a473 ?l ( ) 0.047 15.0 6.0 13.0 12.5 0.60 0 ? 0.5 1.3 ecqu2a563 ?l ( ) 0.056 17.5 4.5 11.5 15.0 0.60 0 ? 0.5 1.3 ecqu2a683 ?l ( ) 0.068 17.5 4.5 11.5 15.0 0.60 0 ? 0.5 1.3 ecqu2a823 ?l ( ) 0.082 17.5 5.5 12.0 15.0 0.60 0 ? 0.5 1.3 ecqu2a104 ?l ( ) 0.10 17.5 5.5 12.0 15.0 0.60 0 ? 0.5 1.3 ecqu2a124 ?l ( ) 0.12 17.5 6.5 14.5 15.0 0.60 0 ? 0.5 1.3 ecqu2a154 ?l ( ) 0.15 17.5 6.5 14.5 15.0 0.60 0 ? 0.5 1.3 ecqu2a184 ?l ( ) 0.18 17.5 8.0 16.0 15.0 0.60 0 ? 0.5 1.3 ecqu2a224 ?l ( ) 0.22 17.5 8.0 16.0 15.0 0.60 0 ? 0.5 1.3 ecqu2a274 ?l ( ) 0.27 17.5 9.5 17.5 15.0 0.80 0 ? 0.5 1.3 ecqu2a334 ?l ( ) 0.33 17.5 9.5 17.5 15.0 0.80 0 ? 0.5 1.3 ecqu2a394 ?l ( ) 0.39 25.5 8.5 17.5 22.5 0.80 0 ? 0.75 1.5 ecqu2a474 ?l ( ) 0.47 25.5 8.5 17.5 22.5 0.80 0 ? 0.75 1.5 ecqu2a564 ?l ( ) 0.56 25.5 10.5 19.5 22.5 0.80 0 ? 0.75 1.5 ecqu2a684 ?l ( ) 0.68 25.5 10.5 19.5 22.5 0.80 0 ? 0.75 1.5 ecqu2a824 ?l ( ) 0.82 25.5 12.0 22.0 22.5 0.80 0 ? 0.75 1.5 ecqu2a105 ?l ( ) 1.0 25.5 12.0 22.0 22.5 0.80 0 ? 0.75 1.5 ecqu2a125 ?l ( ) 1.2 30.5 16.5 26.0 27.5 0.80 0 ? 0.75 1.5 ecqu2a155 ?l ( ) 1.5 30.5 16.5 26.0 27.5 0.80 0 ? 0.75 1.5 ecqu2a185 ?l ( ) 1.8 30.5 19.0 29.5 27.5 0.80 0 ? 0.75 1.5 ecqu2a225 ?l ( ) 2.2 30.5 19.0 29.5 27.5 0.80 0 ? 0.75 1.5 500 interference suppressor suffix for lead form cap. tol. code aa ? [\f?^?1@ ??


▲Up To Search▲   

 
Price & Availability of ECQU2A392KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X