Part Number Hot Search : 
TDA8137 EM6K1T2R NTE8149 EM91810B AN4140 BYV29 HT68F SBL3045C
Product Description
Full Text Search
 

To Download DPS128C32BV3-30M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 megabit high speed cmos sram dps128c32bv3 description: the dps128c32bv3 ??versa-stack?? module is a revolutionary new high speed memory subsystem using dense-pac microsystems? ceramic stackable leadless chip carriers (slcc) mounted on a co-fired ceramic substrate. it offers 4 megabits of sram in a package envelope of 1.090 x 1.090 x 0.300 inches. the dps128c32bv3 contains four individual 128k x 8 srams, packaged in their own hermetically sealed slccs making the module suitable for commercial, industrial and military applications. by using slccs, the ??versa-stack?? family of modules offers a higher board density of memory than available with conventional through-hole, surface mount, module, or hybrid techniques. features: organizations available: 128k x 32, 256k x 16, or 512k x 8 access times: 20, 25, 30, 35, 45ns fully static operation - no clock or refresh required single +5v power supply, 10% tolerance ttl compatible common data inputs and outputs low data retention voltage: 2.0v min. 66-pin pga ??versa-stack?? package * commercial only. pin-out diagram functional block diagram pin names a0 - a16 address inputs i/o0 - i/o31 data input/output ce 0 - ce 3 chip enables we 0 - we 3 write enables oe output enable v dd power (+5v) v ss ground n.c. no connect this document contains information on a product that is currently released to production at dense-pac microsystems, inc. dense-pac reserves the right to change products or specifications herein without prior notice. 30a044-28 rev. f 1
dps128c32bv3 dense-pac microsystems, inc. recommended operating range 3 symbol characteristic min. typ. max. unit v dd supply voltage 4.5 5.0 5.5 v v ih input high voltage 2.2 v dd +0.3 v v il input low voltage -0.5 2 0.8 v t a operating temperature m/b -55 +25 +125 o c i -40 +25 +85 c 0 +25 +70 truth table mode ce w e oe i/o pin supply current not selected h x x high-z standby d out disable l h h high-z active read l h l d out active write l l x d in active h = high l = low x = don?t care dc output characteristics symbol parameter conditions min. max. unit v oh high voltage i oh = -4.0ma 2.4 v v ol low voltage i ol =8.0ma 0.4 v absolute maximum ratings 3 symbol parameter value unit t stc storage temperature -65 to +150 c t bias temperature under bias -55 to +125 c v dd supply voltage 1 -0.5 to +7.0 c v i/o input/output voltage 1 -0.5 to v dd +0.5 v dc operating characteristics: over operating ranges symbol characteristics test conditions typ. (?) c i m unit min. max. min. max. min. max. i in input leakage current v in = 0v to v dd - -20 +20 -20 +20 -20 +20 m a i out output leakage current v i/o = 0v to v dd , ce or oe = v ih , or we = v il - -10 +10 -10 +10 -10 +10 m a i cc operating supply current cycle=min., duty=100%, i out = 0ma x8 175 230 245 265 ma x16 250 340 350 390 x32 400 560 560 640 i sb1 full standby supply current (cmos) v in 3 v dd -0.2v or v in v ss +0.2v, ce 3 v dd -0.2v 1.6 20 20 40 ma i sb2 standby current (ttl) ce = v ih 100 120 140 140 ma i dr3 data retention supply current (3v) v dr = 3v, ce 3 v dr -0.2v 0.28 1.6 2.4 8.0 ma i dr2 data retention supply current (2v) v dr = 2v, ce 3 v dr -0.2v 0.14 1.0 1.6 7.2 ma v ol output low voltage i out = 8.0ma - 0.4 0.4 0.4 v v oh output high voltage i out = -4.0ma - 2.4 2.4 2.4 v ? typical measurements made at +25 o c, cycle = min., v dd = 5.0v. capacitance 4 : t a = 25 c, f = 1.0mhz symbol parameter max. unit condition c adr address input 50 pf v in 2 = 0v c ce chip enable 20 c we write enable 50 c oe output enable 50 c i/o data input/output 30 30a044-28 rev. f 2
dense-pac microsystems, inc. dps128c32bv3 ac operating conditions and characteristics - read cycle: over operating ranges no. symbol parameter 20ns** 25ns 30ns 35ns 45ns unit min. max. min. max. min. max. min. max. min. max. 1 t rc read cycle time 20 25 30 35 45 ns 2 t aa address access time 20 25 30 35 45 ns 3 t co ce to output valid 20 25 30 35 45 ns 4 t oe output enable to output valid 8 10 15 20 25 ns 5 t lz ce to output in low-z 4, 5 3 3 3 3 3 ns 6 t olz output enable to output in low-z 4, 5 0 0 0 0 0 ns 7 t hz ce to output in high-z 4, 5 10 12 15 20 25 ns 8 t ohz output enable to output in high-z 4, 5 8 10 15 20 25 ns 9 t oh output hold from address change 3 3 3 3 3 ns ** available in commercial only. ac operating conditions and characteristics - write cycle 6, 7 : over operating ranges no. symbol parameter 20ns** 25ns 30ns 35ns 45ns unit min. max. min. max. min. max. min. max. min. max. 10 t wc write cycle time 20 25 30 35 45 ns 11 t aw address valid to end of write 15 20 25 30 40 ns 12 t cw chip enable to end of write 15 20 25 30 40 ns 13 t as address set-up time *** 0 0 0 0 0 ns 14 t wp write pulse width 15 20 25 30 35 ns 15 t wr write recovery time 0 0 0 0 0 ns 16 t whz write enable to output in high-z 4, 5 8 10 12 15 20 ns 17 t dw data to write time overlap 12 15 15 20 25 ns 18 t dh data hold from write time 0 0 0 0 0 ns 19 t ow output active from end of write 3 3 3 3 3 ns ** available in commercial only. *** valid for both read and write cycles. +5v 255 w 480 w c l * d out figure 1. output load * including probe and jig capacitance. output load load c l parameters measured 1 30pf except t lz , t hz , t ohz , t olz ,and t whz 2 5pf t lz , t hz , t ohz , t olz , and t whz ac test conditions input pulse levels 0v to 3.0v input pulse rise and fall times 5ns input and output timing reference levels 1.5v 30a044-28 rev. f 3
dps128c32bv3 dense-pac microsystems, inc. read cycle address ce oe data i/o data retention waveform: ce controlled. v dd 4.5v 2.3v v dr1 ce 0v ce 3 v dd -0.2v data retention ac characteristics 8 symbol parameter test conditions min. typ. max. unit v dr v dd for data retention ce 3 v dr -0.2v, v in 3 v dr -0.2v or v in v ss +0.2v 2.0 - - v v cdr chip disable to data retention time see data retention waveform 0 - - ns t r operation recovery time see data retention waveform 5 - - ms 30a044-28 rev. f 4
dense-pac microsystems, inc. dps128c32bv3 write cycle 2: we controlled. oe is high. 8 address ce we data in data out write cycle 1: ce controlled. address ce we data in data out 30a044-28 rev. f 5
dps128c32bv3 dense-pac microsystems, inc. notes: 1. all voltages are with respect to v ss . 2. -2.0v min. for pulse width less than 20ns (v il min. = -0.5v at dc level). 3. stresses greater than those under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the ope rational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 4. this parameter is guaranteed and not 100% tested. 5. transition is measured at the point of 500mv from steady state voltage. 6. when oe and ce are low and we is high, i/o pins are in the output state,and input signals of opposite phase to the outputs must n ot be applied. 7. the outputs are in a high impedance state when we is low. 8. ce and we can initiate and terminate write cycle. waveform key data valid transition from transition from data undefined high to low low to high or don?t care write cycle 3: we controlled. oe is low. 8 address ce we data in data out 30a044-28 rev. f 6
dense-pac microsystems, inc. dps128c32bv3 ordering information mechanical drawing dense-pac microsystems, inc. 7321 lincoln way garden grove , california 92841-1431 (714) 898-0007 (800) 642-4477 (outside ca) fax: (714) 897-1772 http://www.dense-pac.com 30a044-28 rev. f 7


▲Up To Search▲   

 
Price & Availability of DPS128C32BV3-30M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X