Part Number Hot Search : 
0100C 7502B IRG4BC10 M51945 CS3842B ST1S10P 0603A NTE832SM
Product Description
Full Text Search
 

To Download DCMC274U075FG2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10 khz 50 hz 60 hz 120 hz 360 hz 1 khz 5 khz & up 1 3/8 & 1 3/4 diameters 6.3 to 160 v 200 to 350 v 400 to 550 v 0.92 0.94 1.00 1.05 1.10 1.10 1.12 0.80 0.85 1.00 1.17 1.30 1.30 1.32 0.78 0.83 1.00 1.20 1.35 1.36 1.40 2 & 2 1/2 diameters 6.3 to 160 v 200 to 350 v 400 to 550 v 0.93 0.95 1.00 1.04 1.07 1.11 1.12 0.81 0.87 1.00 1.13 1.20 1.24 1.26 0.79 0.83 1.00 1.17 1.26 1.30 1.34 3 & 3 1/2 diameters 6.3 to 160 v 200 to 350 v 400 to 550 v 0.95 0.96 1.00 1.02 1.04 1.05 1.05 0.85 0.88 1.00 1.08 1.12 1.14 1.17 0.82 0.84 1.00 1.13 1.20 1.24 1.27 type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type with more capacitance and often more ripple-current capabilty than the best-value type 3186 capacitor, the type dcmc capacitor is the better choice for high-capacitance, power supply flters and energy storage applications such as welding equipment,ups systems and computer hold-up power. the extended cathode foil of the dcmc assures cool operation with heatfow from the capacitor element to the can. highlights - highest capacitance value - right for power supply and ups systems - thermal-pak? extended cathode construction specifcations temperature range C40 c to +85 c rated voltage range 6.3 vdc to 550 vdc capacitance range 110 f to 2.7 f capacitance tolerance C10% +75% 100 vdc C10% +50% 160 vdc leakage current 6 cv a, 6 ma max, at 5 min ripple current multipliers ambient temperature low temperature characteristics i mpedance ratio: z C20?c M z +25?c 20 (6.3C10 vdc) 8 (16C50 vdc) 4 (63C100 vdc) 3 (150C550 vdc ) endurance life test 2000 h @ full load at 85 c ? capacitance 20% esr 200% of limit dcl 100% of limit shelf life test 500 h @ 85 c capacitance 100% of limit esr 100% of limit dcl 100% of limit vibration 5 to 55 hz, 0.06 and 10 g max, 1.5 h each of 2 axes rohs compliant frequency cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 45 c 55 c 65 c 75 c 85 c 2.24 2.00 1.73 1.41 1.00 specifcations
outline drawing type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 part numbering system polyester insulation is not available for 3.5-inch diameter units. standard insulation is 0.008-in pvc sleeve with 0.01-in polypropylene end disk. type capacitance tolerance voltage case code insulation terminal can style dcmc 472 u 400 dc 2 b s 100 = 10 f 101 = 100 f 492 = 4900 f 433= 43,000 f m = 20% u = C10%+75% t = C10%+50% 6r3 = 6.3 vdc 063 = 63 vdc 400 = 400 vdc 0= none 1 = polyester 2= pvc a = low post b = high post d = high current, low post e = high current, high post f or m = m5 post g = m6 low post h = m6 high post blank= standard can s = stud bottom p = stud with thermal pad note: with the stud-mount feature, a thermally-conductive disk can be inserted in the bottom fush with the outer insulating sleeve.this reduces the thermal resistance through the can bottom by 0.3 c/w. can style p. case stud p 0.039 diam. thread (1.0 mm) 1.375 m8 0.470 (12.0) 1.750 m8 0.470 (12.0) 2.000 m12 0.630 (16.0) 2.500 m12 0.630 (16.0) 3.000 m12 0.630 (16.0) 3.500 m12 0.630 (16.0) note: only high post and m5 post terminals are available at 550 vdc as they meet the required creepage distance. stud dimensions terminal dimensions for case post diameter h max min full thread torque terminal style diameters code in mm in mm thread in mm in?lb n?m low post 1 ? to 3 a 0.314 8.0 0.094 2.4 10C32 0.218 5.5 25 2.82 high post 1 ? to 3 b 0.314 8.0 0.281 7.1 10C32 0.375 9.5 25 2.82 high current, low 2? to 3? d 0.684 17.4 0.125 3.2 ?C28 0.344 8.7 60 6.78 high current, high 2? to 3? e 0.684 17.4 0.281 7.1 ?C28 0.469 11.9 60 6.78 m5 post, small 1 ? to 2 m 0.314 8.0 0.281 7.1 m5 0.375 9.5 25 2.82 m5 post 2? & 3 f 0.512 13.0 0.230 5.8 m5 0.344 8.7 25 2.82 m6 low post 2? to 3? g 0.684 17.4 0.125 3.2 m6 0.344 8.7 60 6.78 m6 high post 2? to 3? h 0.684 17.4 0.281 7.1 m6 0.469 11.9 60 6.78 d l p h +0 - .062 (+0 - 1.57) optional stud s + optional stud
dcmc 472 u 400 dc 2 b s diam. (d) length (l) terminals (s) typical weight case code .031 inches .78 mm .062 inches 1.57 mm 0.015 inches .38 mm oz g ak 1.375 34.93 1.625 41.28 0.50 12.70 1.9 54 aa 1.375 34.93 2.125 53.98 0.50 12.70 2.0 57 ah 1.375 34.93 2.625 66.68 0.50 12.70 2.7 77 ab 1.375 34.93 3.125 79.38 0.50 12.70 3.3 94 aj 1.375 34.93 3.625 92.08 0.50 12.70 3.8 108 ac 1.375 34.93 4.125 104.78 0.50 12.70 4.4 125 ad 1.375 34.93 4.625 117.48 0.50 12.70 5.1 145 ae 1.375 34.93 5.125 130.18 0.50 12.70 6.8 193 af 1.375 34.93 5.625 142.88 0.50 12.70 8.1 230 ea 1.750 44.45 2.125 53.98 0.75 19.05 2.7 76 eh 1.750 44.45 2.625 66.68 0.75 19.05 3.8 108 eb 1.750 44.45 3.125 79.38 0.75 19.05 5.1 145 ej 1.750 44.45 3.625 92.08 0.75 19.05 6.8 193 ec 1.750 44.45 4.125 104.78 0.75 19.05 8.1 230 ed 1.750 44.45 4.625 117.48 0.75 19.05 9.0 255 ee 1.750 44.45 5.125 130.18 0.75 19.05 9.5 269 ef 1.750 44.45 5.625 142.88 0.75 19.05 10.5 298 ba 2.000 50.80 2.125 53.98 0.88 22.23 5.4 153 bh 2.000 50.80 2.625 66.68 0.88 22.23 6.1 173 bb 2.000 50.80 3.125 79.38 0.88 22.23 6.8 193 bj 2.000 50.80 3.625 92.08 0.88 22.23 8.2 232 bc 2.000 50.80 4.125 104.78 0.88 22.23 9.5 269 bd 2.000 50.80 4.625 117.48 0.88 22.23 10.3 292 be 2.000 50.80 5.125 130.18 0.88 22.23 10.7 303 bf 2.000 50.80 5.625 142.88 0.88 22.23 13.0 369 ch 2.500 63.50 2.625 66.68 1.13 28.58 9.2 261 cb 2.500 63.50 3.125 79.38 1.13 28.58 10.4 295 cj 2.500 63.50 3.625 92.08 1.13 28.58 12.7 361 cc 2.500 63.50 4.125 104.78 1.13 28.58 15.0 425 cd 2.500 63.50 4.625 117.48 1.13 28.58 17.2 488 ce 2.500 63.50 5.125 130.18 1.13 28.58 19.3 547 cf 2.500 63.50 5.625 142.88 1.13 28.58 21.4 607 db 3.000 76.20 3.125 79.38 1.25 31.75 16.7 473 dj 3.000 76.20 3.625 92.08 1.25 31.75 20.0 567 dc 3.000 76.20 4.125 104.78 1.25 31.75 22.2 629 dd 3.000 76.20 4.625 117.48 1.25 31.75 25.5 723 de 3.000 76.20 5.125 130.18 1.25 31.75 30.0 850 df 3.000 76.20 5.625 142.88 1.25 31.75 31.9 904 dp 3.000 76.20 5.875 149.23 1.25 31.75 32.8 931 dn 3.000 76.20 7.625 193.68 1.25 31.75 39.5 1119 dg 3.000 76.20 8.625 219.08 1.25 31.75 43.3 1227 fc 3.500 88.90 4.125 104.78 1.25 31.75 30.0 850 fd 3.500 88.90 4.625 117.48 1.25 31.75 34.4 976 fe 3.500 88.90 5.125 130.18 1.25 31.75 40.5 1148 ff 3.500 88.90 5.625 142.88 1.25 31.75 43.1 1221 fp 3.500 88.90 5.875 149.23 1.25 31.75 44.3 1257 fn 3.500 88.90 7.625 193.68 1.25 31.75 53.3 1512 fg 3.500 88.90 8.625 219.08 1.25 31.75 58.5 1658 uninsulated case dimensions for insulated case, add 0.024(0.610 mm) to dand 0.030(0.762 mm) to height. type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ratings catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 6.3 vdc (8 vdc surge) 2700000 dcmc275u6r3fg2d 2.4 56.5 3 1/2 x 8 5/8 28000 dcmc283u6r3ak2b 46.9 4.1 1 3/8 x 1 5/8 10 vdc (12 vdc surge) 57000 dcmc573u6r3aa2b 26.5 6.1 1 3/8 x 2 1/8 24000 dcmc243u010ak2b 46.9 4.1 1 3/8 x 1 5/8 68000 dcmc683u6r3ah2b 18.8 7.8 1 3/8 x 2 5/8 44000 dcmc443u010aa2b 26.5 6.1 1 3/8 x 2 1/8 91000 dcmc913u6r3ab2b 14.7 9.4 1 3/8 x 3 1/8 57000 dcmc573u010ah2b 20.1 7.5 1 3/8 x 2 5/8 100000 dcmc104u6r3ea2b 18.8 8.8 1 3/4 x 2 1/8 76000 dcmc763u010ab2b 15.5 9.2 1 3/8 x 3 1/8 110000 dcmc114u6r3aj2b 12.8 11.2 1 3/8 x 3 5/8 79000 dcmc793u010ea2b 18.8 8.8 1 3/4 x 2 1/8 120000 dcmc124u6r3eh2b 14.3 11.0 1 3/4 x 2 5/8 96000 dcmc963u010aj2b 12.8 11.2 1 3/8 x 3 5/8 130000 dcmc134u6r3ac2b 11.0 13.0 1 3/8 x 4 1/8 100000 dcmc104u010eh2b 14.3 11.0 1 3/4 x 2 5/8 130000 dcmc134u6r3ba2b 14.2 11.9 2 x 2 1/8 100000 dcmc104u010ba2b 17.6 10.3 2 x 2 1/8 150000 dcmc154u6r3bh2b 9.9 11.6 2 x 2 5/8 110000 dcmc114u010ac2b 11.0 13.5 1 3/8 x 4 1/8 160000 dcmc164u6r3ad2b 9.8 12.5 1 3/8 x 4 5/8 130000 dcmc134u010ad2b 9.8 11.6 1 3/8 x 4 5/8 160000 dcmc164u6r3eb2b 11.0 12.6 1 3/4 x 3 1/8 140000 dcmc144u010eb2b 11.0 11.8 1 3/4 x 3 1/8 180000 dcmc184u6r3ae2b 8.9 14.7 1 3/8 x 5 1/8 140000 dcmc144u010bh2b 13.4 11.4 2 x 2 5/8 200000 dcmc204u6r3af2b 8.3 16.0 1 3/8 x 5 5/8 150000 dcmc154u010ae2b 8.9 14.7 1 3/8 x 5 1/8 200000 dcmc204u6r3ej2b 9.1 15.9 1 3/4 x 3 5/8 170000 dcmc174u010af2b 8.3 16.0 1 3/8 x 5 5/8 210000 dcmc214u6r3bb2b 7.8 17.8 2 x 3 1/8 170000 dcmc174u010ej2b 9.1 15.9 1 3/4 x 3 5/8 240000 dcmc244u6r3ec2b 7.9 18.3 1 3/4 x 4 1/8 180000 dcmc184u010bb2b 10.5 15.4 2 x 3 1/8 260000 dcmc264u6r3bj2b 6.5 15.6 2 x 3 5/8 210000 dcmc214u010ec2b 7.9 18.3 1 3/4 x 4 1/8 260000 dcmc264u6r3ch2b 6.9 16.2 2 1/2 x 2 5/8 220000 dcmc224u010bj2b 8.7 13.5 2 x 3 5/8 280000 dcmc284u6r3ed2b 7.0 17.1 1 3/4 x 4 5/8 220000 dcmc224u010ch2b 8.8 14.4 2 1/2 x 2 5/8 310000 dcmc314u6r3bc2b 5.6 20.2 2 x 4 1/8 240000 dcmc244u010ed2b 7.0 17.1 1 3/4 x 4 5/8 320000 dcmc324u6r3ee2b 6.4 19.7 1 3/4 x 5 1/8 270000 dcmc274u010bc2b 7.5 17.4 2 x 4 1/8 350000 dcmc354u6r3cb2b 5.3 22.6 2 1/2 x 3 1/8 280000 dcmc284u010ee2b 6.4 19.7 1 3/4 x 5 1/8 360000 dcmc364u6r3ef2b 6.0 22.0 1 3/4 x 5 5/8 290000 dcmc294u010cb2b 6.7 20.0 2 1/2 x 3 1/8 370000 dcmc374u6r3bd2b 5.0 24.9 2 x 4 5/8 310000 dcmc314u010ef2b 6.0 22.0 1 3/4 x 5 5/8 420000 dcmc424u6r3be2b 4.5 23.0 2 x 5 1/8 310000 dcmc314u010bd2b 6.7 21.5 2 x 4 5/8 440000 dcmc444u6r3cj2b 4.3 25.0 2 1/2 x 3 5/8 350000 dcmc354u010be2b 6.1 19.8 2 x 5 1/8 470000 dcmc474u6r3bf2b 4.2 26.7 2 x 5 5/8 370000 dcmc374u010cj2b 5.5 22.1 2 1/2 x 3 5/8 520000 dcmc524u6r3db2b 4.1 28.3 3 x 3 1/8 400000 dcmc404u010bf2b 5.7 22.9 2 x 5 5/8 530000 dcmc534u6r3cc2d 3.8 30.4 2 1/2 x 4 1/8 430000 dcmc434u010db2b 4.1 28.3 3 x 3 1/8 610000 dcmc614u6r3cd2d 3.4 33.4 2 1/2 x 4 5/8 440000 dcmc444u010cc2b 4.8 26.9 2 1/2 x 4 1/8 650000 dcmc654u6r3dj2d 3.3 34.6 3 x 3 5/8 510000 dcmc514u010cd2b 4.3 29.5 2 1/2 x 4 5/8 700000 dcmc704u6r3ce2d 3.1 33.3 2 1/2 x 5 1/8 540000 dcmc544u010dj2d 3.3 34.6 3 x 3 5/8 780000 dcmc784u6r3dc2d 2.9 35.7 3 x 4 1/8 590000 dcmc594u010ce2b 3.9 29.5 2 1/2 x 5 1/8 790000 dcmc794u6r3cf2d 2.8 37.9 2 1/2 x 5 5/8 640000 dcmc644u010dc2d 2.9 35.7 3 x 4 1/8 910000 dcmc914u6r3dd2d 2.6 41.0 3 x 4 5/8 660000 dcmc664u010cf2d 3.6 33.5 2 1/2 x 5 5/8 1000000 dcmc105u6r3de2d 2.4 44.4 3 x 5 1/8 750000 dcmc754u010dd2d 2.6 41.0 3 x 4 5/8 1100000 dcmc115u6r3df2d 2.4 45.0 3 x 5 5/8 860000 dcmc864u010de2d 2.4 44.4 3 x 5 1/8 1100000 dcmc115u6r3fc2d 3.0 41.4 3 1/2 x 4 1/8 900000 dcmc904u010fc2d 2.9 41.6 3 1/2 x 4 1/8 1200000 dcmc125u6r3dp2d 2.4 51.5 3 x 5 7/8 940000 dcmc944u010df2d 2.3 47.1 3 x 5 5/8 1200000 dcmc125u6r3fd2d 2.6 43.2 3 1/2 x 4 5/8 1000000 dcmc105u010dp2d 2.3 52.8 3 x 5 7/8 1400000 dcmc145u6r3fe2d 2.4 47.1 3 1/2 x 5 1/8 1000000 dcmc105u010fd2d 2.8 42.0 3 1/2 x 4 5/8 1600000 dcmc165u6r3dn2d 2.4 49.3 3 x 7 5/8 1200000 dcmc125u010fe2d 2.5 46.3 3 1/2 x 5 1/8 1600000 dcmc165u6r3ff2d 2.4 47.9 3 1/2 x 5 5/8 1300000 dcmc135u010ff2d 2.2 50.3 3 1/2 x 5 5/8 1700000 dcmc175u6r3fp2d 2.4 49.4 3 1/2 x 5 7/8 1400000 dcmc145u010dn2d 2.1 52.7 3 x 7 5/8 1900000 dcmc195u6r3dg2d 2.4 49.9 3 x 8 5/8 1400000 dcmc145u010fp2d 2.1 52.7 3 1/2 x 5 7/8 2300000 dcmc235u6r3fn2d 2.4 54.1 3 1/2 x 7 5/8 1600000 dcmc165u010dg2d 2.1 54.2 3 x 8 5/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 1900000 dcmc195u010fn2d 1.8 64.3 3 1/2 x 7 5/8 1700000 dcmc175u016fg2d 2.3 58.2 3 1/2 x 8 5/8 2200000 dcmc225u010fg2d 1.5 70.6 3 1/2 x 8 5/8 25 vdc (30 vdc surge) 16 vdc (20 vdc surge) 12000 dcmc123u025ak2b 37.1 4.7 1 3/8 x 1 5/8 21000 dcmc213u016ak2b 46.9 4.1 1 3/8 x 1 5/8 20000 dcmc203u025aa2b 23.6 6.5 1 3/8 x 2 1/8 35000 dcmc353u016aa2b 26.5 6.1 1 3/8 x 2 1/8 24000 dcmc243u025ah2b 20.1 7.5 1 3/8 x 2 5/8 49000 dcmc493u016ah2b 20.1 7.5 1 3/8 x 2 5/8 33000 dcmc333u025ab2b 19.3 8.2 1 3/8 x 3 1/8 57000 dcmc573u016ea2b 18.8 8.3 1 3/4 x 2 1/8 36000 dcmc363u025ea2b 21.8 8.2 1 3/4 x 2 1/8 62000 dcmc623u016ab2b 15.5 9.7 1 3/8 x 3 1/8 42000 dcmc423u025aj2b 19.4 9.1 1 3/8 x 3 5/8 73000 dcmc733u016ba2b 17.6 9.5 2 x 2 1/8 43000 dcmc433u025eh2b 19.4 9.5 1 3/4 x 2 5/8 76000 dcmc763u016aj2b 12.8 11.7 1 3/8 x 3 5/8 47000 dcmc473u025ba2b 21.8 9.3 2 x 2 1/8 77000 dcmc773u016eh2b 15.3 11.1 1 3/4 x 2 5/8 52000 dcmc523u025ac2b 17.6 10.7 1 3/8 x 4 1/8 90000 dcmc903u016ac2b 11.0 13.5 1 3/8 x 4 1/8 59000 dcmc593u025bh2b 16.5 9.0 2 x 2 5/8 99000 dcmc993u016ad2b 9.8 11.6 1 3/8 x 4 5/8 60000 dcmc603u025eb2b 15.2 10.1 1 3/4 x 3 1/8 100000 dcmc104u016eb2b 12.5 11.1 1 3/4 x 3 1/8 61000 dcmc613u025ad2b 16.4 10.3 1 3/8 x 4 5/8 110000 dcmc114u016ae2b 8.9 14.0 1 3/8 x 5 1/8 71000 dcmc713u025ae2b 15.2 11.3 1 3/8 x 5 1/8 110000 dcmc114u016bh2b 13.4 12.0 2 x 2 5/8 76000 dcmc763u025bb2b 12.2 13.2 2 x 3 1/8 130000 dcmc134u016af2b 8.3 16.0 1 3/8 x 5 5/8 77000 dcmc773u025ej2b 12.8 13.4 1 3/4 x 3 5/8 130000 dcmc134u016ej2b 10.9 14.6 1 3/4 x 3 5/8 80000 dcmc803u025af2b 14.0 13.3 1 3/8 x 5 5/8 130000 dcmc134u016bb2b 10.5 15.4 2 x 3 1/8 90000 dcmc903u025ch2b 9.5 16.7 2 1/2 x 2 5/8 150000 dcmc154u016ec2b 9.7 16.5 1 3/4 x 4 1/8 94000 dcmc943u025ec2b 11.2 11.8 1 3/4 x 4 1/8 160000 dcmc164u016bj2b 8.7 13.5 2 x 3 5/8 98000 dcmc983u025bj2b 9.8 13.6 2 x 3 5/8 160000 dcmc164u016ch2b 8.8 14.4 2 1/2 x 2 5/8 110000 dcmc114u025ed2b 10.2 14.2 1 3/4 x 4 5/8 180000 dcmc184u016ed2b 8.8 15.3 1 3/4 x 4 5/8 120000 dcmc124u025bc2b 8.3 16.6 2 x 4 1/8 200000 dcmc204u016bc2b 7.5 17.4 2 x 4 1/8 130000 dcmc134u025ee2b 9.6 16.1 1 3/4 x 5 1/8 210000 dcmc214u016ee2b 8.2 17.5 1 3/4 x 5 1/8 130000 dcmc134u025cb2b 7.6 18.9 2 1/2 x 3 1/8 220000 dcmc224u016cb2b 6.7 20.0 2 1/2 x 3 1/8 140000 dcmc144u025bd2b 7.3 19.9 2 x 4 5/8 230000 dcmc234u016ef2b 7.8 19.3 1 3/4 x 5 5/8 150000 dcmc154u025ef2b 9.1 18.4 1 3/4 x 5 5/8 230000 dcmc234u016bd2b 6.7 21.5 2 x 4 5/8 160000 dcmc164u025be2b 6.6 19.1 2 x 5 1/8 260000 dcmc264u016be2b 6.1 19.8 2 x 5 1/8 160000 dcmc164u025cj2b 6.4 20.5 2 1/2 x 3 5/8 270000 dcmc274u016cj2b 5.5 22.1 2 1/2 x 3 5/8 190000 dcmc194u025bf2b 6.1 22.2 2 x 5 5/8 290000 dcmc294u016bf2b 5.7 22.9 2 x 5 5/8 190000 dcmc194u025db2b 5.0 25.5 3 x 3 1/8 320000 dcmc324u016cc2b 5.0 25.6 2 1/2 x 4 1/8 200000 dcmc204u025cc2b 5.8 24.6 2 1/2 x 4 1/8 320000 dcmc324u016db2b 4.2 28.9 3 x 3 1/8 230000 dcmc234u025cd2b 5.2 26.8 2 1/2 x 4 5/8 380000 dcmc384u016cd2b 4.6 28.5 2 1/2 x 4 5/8 240000 dcmc244u025dj2d 4.3 30.5 3 x 3 5/8 400000 dcmc404u016dj2d 3.6 33.3 3 x 3 5/8 270000 dcmc274u025ce2b 5.0 26.0 2 1/2 x 5 1/8 430000 dcmc434u016ce2b 4.4 27.9 2 1/2 x 5 1/8 300000 dcmc304u025dc2d 3.9 31.0 3 x 4 1/8 480000 dcmc484u016dc2d 3.3 33.8 3 x 4 1/8 310000 dcmc314u025cf2b 4.6 29.8 2 1/2 x 5 5/8 490000 dcmc494u016cf2d 4.2 31.2 2 1/2 x 5 5/8 350000 dcmc354u025dd2d 3.5 35.1 3 x 4 5/8 560000 dcmc564u016dd2d 3.1 37.5 3 x 4 5/8 400000 dcmc404u025de2d 3.3 37.5 3 x 5 1/8 650000 dcmc654u016de2d 2.8 40.5 3 x 5 1/8 430000 dcmc434u025fc2d 3.8 36.0 3 1/2 x 4 1/8 700000 dcmc704u016fc2d 2.9 41.6 3 1/2 x 4 1/8 460000 dcmc464u025df2d 3.2 39.9 3 x 5 5/8 710000 dcmc714u016df2d 2.8 42.8 3 x 5 5/8 490000 dcmc494u025dp2d 3.1 46.0 3 x 5 7/8 750000 dcmc754u016dp2d 2.8 48.3 3 x 5 7/8 500000 dcmc504u025fd2d 3.5 37.6 3 1/2 x 4 5/8 810000 dcmc814u016fd2d 2.8 42.1 3 1/2 x 4 5/8 580000 dcmc584u025fe2d 3.2 40.3 3 1/2 x 5 1/8 930000 dcmc934u016fe2d 2.5 46.2 3 1/2 x 5 1/8 660000 dcmc664u025ff2d 3.1 42.8 3 1/2 x 5 5/8 1000000 dcmc105u016ff2d 2.4 48.3 3 1/2 x 5 5/8 670000 dcmc674u025dn2d 3.1 44.0 3 x 7 5/8 1000000 dcmc105u016dn2d 2.6 47.5 3 x 7 5/8 700000 dcmc704u025fp2d 2.9 44.9 3 1/2 x 5 7/8 1500000 dcmc155u016fn2d 2.3 55.4 3 1/2 x 7 5/8 780000 dcmc784u025dg2d 3.0 44.9 3 x 8 5/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 950000 dcmc954u025fn2d 3.0 48.7 3 1/2 x 7 5/8 550000 dcmc554u035dg2d 3.6 40.9 3 x 8 5/8 1100000 dcmc115u025fg2d 2.9 51.1 3 1/2 x 8 5/8 680000 dcmc684u035fn2d 3.4 45.7 3 1/2 x 7 5/8 35 vdc (40 vdc surge) 790000 dcmc794u035fg2d 3.3 48.4 3 1/2 x 8 5/8 8200 dcmc822u035ak2b 41.7 4.4 1 3/8 x 1 5/8 50 vdc (65 vdc surge) 14000 dcmc143u035aa2b 26.7 6.1 1 3/8 x 2 1/8 5900 dcmc592u050ak2b 47.9 4.1 1 3/8 x 1 5/8 16000 dcmc163u035ah2b 23.2 7.0 1 3/8 x 2 5/8 10000 dcmc103u050aa2b 30.9 5.6 1 3/8 x 2 1/8 23000 dcmc233u035ab2b 21.9 7.7 1 3/8 x 3 1/8 12000 dcmc123u050ah2b 25.9 6.7 1 3/8 x 2 5/8 25000 dcmc253u035ea2b 22.3 8.1 1 3/4 x 2 1/8 16000 dcmc163u050ab2b 23.6 7.4 1 3/8 x 3 1/8 30000 dcmc303u035aj2b 21.6 8.6 1 3/8 x 3 5/8 18000 dcmc183u050ea2b 22.8 8.0 1 3/4 x 2 1/8 30000 dcmc303u035eh2b 19.2 9.5 1 3/4 x 2 5/8 21000 dcmc213u050aj2b 19.6 9.0 1 3/8 x 3 5/8 32000 dcmc323u035ba2b 24.5 8.8 2 x 2 1/8 21000 dcmc213u050eh2b 20.2 9.3 1 3/4 x 2 5/8 36000 dcmc363u035ac2b 20.1 10.0 1 3/8 x 4 1/8 23000 dcmc233u050ba2b 25.3 8.6 2 x 2 1/8 41000 dcmc413u035bh2b 20.1 8.1 2 x 2 5/8 26000 dcmc263u050ac2b 18.7 10.4 1 3/8 x 4 1/8 42000 dcmc423u035eb2b 15.5 10.0 1 3/4 x 3 1/8 29000 dcmc293u050bh2b 20.8 8.0 2 x 2 5/8 43000 dcmc433u035ad2b 17.8 9.9 1 3/8 x 4 5/8 30000 dcmc303u050eb2b 15.6 9.9 1 3/4 x 3 1/8 49000 dcmc493u035ae2b 15.5 11.2 1 3/8 x 5 1/8 31000 dcmc313u050ad2b 17.9 9.9 1 3/8 x 4 5/8 53000 dcmc533u035bb2b 15.9 11.6 2 x 3 1/8 35000 dcmc353u050ae2b 15.9 11.0 1 3/8 x 5 1/8 54000 dcmc543u035ej2b 13.2 13.2 1 3/4 x 3 5/8 38000 dcmc383u050ej2b 13.5 12.5 1 3/4 x 3 5/8 56000 dcmc563u035af2b 14.1 13.3 1 3/8 x 5 5/8 38000 dcmc383u050bb2b 16.3 11.9 2 x 3 1/8 63000 dcmc633u035ch2b 14.8 13.4 2 1/2 x 2 5/8 40000 dcmc403u050af2b 14.4 13.1 1 3/8 x 5 5/8 66000 dcmc663u035ec2b 11.8 11.5 1 3/4 x 4 1/8 45000 dcmc453u050ch2b 15.1 13.3 2 1/2 x 2 5/8 69000 dcmc693u035bj2b 13.2 11.7 2 x 3 5/8 47000 dcmc473u050ec2b 12.0 11.4 1 3/4 x 4 1/8 78000 dcmc783u035ed2b 10.6 13.9 1 3/4 x 4 5/8 49000 dcmc493u050bj2b 13.6 11.6 2 x 3 5/8 84000 dcmc843u035bc2b 11.6 14.0 2 x 4 1/8 56000 dcmc563u050ed2b 10.8 13.8 1 3/4 x 4 5/8 88000 dcmc883u035cb2b 11.5 14.7 2 1/2 x 3 1/8 60000 dcmc603u050bc2b 11.9 13.8 2 x 4 1/8 90000 dcmc903u035ee2b 9.8 16.6 1 3/4 x 5 1/8 63000 dcmc633u050cb2b 12.0 14.4 2 1/2 x 3 1/8 99000 dcmc993u035bd2b 10.5 16.6 2 x 4 5/8 64000 dcmc643u050ee2b 9.8 16.6 1 3/4 x 5 1/8 100000 dcmc104u035ef2b 9.4 18.1 1 3/4 x 5 5/8 71000 dcmc713u050bd2b 10.8 16.4 2 x 4 5/8 110000 dcmc114u035be2b 9.8 15.6 2 x 5 1/8 73000 dcmc733u050ef2b 9.5 18.0 1 3/4 x 5 5/8 110000 dcmc114u035cj2b 9.4 16.9 2 1/2 x 3 5/8 81000 dcmc813u050cj2b 10.3 15.2 2 1/2 x 3 5/8 130000 dcmc134u035bf2b 9.4 17.9 2 x 5 5/8 82000 dcmc823u050be2b 10.0 16.4 2 x 5 1/8 130000 dcmc134u035db2b 6.9 21.8 3 x 3 1/8 93000 dcmc933u050bf2b 9.5 17.7 2 x 5 5/8 140000 dcmc144u035cc2b 8.2 20.6 2 1/2 x 4 1/8 94000 dcmc943u050db2b 9.1 18.9 3 x 3 1/8 160000 dcmc164u035cd2b 7.4 22.5 2 1/2 x 4 5/8 99000 dcmc993u050cc2b 8.9 19.8 2 1/2 x 4 1/8 170000 dcmc174u035dj2b 5.7 26.4 3 x 3 5/8 120000 dcmc124u050cd2b 7.9 21.8 2 1/2 x 4 5/8 190000 dcmc194u035ce2b 6.8 22.3 2 1/2 x 5 1/8 120000 dcmc124u050dj2b 7.7 22.7 3 x 3 5/8 210000 dcmc214u035cf2b 6.1 24.7 2 1/2 x 5 5/8 130000 dcmc134u050ce2b 7.2 21.7 2 1/2 x 5 1/8 210000 dcmc214u035dc2b 5.2 28.0 3 x 4 1/8 150000 dcmc154u050cf2b 6.7 23.7 2 1/2 x 5 5/8 240000 dcmc244u035dd2d 4.7 30.5 3 x 4 5/8 150000 dcmc154u050dc2b 6.9 24.2 3 x 4 1/8 280000 dcmc284u035de2d 4.4 32.6 3 x 5 1/8 170000 dcmc174u050dd2b 6.1 26.7 3 x 4 5/8 300000 dcmc304u035fc2d 4.9 31.7 3 1/2 x 4 1/8 200000 dcmc204u050de2b 5.9 28.1 3 x 5 1/8 320000 dcmc324u035df2d 4.0 35.5 3 x 5 5/8 200000 dcmc204u050fc2d 6.4 27.9 3 1/2 x 4 1/8 340000 dcmc344u035dp2d 3.9 40.9 3 x 5 7/8 230000 dcmc234u050df2d 5.6 30.0 3 x 5 5/8 350000 dcmc354u035fd2d 4.5 33.0 3 1/2 x 4 5/8 230000 dcmc234u050fd2d 5.7 33.8 3 1/2 x 4 5/8 410000 dcmc414u035fe2d 4.0 36.2 3 1/2 x 5 1/8 240000 dcmc244u050dp2d 5.4 30.2 3 x 5 7/8 460000 dcmc464u035ff2d 3.6 39.2 3 1/2 x 5 5/8 270000 dcmc274u050fe2d 5.4 31.3 3 1/2 x 5 1/8 470000 dcmc474u035dn2d 3.8 39.8 3 x 7 5/8 310000 dcmc314u050ff2d 5.1 33.2 3 1/2 x 5 5/8 490000 dcmc494u035fp2d 3.5 41.1 3 1/2 x 5 7/8 320000 dcmc324u050fp2d 4.9 34.8 3 1/2 x 5 7/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 350000 dcmc354u050dn2d 4.5 37.5 3 x 7 5/8 210000 dcmc214u063fp2d 6.8 29.4 3 1/2 x 5 7/8 390000 dcmc394u050dg2d 4.1 38.6 3 x 8 5/8 230000 dcmc234u063dn2d 6.5 31.2 3 x 7 5/8 450000 dcmc454u050fn2d 4.2 41.3 3 1/2 x 7 5/8 250000 dcmc254u063dg2d 5.7 32.6 3 x 8 5/8 520000 dcmc524u050fg2d 3.8 44.9 3 1/2 x 8 5/8 300000 dcmc304u063fn2d 5.8 35.3 3 1/2 x 7 5/8 63 vdc (75 vdc surge) 350000 dcmc354u063fg2d 5.2 38.5 3 1/2 x 8 5/8 4100 dcmc412u063ak2b 60.6 3.6 1 3/8 x 1 5/8 75 vdc (95 vdc surge) 7000 dcmc702u063aa2b 39.0 5.0 1 3/8 x 2 1/8 3200 dcmc322u075ak2b 76.2 3.2 1 3/8 x 1 5/8 8300 dcmc832u063ah2b 32.7 5.9 1 3/8 x 2 5/8 5300 dcmc532u075aa2b 50.7 4.4 1 3/8 x 2 1/8 12000 dcmc123u063ab2b 28.6 6.8 1 3/8 x 3 1/8 6400 dcmc642u075ah2b 41.7 5.2 1 3/8 x 2 5/8 13000 dcmc133u063ea2b 27.9 7.2 1 3/4 x 2 1/8 9000 dcmc902u075ab2b 38.6 5.8 1 3/8 x 3 1/8 15000 dcmc153u063aj2b 26.1 7.8 1 3/8 x 3 5/8 9900 dcmc992u075ea2b 55.6 5.1 1 3/4 x 2 1/8 15000 dcmc153u063eh2b 25.6 8.2 1 3/4 x 2 5/8 12000 dcmc123u075aj2b 34.3 6.8 1 3/8 x 3 5/8 15000 dcmc153u063ba2b 28.0 8.2 2 x 2 1/8 12000 dcmc123u075eh2b 47.3 6.1 1 3/4 x 2 5/8 18000 dcmc183u063ac2b 22.0 9.6 1 3/8 x 4 1/8 12000 dcmc123u075ba2b 34.8 7.4 2 x 2 1/8 18000 dcmc183u063bh2b 22.6 7.7 2 x 2 5/8 14000 dcmc143u075ac2b 30.5 8.1 1 3/8 x 4 1/8 21000 dcmc213u063ad2b 19.3 8.9 1 3/8 x 4 5/8 14000 dcmc143u075bh2b 27.5 6.9 2 x 2 5/8 21000 dcmc213u063eb2b 19.5 9.4 1 3/4 x 3 1/8 16000 dcmc163u075eb2b 34.1 6.7 1 3/4 x 3 1/8 25000 dcmc253u063ae2b 17.3 10.6 1 3/8 x 5 1/8 17000 dcmc173u075ad2b 26.2 8.2 1 3/8 x 4 5/8 25000 dcmc253u063bb2b 18.1 10.8 2 x 3 1/8 19000 dcmc193u075ae2b 23.8 9.0 1 3/8 x 5 1/8 27000 dcmc273u063ej2b 16.2 11.9 1 3/4 x 3 5/8 19000 dcmc193u075bb2b 21.4 10.0 2 x 3 1/8 28000 dcmc283u063af2b 15.8 12.5 1 3/8 x 5 5/8 21000 dcmc213u075ej2b 26.9 9.3 1 3/4 x 3 5/8 29000 dcmc293u063ch2b 26.8 9.9 2 1/2 x 2 5/8 22000 dcmc223u075af2b 21.4 10.8 1 3/8 x 5 5/8 32000 dcmc323u063bj2b 15.1 10.2 2 x 3 5/8 23000 dcmc233u075ch2b 30.0 9.4 2 1/2 x 2 5/8 33000 dcmc333u063ec2b 14.2 11.3 1 3/4 x 4 1/8 25000 dcmc253u075bj2b 18.0 9.3 2 x 3 5/8 39000 dcmc393u063ed2b 12.8 12.7 1 3/4 x 4 5/8 26000 dcmc263u075ec2b 22.3 9.0 1 3/4 x 4 1/8 39000 dcmc393u063bc2b 13.3 13.1 2 x 4 1/8 30000 dcmc303u075ed2b 19.2 10.4 1 3/4 x 4 5/8 41000 dcmc413u063cb2b 19.3 11.4 2 1/2 x 3 1/8 30000 dcmc303u075bc2b 15.6 12.1 2 x 4 1/8 45000 dcmc453u063ee2b 11.8 15.1 1 3/4 x 5 1/8 32000 dcmc323u075cb2b 21.6 10.7 2 1/2 x 3 1/8 46000 dcmc463u063bd2b 12.1 15.5 2 x 4 5/8 35000 dcmc353u075ee2b 16.9 12.6 1 3/4 x 5 1/8 51000 dcmc513u063ef2b 11.2 16.6 1 3/4 x 5 5/8 35000 dcmc353u075bd2b 13.9 14.4 2 x 4 5/8 52000 dcmc523u063cj2b 17.1 11.8 2 1/2 x 3 5/8 40000 dcmc403u075ef2b 15.2 14.3 1 3/4 x 5 5/8 53000 dcmc533u063be2b 11.3 15.5 2 x 5 1/8 41000 dcmc413u075be2b 12.8 13.7 2 x 5 1/8 60000 dcmc603u063bf2b 10.7 16.7 2 x 5 5/8 41000 dcmc413u075cj2b 17.8 12.3 2 1/2 x 3 5/8 61000 dcmc613u063db2b 14.9 14.8 3 x 3 1/8 46000 dcmc463u075bf2b 12.0 15.8 2 x 5 5/8 64000 dcmc643u063cc2b 13.7 16.0 2 1/2 x 4 1/8 47000 dcmc473u075db2b 18.0 13.4 3 x 3 1/8 76000 dcmc763u063cd2b 11.8 17.8 2 1/2 x 4 5/8 50000 dcmc503u075cc2b 15.1 15.2 2 1/2 x 4 1/8 78000 dcmc783u063dj2b 12.1 18.1 3 x 3 5/8 59000 dcmc593u075cd2b 13.5 16.7 2 1/2 x 4 5/8 87000 dcmc873u063ce2b 11.0 17.6 2 1/2 x 5 1/8 61000 dcmc613u075dj2b 14.4 16.6 3 x 3 5/8 95000 dcmc953u063dc2b 10.8 18.6 3 x 4 1/8 68000 dcmc683u075ce2b 12.0 16.8 2 1/2 x 5 1/8 99000 dcmc993u063cf2b 10.5 19.7 2 1/2 x 5 5/8 74000 dcmc743u075dc2b 12.9 17.0 3 x 4 1/8 110000 dcmc114u063dd2b 9.9 21.0 3 x 4 5/8 77000 dcmc773u075cf2b 11.2 19.0 2 1/2 x 5 5/8 130000 dcmc134u063de2b 8.8 23.0 3 x 5 1/8 88000 dcmc883u075dd2b 11.8 19.2 3 x 4 5/8 130000 dcmc134u063fc2d 9.9 22.3 3 1/2 x 4 1/8 100000 dcmc104u075de2b 10.4 21.1 3 x 5 1/8 150000 dcmc154u063df2b 7.9 25.3 3 x 5 5/8 100000 dcmc104u075fc2d 11.8 20.4 3 1/2 x 4 1/8 150000 dcmc154u063fd2d 9.0 26.8 3 1/2 x 4 5/8 110000 dcmc114u075df2b 9.4 23.3 3 x 5 5/8 160000 dcmc164u063dp2b 7.5 25.5 3 x 5 7/8 120000 dcmc124u075dp2b 8.9 26.9 3 x 5 7/8 180000 dcmc184u063fe2d 7.9 25.7 3 1/2 x 5 1/8 120000 dcmc124u075fd2d 10.7 21.4 3 1/2 x 4 5/8 200000 dcmc204u063ff2d 7.2 28.0 3 1/2 x 5 5/8 140000 dcmc144u075fe2d 9.4 23.7 3 1/2 x 5 1/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 160000 dcmc164u075ff2d 8.4 25.7 3 1/2 x 5 5/8 92000 dcmc923u100fe2d 10.9 22.0 3 1/2 x 5 1/8 170000 dcmc174u075dn2d 7.7 28.1 3 x 7 5/8 100000 dcmc104u100ff2d 10.2 23.4 3 1/2 x 5 5/8 170000 dcmc174u075fp2d 8.1 27.1 3 1/2 x 5 7/8 110000 dcmc114u100dn2b 9.2 25.8 3 x 7 5/8 200000 dcmc204u075dg2b 6.8 29.8 3 x 8 5/8 110000 dcmc114u100fp2d 10.0 24.3 3 1/2 x 5 7/8 230000 dcmc234u075fn2d 6.9 32.3 3 1/2 x 7 5/8 130000 dcmc134u100dg2b 8.2 27.3 3 x 8 5/8 270000 DCMC274U075FG2D 6.2 35.2 3 1/2 x 8 5/8 150000 dcmc154u100fn2d 8.3 29.5 3 1/2 x 7 5/8 100 vdc (125 vdc surge) 180000 dcmc184u100fg2d 7.3 32.3 3 1/2 x 8 5/8 1900 dcmc192u100ak2b 98.4 2.9 1 3/8 x 1 5/8 160 vdc (200 vdc surge) 3100 dcmc312u100aa2b 60.2 4.0 1 3/8 x 2 1/8 1100 dcmc112t160ak2b 149.6 2.3 1 3/8 x 1 5/8 3900 dcmc392u100ah2b 51.0 4.7 1 3/8 x 2 5/8 1800 dcmc182t160aa2b 93.0 3.3 1 3/8 x 2 1/8 5500 dcmc552u100ab2b 43.4 5.5 1 3/8 x 3 1/8 2300 dcmc232t160ah2b 70.5 4.0 1 3/8 x 2 5/8 6000 dcmc602u100ea2b 62.0 4.8 1 3/4 x 2 1/8 3200 dcmc322t160ab2b 58.5 4.7 1 3/8 x 3 1/8 6300 dcmc632u100ba2b 51.8 5.6 2 x 2 1/8 3500 dcmc352t160ea2b 62.0 4.8 1 3/4 x 2 1/8 7000 dcmc702u100aj2b 36.5 6.9 1 3/8 x 3 5/8 3700 dcmc372t160ba2b 70.5 4.8 2 x 2 1/8 7100 dcmc712u100eh2b 52.8 6.0 1 3/4 x 2 5/8 4100 dcmc412t160aj2b 50.2 5.9 1 3/8 x 3 5/8 8600 dcmc862u100ac2b 33.3 7.8 1 3/8 x 4 1/8 4100 dcmc412t160eh2b 52.8 6.0 1 3/4 x 2 5/8 9000 dcmc902u100bh2b 37.8 5.9 2 x 2 5/8 5000 dcmc502t160ac2b 42.9 6.9 1 3/8 x 4 1/8 9900 dcmc992u100eb2b 38.0 6.4 1 3/4 x 3 1/8 5300 dcmc532t160bh2b 46.5 5.3 2 x 2 5/8 10000 dcmc103u100ad2b 31.1 7.5 1 3/8 x 4 5/8 5800 dcmc582t160eb2b 38.0 6.4 1 3/4 x 3 1/8 12000 dcmc123u100ae2b 30.0 8.0 1 3/8 x 5 1/8 5900 dcmc592t160ad2b 37.7 6.8 1 3/8 x 4 5/8 13000 dcmc133u100af2b 29.0 8.6 1 3/8 x 5 5/8 6800 dcmc682t160ae2b 34.7 7.5 1 3/8 x 5 1/8 13000 dcmc133u100ej2b 29.9 8.8 1 3/4 x 3 5/8 7400 dcmc742t160ej2b 29.9 8.4 1 3/4 x 3 5/8 13000 dcmc133u100bb2b 30.6 9.0 2 x 3 1/8 7400 dcmc742t160bb2b 33.5 8.3 2 x 3 1/8 15000 dcmc153u100ch2b 33.7 8.9 2 1/2 x 2 5/8 7700 dcmc772t160af2b 32.2 8.8 1 3/8 x 5 5/8 16000 dcmc163u100ec2b 24.8 8.0 1 3/4 x 4 1/8 8300 dcmc832t160ch2b 30.1 9.4 2 1/2 x 2 5/8 16000 dcmc163u100bj2b 22.3 9.0 2 x 3 5/8 9100 dcmc912t160ec2b 24.8 8.0 1 3/4 x 4 1/8 18000 dcmc183u100ed2b 21.2 9.8 1 3/4 x 4 5/8 9500 dcmc952t160bj2b 26.4 8.3 2 x 3 5/8 20000 dcmc203u100bc2b 19.9 10.7 2 x 4 1/8 11000 dcmc113t160ed2b 21.2 9.8 1 3/4 x 4 5/8 21000 dcmc213u100ee2b 18.7 11.5 1 3/4 x 5 1/8 12000 dcmc123t160ee2b 18.7 11.0 1 3/4 x 5 1/8 21000 dcmc213u100cb2b 23.4 10.7 2 1/2 x 3 1/8 12000 dcmc123t160bc2b 21.9 10.7 2 x 4 1/8 23000 dcmc233u100bd2b 17.7 12.8 2 x 4 5/8 12000 dcmc123t160cb2b 21.3 11.2 2 1/2 x 3 1/8 24000 dcmc243u100ef2b 16.8 13.6 1 3/4 x 5 5/8 14000 dcmc143t160ef2b 16.8 13.1 1 3/4 x 5 5/8 27000 dcmc273u100be2b 15.6 12.4 2 x 5 1/8 14000 dcmc143t160bd2b 18.8 12.8 2 x 4 5/8 27000 dcmc273u100cj2b 19.1 11.9 2 1/2 x 3 5/8 15000 dcmc153t160cj2b 17.0 11.9 2 1/2 x 3 5/8 31000 dcmc313u100bf2b 14.9 14.1 2 x 5 5/8 16000 dcmc163t160be2b 16.6 12.8 2 x 5 1/8 31000 dcmc313u100db2b 19.9 12.8 3 x 3 1/8 17000 dcmc173t160db2b 14.7 14.3 3 x 3 1/8 33000 dcmc333u100cc2b 16.5 14.6 2 1/2 x 4 1/8 18000 dcmc183t160bf2b 14.9 14.8 2 x 5 5/8 39000 dcmc393u100cd2b 14.7 16.0 2 1/2 x 4 5/8 18000 dcmc183t160cc2b 14.1 15.8 2 1/2 x 4 1/8 40000 dcmc403u100dj2b 16.4 15.6 3 x 3 5/8 22000 dcmc223t160cd2b 11.9 17.8 2 1/2 x 4 5/8 45000 dcmc453u100ce2b 13.4 15.9 2 1/2 x 5 1/8 22000 dcmc223t160dj2b 11.5 18.6 3 x 3 5/8 49000 dcmc493u100dc2b 14.4 16.1 3 x 4 1/8 25000 dcmc253t160ce2b 10.7 17.8 2 1/2 x 5 1/8 51000 dcmc513u100cf2b 12.5 18.0 2 1/2 x 5 5/8 27000 dcmc273t160dc2b 9.6 19.7 3 x 4 1/8 58000 dcmc583u100dd2b 13.0 18.3 3 x 4 5/8 28000 dcmc283t160cf2b 9.6 20.5 2 1/2 x 5 5/8 67000 dcmc673u100de2b 12.0 19.7 3 x 5 1/8 32000 dcmc323t160dd2b 8.2 23.0 3 x 4 5/8 67000 dcmc673u100fc2d 13.4 19.2 3 1/2 x 4 1/8 37000 dcmc373t160de2b 7.3 25.3 3 x 5 1/8 76000 dcmc763u100df2b 11.2 21.3 3 x 5 5/8 37000 dcmc373t160fc2d 9.2 23.2 3 1/2 x 4 1/8 79000 dcmc793u100fd2d 12.1 23.1 3 1/2 x 4 5/8 42000 dcmc423t160df2b 6.5 27.9 3 x 5 5/8 80000 dcmc803u100dp2b 11.1 21.0 3 x 5 7/8 44000 dcmc443t160fd2d 7.9 28.6 3 1/2 x 4 5/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 45000 dcmc453t160dp2b 6.2 28.1 3 x 5 7/8 25000 dcmc253t200fd2b 15.3 20.5 3 1/2 x 4 5/8 51000 dcmc513t160fe2d 6.9 27.5 3 1/2 x 5 1/8 26000 dcmc263t200dp2b 12.7 19.7 3 x 5 7/8 58000 dcmc583t160ff2d 6.2 30.0 3 1/2 x 5 5/8 28000 dcmc283t200fe2b 13.4 19.8 3 1/2 x 5 1/8 61000 dcmc613t160fp2d 5.9 31.6 3 1/2 x 5 7/8 31000 dcmc313t200ff2b 12.0 21.6 3 1/2 x 5 5/8 62000 dcmc623t160dn2d 5.1 34.9 3 x 7 5/8 33000 dcmc333t200dn2b 10.8 23.7 3 x 7 5/8 72000 dcmc723t160dg2d 4.3 37.5 3 x 8 5/8 33000 dcmc333t200fp2d 11.5 22.7 3 1/2 x 5 7/8 85000 dcmc853t160fn2d 4.9 38.8 3 1/2 x 7 5/8 37000 dcmc373t200dg2b 9.6 25.2 3 x 8 5/8 99000 dcmc993t160fg2d 4.2 42.8 3 1/2 x 8 5/8 44000 dcmc443t200fn2d 9.3 28.2 3 1/2 x 7 5/8 200 vdc (250 vdc surge) 51000 dcmc513t200fg2d 7.9 31.1 3 1/2 x 8 5/8 680 dcmc681t200ak2b 205.8 2.0 1 3/8 x 1 5/8 250 vdc (300 vdc surge) 1000 dcmc102t200aa2b 140.3 2.6 1 3/8 x 2 1/8 470 dcmc471t250ak2b 259.7 1.8 1 3/8 x 1 5/8 1500 dcmc152t200ah2b 100.5 3.4 1 3/8 x 2 5/8 820 dcmc821t250aa2b 156.4 2.5 1 3/8 x 2 1/8 1800 dcmc182t200ab2b 78.5 4.1 1 3/8 x 3 1/8 1200 dcmc122t250ah2b 118.7 3.1 1 3/8 x 2 5/8 1900 dcmc192t200ea2b 79.1 4.3 1 3/4 x 2 1/8 1400 dcmc142t250ea2b 99.0 3.6 1 3/4 x 2 1/8 2200 dcmc222t200aj2b 63.9 5.0 1 3/8 x 3 5/8 1500 dcmc152t250ab2b 88.0 4.1 1 3/8 x 3 1/8 2400 dcmc242t200eh2b 62.5 5.3 1 3/4 x 2 5/8 1800 dcmc182t250eh2b 83.3 4.4 1 3/4 x 2 5/8 2500 dcmc252t200ba2b 82.0 4.8 2 x 2 1/8 1800 dcmc182t250ba2b 94.7 4.3 2 x 2 1/8 2700 dcmc272t200ac2b 51.7 6.2 1 3/8 x 4 1/8 1900 dcmc192t250aj2b 69.5 5.2 1 3/8 x 3 5/8 3100 dcmc312t200eb2b 48.4 5.2 1 3/4 x 3 1/8 2300 dcmc232t250ac2b 57.9 5.9 1 3/8 x 4 1/8 3300 dcmc332t200ad2b 43.2 6.0 1 3/8 x 4 5/8 2300 dcmc232t250eb2b 61.3 4.6 1 3/4 x 3 1/8 3300 dcmc332t200bh2b 61.0 5.3 2 x 2 5/8 2400 dcmc242t250ad2b 51.4 5.5 1 3/8 x 4 5/8 3800 dcmc382t200ej2b 37.9 7.2 1 3/4 x 3 5/8 2500 dcmc252t250bh2b 65.7 5.2 2 x 2 5/8 3900 dcmc392t200ae2b 37.8 7.5 1 3/8 x 5 1/8 2700 dcmc272t250ae2b 44.0 6.6 1 3/8 x 5 1/8 4300 dcmc432t200bb2b 46.1 7.1 2 x 3 1/8 3000 dcmc302t250ej2b 48.7 6.6 1 3/4 x 3 5/8 4500 dcmc452t200af2b 33.4 8.6 1 3/8 x 5 5/8 3300 dcmc332t250bb2b 46.2 7.1 2 x 3 1/8 4600 dcmc462t200ec2b 31.3 9.2 1 3/4 x 4 1/8 3400 dcmc342t250af2b 38.3 8.0 1 3/8 x 5 5/8 5400 dcmc542t200ed2b 26.8 7.7 1 3/4 x 4 5/8 3700 dcmc372t250ec2b 40.5 8.1 1 3/4 x 4 1/8 5500 dcmc552t200ch2b 42.2 6.6 2 1/2 x 2 5/8 3900 dcmc392t250ed2b 34.8 6.7 1 3/4 x 4 5/8 5600 dcmc562t200bj2b 36.2 7.5 2 x 3 5/8 3900 dcmc392t250bj2b 38.2 6.9 2 x 3 5/8 6100 dcmc612t200ee2b 23.5 9.9 1 3/4 x 5 1/8 4100 dcmc412t250ch2b 51.8 6.3 2 1/2 x 2 5/8 6900 dcmc692t200ef2b 21.0 10.9 1 3/4 x 5 5/8 4500 dcmc452t250ee2b 30.6 8.6 1 3/4 x 5 1/8 6900 dcmc692t200bc2b 28.5 9.7 2 x 4 1/8 4700 dcmc472t250bc2b 31.5 8.9 2 x 4 1/8 7100 dcmc712t200cb2b 31.2 9.6 2 1/2 x 3 1/8 5000 dcmc502t250ef2b 27.3 9.9 1 3/4 x 5 5/8 8200 dcmc822t200bd2b 24.4 11.2 2 x 4 5/8 5200 dcmc522t250cb2b 32.1 9.5 2 1/2 x 3 1/8 9100 dcmc912t200be2b 21.7 10.5 2 x 5 1/8 5600 dcmc562t250bd2b 26.9 10.7 2 x 4 5/8 10000 dcmc103t200bf2b 19.6 11.7 2 x 5 5/8 6200 dcmc622t250be2b 23.6 10.1 2 x 5 1/8 10000 dcmc103t200cj2b 22.3 11.6 2 1/2 x 3 5/8 6400 dcmc642t250cj2b 25.1 10.4 2 1/2 x 3 5/8 11000 dcmc113t200cc2b 20.3 12.7 2 1/2 x 4 1/8 6800 dcmc682t250bf2b 21.2 11.9 2 x 5 5/8 11000 dcmc113t200db2b 30.3 10.8 3 x 3 1/8 7800 dcmc782t250db2b 27.6 10.9 3 x 3 1/8 12000 dcmc123t200cd2b 17.3 14.7 2 1/2 x 4 5/8 8200 dcmc822t250cc2b 20.8 13.0 2 1/2 x 4 1/8 13000 dcmc133t200ce2b 15.8 15.9 2 1/2 x 5 1/8 10000 dcmc103t250cd2b 17.8 14.5 2 1/2 x 4 5/8 13000 dcmc133t200dj2b 23.7 12.0 3 x 3 5/8 10000 dcmc103t250dj2b 21.6 13.6 3 x 3 5/8 15000 dcmc153t200cf2b 13.7 16.5 2 1/2 x 5 5/8 11000 dcmc113t250ce2b 15.5 14.8 2 1/2 x 5 1/8 15000 dcmc153t200dc2b 19.7 14.3 3 x 4 1/8 12000 dcmc123t250cf2b 13.8 16.5 2 1/2 x 5 5/8 18000 dcmc183t200dd2b 16.9 16.1 3 x 4 5/8 12000 dcmc123t250dc2b 17.6 15.2 3 x 4 1/8 21000 dcmc213t200fc2b 17.1 16.5 3 1/2 x 4 1/8 13000 dcmc133t250dd2b 16.3 16.4 3 x 4 5/8 22000 dcmc223t200de2b 14.8 18.2 3 x 5 1/8 15000 dcmc153t250de2b 14.3 18.0 3 x 5 1/8 24000 dcmc243t200df2b 13.3 19.5 3 x 5 5/8 16000 dcmc163t250fc2d 19.5 15.9 3 1/2 x 4 1/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 18000 dcmc183t250df2b 12.0 20.6 3 x 5 5/8 10000 dcmc103t300fc2d 21.0 15.3 3 1/2 x 4 1/8 18000 dcmc183t250fd2d 17.1 19.4 3 1/2 x 4 5/8 11000 dcmc113t300df2b 18.0 16.8 3 x 5 5/8 19000 dcmc193t250dp2b 11.5 20.6 3 x 5 7/8 12000 dcmc123t300dp2b 17.0 19.5 3 x 5 7/8 21000 dcmc213t250fe2d 15.1 18.7 3 1/2 x 5 1/8 12000 dcmc123t300fd2d 18.2 16.4 3 1/2 x 4 5/8 23000 dcmc233t250ff2d 13.4 20.4 3 1/2 x 5 5/8 13000 dcmc133t300fe2d 16.0 18.1 3 1/2 x 5 1/8 24000 dcmc243t250fp2d 12.9 21.4 3 1/2 x 5 7/8 15000 dcmc153t300ff2d 14.3 19.8 3 1/2 x 5 5/8 27000 dcmc273t250dn2d 9.5 27.2 3 x 7 5/8 16000 dcmc163t300dn2b 13.2 21.8 3 x 7 5/8 30000 dcmc303t250dg2b 7.0 29.6 3 x 8 5/8 16000 dcmc163t300fp2d 13.5 20.9 3 1/2 x 5 7/8 33000 dcmc333t250fn2d 10.6 26.2 3 1/2 x 7 5/8 19000 dcmc193t300dg2b 10.8 23.7 3 x 8 5/8 38000 dcmc383t250fg2d 9.2 28.8 3 1/2 x 8 5/8 22000 dcmc223t300fn2d 11.0 25.9 3 1/2 x 7 5/8 300 vdc (350 vdc surge) 26000 dcmc263t300fg2d 9.3 28.6 3 1/2 x 8 5/8 330 dcmc331t300ak2b 418.1 1.4 1 3/8 x 1 5/8 350 vdc (400 vdc surge) 600 dcmc601t300aa2b 231.4 2.1 1 3/8 x 2 1/8 220 dcmc221t350ak2b 605.4 1.2 1 3/8 x 1 5/8 730 dcmc731t300ah2b 188.8 2.5 1 3/8 x 2 5/8 430 dcmc431t350aa2b 378.8 1.6 1 3/8 x 2 1/8 1000 dcmc102t300ab2b 137.5 3.1 1 3/8 x 3 1/8 510 dcmc511t350ah2b 253.0 2.1 1 3/8 x 2 5/8 1000 dcmc102t300ea2b 139.3 3.2 1 3/4 x 2 1/8 680 dcmc681t350ab2b 190.2 2.6 1 3/8 x 3 1/8 1200 dcmc122t300eh2b 117.2 3.7 1 3/4 x 2 5/8 760 dcmc761t350ea2b 176.6 2.9 1 3/4 x 2 1/8 1200 dcmc122t300ba2b 131.1 3.6 2 x 2 1/8 860 dcmc861t350aj2b 152.5 3.2 1 3/8 x 3 5/8 1300 dcmc132t300aj2b 106.8 4.2 1 3/8 x 3 5/8 920 dcmc921t350eh2b 161.7 3.3 1 3/4 x 2 5/8 1500 dcmc152t300ac2b 90.4 4.7 1 3/8 x 4 1/8 990 dcmc991t350ba2b 167.6 3.3 2 x 2 1/8 1500 dcmc152t300bh2b 102.6 3.6 2 x 2 5/8 1000 dcmc102t350ac2b 127.5 4.0 1 3/8 x 4 1/8 1700 dcmc172t300eb2b 84.5 4.3 1 3/4 x 3 1/8 1200 dcmc122t350ad2b 109.6 3.5 1 3/8 x 4 5/8 1800 dcmc182t300ad2b 77.4 4.7 1 3/8 x 4 5/8 1200 dcmc122t350eb2b 124.7 3.5 1 3/4 x 3 1/8 2100 dcmc212t300ae2b 65.7 5.4 1 3/8 x 5 1/8 1200 dcmc122t350bh2b 132.2 3.6 2 x 2 5/8 2100 dcmc212t300ej2b 68.3 5.6 1 3/4 x 3 5/8 1300 dcmc132t350ae2b 97.2 4.5 1 3/8 x 5 1/8 2200 dcmc222t300bb2b 71.1 5.7 2 x 3 1/8 1500 dcmc152t350af2b 85.9 5.0 1 3/8 x 5 5/8 2300 dcmc232t300af2b 60.3 6.4 1 3/8 x 5 5/8 1500 dcmc152t350ej2b 97.3 4.9 1 3/4 x 3 5/8 2600 dcmc262t300ec2b 56.7 6.8 1 3/4 x 4 1/8 1500 dcmc152t350bb2b 101.5 4.9 2 x 3 1/8 2600 dcmc262t300ch2b 60.5 5.1 2 1/2 x 2 5/8 1800 dcmc182t350ec2b 79.9 5.8 1 3/4 x 4 1/8 2800 dcmc282t300bj2b 55.5 5.7 2 x 3 5/8 1900 dcmc192t350bj2b 79.2 4.4 2 x 3 5/8 3000 dcmc302t300ed2b 48.5 6.5 1 3/4 x 4 5/8 2000 dcmc202t350ch2b 86.9 4.6 2 1/2 x 2 5/8 3300 dcmc332t300cb2b 46.5 7.0 2 1/2 x 3 1/8 2100 dcmc212t350ed2b 67.8 5.5 1 3/4 x 4 5/8 3400 dcmc342t300bc2b 45.7 7.4 2 x 4 1/8 2300 dcmc232t350bc2b 65.1 5.9 2 x 4 1/8 3500 dcmc352t300ee2b 42.5 8.0 1 3/4 x 5 1/8 2400 dcmc242t350ee2b 59.1 6.5 1 3/4 x 5 1/8 3900 dcmc392t300ef2b 37.9 8.7 1 3/4 x 5 5/8 2500 dcmc252t350cb2b 61.0 6.6 2 1/2 x 3 1/8 4000 dcmc402t300bd2b 38.9 8.9 2 x 4 5/8 2700 dcmc272t350ef2b 52.4 7.4 1 3/4 x 5 5/8 4200 dcmc422t300cj2b 38.1 7.9 2 1/2 x 3 5/8 2700 dcmc272t350bd2b 55.4 7.5 2 x 4 5/8 4600 dcmc462t300be2b 34.0 8.9 2 x 5 1/8 3100 dcmc312t350be2b 48.7 7.0 2 x 5 1/8 4800 dcmc482t300db2b 42.8 8.4 3 x 3 1/8 3100 dcmc312t350cj2b 48.5 7.5 2 1/2 x 3 5/8 5200 dcmc522t300cc2b 29.9 10.4 2 1/2 x 4 1/8 3500 dcmc352t350bf2b 42.8 8.3 2 x 5 5/8 5300 dcmc532t300bf2b 30.2 10.8 2 x 5 5/8 3700 dcmc372t350cc2b 39.9 9.0 2 1/2 x 4 1/8 6000 dcmc602t300dj2b 34.0 10.5 3 x 3 5/8 3800 dcmc382t350db2b 54.0 8.1 3 x 3 1/8 6100 dcmc612t300cd2b 25.5 12.5 2 1/2 x 4 5/8 4200 dcmc422t350cd2b 34.0 10.5 2 1/2 x 4 5/8 7100 dcmc712t300ce2b 22.2 12.3 2 1/2 x 5 1/8 4600 dcmc462t350dj2b 41.7 9.8 3 x 3 5/8 7400 dcmc742t300dc2b 26.2 11.9 3 x 4 1/8 4800 dcmc482t350ce2b 29.6 10.7 2 1/2 x 5 1/8 8000 dcmc802t300cf2b 19.8 14.3 2 1/2 x 5 5/8 5400 dcmc542t350cf2b 26.2 11.9 2 1/2 x 5 5/8 8700 dcmc872t300dd2b 23.6 13.6 3 x 4 5/8 5500 dcmc552t350dc2b 34.7 10.8 3 x 4 1/8 10000 dcmc103t300de2b 20.5 15.1 3 x 5 1/8 6300 dcmc632t350dd2b 29.6 12.2 3 x 4 5/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 7200 dcmc722t350de2b 25.8 13.4 3 x 5 1/8 5300 dcmc532t400dd2b 31.5 11.8 3 x 4 5/8 7700 dcmc772t350fc2d 29.9 12.8 3 1/2 x 4 1/8 6000 dcmc602t400de2b 27.4 13.0 3 x 5 1/8 8200 dcmc822t350df2b 22.9 14.9 3 x 5 5/8 6400 dcmc642t400fc2d 31.9 12.4 3 1/2 x 4 1/8 8400 dcmc842t350dp2b 21.7 17.2 3 x 5 7/8 6800 dcmc682t400df2b 24.4 14.4 3 x 5 5/8 8800 dcmc882t350fd2d 25.7 13.8 3 1/2 x 4 5/8 7100 dcmc712t400dp2b 23.1 16.7 3 x 5 7/8 10000 dcmc103t350fe2d 22.5 15.3 3 1/2 x 5 1/8 7400 dcmc742t400fd2d 27.4 13.4 3 1/2 x 4 5/8 11000 dcmc113t350dn2b 17.1 19.1 3 x 7 5/8 8400 dcmc842t400fe2d 23.9 14.8 3 1/2 x 5 1/8 11000 dcmc113t350ff2d 20.0 16.7 3 1/2 x 5 5/8 9400 dcmc942t400ff2d 21.2 16.2 3 1/2 x 5 5/8 12000 dcmc123t350fp2d 18.9 17.7 3 1/2 x 5 7/8 9600 dcmc962t400dn2b 18.2 18.6 3 x 7 5/8 13000 dcmc133t350dg2b 14.2 20.7 3 x 8 5/8 9900 dcmc992t400fp2d 20.1 17.2 3 1/2 x 5 7/8 16000 dcmc163t350fn2d 14.9 22.3 3 1/2 x 7 5/8 11000 dcmc113t400dg2b 15.1 20.1 3 x 8 5/8 18000 dcmc183t350fg2d 12.4 24.8 3 1/2 x 8 5/8 13000 dcmc133t400fn2d 15.8 21.7 3 1/2 x 7 5/8 400 vdc (450 vdc surge) 15000 dcmc153t400fg2d 13.1 24.1 3 1/2 x 8 5/8 180 dcmc181t400ak2b 652.4 1.1 1 3/8 x 1 5/8 450 vdc (500 vdc surge) 350 dcmc351t400aa2b 408.2 1.6 1 3/8 x 2 1/8 150 dcmc151t450ak2b 796.7 1.0 1 3/8 x 1 5/8 420 dcmc421t400ah2b 272.6 2.1 1 3/8 x 2 5/8 270 dcmc271t450aa2b 437.7 1.5 1 3/8 x 2 1/8 570 dcmc571t400ab2b 204.8 2.5 1 3/8 x 3 1/8 350 dcmc351t450ah2b 337.1 1.8 1 3/8 x 2 5/8 630 dcmc631t400ea2b 189.5 2.8 1 3/4 x 2 1/8 460 dcmc461t450ea2b 264.2 2.2 1 3/4 x 2 1/8 710 dcmc711t400aj2b 164.3 3.1 1 3/8 x 3 5/8 470 dcmc471t450ab2b 253.2 2.4 1 3/8 x 3 1/8 760 dcmc761t400eh2b 173.7 3.2 1 3/4 x 2 5/8 560 dcmc561t450aj2b 203.0 2.8 1 3/8 x 3 5/8 820 dcmc821t400ba2b 179.3 3.2 2 x 2 1/8 570 dcmc571t450eh2b 213.1 2.9 1 3/4 x 2 5/8 850 dcmc851t400ac2b 137.3 3.8 1 3/8 x 4 1/8 590 dcmc591t450ba2b 228.4 2.9 2 x 2 1/8 1000 dcmc102t400ad2b 118.0 3.4 1 3/8 x 4 5/8 680 dcmc681t450ac2b 169.5 3.4 1 3/8 x 4 1/8 1000 dcmc102t400eb2b 134.0 3.4 1 3/4 x 3 1/8 740 dcmc741t450eb2b 164.5 2.8 1 3/4 x 3 1/8 1000 dcmc102t400bh2b 141.7 3.5 2 x 2 5/8 780 dcmc781t450bh2b 178.0 2.9 2 x 2 5/8 1100 dcmc112t400ae2b 104.6 4.3 1 3/8 x 5 1/8 820 dcmc821t450ad2b 145.6 3.5 1 3/8 x 4 5/8 1200 dcmc122t400af2b 92.4 4.8 1 3/8 x 5 5/8 920 dcmc921t450ej2b 130.9 3.8 1 3/4 x 3 5/8 1200 dcmc122t400ej2b 106.6 4.6 1 3/4 x 3 5/8 930 dcmc931t450ae2b 127.7 4.1 1 3/8 x 5 1/8 1300 dcmc132t400bb2b 108.9 4.8 2 x 3 1/8 1000 dcmc102t450af2b 113.9 4.5 1 3/8 x 5 5/8 1500 dcmc152t400ec2b 85.8 5.6 1 3/4 x 4 1/8 1000 dcmc102t450bb2b 137.0 4.3 2 x 3 1/8 1600 dcmc162t400bj2b 85.0 4.3 2 x 3 5/8 1100 dcmc112t450ec2b 107.4 5.0 1 3/4 x 4 1/8 1700 dcmc172t400ed2b 74.3 4.9 1 3/4 x 4 5/8 1200 dcmc122t450bj2b 109.0 3.8 2 x 3 5/8 1700 dcmc172t400ch2b 93.1 4.7 2 1/2 x 2 5/8 1200 dcmc122t450ch2b 115.8 4.0 2 1/2 x 2 5/8 1900 dcmc192t400bc2b 69.8 5.7 2 x 4 1/8 1300 dcmc132t450ed2b 91.1 4.7 1 3/4 x 4 5/8 2000 dcmc202t400ee2b 63.4 6.3 1 3/4 x 5 1/8 1500 dcmc152t450ee2b 79.2 5.4 1 3/4 x 5 1/8 2100 dcmc212t400cb2b 65.3 6.4 2 1/2 x 3 1/8 1500 dcmc152t450bc2b 89.5 5.3 2 x 4 1/8 2200 dcmc222t400ef2b 57.3 7.1 1 3/4 x 5 5/8 1700 dcmc172t450ef2b 70.2 6.2 1 3/4 x 5 5/8 2300 dcmc232t400bd2b 59.3 7.2 2 x 4 5/8 1700 dcmc172t450cb2b 81.1 6.0 2 1/2 x 3 1/8 2600 dcmc262t400be2b 52.2 6.8 2 x 5 1/8 1800 dcmc182t450bd2b 76.0 6.4 2 x 4 5/8 2600 dcmc262t400cj2b 52.0 7.2 2 1/2 x 3 5/8 1900 dcmc192t450be2b 66.8 6.0 2 x 5 1/8 2900 dcmc292t400bf2b 45.9 8.1 2 x 5 5/8 2000 dcmc202t450cj2b 66.5 6.4 2 1/2 x 3 5/8 3100 dcmc312t400cc2b 42.8 8.7 2 1/2 x 4 1/8 2200 dcmc222t450bf2b 58.6 7.1 2 x 5 5/8 3200 dcmc322t400db2b 57.5 7.8 3 x 3 1/8 2400 dcmc242t450cc2b 54.7 7.7 2 1/2 x 4 1/8 3900 dcmc392t400cd2b 35.6 10.3 2 1/2 x 4 5/8 2500 dcmc252t450db2b 65.7 7.3 3 x 3 1/8 3900 dcmc392t400dj2b 44.9 9.4 3 x 3 5/8 2800 dcmc282t450cd2b 46.4 9.0 2 1/2 x 4 5/8 4000 dcmc402t400ce2b 31.7 10.3 2 1/2 x 5 1/8 3000 dcmc302t450dj2b 52.2 8.7 3 x 3 5/8 4700 dcmc472t400cf2b 28.1 11.5 2 1/2 x 5 5/8 3300 dcmc332t450ce2b 40.4 9.2 2 1/2 x 5 1/8 4700 dcmc472t400dc2b 37.0 10.5 3 x 4 1/8 3900 dcmc392t450cf2b 35.4 10.3 2 1/2 x 5 5/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) catalog part number esr max. @ 25 c 120 hz (m?) ripple max. @ 85c 120 hz (a) nominal size d x l (inches) cap. (f) cap. (f) 3900 dcmc392t450dc2b 40.1 10.1 3 x 4 1/8 1100 dcmc112t500cb2b 122.0 4.7 2 1/2 x 3 1/8 4100 dcmc412t450dd2b 37.5 10.8 3 x 4 5/8 1200 dcmc122t500ef2b 114.7 5.0 1 3/4 x 5 5/8 4700 dcmc472t450de2b 32.5 12.0 3 x 5 1/8 1200 dcmc122t500bd2b 117.7 5.1 2 x 4 5/8 5000 dcmc502t450fc2d 31.8 12.5 3 1/2 x 4 1/8 1400 dcmc142t500be2b 102.3 4.8 2 x 5 1/8 5600 dcmc562t450df2b 28.8 13.3 3 x 5 5/8 1400 dcmc142t500cj2b 95.1 5.3 2 1/2 x 3 5/8 5800 dcmc582t450dp2b 27.3 15.4 3 x 5 7/8 1500 dcmc152t500bf2b 93.3 5.7 2 x 5 5/8 5800 dcmc582t450fd2d 27.0 13.5 3 1/2 x 4 5/8 1700 dcmc172t500cc2b 79.7 6.4 2 1/2 x 4 1/8 6800 dcmc682t450fe2d 23.5 15.0 3 1/2 x 5 1/8 1700 dcmc172t500db2b 86.4 6.4 3 x 3 1/8 7300 dcmc732t450ff2d 21.1 16.3 3 1/2 x 5 5/8 2100 dcmc212t500ce2b 61.1 7.8 2 1/2 x 5 1/8 7700 dcmc772t450fp2d 20.0 17.2 3 1/2 x 5 7/8 2200 dcmc222t500cd2b 68.3 7.6 2 1/2 x 4 5/8 7900 dcmc792t450dn2b 21.3 17.1 3 x 7 5/8 2200 dcmc222t500dj2b 67.4 7.1 3 x 3 5/8 9000 dcmc902t450dg2b 17.6 18.6 3 x 8 5/8 2500 dcmc252t500cf2b 54.7 8.3 2 1/2 x 5 5/8 10000 dcmc103t450fn2d 15.9 21.6 3 1/2 x 7 5/8 2500 dcmc252t500dc2b 55.4 8.6 3 x 4 1/8 12000 dcmc123t450fg2d 13.3 24.0 3 1/2 x 8 5/8 3000 dcmc302t500dd2b 48.1 9.5 3 x 4 5/8 500 vdc (550 vdc surge) 3400 dcmc342t500de2b 43.1 10.4 3 x 5 1/8 110 dcmc111t500ak2b 1224.3 0.8 1 3/8 x 1 5/8 3500 dcmc352t500fc2d 40.1 11.1 3 1/2 x 4 1/8 180 dcmc181t500aa2b 736.9 1.2 1 3/8 x 2 1/8 3900 dcmc392t500df2b 37.5 11.6 3 x 5 5/8 240 dcmc241t500ah2b 556.5 1.4 1 3/8 x 2 5/8 4100 dcmc412t500dp2b 35.5 13.5 3 x 5 7/8 270 dcmc271t500ea2b 498.4 1.6 1 3/4 x 2 1/8 4100 dcmc412t500fd2d 34.1 12.0 3 1/2 x 4 5/8 320 dcmc321t500ab2b 409.7 1.9 1 3/8 x 3 1/8 4800 dcmc482t500fe2d 30.0 13.2 3 1/2 x 5 1/8 340 dcmc341t500ba2b 393.1 2.0 2 x 2 1/8 5400 dcmc542t500ff2d 28.0 14.2 3 1/2 x 5 5/8 380 dcmc381t500eh2b 347.2 2.2 1 3/4 x 2 5/8 5700 dcmc572t500fp2d 26.0 15.1 3 1/2 x 5 7/8 400 dcmc401t500aj2b 338.1 2.4 1 3/8 x 3 5/8 5700 dcmc572t500dn2b 27.9 15.0 3 x 7 5/8 470 dcmc471t500bh2b 273.9 2.7 2 x 2 5/8 6600 dcmc662t500dg2b 23.1 16.2 3 x 8 5/8 480 dcmc481t500ac2b 293.2 2.1 1 3/8 x 4 1/8 7900 dcmc792t500fn2d 20.5 19.1 3 1/2 x 7 5/8 500 dcmc501t500eb2b 264.5 2.4 1 3/4 x 3 1/8 9200 dcmc922t500fg2d 16.7 21.4 3 1/2 x 8 5/8 560 dcmc561t500ad2b 261.2 2.6 1 3/8 x 4 5/8 550 vdc (600 vdc surge) 640 dcmc641t500ae2b 231.1 2.9 1 3/8 x 5 1/8 1400 dcmc142t550cc2b 170.5 4.9 2 1/2 x 4 1/8 650 dcmc651t500ej2b 202.0 3.2 1 3/4 x 3 5/8 1700 dcmc172t550cd2b 132.6 5.9 2 1/2 x 4 5/8 700 dcmc701t500bb2b 200.1 3.4 2 x 3 1/8 1900 dcmc192t550ce2b 111.7 6.8 2 1/2 x 5 1/8 720 dcmc721t500af2b 195.4 3.6 1 3/8 x 5 5/8 2200 dcmc222t550dc2b 90.4 7.8 3 x 4 1/8 790 dcmc791t500ec2b 172.4 3.9 1 3/4 x 4 1/8 2300 dcmc232t550cf2b 86.5 7.8 2 1/2 x 5 5/8 800 dcmc801t500ch2b 170.6 3.0 2 1/2 x 2 5/8 2500 dcmc252t550dd2b 79.6 8.4 3 x 4 5/8 860 dcmc861t500bj2b 159.1 3.4 2 x 3 5/8 2900 dcmc292t550de2b 64.0 9.7 3 x 5 1/8 930 dcmc931t500ed2b 149.1 3.7 1 3/4 x 4 5/8 3400 dcmc342t550df2b 54.6 10.9 3 x 5 5/8 1000 dcmc102t500bc2b 138.7 4.1 2 x 4 1/8 3700 dcmc372t550dp2b 50.2 12.2 3 x 5 7/8 1100 dcmc112t500ee2b 129.6 4.4 1 3/4 x 5 1/8 5100 dcmc512t550dn2b 36.4 16.2 3 x 7 5/8
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 typical performance curves 0.1 1 10 100 - 40 - 20 0 20 40 60 80 ratio to 25 oc, 120 hz value temperature (oc) temperature characteristics, 4800 f 200 v esr capacitance impedance 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) capacitance vs temperature and frequency, 1300 f 500 v 65 oc 25 oc 85 oc 0 oc C 20 oc C 40 oc 0.1 1 10 100 1000 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) esr vs temperature and frequency, 1300 f 500 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0.1 1 10 100 - 50 - 40 - 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100 110 ratio to 25 ?c value temperature ( ?c) temperature characteristics - 100,000 f 10 vdc esr impedance capacitance 0.1 1 10 100 - 50 - 40 - 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100 110 ratio to 25 ?c value temperature ( ?c) temperature characteristics - 29,000 f 50 vdc esr impedance capacitance 0.1 1 10 100 - 50 - 40 - 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100 110 ratio to 25 ?c value temperature ( ?c) temperature characteristics - 4,600 f 100 vdc esr impedance capacitance
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 typical performance curves 0.01 0.1 1 10 100 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) impedance vs temperature and frequency 1300 f 500 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) capacitance vs temperature and frequency, 2400 f 350 v 65 oc 25 oc 85 oc 0 oc C 20 oc C 40 oc 0.1 1 10 100 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) esr vs temperature and frequency, 2400 f 350 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0.01 0.1 1 10 100 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) impedance vs temperature and frequency 2400 f 350 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) capacitance vs temperature and frequency, 4800 f 200 v 65 oc 25 oc 85 oc 0 oc C 20 oc C 40 oc 0.1 1 10 100 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) esr vs temperature and frequency, 4800 f 200 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc
type dcmc 85 c high capacitance, screw terminal, aluminum highest capacitance screw terminal type cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 typical performance curves 0 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 expected operating life, years rated ripple - current multiple type dcmc operating life in years vs ripple current 45 oc 55 oc 65 oc 75 oc 85 oc 35 oc 0.01 0.1 1 10 100 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) impedance vs temperature and frequency, 4800 f 200 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) capacitance vs temperature and frequency, 7900 f 400 v 65 oc 25 oc 85 oc 0 oc C 20 oc C 40 oc 0.1 1 10 100 1000 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) esr vs temperature and frequency, 7900 f 400 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0.01 0.1 1 10 100 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) impedance vs temperature and frequency 7900 f 400 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0.001 0.01 0.1 1 10 100 1,000 10,000 100,000 1,000,000 10,000,000 impedance ( ? ) frequency (hz) impedance vs frequency @ +25 ?c 8400 f 150 vdc 212,000 f 10 vdc
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of DCMC274U075FG2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X