Part Number Hot Search : 
AQW212 23400 LM781 SE567N DRM33395 SW610 2SA1289 67040
Product Description
Full Text Search
 

To Download CX7VSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s y s t e m c e r t i f i c a t i o n i s o 9 0 0 1 description statek?s next generation ultra-miniature CX7VSM quartz crystals feature an innovation in quartz crystal miniaturization design and manufacturing process. the CX7VSM quartz crystals are hermetically sealed in the smallest surface mount ceramic package in the world! this high quality tuning fork resonator is intended for use in pierce oscillators. features designed for surface mount applications using infrared, vapor phase, wave solder or epoxy mount techniques hermetically sealed ceramic package quartz crystal tuning fork design high shock resistance excellent aging characteristics designed for low power applications full military testing available designed and manufactured in the usa applications medical pacemaker, defibrillator and hearing aid industrial, computer & communications smart card military & aerospace airborne hybrid computer real time clock mcm CX7VSM crystal 80 khz to 160 khz ultra-miniature, low profile surface mount quartz crystal 10152 - rev d c 0 c 1 r 1 2 1 l 1 equivalent circuit r 1 motional resistance l 1 motional inductance c 1 motional capacitance c 0 shunt capacitance statek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com typ. max. dim inches mm inches mm a 0.157 4.00 0.162 4.11 b 0.072 1.83 0.085 2.16 c - - see below d 0.035 0.89 0.045 1.14 top bottom b a c d package dimensions suggested land pattern thickness (dim c) maximum dim ?c? glass lid ceramic lid max inches mm inches mm sm1 0.045 1.14 0.050 1.27 sm2/sm4 0.046 1.17 0.051 1.30 sm3/sm5 0.048 1.22 0.053 1.35
? 100.0k, 100 / i calibration tollerance (in ppm) @ 25 o c (in ppm) frequency k = khz sm1 c s statek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com s y s t e m c e r t i f i c a t i o n i s o 9 0 0 1 10152 - rev d terminations designation termination sm1 gold plated sm2 solder plated sm3 solder dipped sm4 solder plated (lead free) sm5 solder dipped (lead free) specifications specifications are typical at 25 o c unless otherwise noted. specifications are subject to change without notice. 100 khz 153.6 khz motional resistance r 1 (k )19 11 motional capacitance c 1 (ff) 1.0 0.8 quality factor q (k) 86 110 shunt capacitance c o (pf) 0.8 0.8 load capacitance (pf) 1 55 turning point ( o c) 2 10 5 standard calibration tolerance: 3 glass lid: 30 ppm 100 ppm 1000 ppm (0.003%) (0.01%) (0.1%) ceramic lid: 100 ppm 1000 ppm 10000 ppm (0.01%) (0.1%) (1.0%) drive level 0.5 w max temperature coefficient (k) -0.035 ppm/ o c 2 aging, first year 5 ppm shock, survival 4 5,000 g, 0.3 ms, 1/2 sine vibration, survival 20 g rms, 10-2,000 hz random operating temp. range -10 o c to +70 o c (commercial) -40 o c to +85 o c (industrial) -55 o c to +125 o c (military) storage temp. range -55 o c to +125 o c max process temperature 260 o c for 20 sec. note: frequency (f t ) at temperature (t) from frequency (f 0 ) @ turning point temperature (t 0 ); 1. other load capacitance value available 2. other temperature available 3. tighter tolerances available how to order CX7VSM crystals c = ceramic lid blank = glass lid amplifier buffer c g c d r a cx-1 contact factory for design guidelines osc freq (f ) o r f c s conventional cmos pierce oscillator circuit cx7 ?s? if special or custom design. blank if std. cx7v packaging options ? tray pack (standard) f-f 0 = k(t-t 0 ) 2 f 0 sm1 = gold plated (lead free) sm2 = solder plated sm3 = solder dipped sm4 = solder plated (lead free) sm5 = solder dipped (lead free) operating temp. range: c=-10 o c to +70 o c i =-40 o c to +85 o c m= -55 o c to +125 o c s = customer specified


▲Up To Search▲   

 
Price & Availability of CX7VSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X