Part Number Hot Search : 
L817C MMBZ2 SSM3J01T ENA1952A 1N3022 4063AB LC864312 MBRF20
Product Description
Full Text Search
 

To Download CBR0805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com type 0402 0603 0805 1206 power rating ( w ) 1 0.05 0.10 0.125 0.25 working voltage ( vac ) 60 150 200 400 resistance range ( w ) tolerances available ( % ) temperature coeffcients available ( ppm/c ) 2 (lower tcr upon request) voltage coeffcients available ( ppm/v ) 10r - 10m 5% to 20% tcr100 / 250 5% to 20% tcr50 / 100 5% to 20% tcr50 / 100 5% to 20% tcr50 / 100 >10m - 100m 5% to 20% tcr100 / 250 500 ppm/v 5% to 20% tcr50 / 100 500 ppm/v 5% to 20% tcr50 / 100 500 ppm/v 5% to 20% tcr50 / 100 250 ppm/v >100m - 1g 10% to 30% tcr500 / 1000 1000 ppm/v 5% to 20% tcr250 / 500 1000 ppm/v 5% to 20% tcr250 / 500 1000 ppm/v 5% to 20% tcr100 / 250 250 ppm/v >1g - 10g 10% to 30% tcr2000 2000 ppm/v 5% to 20% tcr500 / 1000 2000 ppm/v 5% to 20% tcr500 / 1000 2000 ppm/v 5% to 20% tcr250 / 500 500 ppm/v >10g - 100g 10% to 30% tcr2000 5000 ppm/v 10% to 30% tcr2000 / 3000 5000 ppm/v 10% to 30% tcr2000 / 3000 5000 ppm/v 5% to 20% tcr500 / 1000 2000 ppm/v >100g - 1t - 20% to 50% tcr3000 10000 ppm/v 10% to 30% tcr3000 10000 ppm/v 10% to 30% tcr2000 5000 ppm/v cbr series ? resistances from 10ohms to 1tohms ? agpd termination for face-down assembly ? gold termination for face-up assembly ? power rating 0.05 to 0.25watt ? resistance tolerances to 5% ? tcrs to 50 ppm/c ? non-magnetic ? special ht version to 300c* specifications high temperature bondable thick film chip resistors 1 w @ 70 c / 0w @ 155 c 2 50 ppm : +25 c to +85 c specifcation value temperature range -55c to +155c -55c to +300c* (ht version) climactic cetegory 55 / 155 / 56 *customer responsible for suitable high temperature connections tcr in ppm/c; +25c to +125c tcr below standard tcr (highest value) and values >100g; +25c to +85c vcr: typical values, all negative, not for all tcr values available 06/13
riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com specifications (continued) long term stability max dr <10m 10m - 1g 1g - 10g >10g storage 125c / 1000h < 0.5% < 1% < 2% < 5% max. voltage / 1000h < 0.5% < 0.5% < 1% < 2% short term overload < 0.25% - - - packaging: bulk or blistertape to iec 60286-3 (not 0402) tape width 8mm / reel diameter 180 or 330mm minimum quantity bulk / 100 pieces per value minimum quantity tape & reel / 1000 pieces per value waffe pack (for 0402, other sizes depending on volume) cbr series type (larger sizes upon request) dimensions l b d minmum bondpad size cbr 0402 0.041 +0.002 [ 1.04 +0.05 ] 0.020 +0.002 [ 0.50 +0.05 ] 0.012 +0.006 / -0.002 [ 0.3 +0.15 / -0.05 ] 0.006 x 0.006 [ 0.15 x 0.15 ] cbr 0603 0.060 +0.006 / -0.002 [ 1.5 +0.15 / -0.05 ] 0.030 +0.006 / -0.002 [ 0.8 +0.15 / -0.05 ] 0.016 +0.006 / -0.002 [ 0.4 +0.15 / -0.05 ] 0.008 x 0.008 [ 0.20 x 0.20 ] cbr 0805 0.080 +0.006 / -0.002 [ 2.0 +0.15 / -0.05 ] 0.050 +0.006 / -0.002 [ 1.25 +0.15 / -0.05 ] 0.016 +0.006 / -0.002 [ 0.4 +0.15 / -0.05 ] 0.010 x 0.010 [ 0.25 x 0.25 ] cbr 1206 0.126 +0.006 / -0.002 [ 3.2 +0.15 / -0.05 ] 0.060 +0.008 / -0.002 [ 1.5 +0.2 / -0.05 ] 0.016 +0.006 / -0.002 [ 0.4 +0.15 / -0.05 ] 0.012 x 0.012 [ 0.30 x 0.30 ] ordering information part description: part type - resistance - tolerance - tcr - packaging - termination example: cbr 0603 1 ohm 5% 100ppm tape gold ( note: without specifcation of tcr, packaging, or termination, the default is highest tcr, bulk packaging, and agpd termination) 0 50 100 150 200 250 300 350 0 20 40 60 80 100 120 power ( % ) ambient temperature (c) power derating curve ht version standard high temperature bondable thick film chip resistors 06/13


▲Up To Search▲   

 
Price & Availability of CBR0805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X