Part Number Hot Search : 
C2705 MC7815 TIP145 HU10010 DS123 N7609B 2SA1421 UM315M
Product Description
Full Text Search
 

To Download BF469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , d nc. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 npn high-voltage transistors BF469; bf471 features ? low feedback capacitance. applications ? intended for class-b video output stages in television receivers and for high-voltage if output stages. description npn transistors in a to-126; sot32 plastic package. pnp complements: bf470 and bf472. pinning pin 1 2 3 description emitter collector, connected to mounting base base top view mam254 fig.1 simplified outline (to-126; sot32) and symbol. quick reference data symbol vcbo vceo 'cm plot hfe cre fr parameter collector-base voltage BF469 bf471 collector-emitter voltage BF469 bf471 peak collector current total power dissipation dc current gain feedback capacitance transition frequency conditions open emitter open base tmb<114c lc = 25 ma; vce = 20 v ic = ic = 0; vce = 30 v; f = 1 mhz lc = 10ma; vce = 10v;f= 100mhz min. - - - -' - - 50 - 60 max. 250 300 250 300 100 1.8 - 1.8 - unit v v v v ma w pf mhz vi .semi-conductors reserves the righl lo change test conditions, parameter limits ;md package dimensions without notice information famished by nj somi-t onilucluri it believed to h? hulh accurate and reliahle .u the lime of going lt> press. however semi-i diijiwlors .umiimo im rcspuiisibility tor ;my errors .'r omissions jiscuvurcd in its use nj semi-<_ ondiiui >rs cncourases i?n riiir1; tn \crit\n ?liit.vhcem ire current h npn high-voltage transistors BF469; bf471 limiting values in accordance with the absolute maximum rating system (iec 134). symbol vcbo vceo vebo ic icm ibm plot tstg tj 'amb parameter collector-base voltage BF469 bf471 collector-emitter voltage BF469 bf471 emitter-base voltage collector current (dc) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature conditions open emitter open base open collector tmb<114c min. _ - - - - - - -65 - -65 max. 250 300 250 300 5 [50 100 50 1.8 +150 150 +150 unit v v v v v ma ma ma w c c c thermal characteristics symbol rth j-a rth j-mb parameter thermal resistance from junction to ambient thermal resistance from junction to mounting base conditions in free air; note 1 value 100 20 unit k/w k/w note 1. transistor mounted on a printed-circuit board, maximum lead length 4 mm, mounting pad for collector lead minimum 10 x 10 mm. characteristics tj = 25 c unless otherwise specified. symbol icbo iebo hfe vcesat cre fr parameter collector cut-off current emitter cut-off current dc current gain collector-emitter saturation voltage feedback capacitance transition frequency conditions ie = 0; vcb = 200 v ie = 0; vcb = 200 v; tj = 150 c lc = 0; veb = 5 v lc = 25 ma; vce = 20 v lc = 30 ma; ib = 5 ma lc = "c = 0; vce = 30 v; f = 1 mhz lc = 10 ma; vce = 10 v; f = 100 mhz min. - - - 50 - - 60 max. 10 10 50 - 0,6 1.8 - unit na ua na v pf mhz
npn high-voltage transistors BF469; bf471 package outline 2.7 max l dimensions in mm. (1) terminal dimensions within this zone are uncontrolled. 3.2 3.0 - 7.8 max - t 3.75 11.1 max -?-1.2 0.5 088_ max 15.3 min 2 3 , -j4 90 fig.2 to-126; sot32.


▲Up To Search▲   

 
Price & Availability of BF469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X