Part Number Hot Search : 
PDTA144 BYT56 54HC13 EL5420CS P6V2B EL2006 DKI03062 B3164
Product Description
Full Text Search
 

To Download ASEMB-24000MHZ-LC-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | asemb applications: features: 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature 3.2 x 2.5 x 0.85mm pure silicon tm clock oscillator standard specifications: ? ccd clock for vtr camera ? equipment connected to pcs ? low profile equipment ? computers and peripherals ? lower cost crystal oscillator replacement ? portable electronics (mp3 players, games) ? consumer electronics such as tv? s, dvr ? s, etc. ? v ibrant, shock-prone & humid environments for industrial equipme nt ? demanding military & automotive electronics l i f e s i z e asemb ce r tified abracon is cer tified abracon is iso9001:2008 cer tified common key electrical specifications key electrical specifications ? v dd = 1.8v ? ultra miniature pure silicon? clock oscillator ? 2nd generation mems technology with reduced jitter by discera ? low power consumption <10ma ? exceptional stability +/- 10ppm over temp. at -40 to +105c ? capable of surviving up-to 30kg mechanical shock (see note #1) ? compact qfn plastic packaging revised: 10.22.13 pb roh s /rohs ii com p li an t p ar am et e rs mi n i m u m t ypic a l max i m u m u nit s n ot es fre que ncy r ang e : 1.0 150 mhz o per a t i ng t em per at u r e : 0 +70 c see op t i on s stor ag e t em per a t ur e: - 55 +15 0 c o v er al l f r equ enc y s t ab i l i t y * : - 5 0 + 5 0 ppm see op t i on s supply v o l t ag e ( v dd) : +1. 8 ~ +3. 3 v o ut put l oad : 15, 25, o r 40 pf see op t i on s 10 k ? sym m et r y : 45 55 % @ 1/ 2v d d sta r t up tim e: 1.5 3.0 m s d i sa b l e tim e: 20 100 ns d i sa b l e s t and - by c ur r ent : 15 ua t r i - st at e f unc t i o n ( s t and - by ) : " 1" ( v i h 0.7 5 *v dd ) o r o p en : o s ci l l a t i on " 0" ( v i l <0. 25 *v dd ) : h i z v a g i ng : - 5.0 +5.0 ppm f i r s t y e a r p ar am et e rs mi n i m u m t ypic a l max i m u m u nit s n ot es supply c ur r ent ( no l oad ) : 1 . 0 to 3 9 . 9 9 9 9 mh z 5 15 m a c l=0p f r l= t =2 5 c ( sta n dar d c l: 15 pf) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 6 1 5 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 7 1 5 m a 1 2 5 . 0 to 1 5 0 mh z 8 1 5 m a 1 . 0 to 3 9 . 9 9 9 9 mh z 6 15 m a c l=0p f r l= t =2 5 c ( c l opt i on : 25pf ) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 7 15 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 8 15 m a 1 2 5 . 0 to 1 5 0 mh z 9 15 m a 1 . 0 to 3 9 . 9 9 9 9 mh z 7 15 m a c l=0p f r l= t =2 5 c ( c l opt i o n : 40pf ) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 8 15 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 9 15 m a 1 2 5 . 0 to 1 5 0 mh z 10 15 m a o ut put v o l t ag e : v o h 0.8*v dd v c l=15, 25, 40 pf v o l 0.2*v dd v r i se tim e : fal l tim e: t r 1.8 3.0 ns c l= 15 pf ; t=25 c 20% / 80% *v d d t f 1.0 3.0 ns t r 1.5 3.0 ns c l= 25 pf ; t=25 c 20 % / 8 0% *v d d t f 1.2 3.0 ns t r 1.4 3.0 ns c l=40pf ; t=25 c 2 0 % / 8 0% *v d d t f 1.1 3.0 ns c y cl e t o c y cl e ji t t er : 60 ps f=100mhz per i o d ji t t er r ms: 10 ps f=100mhz moisture sensitivity level C ms l 1 note #1: t ypical quartz based oscillators cannot surviv e m echanical shock exceeding 12kg
| | | | | | | | | | | | | | | asemb 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature 3.2 x 2.5 x 0.85mm pure silicon tm clock oscillator asemb c e r ti f i e d abracon is ce r tified abracon is iso9001:2008 ce r tified l i f e s i z e key electrical specifications ? v dd = 2.5v revised: 10.22.13 pb roh s /rohs ii com p li an t p ar am et e rs mi n i m u m t ypic a l max i m u m u nit s n ot es supply c ur r ent ( no l oad ) : 1 . 0 to 3 9 . 9 9 9 9 mh z 6 15 m a c l=0p f r l= t =2 5 c ( sta n dar d c l: 15 pf) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 7 15 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 8 15 m a 1 2 5 . 0 to 1 5 0 mh z 9 15 m a 1 . 0 to 3 9 . 9 9 9 9 m hz 7 15 m a c l=0p f r l= t =2 5 c ( c l opt i on : 25pf ) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 8 15 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 9 15 m a 1 2 5 . 0 to 1 5 0 mh z 10 15 m a 1 . 0 to 3 9 . 9 9 9 9 mh z 8 16 m a c l=0p f r l= t =2 5 c ( c l opt i on : 40pf ) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 9 16 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 10 16 m a 1 2 5 . 0 to 1 5 0 mh z 11 16 m a o ut put v o l t ag e : v o h 0.8*v dd v c l=15, 25pf v o l 0.2*v dd v v o h 0.9*v dd v c l=40pf v o l 0.1*v dd v r i se tim e : fal l tim e: t r 1.0 2.0 ns c l= 15pf ; t=25 c 20% / 80% *v d d t f 0.9 2.0 ns t r 1.1 2.0 ns c l= 25 pf ; t=25 c 20 % / 8 0% *v d d t f 0.9 2.0 ns t r 1.0 2.0 ns c l=40pf ; t=25 c 20 % / 8 0% *v d d t f 0.9 2.0 ns c y cl e t o c y cl e ji t t er : 50 ps f=100mhz per i o d ji t t er r ms: 5 ps f=100mhz
| | | | | | | | | | | | | | | asemb pb rohs compliant 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 10.22.13 visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature 3.2 x 2.5 x 0.85mm pure silicon tm clock oscillator asemb c e r ti f i e d abracon is ce r tified abracon is iso9001:2008 ce r tified l i f e s i z e key electrical specifications ? v dd = 3.3v p ar am et e rs mi n i m u m t ypic a l max i m u m u nit s n ot es supply c ur r ent ( no l oad ) : 1 . 0 to 3 9 . 9 9 9 9 mh z 7 15 m a c l=0p f r l= t =2 5 c ( sta n dar d c l: 15 pf) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 8 15 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 9 15 m a 1 2 5 . 0 to 1 5 0 mh z 10 15 m a 1 . 0 to 3 9 . 9 9 9 9 mh z 8 16 m a c l=0p f r l= t =2 5 c ( c l opt i on : 25pf ) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 9 16 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 10 16 m a 1 2 5 . 0 to 1 5 0 mh z 11 16 m a 1 . 0 to 3 9 . 9 9 9 9 mh z 8 16 m a c l=0p f r l= t =2 5 c ( c l opt i on : 40pf ) 4 0 . 0 to 7 9 . 9 9 9 9 mh z 9 16 m a 8 0 . 0 to 1 2 4 . 9 9 9 9 mh z 10 16 m a 1 2 5 . 0 to 1 5 0 mh z 11 16 m a o ut put v o l t ag e : v o h 0.8*v dd v c l=15pf v o l 0.2*v dd v v o h 0.9*v dd v c l=25, 40pf v o l 0.1*v dd v r i se tim e : fal l tim e: t r 1.0 2.0 ns c l= 15pf ; t=25 c 20 % / 8 0% *v d d t f 0.9 2.0 ns t r 1.0 2.0 ns c l= 25pf ; t=25 c 20 % / 8 0% *v d d t f 0.9 2.0 ns t r 0.8 2.0 ns c l=40pf ; t=25 c 20 % / 8 0% *v d d t f 0.8 2.0 ns c y cl e t o c y cl e ji t t er : 50 ps f=100mhz per i o d ji t t er r ms: 5 ps f=100mhz
| | | | | | | | | | | | | | | asemb 3 0 3 3 2 e s p e r a n z a , r a nc h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature pure silicon tm clock oscillator ce r tified abracon is cer tified abracon is iso9001:2008 cer tified absolute maximum rati n gs programmed orders (q u a n tity > 1,000pcs) options and part identification: (lef t blank if standard) l i f e s i z e asemb 3.2 x 2.5 x 0.85mm un-programmed orders b l a n k u n - p r o g r a m m ed o s c ill a t o r s a n d o u r l o w c o s t p o r t a b l e p r o g r am m e r a re av a il a b l e f o r qu i c k t u r n e ngi n e erin g r eq u i r e m e n ts . please call ab ra c on o r v is it me m s p eed pr o s ite h ttp :// ww w . a b ra c o n . c o m / m e m sp e e d p r o / m e m spe e d p r o . h t m l f o r m o re i n fo rm at i o n . revised: 10.22.13 pb roh s /rohs ii com p li an t ite m m in im u m m axim u m uni t cond ition supply v o l t ag e - 0.3 +4.0 v i nput v ol t ag e - 0.3 v dd+ 0.3 v j u nct i on tem p. +150 c stor ag e t em p. - 55 +150 c solde r i ng t em p. +260 c 40se c m ax e s d h b m m m c d m 4,000 200 1,500 v * f o r q u i c k t u r n - a r o u n d p r o g r a mm a b l e o r d e r s < 1 0 0 0 p c s : d u e t o t h e i m me d i a t e a v a i l a b i l i t y o f st o c k a n d t h e q t y o f t h e o r d e r , t h e p a r t s m a y b e d e l i v e r e d a s b u l k : c u t t a p e , l o o se p a r t s i n a n t i st a t i c b a g o r i n t u b e ( s) . t h e m o q p e r t h e se r i e s w i l l st i l l a p p l y f o r t u b e p a c k a g i n g . a semb - bl an k - - - p a ck a g ing b lan k : 1 1 0 p cs / t u b e t : 1 , 0 0 0 p cs / r ee l t 3 : 3 , 0 0 0 p cs / r ee l t 5 : 5 , 0 0 0 p cs / r ee l o pera t ing t e m p. b lan k : 0 c ~ + 7 0 c e : - 2 0 c ~ +7 0 c l : - 4 0 c ~ +8 5 c x : - 4 0 c ~ + 1 0 5 c o v er a ll f re q. sta bil it y c : 5 0 p p m ( st d) y : 1 0 p p m r : 2 5 p p m o utput l o a d b lan k : 1 5 p f 2 5 : 2 5 p f 4 0 : 4 0 p f a semb - mh z - - - f re q uency in m h z e. g . 1 4 . 3 1 8 1 mh z ( ma x i m u m 4 d ig it s af ter d ec i m al) o pera t ing t e m p. b lan k : 0 c ~ + 7 0 c e : - 2 0 c ~ +7 0 c l : - 4 0 c ~ +8 5 c x : - 4 0 c ~ + 1 0 5 c o v er a ll f re q. sta bil it y c : 5 0 p p m ( st d) y : 1 0 p p m r : 2 5 p p m o utput l o a d b lan k : 1 5 p f 2 5 : 2 5 p f 4 0 : 4 0 p f p a ck a g ing b lan k * : 1 1 0 p cs / t u b e t : 1 , 0 0 0 p cs / r ee l t 3 : 3 , 0 0 0 p cs / r ee l t 5 : 5 , 0 0 0 p cs / r ee l
| | | | | | | | | | | | | | | asemb 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature pure silicon tm clock oscillator c e r ti f i e d abracon is ce r tified abracon is iso9001:2008 ce r tified outline dimensions: dimensions: mm (inches) note: re com mend u s ing a n approximat ely 0.01uf bypa ss ca pa citor b e twee n pin 2 and 4. tube: 110 pcs/tube unit orientation in tube: dimensions: mm reflow profile: tape and reel: need a test socket for the asemb series? to view compatible precision test sockets for these parts, click here. pn: ax s- 3225-0 4- 02 3.2 x 2.5 x 0.85mm l i f e s i z e asemb a t t e n t i o n : a b r a c o n c o r p o r a t i o n ? s p r o d u c t s a r e c o t s ? co m m e r c i a l - o f f - t h e - s h e l f p r o d u c t s ; s u i t a b l e f o r c o m m e r c i a l , i n d u s t r i a l a n d , w h e r e d e s i g n a t e d , a u t o m ot i v e a p p lic a t i o n s . a b r a c o n ? s p r o d u c t s a r e n o t s p e c i f ica l l y d e s i g n e d f o r m il i t a r y , a v i a t i o n , a e r o s p a c e , l i f e - d e p e n d a n t m e d i c a l a p p lic a t i o n s o r a n y a p p lic a t i o n r e q u i r i n g h i g h r e l i a b il i t y w h e r e c o m p o n e n t f a i l u r e c o u l d r e s u l t i n l o s s o f l i f e a n d / o r p r o p e r t y . f o r a p p lic a t i o n s r e q u i r i n g h i g h r e l i a b i l i t y a n d / o r p r e s e n t i n g a n e x t r e m e o p e r a t i n g e n v i r o n m e n t , w r itten c o n s e n t a n d au t h o r izat i o n f r o m a b r a c o n c o r p o r at i o n i s r e q u i r e d . p l e a s e c o n t a c t a b r a c o n c o r p o r a t i o n f o r m o r e i n f o r m a t i o n . t= 1,000pcs/r eel (d=180mm) t3= 3,000pcs/r eel (d=180mm) t5= 5,000pcs/r eel (d=330mm) pb roh s /rohs ii com p li an t revised: 10.22.13


▲Up To Search▲   

 
Price & Availability of ASEMB-24000MHZ-LC-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X