Part Number Hot Search : 
TSF5N60 2SC485 C74LVX1 XSD404 NTE30111 L4805 E14HTSM 1C5C1
Product Description
Full Text Search
 

To Download AS8SLC512K32PECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 1 16mb, 512kx32 cmos 3.3v, high speed static ram integrated plastic encapsulated microcircuit features integrated real-time memory array solution no latency or refresh fycles parallel read/write interface user con gurable via multiple enables random access memory array fast access times: 12, 15, 20, and 25ns ttl compatible i/o fully static, no clocks surface mount package 68 lead plcc, no. 99 jedec m0-47ae small footprint, 0.990 sq. in. multiple ground pins for maximum noise immunity single 3.3v ( 10%) supply operation description the as8slc512k32 is a high speed, 3.3v, 16mb sram. the device is available with access times of 12, 15, 20 and 25ns creating a zero wait state/latency, real-time memory solution. the high speed, 3.3v supply voltage and control lines,make the device ideal for all your real-time computer memory requirements. the device can be con gured as a 512k x 32 and used to create a single chip external data /program memory array solution or via use of the individual chip enable lines, be recon gured as a 1m x 16 or 2m x 8. the device provides a 50+% space savings when compared to four 512k x 8, 36 pin sojs. in addition the as8slc512k32 has only a 24pf load on the addr. lines vs. ~40pf for four plastic sojs. pin configurations and block diagram (peca package) byte control table chip byte enable control e0\ dq0-7 e1\ dq8-15 e2\ dq16-23 e3\ dq24-31 pin names a0 - a18 address inputs e0\ - e3\ chip enables w\ write enables g\ output enable dq0 - dq31 common data input/output vcc power (+5v 10%) vss ground nc no connection a0-a18 g\ 19 w\ e0\ e1\ dq0-dq7 e2\ dq8-dq15 e3\ dq16-dq23 dq24-dq31 512k x 32 memory array 10 11 12 13 14 15 16 17 18 19 20 21 22 dq16 a18 a17 e3\ e2\ e1\ e0\ nc vcc nc nc g\ w\ a16 a15 a14 dq15 9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61 dq17 dq18 60 dq14 59 dq13 dq19 58 dq12 vss 57 vss dq20 56 dq11 dq21 55 dq10 dq22 54 dq09 dq23 53 dq08 vcc 52 vcc dq24 51 dq07 dq25 50 dq06 dq26 49 dq05 dq27 48 dq04 vss 47 vss dq28 46 dq03 dq29 45 dq02 dq30 44 dq01 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 dq31 a6 a5 a4 a3 a2 a1 a0 vcc a13 a12 a11 a10 a09 a08 a07 dq00 23 24 25 26
ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 2 3.3v q 5pf : 333 = r : = 50 30pf r l = 50 : v l = 1.5v q figure 1 figure 2 absolute maximum ratings* voltage on any pin relative to vss -0.5v to 4.6v operating temperature t a (ambient) industrial -40 o c to +85 o c enhanced -40 o c to +105 o c military -55 o c to +125 o c storage temperature, plastic -55 o c to +125 o c power dissipation 5.0 watts output current 20 ma junction temperature, tj 175 o c *stress greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions greater than those in di cated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. recommended dc operating conditions paramete r sym min typ max units supply voltage v cc 3.0 3.3 3.6 v supply voltage v ss 0.0 0.0 0.0 v input high voltage v ih 2.2 --- vcc+0.3v v input low voltage v il -0.3 --- 0.8 v ac test conditions input pulse levels vss to 3.0v input rise and fall times 5ns input and output timing levels 1.5v output load figure 1, 2 note: for t ehqz , t ghqz and t wlqz , cl=5pf dc electrical characteristics units 12/15 20/25 ns operating power supply current i cc1 w#=v il , i i/o =0ma, min cycle 220 200 ma standby (ttl) power supply current i cc2 e# ? v ih , v in ? v il or v in ? v ih , f=0mhz 80 80 ma full standby power supply current e# ? v cc -0.2v cmos v in ? v cc -0.2v or v in ? 0.2v input leakage current i li v in =0v to v cc a output leakage current i lo v i/o =0v to v cc a ouput high voltage v oh i oh =-4.0ma 2.4 v output low voltage v ol i ol =8.0ma v parameter i cc3 15 15 max min conditions sym 0.45 ma 5 5 truth table g# e# w# mode output power i cc2 i cc3 h l h output deselect high z i cc1 l l h read d out i cc1 xll write d in i cc1 high z x h x standby capacitance (f=1.0mhz, v in =v cc or v ss ) paramete r sym max unit address lines ci 24 pf data lines cd/q 7 pf write & output enable line w#, g# 24 pf chip enable line e0#, e3# 7 pf
ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 3 ac characteristics read cycle jedec alt. min max min max min max min max read cycle time t avav t rc 12 15 20 25 ns address access time t avqv t aa 12 15 20 25 ns chip enable access t elqv t acs 12 15 20 25 ns chip enable to output in low z t elqx t clz 2222ns chip disable to output in high z t ehqz t chz 6799ns output hold from address change t avqx t oh 2222ns output enable to output valid t glqv t oe 6799ns output enable to output in low z t glqx t olz 0000ns output enable to output in high z t ghqz t ohz 6799ns 25ns units parameter symbol 12ns 15ns 20ns read cycle 1 - w \ high, g \ , e \ low address 1 address 2 t avav data 1 data 2 t avqv t avqx a q read cycle 2 - w \ high t ghqz t elqv t elqx e# g# q t ehqz a t avav t glqv t glqx t avqv
ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 4 ac characteristics write cycle jedec alt. min max min max min max min max write cycle time t avav t wc 12 15 20 25 ns chip enable to end of write t elwh t cw 8 101112ns t eleh t cw 8 101112ns address setup time t avwl t as 0000ns t avel t as 0000ns address valid to end of write t avwh t aw 8 101112ns t aveh t aw 8 101112ns write pulse width t wlwh t wp 8 101112ns t eleh t wp 10 12 13 14 write recovery time t whaz t wr 0000ns t ehaz t wr 0000 data hold time t whdx t dh 0000ns t ehdz t dh 0000 write to output in high z t wlqz t whz 06070809ns data to write time t dvwh t dw 6789ns n t dveh t dw 6789 output active from end of write t whqx t wlz 2222 25ns units parameter symbol 12ns 15ns 20ns write cycle 1 - w \ controlled e \ a t avav t elwh t avwh t wlwh t avwl t whax w \ high z data valid t wlqz t whqx t dvwh t whdx q d
ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 5 write cycle 2 - e \ con trolled a t avel t avav t eleh e \ t aveh t ehax w \ t wleh t ehdx t dveh data valid d high z q package drawing package no. 99 68 l ead p l cc j ede c mo-47 ae 0 .99 5 0 .9 5 6 ma x ma x 0 .9 5 6 ma x 0 .99 5 ma x ma x ma x 0 . 0 4 0 ma x 0 . 050 bs c 0 . 020 0 . 015 0 .9 30 0 .89 0 0 . 1 8 0 0 . 115
ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 6 9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61 10 60 11 59 12 58 13 57 14 56 15 55 16 54 austin semiconductor 17 68 - ld. plcc 53 [jedec mo-47ae] 18 52 19 51 20 50 21 49 22 48 23 47 24 46 25 45 26 44 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 dq12 dq13 dq06 dq07 vcc dq08 dq03 vss dq14 dq09 dq10 dq11 vss dq04 dq05 dq02 dq01 dq01 dq02 dq05 dq04 vss dq03 dq08 vcc dq07 dq06 vss dq11 dq10 dq09 dq14 dq14 dq13 dq12 dq11 vss dq12 dq13 vcc dq08 dq09 dq10 dq04 dq05 dq06 dq07 dq01 dq02 dq03 vss dq16 dq15 dq16 a18 a17 e3\ e2\ e1\ e0\ a20 a14 nc g\ nc nc g\ w\ a16 a15 a14 nc w\ a16 a15 nc vcc nc nc e3\ e2\ e1\ e0\ nc vcc a19 g\ dq15 dq16 a18 a17 e3\ e2\ e1\ e0\ dq15 dq17 dq18 dq19 w\ a16 a15 a14 vcc nc vss dq20 dq21 dq22 dq23 vcc dq24 dq25 dq26 dq27 vss dq28 dq29 dq30 dq17 dq17 dq18 dq19 vss dq20 dq21 dq22 dq23 vcc dq24 dq25 dq26 dq27 vss dq18 dq19 vss dq20 dq21 dq22 dq23 vcc dq24 dq25 dq26 dq27 vss dq28 dq29 dq30 dq28 dq29 dq30 dq31 a6 a5 a4 a3 a2 a1 a0 vcc a13 a12 a11 a10 a09 a08 a07 dq00 dq31 a6 a5 a4 a3 a2 a1 a0 vcc a13 a12 a11 a10 a09 a08 a07 dq00 dq31 a6 a5 a4 a3 a2 a1 a0 vcc a13 a12 a11 dq00 a10 a09 a08 a07 4mb-sram, 128k x 32: 5.0v = as8s128k32pec 16mb-sram, 512k x 32: 5.0v = as8s512k32pec 3.3v = as8slc512k32pec 64mb-sram, 2m x 32: 3.3v = as8slc2m32pec family pin matrix
ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 7 o b s o l e t e obsolete ordering  information part  number access  speed device  grade availability as8slc512k32pec r es na engineering  sample obsolete as8slc512k32pec r 12/it 12ns industrial obsolete as8slc512k32pec r 15/it 15ns industrial obsolete as8slc512k32pec r 20/it 20ns industrial obsolete as8slc512k32pec r 25/it 25ns industrial obsolete as8slc512k32pec r 12/et 12ns enhanced obsolete as8slc512k32pec r 15/et 15ns enhanced obsolete as8slc512k32pec r 20/et 20ns enhanced obsolete as8slc512k32pec r 25/et 25ns enhanced obsolete as8slc512k32pec r 12/xt 12ns military obsolete as8slc512k32pec r 15/xt 15ns military obsolete as8slc512k32pec r 20/xt 20ns military obsolete as8slc512k32pec r 25/xt 25ns military obsolete AS8SLC512K32PECA r 12/it 12ns industrial production AS8SLC512K32PECA r 15/it 15ns industrial production AS8SLC512K32PECA r 20/it 20ns industrial production AS8SLC512K32PECA r 25/it 25ns industrial production AS8SLC512K32PECA r 12/et 12ns enhanced production AS8SLC512K32PECA r 15/et 15ns enhanced production AS8SLC512K32PECA r 20/et 20ns enhanced production AS8SLC512K32PECA r 25/et 25ns enhanced production AS8SLC512K32PECA r 12/xt 12ns military production AS8SLC512K32PECA r 15/xt 15ns military production AS8SLC512K32PECA r 20/xt 20ns military production AS8SLC512K32PECA r 25/xt 25ns military production
ipem 16 mb async sram AS8SLC512K32PECA AS8SLC512K32PECA rev. 0.2 03/11 micross components reserves the right to change products or speci cations without notice. 8 document title 16mb, 512k x 32, sram, 3.3v, 0.990?sq. - 68 ld. plcc, multi-chip package [ipem] revision history rev # history release date status 0.0 initial release july 2008 advance 0.1 added micross information january 2010 advance 0.2 upgraded document to ?release? status. march 2011 release obsoleted and discontinued pec package which had pin-out errors. added peca package re ecting correct pin-out. contact micross for whitepaper addressing the pin-out error on the pec package.


▲Up To Search▲   

 
Price & Availability of AS8SLC512K32PECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X