Part Number Hot Search : 
LN451YPX 245AD MC78L P2301 087381 651BMLF 0512DH 30TE1
Product Description
Full Text Search
 

To Download APD1510-000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. [781] 376-3000 ? fax [781] 376-3100 ? email sales@skyworksinc.com ? www.skyworksinc.com 1 specifications subject to change without notice. 12/03a silicon pin diode chips features established skyworks? pin diode process for switch and attenuator applications low capacitance designs to 0.05 pf voltage ratings to 200 v chip size smaller than 15 mils square apd series description skyworks? apd series of silicon pin diode chips are designed for use as switch and attenuator devices in high performance hybrid microwave integrated circuits. these pin diode designs are useful over a wide range of frequencies from below 100 mhz to beyond 30 ghz. these devices utilize skyworks? well established silicon technology resulting in high resistivity and tightly controlled i region width pin diodes. apd0505-00 through APD1510-000 are primarily designed for fast speed through moderate speed switch applications. they have low resistance and capacitance at zero bias and reverse bias. the thick i region apd2220-000 is primarily designed for low distortion attenuator applications. capacitance capacitance r s voltage v r = 50 v, v r = 0 v, i = 10 ma, tl rating thermal contact part number 1 mhz 1 mhz 500 mhz i = 10 ma i r = 10 a i region resistance diameter outline (pf) (pf) ( ? ? ) (ns) (v) ( m) (cc/w) (mils) drawing max. typ. max. typ. min. nom. max. nom. switching applications apd0505-000 0.05 0.10 2.0 20 50 5 100 1.5 150-806 apd0510-000 0.10 0.20 1.5 40 50 5 80 2.5 150-801 apd0520-000 0.20 0.25 1.0 50 50 5 80 3.5 150-801 apd0805-000 0.05 0.10 2.0 100 100 8 80 2.0 150-801 apd0810-000 0.10 0.15 1.5 160 100 8 60 3.0 150-801 APD1510-000 0.10 0.20 2.0 300 200 15 60 3.0 150-801 apd1520-000 0.20 0.25 1.2 400 200 15 30 4.0 150-802 attenuator applications apd2220-000 0.20 0.20 4.0 700 100 50 80 7.5 149-815 electrical specifications at 25c characteristic value power dissipation pdiss = w operating temperature -65c to +175c storage temperature -65c to +200c absolute maximum ratings 175- tamb
silicon pin diode chips apd series 2 skyworks solutions, inc. [781] 376-3000 ? fax [781] 376-3100 ? email sales@skyworksinc.com ? www.skyworksinc.com specifications subject to change without notice. 12/03a 0.014 0.001 (0.350 0.025 mm) 0.014 0.001 (0.350 0.025 mm) cathode metalized back contact gold anode metalized gold dot 0.002 (0.051 mm) min. dia. 0.004 (0.127 mm) min. 0.006 (0.152 mm) max. outline drawings 149-815 anode metalized gold dot silicon cathode metalized back contact gold 0.004 (0.127 mm) min. 0.006 (0.152 mm) max. 0.010 (0.251 mm) min. 0.014 (0.356 mm) max. sq. 150-801: 0.002 (0.051 mm) min. 150-806: 0.0011 (0.028 mm) min. 150 series description symbol apd0505-000 apd0510-000 apd0805-000 apd0810-000 APD1510-000 apd2220-000 unit saturation current is 6.40e-14 5.50e-17 1.20e-11 1.50e-12 1.60e-10 2.00e-09 a series resistance r s 0.25 0.50 1.00 0.30 1.00 0.20 ? emission coefficient n 1.40 1.02 1.70 1.48 1.80 1.90 reverse breakdown b v 50.00 50.00 100.00 100.00 200.00 200.00 v current at b v i bv 10e-06 10e-06 10e-06 10e-06 10e-06 10e-06 a zero bias capacitance c j0 0.12e-12 0.18e-12 0.13e-12 0.16e-12 0.25e-12 0.2e-12 f junction potential v j 1.00 1.00 1.00 1.00 1.00 1.00 v grading coefficient m 0.50 0.50 0.50 0.50 0.50 0.50 transit time tt 20e-9 40e-9 50e-9 160e-9 300e-9 400e-9 s spice model parameters typical performance data resistance ( ? ) forward current (ma) resistance vs. forward current @ 1 ghz 0.1 1 10 100 1000 0.01 0.1 1 10 100 apd0505-000 apd0510-000 apd0805-000 resistance ( ? ) forward current (ma) resistance vs. forward current @ 1 ghz 0.1 1 10 100 1000 0.01 0.1 1 10 100 apd0810-000 APD1510-000 apd2220-000


▲Up To Search▲   

 
Price & Availability of APD1510-000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X