Part Number Hot Search : 
C6210D5 S3C9444 TC4519BP MAX103 C3460 10N65KL 200BZ 223930
Product Description
Full Text Search
 

To Download AP6679GJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet lower on-resistance bv dss -30v simple drive requirement r ds(on) 9m fast switching characteristic i d -75a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.4 /w rthj-a 62.5 /w rthj-a maximum thermal resistance, junction-ambient 110 /w data and specifications subject to change without notice 200812304 rohs-compliat product 1 + 25 -75 0.71 maximum thermal resistance, junction-ambient (pcb mount) 4 ap6679gh/j rating -30 continuous drain current, v gs @ 10v -50 pulsed drain current 1 -300 parameter drain-source voltage gate-source voltage continuous drain current, v gs @ 10v 3 89 -55 to 150 linear derating factor -55 to 150 thermal data parameter total power dissipation operating junction temperature range storage temperature range g d s g d s to-252(h) g d s to-251(j) the to-252 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (AP6679GJ) is available for low-profile applications.
ap6679gh/j electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v ?? v dss / ? t j breakdown voltage temperature coefficient reference to 25 : , i d =-1ma - -0.03 -v/ : r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-30a - - 9 m ? ?
ap6679gh/j fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 7 9 11 13 15 357911 -v gs , gate-to-source voltage (v) r ds(on) (m  ) i d = -24a t c =25 : 0 40 80 120 160 200 240 280 0 0.5 1 1.5 2 2.5 3 3.5 4 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =25 o c -10v -8.0v -6.0v -4.5v v g =-3.0v 0.6 1 1.4 1.8 2.2 -50 0 50 100 150 t j , junction temperature ( o c) -v gs(th) (v) 0 10 20 30 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -30a v g = -10v 0 50 100 150 0.0 0.5 1.0 1.5 2.0 2.5 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =150 o c -10v -8.0v -6.0v -4.5v v g =-3.0v
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 ap6679gh/j 100 1000 10000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge 0 1 2 3 4 5 6 7 0 102030405060 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -16a v ds = -24v 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 1 10 100 1000 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) 100us 1ms 10ms 100ms 1s dc t c =25 o c single pulse
package outline : to-252 millimeters min nom max a2 1.80 2.30 2.80 a3 0.40 0.50 0.60 b1 0.40 0.70 1.00 d 6.00 6.50 7.00 d1 4.80 5.35 5.90 e3 3.50 4.00 4.50 f 2.20 2.63 3.05 f1 0.50 0.85 1.20 e1 5.10 5.70 6.30 e2 0.50 1.10 1.80 e -- 2.30 -- c 0.35 0.50 0.65 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-252 laser marking symbols advanced power electronics corp. e e d d1 e2 e1 f b1 f1 a2 a3 c r : 0.127~0.381 ( 0.1mm part number package code 6679gh ywwsss date code (ywwsss) y last digit of the year ww week sss sequence logo meet rohs requirement for low voltage mosfet only e3 5
package outline : to-251 min nom max a 2.20 2.30 2.40 a1 0.90 1.20 1.50 b1 0.40 0.60 0.80 b2 0.60 0.85 1.05 c 0.40 0.50 0.60 c1 0.40 0.50 0.60 d 6.40 6.60 6.80 d1 4.80 5.20 5.50 e 6.70 7.00 7.30 e1 5.40 5.60 5.80 e2 1.30 1.50 1.70 e ---- 2.30 ---- f 7.00 8.30 9.60 meet rohs requirement for low voltage mosfet only


▲Up To Search▲   

 
Price & Availability of AP6679GJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X