Part Number Hot Search : 
6KE40 SD213 1109342 MS4024F FB5002 125HS 89C450 PC28F128
Product Description
Full Text Search
 

To Download AM320240N1TMQW-GXXH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 1 specifications for lcd module customer preliminary reference only customer part no. ampire part no. AM320240N1TMQW-GXXH approved by date ; approved for specifications ? approved for specifications & sample approved by checke d by organized by your contact: www.c o dico.c o m mailto: office@c o dico.c o m phone: +43/1/86305 - 0 fax: +43/1/86305 - 98
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 2 record of revision revision date page contents editor - new release kokai 2007/6/7
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 3 1 features 5.7 inch amorphous-tft-lcd (thin film transistor liquid crystal display) module. this module is composed of a 5.7? tft-lcd panel, lcd controller, power driver circuit and backlight unit. 1.1 tft panel feature : (1) construction: 5.7? a-si color tft-lcd, white led / ccfl backlight and pcb. (2) resolution (pixel): 320(r.g.b) x240 (3) number of the colors : 262k colo rs ( r , g , b 6 bit digital each) (4) lcd type : transmissive color tft lcd ( normally white) (5) interface: 24 pin pitch 1.0 ffc (6) power supply voltage: 3.3v singl e power input. built-in power supply circuit. (7) viewing direction: 6 o?clock ( the di rection it?s hard to be discolored ): 1.2 lcd controller feature: (1) mcu interface 8/9/16/18 bit 80&68 series mcu interface. (2) display ram size : 640x240x3x6 bits . ex:320x240 two frame buffer with 262k colors. (3) arbitrary display memory start position selection. (4) mcu interface : 8 bit / 9 bit / 16bit / 18 bits 80/68 mpu interface. (5) 8 bit / 16 bit interface support 65k ( r5g6b5) /262k(r6g6b6) colors data format. (6) 9 bit / 18 bit interface support 262k (r6g6b6) colors data format only.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 4 2 option: am-320240n1tm q w- t g f 0 c:ccfl back-light q:led back-light :without touch panel t:touch panel r:tp+tp controller g:with grahpic tft lcd controller f:ffc connector h:pin header interface version: 0: 8 bit/80 1: 9 bit/80 2:16 bit/80 3:18 bit/80 4: 8 bit/68 5: 9 bit/68 6:16 bit/68 8:18 bit/68 (note:ffc connector is with 8 bit interface only) options: 2.1 option for back-light : 2.1.1 cw for white ccfl back-light 2.1.2 qw for white led back-light 2.2 option for touch panel and touch panel controller. 2.2.1 t for touch panel only 2.2.2 r for touch panel and touch panel controller 2.3 option for connector : 2.3.1 f: for ffc connection ( pitch1.0x24pin) 2.3.2 h: for standard pin header ( pitch 2.54 x 34 pin) 2.4 option for interface 3 physical specifications item specifications unit display resolution(dot) 960 (w) x 240(h) mm active area 115.2 (w) x 86.4 (h) mm screen size 5.7(diagonal) mm pixel size 120 (w) x 360 (h) um color configuration r.g.b stripe overall dimension 131.0(w) x102.2(h)xt.b.d(d) mm weight t.b.d mg backlight unit led / ccfl
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 5 4 electrical specification 4.1 absolute max. ratings 4.1.1 electrical absolute max. ratings item symbol condition min. max. unit remark power voltage vdd vss=0 -0.3 t.b.d v v -0.3 vdd+0.3 v note 1 input voltege in note1: /cs,/wr,/rd,rs,db0~dn17 4.1.2 environmental absolute max. ratings operating storage item remark min max min max temperature -20 70 -30 80 note2,3,4,5,6,7 humidity note1 note1 corrosive gas not acceptable not acceptable note1 : ta <= 40 : 85% rh max ta > 4 0 : absolute humidity must be lower than the humidity of 85%rh at 40 note2 : for storage condition ta at -30 < 48h , at 80 < 100h for operating condition ta at -20 < 100h note3 : background color changes slightly depending on ambient temperature. this phenomenon is reversible. note4 : the response time will be slower at low temperature. note5 : only operation is guarantied at operating temperature. contrast , response time, another display quality are evaluated at +25 note6 : z led bl : when lcm is operated over 40 ambient temperature, the i led of the led back-light should be follow : allowable forward current if (ma)
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 6 z ccfl bl: when lcm is operated over 60  ambient temperature, the i l of the ccfl back-light should be adjusted to 3ma max note7 : this is panel surface tem perature, not ambi ent temperature. note8 : z led bl:when lcm be operated over than 40  , the life time of the led back-light will be reduced. z ccfl bl:when lcm be operated less than 0  , the life time of the ccfl back-light will be reduced. the rise time of the ccfl on will be longer when the ambient temperature below 0  and confirm the characteristics of inverter is necessary. 4.1.3 led back-light unit absolute max. ratings item symbol ratings unit remark peak forward current if 350 ma reverse voltage vr 30 v power dissipation po 1.2 w 4.1.4 ccfl back-light unit absolute max. ratings item symbol min max unit remark lamp current il - 7.0 marms note 1 lamp voltage vl - 2000 vrms note 2 note1 : please put your meter at gnd cable to measurement. note2 : apply to the connector of the back-light unit.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 7 4.2 electrical characteristics 4.2.1 dc electrical characteristic of the lcd typical operting conditions (vss=0v) symbol min. typ. max. unit remark item power supply vdd 3.0 3.3 5.0 v h level v 2.0 - 5.5 v ih input voltage note 1 for logic l level v vss - 0.8 v il h level v 2.4 - vdd v oh output voltage for logic note 2 l level v vss 0.4 v ol power supply current idd - t.b.d - ma note 3 note1: with 5v tolerance input , /cs, /wr,/rd,rs,db0~db17 note2: db0~db17 note3: f v =60hz , ta=25 4.2.2 electrical characteris tic of led back-light paramenter symbol min. ty p. max. unit condiction i led led voltage v ak -- 10.5 12 v =140ma,ta=25 led led forward current ta = 6 0 led i led =126ma,ta=25
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 8 ? the constant current source is needed for white led back-light driving. when lcm is operated over 60  ambient temperature, the i led of the led back-light should be adjusted to 105ma max
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 9 4.2.3 electrical charact eristic of back-light paramenter symbol min. typ. max. unit remark lamp voltage v - 650 - vrms l lamp current i 2.5 6.0 6.5 marms note7,8 l frequency f 55 khz note 4 l - - (1400) vrms note1,5 - - (1550) vrms note2,5 lamp starting voltage vs - - (1700) vrms note3,5 lamp life time - 30,000 - hr note 6 ( )for reference only. these data s hould be update according the prototype. note 1:ta=25 l =6ma. note 7: measurement of il is provided for gnd side of the cfl. note 8: when i l is over 6.0ma,it may cause uneven contrast near cfl location, due to heat dispersion from cfl.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 10 3.3 ac timing characteristic of the graphic tft lcd controller t.b.d
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 11 5 optical specification 5.1 optical characteristic : item symbol conditon min. typ. max. unit remark r note 1,2,3,5 time fall t - 35 50 ms f at optimized contrast ratio cr 200 350 - note 1,2,4,5 viewing angle top - 35 - botto m viewing - 15 - crR led =126ma, 25 2 note 7 brightness led bl y l i without tp led =140ma, 25 2 i led =126ma, 25 2 note 7 brightness led bl y l i with tp led =140ma, 25 2 i l =5ma,25 2 brightness y note 7 ccfl bl l without tp i l =6ma,25 2 i l =5ma,25 2 brightness y note 7 ccfl bl l with tp i l =6ma,25 2 x r 0.610 0.640 0.670 red chromaticity y r 0.314 0.344 0.374 note 7 x g 0.268 0.298 0.328 green chromaticity y g 0.553 0.583 0.613 x b 0.102 0.132 0.162 blue chromaticity y b 0.107 0.137 0.167 x w 0.282 0.312 0.342 for reference only. these data should be update according the prototype. led =140ma.to be measured in the dark room. z ccfl bl: ambient temperature=25 l =6 marms.to be measured in the dark room. note 2:to be measured on the center ar ea of panel with a viewing cone of 1
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 12 note 3.definition of response time: the output signals of photo det ector are measured when the input signals are changed from ?black? to ?whi te?(falling time) and fro m?white? to ?black? (rising time),respectively.the res ponse time is defined as the time interval between the 10% and 90% of amplitudes. refer to figure as below. note 4.definition of contrast ratio: contrast ratio is calculat ed with the following formula. contrast ratio(cr)= photo detector output when lcd is at ?white? state photo detector output when lcd is at ?black? state note 5:white v =v i i50 +1.5v black v =v i i50 +2.0v ? ?means that the analog input signal swings in phase with v signal. com ? ? means that the analog input si gnal swings out of phase with v com signal. v : the analog input voltage when transmission is 50%.the 100% i50 transmission is defined as the transmi ssion of lcd panel when all the input terminals of module are electrically opened. note 6.definition of viewing ang le,refer to figure as below.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 13 note 7.measured at the center area of t he panel when all the input terminals of lcd panel are electrically opened. ring light brightness gauge lcd module bm-7 (topcon) light:off, light:on light:on, light:off metal halide lamp glass fiber optical detector lcd led / ccfl brightness gauge bm-7 (topcon)
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 14 5.2 optical characteristic of the led back-light item min typ max unit condition bare brightness 3650 3850 -- cd/m2 i led =140ma,ta=25 i led =140ma,ta=25 i led =140ma,ta=25 i led =140ma,ta=25 ( )for reference only. these data s hould be update according the prototype. note1 : measurement after 10 minutes from led bl operating. note2 : measurement of the following 9 places on the display. note3: the uniformity definition (min brightness / max brightness) x 100%
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 15 5.3 optical characteristic of the ccfl back-light item min typ max unit note bare brightness 7410 7800 cd/m2 il=6.0 ma (note 1) rise time - 3 - minute il=6.0 ma brightness 80% brightness uniformity 80 - - % (note 1,2,3) ( )for reference only. these data s hould be update according the prototype. note1 : measurement after 10 minutes from cfl operating. note2 : measurement of the following 9 places on the display. note3: the uniformity definition (min brightness / max brightness) x 100%
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 16 5.4 touch panel electrical specification parameter condition standard value x axis 400 ~ 900
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 17 6 interface specifications 6.1 driving signals for the tft panel 6.1.1 24pin ffc connector (suitable zif connector) pin no symbol i/o description remark 1 /reset i reset signal for tft lcd controller 2 /rd(r/w) i 80mode : /rd low active signal for tft lcd controller 68mode : r/w signal hi: read lo:write 3 /wr(e) i 80mode : /wr low active signal for tft lcd controller 68mode : e signal latch on rising edge 4 /cs i chip select low active signal for tft lcd controller 5 rs i register and data se lect for tft lcd controller 6 db0 i/o data bus 7 db1 i/o data bus 8 db2 i/o data bus 9 db3 i/o data bus 10 db4 i/o data bus 11 db5 i/o data bus 12 db6 i/o data bus 13 db7 i/o data bus 14 vdd - power supply for the logic (3.3v) 15 vss - gnd 16 nc - no connection 17 nc - no connection 18 sk/x1 - serial clock for touch panel controller touch panel left signal in x axis 19 do/x2 - data output for touch panel controller touch panel right signal in x axis data in for touch panel controller 20 di / y1 - touch panel upper signal in y axis chip select f or touch panel controller 21 tpcs / y2 - touch panel lower signal in x axis int - interrupt for touch panel controller 22 23 nc - no connection 24 nc - no connection 18~22 : sk, do, di, cs, int for touch panel controller tsc2046 / x1, x2, y1, y2 for touch panel (without tsc2046)
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 18 6.1.2 34pin pin header pin no symbol description 1 /reset reset signal for tft lcd controller 3 80mode : /rd low active signal for tft lcd controller /rd(r/w) 68mode : r/w signal hi: read lo:write 5 80mode : /wr low active signal for tft lcd controller /wr(e) 68mode : e signal latch on rising edge 7 /cs chip select low active signal for tft lcd controller 9 rs register and data sele ct for tft lcd controller 11 db0 data bus 13 db1 data bus 15 db2 data bus 17 db3 data bus 19 db4 data bus 21 db5 data bus 23 db6 data bus 25 db7 data bus 27 vdd power supply for the logic (3.3v) 29 vdd power supply for the logic (3.3v) 31 vss gnd 33 vss gnd pin no symbol description 2 sk/x1 serial clock for touch panel controller touch panel left signal in x axis 4 data output for touch panel controller do/x2 touch panel right signal in x axis 6 data in for touch panel controller di / y1 touch panel upper signal in y axis 8 chip select f or touch panel controller tpcs / y2 touch panel lower signal in x axis 10 int interrupt for touch panel controller 12 db8 data bus 14 db9 data bus 16 db10 data bus 18 db11 data bus 20 db12 data bus 22 db13 data bus 24 db14 data bus 26 db15 data bus 28 db16 data bus 30 db17 data bus 32 nc no connection 34 nc no connection pni no 2,4,6,8: sk, do, di, cs, int for touch panel controller tsc2046 / x1, x2, y1, y2 for touch panel (without tsc2046)
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 19 6.2 driving signals for the back-light 6.2.1 led back-light jst housing: bhr-03vs-1 pin no symbol level description remark 1 a - led anode 2 nc - no connection 3 k - led cathode 6.2.2 ccfl back-light jst housing: bhr-03vs-1 pin no symbol level description remark 1 vl - power supply for cfl 2 nc - no connection 3 gnd - gnd for cfl (ov)
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 20 7 block diagram vdd vss /wr (e) /rd(r/w) /cs rs db0 db1 db2 db3 db4 db5 db6 db7 db8 db9 db10 db11 db12 db13 db14 db15 db16 db17 sk/x1 do/x2 di/y1 tpcs/y2 int led/ccfl back-light vs hs de dc lk r6 g6 b6
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 21 8 interface protocol 8.1 18bit-80/68-write to command register 8.2 18bit-80/68-write to display ram /cs /rd /wr rs db[17:0] note1 note2 note3 note1: db[17:0] send 0x000c1 to enable the display ram write. display ram write enable 0x000c1 note2: db[17:0] repr esent the writing data1 to display ram note3: db[17:0] repr esent the writing data2 to display ram note4: db[17:0] repr esent the writing datan to display ram send data1 send data2 send datan note5 display ram write disable 0x00080 note4 note5: db[17:0] send 0x00080 to disable the display ram write. e r/w 68 mode 80 mode
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 22 8.3 16bit-80/68- write to command register 8.4 16bit-80/68-write to display ram /cs /rd /wr rs db[15:0] note1 note2 note3 note1: db[15:0] send 0x000c1 to enable the display ram write. display ram write enable 0x000c1 note2: db[15:0] repr esent the writing data1 to display ram note3: db[15:0] repr esent the writing data2 to display ram note4: db[15:0] repr esent the writing datan to display ram send data1 send data2 send datan note5 display ram write disable 0x00080 note4 note5: db[15:0] send 0x00080 to disable the display ram write. e r/w 68 mode 80 mode
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 23 8.5 9bit-80/68- write to command register 8.6 9bit-80/68-write to display ram /cs /rd /wr rs db[8:0] note1 note2 note3 note1: db[8:0] send 0x000c1 to enable the displa y ram write. display ram write enable 0x000c1 note2: db[8:0] represent the writing data1 to display ram note3: db[8:0] represent the wr iting data2 to display ram note4: db[8:0] represent the writing datan to display ram send data1 send data2 send datan note5 display ram write disable 0x00080 note4 note5: db[8:0] send 0x00080 to disable the disp lay ram write. e r/w 68 mode 80 mode
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 24 8.7 8bit-80/68- write to command register 8.8 8bit-80/68-write to display ram /cs /rd /wr rs db[7:0] note1 note2 note3 note1: db[7:0] send 0x000c1 to enable the displa y ram write. display ram write enable 0x000c1 note2: db[7:0] represent the writing data1 to display ram note3: db[7:0] represent the wr iting data2 to display ram note4: db[7:0] represent the writing datan to display ram send data1 send data2 send datan note5 display ram write disable 0x00080 note4 note5: db[7:0] send 0x00080 to disable the disp lay ram write. e r/w 68 mode 80 mode
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 25 8.9 data transfer order setting 8.9.1 18 bit interface 262k color only (pin12 65k/262k =high) db 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 8.9.2 16 bit interface 65k color (pin12 65k/262k =low) db 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b4 b3 b2 b1 b0 8.9.3 16 bit interface 262k color (pin12 65k/262k =high) db 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 st data x x x x x x x x x x x x x x r5 r4 2 nd data r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 8.9.4 9 bit interface 262k color onl y (pin12 65k/262k =high) db 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 st data x x x x x x x r5 r4 r3 r2 r1 r0 g5 g4 g3 2 nd data x x x x x x x g2 g1 g0 b5 b4 b3 b2 b1 b0 8.9.5 8 bit interface 65k colo r (pin12 65k/262k =low) db 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 st data x x x x x x x x r4 r3 r2 r1 r0 g5 g4 g3 2 nd data x x x x x x x x g2 g1 g0 b4 b3 b2 b1 b0 8.9.6 8 bit interface 262k colo r (pin12 65k/262k =high) db 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 st data x x x x x x x x r5 r4 2 nd data x x x x x x x x r3 r2 r1 r0 g5 g4 g3 g2 3 rd data x x x x x x x x g1 g0 b5 b4 b3 b2 b1 b0
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 26 9 register depiction register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 00 00 msb of x-axis start position description set the horizontals start position of display active region register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 01 00 lsb of x-axis start position description set the horizontals start position of display active region register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 02 01 msb of x-axis end position description set the horizontals end position of display active region register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 03 3f lsb of x-axis end position description set the horizontals end position of display active region register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 04 00 msb of y-axis start position description set the vertical start position of display active region register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 05 00 lsb of y-axis start position description set the vertical start position of display active region register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 06 00 msb of y-axis end position description set the vertical end position of display active region register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 07 ef lsb of y-axis end position description set the vertical end position of display active region to simplify the address cont rol of display ram access, th e window area address function allows for writing data only within a window area of display ram specified by registers reg[00]~reg[07] . after writing data to the display ram, the address counter will be increased within
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 27 setting window address-range which is specified by min x address (reg[0] & reg[1]) max x address (reg[2] & reg[3]) min y address (reg[4] & reg[5]) max y address (reg[6] & reg[7]) therefore, data can be written consecutiv ely without thinking the data address. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 08 01 x x x x x x _panelxsize h_byte[1:0] description set the panel x size register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 09 40 _panelxsize l_byte[7:0] description set the panel x size
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 28 the register reg[08] and reg[09] is use to calculate the ram address. if you want to use the tft as landscape mode (320x240), th e reg[08] & rge[09 must set to 320. if you want to use the tft as portrait mode ( 240x320), the reg[08] & rg e[09] must set to 240. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x10 0x0d bit_swap out_test bus_sel blanking p/s_sel clk_sel "0x10_clk_sel[1:0]" : the tft controller built-in 40mhz pll clock. these bits are for select the tft panel dot clock frequency. 00 : 20mhz 01: 10mhz 02: 5 mhz "0x10_ps_sel[2]" : the tft controller support parallel and serial rgb interface. these bits are for select the output timing. 0 : serial panel 1: parallel panel "0x10_blanking_tmp[3]" 0 : off (blanking) 1: on ( normal operation) "0x10_bus_sel[5:4]" : it only for serial panel 00=r , 01=g , 10=b description "0x10_out_test[6]" : self test 0 : normal operation 1: for test (don?t use for normal operation) when set the bit to ?1? , the rout=(re g 2a[6:0]) gout=(reg 2b[6:0]) bout=(reg 2c[6:0]) "0x10_bit_swap[7]" : 0-normal the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x11 00 x x even _odd "0x11_odd[2:0]" "0x11_even[6:4]" description it is for serial panel rgb sequence select. 000-rgb,001-rbg,002-grb,003-gbr,004-brg,005-bgr the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x12 00 hsync_sth_byte[3:0] for tft output timing adjust: description hsync start position h-byte the default setting is suitable for am320240n1. don?t need to modify it.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 29 register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x13 00 hsync_stl_byte[7:0] for tft output timing adjust: description hsync start position l-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x14 00 hsync_pwh_byte[3:0] for tft output timing adjust: description hsync pulse width h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x15 10 hsync_pwl_byte[7:0] for tft output timing adjust: description hsync pulse width l-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x16 00 hact_sth_byte[3:0] for tft output timing adjust: description de pulse start position h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x17 38 hact_stl_byte[7:0] for tft output timing adjust: description de pulse start position l-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x18 01 hact_pwh_byte[3:0] for tft output timing adjust: description de pulse width h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x19 40 hact_pwl_byte[7:0] for tft output timing adjust: description de pulse width l-byte the default setting is suitable for am320240n1. don?t need to modify it.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 30 register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x1a 01 htotalh_byte[3:0] for tft output timing adjust: description hsync total clocks h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x1b b8 htotall_byte[7:0] for tft output timing adjust: description hsync total clocks h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x1c 00 vsync_sth_byte[3:0] for tft output timing adjust: description vsync start position h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x1d 00 vsync_stl_byte[7:0] for tft output timing adjust: description vsync start position l-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x1e 00 vsync_pwh_byte[3:0] for tft output timing adjust: description vsync pulse width h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x1f 08 vsync_pwl_byte[7:0] for tft output timing adjust: description vsync pulse width l-byte the default setting is suitable for am320240n1. don?t need to modify it.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 31 register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x20 00 vact_sth_byte[3:0] for tft output timing adjust: description vertical de pulse start position h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x21 12 vact_stl_byte[7:0] for tft output timing adjust: description vertical de pulse start position l-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x22 00 vact_pwh_byte[3:0] for tft output timing adjust: description vertical active width h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x23 f0 vact_pwl_byte[7:0] for tft output timing adjust: description vertical active width h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x24 01 vtotalh_byte[3:0] for tft output timing adjust: description vertical total width h-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x25 09 vtotall_byte[7:0] for tft output timing adjust: description vertical total width l-byte the default setting is suitable for am320240n1. don?t need to modify it. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x2a 00 x testpatternrout[6:0] when " reg[0x10]_out_test[6 ]" : self test =1 ; description the rout data equal to testpatternrout[6:0]
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 32 register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x2b 00 x testpatterngout[6:0] when " reg[0x10]_out_test[6 ]" : self test =1 ; description the gout data equal to testpatterngout[6:0] register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x2c 00 x testpatternbout[6:0] when " reg[0x10]_out_test[6 ]" : self test =1 ; description the bout data equal to testpatternbout[6:0] if you set the " reg[0x10]_out_tes t[6]" : self test =1 , the tft controller will skip the connect of the display ram. the output port will send the reg[2a] ,reg[2b],reg[2c] data. register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 0x2d 00 x x x x x rising/falling edge[2] _rotate [1:0] rising/falling edge[2] : 0: the rgb out put data are on the rising edge of the dclk. 1: the rgb out put data are on the falling edge of the dclk. _rotate [1:0]: description 00 : rotate 0 degree 01 : rotate90 degree 10 : rotate 270 degree 11 : rotate 180 degree
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 33 register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 30 00 x x x x x _h byte h-offset[3:0] description set the horizontal offset register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 31 00 _l byte h-offset[7:0] description set the horizontal offset register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 32 00 x x x x x _h byte v-offset[3:0] description set the vertical offset register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 33 00 _l byte v-offset[7:0] description set the vertical offset register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 34 00 x x x x x _h byte h-def[3:0] description defined the horizontal ram seize register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 35 40 _l byte h-def[7:0] description defined the horizontal ram seize register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 36 01 x x x x x _h byte v-def[3:0] description defined the vertical ram seize register address default db7 db6 db5 db4 db3 db2 db1 db0 remark (hex) (hex) 37 e0 _l byte v-def[7:0] description defined the vertical ram seize
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 34 the total ram size is 640x240x18bit. the user can arrange the horizontal ram size by reg[34],reg[35] and the vertical ram size by reg[36],reg[37]. ex: 320x480x18bit reg[34]=0x01 , reg[35]=0x40 , reg[36]=0x01 , reg[37]=0xe0 ex: 640x240x18bit. reg[34]=0x02 , reg[35]= 0x80 , reg[36]=0x00 , reg[37]=0xf0 10 application note: initial setting: the tft lcd controller default value is for am320240n1 already. so we can start to write our data in a few steps: target: to write a 640x240 data to display ram and scroll the display data by change the horizontal offset register. 10.1 step 1: make sure the interface protocol. 10.2 step 2: define the horizontal ram seize = 640 and vertical ram size =240 640x240x18bit. reg[34]=0x02 , reg[35]=0x80 , reg[36]=0x00 , reg[37]=0xf0 10.3 step 3: define the panel x size = 320 reg[8]=0x01 , reg[9]=0x40 10.4 step4: define the write window. start=(0,0) end=(619,239) reg[0]=0x00 , reg[1]=0x00 , reg[2]=0x02 , reg[3]=0x6b , // start x , end x reg[4]=0x00 , reg[5]=0x00 , reg[6]= 0x00 , reg[7]=0xef , // star y ,end y 10.5 step5: write the 640x240x18 bit data consecutively
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 35 10.6 step6: the display will show the following image. 10.7 step7: change the horizontal offset to switch or scroll the display data. set the horizontal offset = 160 , reg[30]=00 reg[31]=a0 . you will see
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 36 10.8 step8: change the horizontal offset to switch or scroll the display data. set the horizontal offset = 320 , reg[30]=01 reg[31]=40 . you will see
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 37 displayed color and input data data signal color & gray scale r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red(0) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 green(0) 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 blue(0) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 cyan 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 magenta 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 yellow 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 basic color white 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red(62) 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 red(61) 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 : : : : : : : : : : : : : : : : : : : red(31) 0 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 : : : : : : : : : : : : : : : : : : : red(1) 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 red red(0) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green(62) 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 green(61) 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 : : : : : : : : : : : : : : : : : : : green(31) 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 : : : : : : : : : : : : : : : : : : : green(1) 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 0 green green(0) 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue(62) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 blue(61) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 : : : : : : : : : : : : : : : : : : : blue(31) 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 : : : : : : : : : : : : : : : : : : : blue(1) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 blue blue(0) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 38 11 quality and reliability 11.1 test conditions tests should be conducted under the following conditions : ambient temperature : 25 11.2 sampling plan sampling method shall be in accordance with mil-std-105e , level ii, normal single sampling plan . 11.3 acceptable quality level a major defect is defined as one that could cause failure to or materially reduce the usability of the unit for its intended purpose. a minor defect is one that does not materially reduce the usability of the unit for its intended purpose or is an infringement from established standards and has no significant bearing on its effective use or operation. 11.4 appearance an appearance test should be conducted by human sight at approximately 30 cm distance from the l cd module under flourescent light. the inspection area of lcd panel shall be within the range of following limits.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 39
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 40 11.5 inspection quality criteria no. item criterion for defects defect type 1 no non display is allowed major non display irregular operation 2 no irregular operation is allowed major 3 no short are allowed major short a ny segments or common patterns that don?t activate are rejectable. 4 open major size d (mm) acceptable number d < 5 black/white spot (i) 0.15 ignore 0.15 < d < 0.20 0.20 < d < 0.30 0.30 < d 3 2 0 minor length(mm) acceptable number 10 < l 6 black/white line (i) 5.0 < l < 10 1.0 < l < 5.0 l < 1.0 0.03 < w < 0.04 5 0.04 < w < 0.06 0.06 < w < 0.07 0.07 < w < 0.09 3 2 1 minor size d (mm) acceptable number ignore d < 7 black/white sport (ii) 0.30 0.30 < d < 0.50 0.50 < d < 1.20 1.20 < d 5 3 0 minor length (mm) width (mm) acceptable number 0.05 < w 5 20 < l < 8 black/white line (ii) 10 < l < 20 5.0 < l < 10 l < 5.0 0.07 0.07 < w < 0.09 0.09 < w < 0.10 0.10 < w < 0.15 3 2 1 minor 1. no lighting is rejectable major 9 back light 2. flickering and abnormal lighting are rejectable unit:mm minor display pattern 10 0.30 2 ba + + + g note: 1. acceptable up to 3 damages 2. ng if there?re to two or more pinholes per dot
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 41 blemish & foreign matters size d (mm) acceptable number d < 11 size: 2 ba d + = 0.15 ignore 0.15 < d < 0.20 0.20 < d < 0.30 0.30 < d 3 2 0 minor width (mm) length (mm) acceptable number scratch on polarizer ignore ignore w < 0.03 l ignore 0.03 2.0 l > 1.0 l < 1.0 note (1) 1 1 ignore note(1) minor size d (mm) acceptable number ignore d < 13 bubble in polarizer 0.20 0.20 < d < 0.50 0.50 < d < 0.80 0.80 < d 3 2 0 minor stains on lcd panel surface stains that cannot be removed even when wiped lightly with a soft cloth or similar cleaning too are rejectable. 14 minor 15 minor rust which is visible in the bezel is rejectable. rust in bezel defect of land surface contact (poor soldering) 16 minor evident crevices which is visible are rejectable. major 1. failure to mount parts parts mounting major 17 2. parts not in the specifications are mounted 3. polarity, for example, is reversed major minor minor 1. lsi, ic lead width is more than 50% beyond pad outline. parts alignment 18 2. chip component is off center and more than 50% of the leads is off the pad outline. 1. 0.45<y ,n 
1 major conductive foreign matter (solder ball, solder chips) minor 2. 0.30<y < 0.45 ,n 
1 y :average diameter of solder ball (unit: mm) 19 minor 3. 0.501 l: average length of solder chip (unit: mm) 1. due to pcb copper foil pattern burnout, the pattern is connected, using a j umper wire for repair; 2 or more places are corrected per pcb. minor minor faulty pcb correction 20 2. short circuited part is cut, and no resist coating has been performed.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 42 the tft panel may have bright dot or dark dot. the acceptable number defection: 21 defect dot bright dot dark dot distance total dot between dark-- dark minor 2 3 4 lR5 mm 12 reliability test items (note2): no. test items conditions remark 1 ta = 8 0 240hrs high temperature storage 2 ta = - 3 0 240hrs low temperature storage 3 ta = 7 0 240hrs high temperature operation 4 ta = - 2 0 240hrs low temperature operation high temperature and high humidity ta = 4 0 ,85% rh 240hrs 5 operation 6 -30 ~80 /200 cycles 1hrs/cycle heat shock non-operation 200v,200pf(0 ),once for each terminal 7 electrostatic discharge non-operation frequency range :8~33.3hz stoke :1.3mm jis c7021, sweep :2.9g,33.3~400hz 8 a-10 vibration cycle :15 minutes condition a 2 hours for each direction of x,z 4 hours for y direction jis c7021, 100g, 6ms, x, y, z 9 a-7 mechanical shock 3 times for each direction condition c random vibration: 10 0.015g 2 /hz from 5~200hz vibration (with carton) iec 68~34 -6db/octave from 200~500hz height:60cm 11 drop (with carton) jis z0202 1 corner,3 edges,6 surfaces
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 43 13 use precautions 13.1 handling precautions 1) the polarizing plate may break easily so be careful when handling it. do not touch, press or rub it with a hard-material tool like tweezers. 2) do not touch the polarizing plate surf ace with bare hands so as not to make it dirty. if the surface or other related part of the polariz ing plate is dirty, soak a soft cotton cloth or chamois leather in benzine and wipe off with it. do not use chemical liquids such as acetone, to luene and isopropyl alcohol. failure to do so may bring chemical r eaction phenomena and deteriorations. 3) remove any spit or water immediately. if it is left for hours, the suffered part may deform or decolorize. 4) if the lcd element breaks and any lc stuf f leaks, do not suck or lick it. also if lc stuff is stuck on your skin or cl othing, wash thoroughly with soap and water immediately. 13.2 installing precautions 1) the pcb has many ics that may be dam aged easily by static electricity. to prevent breaking by static electricity from the human body an d clothing, earth the human body properly using the high resistance and discharge static electricity during the operat ion. in this case, howev er, the resistance value should be approx. 1m ? 13.3 storage precautions 1) avoid a high temperat ure and humidity area. keep the temperature between 0c and 35c and also the humidity under 60%. 2) choose the dark spaces where the product is not exposed to direct sunlight or fluorescent light.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 44 3) store the products as t hey are put in the boxes pr ovided from us or in the same conditions as we recommend. 13.4 operating precautions 1) do not boost the appli ed drive voltage abnormally. failure to do so may break ics. when applying power voltage, check the electrical features beforehand and be careful. always turn off the pow er to the lc module controller before removing or inserting the lc module in put connector. if the input connector is removed or inserted while the power is turned on, the lc module internal circuit may break. 2) the display response may be late if the operating temperat ure is under the normal standard, and the display may be out of order if it is above the normal standard. but this is not a failure; this will be restored if it is within the normal standard. 3) the lcd contrast varies depending on the visual angle, ambient temperature, power voltage etc. obtain the optimum contrast by adjusting the lc dive voltage. 4) when carrying out the test, do not take the module out of the low-temperature space suddenly. failure to do so will cause the module condensing, leading to malfunctions. 5) make certain that each signal noise le vel is within the standard (l level: 0.2vdd or less and h level: 0.8vdd or mo re) even if the m odule has functioned properly. if it is beyond the standard, the module may often malfunction. in addition, always connect the module when making noise level measurements. 6) the cmos ics are incorporated in the module and the pull- up and pull-down function is not adopted for the input so avoid putting the input signal open while the power is on. 7) the characteristic of the semiconduc tor element changes when it is exposed to light emissions, theref ore ics on the lcd may malfunction if they receive light emissions. to prevent these ma lfunctions, design and assemble ics so that they are shielded from light emissions. 8) crosstalk occurs because of characteri stics of the lcd. in general, crosstalk occurs when the regularized display is ma intained. also, crosstalk is affected by the lc drive voltage. design the contents of the display, considering crosstalk.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 45 13.5 other 1) do not disassemble or take the lc module into pieces. the lc modules once disassembled or taken into pieces are not the guarantee articles. 2) the residual image may exist if the sa me display pattern is shown for hours. this residual image, however, disappe ars when another display pattern is shown or the drive is inte rrupted and left for a while. bu t this is not a problem on reliability.
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 46 14 outline dimension 14.1 outline dimension-1 ( with idc standard 34pin header)
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 47
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 48 14.2 outline dimension-1 (with ffc p1.0x24 pins)
preliminary the contents of this document ar e confidential and must not be disclosed wholly or in part to any third part withou t the prior written cons ent of ampire co., ltd date : 2007/6/7 ampire co., lt d. 49


▲Up To Search▲   

 
Price & Availability of AM320240N1TMQW-GXXH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X