Part Number Hot Search : 
A480T01 AR0233AT CPH5804 MC7806 CXL1501M SB121 N4141 SMBJ90A
Product Description
Full Text Search
 

To Download 3CA72 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features  high precision - tcr 5ppm/? and 10ppm/?  tolerance down to 0.01%  thin film (nichrome)  choice of packages  stable high frequency performance  temperature range -55? to +155? applications  communications  instrumentation  industrial controls  medical characteristics - electrical the rn73 series is a high stability precision chip resistor range offering various power dissipations relating to chip size, tcr's down to 5ppm/c and resistance tolerances to 0.01%. the resistor is produced with three sputtered layers giving optimum performance. values are restricted to the e96 and e24 value grids. the rn73 has accurate and uniform physical dimensions to facilitate placement. 0402 0603 0805 rated power @ 70c: 0.063w 0.063w 0.1w resistance range (ohms) min: 49r9 49r9 49r9 49r9 49r9 49r9 24r9 24r9 24r9 4r7 24r9 4r7 24r9 24r9 24r9 4r3 24r9 4r3 max: 5k0 15k 5k0 15k 5k0 15k 15k 100k 15k 332k 15k 332k 30k 200k 30k 511k 30k 511k tolerance (%): 0.01 0.05 0.1 0.01 0.05 0.1 0.01 0.05 0.1 code letter: lab l a b lab selection series: e24 & e96 e24 & e96 e24 & e96 temp. coefficient (ppm/c): 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 code letter: acaca cac acac acac ac limiting element voltage: 25v 50v 100v max. overload voltage: 50v 100v 200v operating temp. range: -55 to +155c -55 to +155c -55 to +155c climatic category (c): 55/125/55 55/125/55 55/125/55 insulation resistance dry min: 1000m 1000m 1000m stability: 0.5% 0.5% 0.5% 1206 1210 2010 rated power @ 70c: 0.125w 0.2w 0.25w resistance range (ohms) min: 24r9 24r9 24r9 4r7 24r9 4r7 24r9 24r9 24r9 4r7 24r9 4r7 24r9 24r9 24r9 4r7 24r9 4r7 max: 50k 562k 50k 1m0 50k 1m0 50k 500k 50k 1m0 50k 1m0 100k 500k 100k 1m0 100k 1m0 tolerance (%): 0.01 0.05 0.1 0.01 0.05 0.1 0.01 0.05 0.1 code letter: lab l a b lab selection series: e24 & e96 e24 & e96 e24 & e96 temp. coefficient (ppm/c): 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 code letter: acaca cac acac acac ac limiting element voltage: 150v 150v 150v max. overload voltage: 300v 300v 300v operating temp. range: -55 to +155c -55 to +155c -55 to +155c climatic category (c): 55/125/55 55/125/55 55/125/55 insulation resistance dry min: 1000m 1000m 1000m stability: 0.5% 0.5% 0.5% product specification 1 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 3CA72
-55 -40 -20 0 20 40 60 70 80 100 120 140 155 100 80 60 40 20 0 rated load (%) ambient temperature (c) for resistors operated in ambient temperatures above 70c, power rating must be derated in accordance with this curve. power derating curve characteristics - environmental requirement test method tol. 0.05% tol. > 0.05% temperature coefficient as per tcrs specified in value range table on page 1 +25/-55/+25/+125/+25c of resistance (tcr): short time overload: r 0.05% r 0.2% rcwv* 2.5 or max. overload r 0.2% for high power rating voltage for 5 seconds insulation resistance: >1000m apply 100vdc for 1 minute r 0.05% r 0.2% 70 2c, max. working voltage endurance: >7k r 0.5% for 1000hrs with 1.5hrs r 0.5% for high power rating on and 0.5hrs off damp heat with load: r 0.05% r 0.3% 40 2c, 90 - 95% r.h. max. working voltage r 0.5% for high power rating hrs with 1.5hrs on and 0.5hrs off bending strength: r 0.05% r 0.2% bending amplitude 3mm for 10 seconds solderability: 95% min. coverage 245 5c for 3 seconds resistance to soldering heat: r 0.05% r 0.2% 260 5c for 10 seconds dielectric withstand voltage: by type max. overload voltage for 1 minute thermal shock: r 0.05% r 0.25% -55c to +150c, 100 cycles low temperature operation: r 0.05% r 0.2% 1 hour, -65c, followed by 45 minutes of rcwv r 0.5% for high power rating reference standards: mil-std-202, jis-c 5201-1 storage temperature: 253c; humidity < 80%rh 2512 rated power @ 70c: 0.5w resistance range (ohms) min: 24r9 24r9 24r9 4r7 24r9 4r7 max: 100k 500k 100k 1m0 100k 1m0 tolerance (%): 0.01 0.05 0.1 code letter: lab selection series: e24 & e96 temp. coefficient (ppm/c): 510 5 105 10 code letter: ac a ca c limiting element voltage: 150v max. overload voltage: 300v operating temp. range: -55 to +155c climatic category (c): 55/125/55 insulation resistance dry min: 1000m stability: 0.5% product specification 2 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification 3CA72
case sizes 0603 e24 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 e24 3 digit marking - example: 101=100 102=1k code e96 code e96 code e96 code e96 01 100 25 178 49 316 73 562 02 102 26 182 50 324 74 576 03 105 27 187 51 332 75 590 04 107 28 191 52 340 76 604 05 110 29 196 53 348 77 619 06 113 30 200 54 357 78 634 07 115 31 205 55 365 79 649 08 118 32 210 56 374 80 665 09 121 33 215 57 383 81 681 10 124 34 221 58 392 82 698 11 127 35 226 59 402 83 715 12 130 36 232 60 412 84 732 13 133 37 237 61 422 85 750 14 137 38 243 62 432 86 768 15 140 39 249 63 442 87 787 16 143 40 255 64 453 88 806 17 147 41 261 65 464 89 825 18 150 42 267 66 475 90 845 19 154 43 274 67 487 91 866 20 158 44 280 68 499 92 887 21 162 45 287 69 511 93 909 22 165 46 294 70 523 94 931 23 169 47 301 71 536 95 953 24 174 48 309 72 549 96 976 code a b c d e f g h x y z multiplier 10 0 10 1 10 2 10 3 10 4 10 5 10 6 10 7 10 -1 10 -2 10 -3 0603 e96 marking code table e96 3 digit marking - examples: 14c=13k7 , 13c=13k3 , 68b=4k99 , 68x=49.9 dimensions part number l w h d d weight (g) 1000 pieces rn73 1e (0402) 1.00+/-0.05 0.50+/-0.05 0.30+/-0.05 0.20+/-0.10 0.20+/-0.10 0.54 rn73 1j (0603) 1.55+/-0.10 0.80+/-0.10 0.45+/-0.10 0.30+/-0.20 0.30+/-0.20 1.83 rn73 2a (0805) 2.00+/-0.15 1.25+/-0.15 0.55+/-0.10 0.30+/-0.20 0.40+/-0.25 4.71 rn73 2b (1206) 3.05+/-0.15 1.55+/-0.15 0.55+/-0.10 0.42+/-0.20 0.35+/-0.25 9.02 rn73 2e (1210) 3.10+/-0.15 2.40+/-0.15 0.55+/-0.10 0.40+/-0.20 0.55+/-0.25 10 rn73 2h (2010) 4.90+/-0.15 2.40+/-0.15 0.55+/-0.10 0.60+/-0.30 0.50+/-0.25 23.61 rn73 3a (2512) 6.30+/-0.15 3.10+/-0.15 0.55+/-0.10 0.60+/-0.30 0.50+/-0.25 38.08 marking codes - case sizes 0805 to 2512 resistance: 100 2.2k 10k 49.9k 100k marking code: 1000 2201 1002 4992 1003 iec 4 digit marking l d w h d 14c product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 3 of 5 3CA72
recommend land pattern type a b c rn73 1e (0402) 0.5 0.5 0.60 0.2 rn73 1j (0603) 0.8 1.0 0.90 0.2 rn73 2a (0805) 1.0 1.0 1.35 0.2 rn73 2b (1206) 2.0 1.15 1.70 0.2 rn73 2e (1210) 2.0 1.15 2.50 0.2 rn73 2h (2010) 3.6 1.4 2.50 0.2 rn73 3a (2512) 4.9 1.6 3.10 0.2 packaging quantity & reel specifications type ?a ?b ?c w t paper embossed tape (ea) plastic tape (ea) rn73 1e (0402) 178.0 1.0 60.0 +1.0 13.5 0.7 9.5 1.0 11.5 1.0 *250 / 1000 / 5000 - rn73 1j (0603) 178.0 1.0 60.0 +1.0 13.5 0.7 9.5 1.0 11.5 1.0 *250 / 1000 / 5000 - rn73 2a (0805) 178.0 1.0 60.0 +1.0 13.5 0.7 9.5 1.0 11.5 1.0 *250 / 1000 / 5000 - rn73 2b (1206) 178.0 1.0 60.0 +1.0 13.5 0.7 9.5 1.0 11.5 1.0 *250 / 1000 / 5000 - rn73 2e (1210) 178.0 1.0 60.0 +1.0 13.5 0.7 9.5 1.0 11.5 1.0 *250 / 1000 / 5000 - rn73 2h (2010) 178.0 1.0 60.0 +1.0 13.5 0.7 13.5 1.0 15.5 1.0 - 4000 rn73 3a (2512) 178.0 1.0 60.0 +1.0 13.5 0.7 13.5 1.0 15.5 1.0 - 4000 * 250 piece packs supplied in sealed bags of cut tape length product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 4 of 5 3CA72
rn73 c 2a 100k b tdf common part rn73 - high precision resistors (rohs compliant) temp. coefficient a - 5ppm/c * c - 10ppm/c package size 1e - 0402 * 1j - 0603 * 2a - 0805 2b - 1206 2e - 1210 2h - 2010 3a - 2512 * preferred stock item * preferred stock item resistor value 100r (100 ohms) 1k0 (1000 ohms) 100k (100,000 ohms) tolerance a - 0.05% * b - 0.1% l - 0.01% packaging tg - 250 cut tape length (1e, 1j, 2a, 2b) tdf -1000 reel (1e, 1j, 2a, 2b) td - 5000 reel (1e, 1j, 2a, 2b, 2e) tdg - 250 reel (1e, 1j, 2a only) te - 4000 reel (2h, 3a only) how to order paper tape specification type a b w e f p 0 p 1 p 2 ?d 0 t rn73 1e (0402) 0.70 0.05 1.16 0.05 8.00 0.10 1.75 0.05 3.5 0.05 4.00 0.10 2.00 0.05 2.00 0.05 1.55 0.05 0.40 0.03 rn73 1j (0603) 1.10 0.05 1.90 0.05 8.00 0.10 1.75 0.05 3.5 0.05 4.00 0.10 4.00 0.10 2.00 0.05 1.55 0.05 0.60 0.03 rn73 2a (0805) 1.60 0.05 2.37 0.05 8.00 0.10 1.75 0.05 3.5 0.05 4.00 0.10 4.00 0.10 2.00 0.05 1.55 0.05 0.75 0.05 rn73 2b (1206) 2.00 0.05 3.55 0.05 8.00 0.10 1.75 0.05 3.5 0.05 4.00 0.10 4.00 0.10 2.00 0.05 1.55 0.05 0.75 0.05 rn73 2e (1210) 2.75 0.05 3.40 0.05 8.00 0.10 1.75 0.05 3.5 0.05 4.00 0.05 4.00 0.10 2.00 0.05 1.60 0.10 0.75 0.05 embossed plastic tape specifications type a b w e f p 0 p 1 p 2 ?d 0 t rn73 2h (2010) 2.85 0.10 5.45 0.10 12.0 0.10 1.75 0.10 5.5 0.05 4.00 0.05 4.00 0.10 2.00 0.05 1.50 +0.10 1.00 0.20 rn73 3a (2512) 3.40 0.10 6.65 0.10 12.0 0.10 1.75 0.10 5.5 0.05 4.00 0.05 4.00 0.10 2.00 0.05 1.50 +0.10 1.00 0.20 * preferred stock item product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 5 of 5 3CA72


▲Up To Search▲   

 
Price & Availability of 3CA72

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X