Part Number Hot Search : 
KGL4205 TA7666 CA12240 MBR1535 CS4412A TA7666 IDP23E60 D1790
Product Description
Full Text Search
 

To Download 38700-6104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/13/2014 please check www.molex.com for latest part information part number: 38700-6104 status: active overview: beau? barrier strips description: 8.26mm pitch beau? pcb terminal strip, with mounting ends, 4 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family terminal blocks series 38700 application n/a component type one piece overview beau? barrier strips product name fixed mount barrier type barrier strip upc 800756312590 physical circuits (loaded) 4 circuits (maximum) 4 color - resin black entry angle horizontal lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester net weight 9.412/g number of rows 1 orientation horizontal pc tail length 3.56mm pcb retention yes panel mount no pitch - mating interface 8.26mm pitch - termination interface 8.26mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part no shrouded dual-barrier stackable yes surface mount compatible (smc) no temperature range - operating -40c to +130c termination interface: style through hole wire size awg 14, 16, 18, 20, 22 wire size mm2 0.50 - 1.50 electrical current - maximum per contact 15a voltage - maximum 300v solder process data lead-free process capability wave capable (th only) material info old part number 70504 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 38700 series mates with n/a
reference - drawing numbers sales drawing sd-38700-002 this document was generated on 10/13/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 38700-6104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X